Part Number Hot Search : 
LLZ5254B 0NPBF L15PF LTC17 4AUP1G P6SMB350 2DD1621T AD590IH
Product Description
Full Text Search
 

To Download 891-009-37PT-BRT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 891-008 and -009 Series 89 Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
Right Angle Mount PCB Nano Connectors feature gold alloy TwistPin contacts. These nanomimiature connectors offer premium performance and reliability for demanding applications. Available with #0-80 female threads, or with jackscrews for use with flexible circuits. Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for excellent solderability. Choose Aluminum, Titanium or Stainless Steel Shells in seven layouts from 9 to 51 contacts. Complies to the requirements of MIL-DTL-32139. These connectors are intermateable with any corresponding Glenair Series 891 Double row metal shell nanominiature connector. HOW TO ORDER RIGHT ANGLE MOUNT PCB CONNECTORS
Series Insert Arrangement/ Contact Type
Plugs (891-008)
Shell Material and Finish A1
Aluminum Shell, Cadmium Plating
Termination Type
PC Tail Length
Hardware
891-008
Plug, Pin Contacts, Double Row, Right Angle PCB Nanominiature
BRT
"Board Right Angle Thru-Hole"
1
.110 Inch (2.79 mm)
J
Jackscrew, #0-80
891-009
Receptacle, Socket Contacts, Double Row, Right Angle PCB Nanominiature
9P 15P 21P 25P 31P 37P 51P
Receptacles (891-009)
A2
Aluminum Shell, Electroless Nickel Plating
2
.172 Inch (4.37 mm)
T
#0-80 Female Thread
T
Titanium Shell, Unplated
9S 15S 21S 25S 31S 37S 51S
S
Stainless Steel Shell, Passivated
Sample Part Number 891-009 -- 31S T --BRT 1 T
MATERIALS AND FINISHES
Connector Shell Insulator Contacts Hardware PC Tails PCB Trays Encapsulant See Ordering Information Liquid Crystal Polymer (LCP),30% Glass-Filled Gold Alloy, Unplated 300 Series Stainless Steel #30 (.010 Dia.) Copper Wire, Solder Dipped Liquid Crystal Polymer (LCP) or Epoxy Epoxy
SPECIFICATIONS
Durability Current Rating Voltage Rating (DWV) Insulation Resistance Operating Temperature Contact Resistance Thermal Vacuum Outgassing 200 Cycles Minimum 1 AMP Maximum 300 VAC RMS Sea Level 5000 Megohms Minimum -55 C. to +125 C. 71 mV. @1 AMP #30 AWG Wire 1.0% Max TML, 0.1% Max.
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 45 E-Mail: sales@glenair.com
Double Row Connectors
891-008 and -009 Series 89 Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
DOUBLE ROW RIGHT ANGLE PCB NANO DIMENSIONS
Plug (Pin) Connectors
A #0-80 UNF-2B, 2X FEMALE THREADED INSERTS OPTION T .125 (3.18) .040 (1.02) 015 (0.38) . 0575 (1.46) . .025 (0.64) TYP .0125 (0.32) TYP .108 / .102 (2.74 / 2.59) PIN 1 .015 (0.38) .0575 (1.46) SKT 1 .025 (0.64) TYP .0125 (0.32) TYP B C .020 (0.51) #0-80 UNF-2B, 2 X FEMALE THREADED INSERTS OPTION T .125 (3.18) .040 (1.02)
Double Row Connectors .345 .018 (8.76) .187 (0.46) (4.75) #0-80 UNF-2B 2X .050(1.27) TYP .010 DIA.
Receptacle (Socket) Connectors
A B C .020 (0.51)
.454 (11.53)
.292 .345 (7.42) .018 (8.76) (0.46)
.454 (11.53)
D
#0-80 UNF-2B 2X
.050(1.27) TYP
D
.080 (2.03) LEAD LENGTH .015 (0.38) OPTIONAL "J" JACKSCREW 2X 0-80 UNF-2A .010 DIA. LEAD LENGTH .015 (0.38)
A Layout In. .005 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S
.375 .375 .450 .450 .525 .525 .575 .575 .650 .650 .725 .725 .900 .900
B BSC. mm. 0.13
9.52 9.52 11.43 11.43 13.33 13.33 14.60 14.60 16.51 16.51 18.41 18.41 22.86 22.86
C BSC. mm.
6.86 6.86 8.76 8.76 10.67 10.67 11.94 11.94 13.84 13.84 15.75 15.75 20.19 20.19
D mm.
4.06 4.14 5.97 6.04 7.87 7.95 9.14 9.22 11.05 11.12 12.95 13.03 17.40 17.47
In.
.270 .270 .345 .345 .420 .420 .470 .470 .545 .545 .620 .620 .795 .795
In.
.160 .163 .235 .238 .310 .313 .360 .363 .435 .438 .510 .513 .685 .688
In. .005
.170 .170 .245 .245 .320 .320 .370 .370 .445 .445 .520 .520 .695 .695
mm. 0.13
4.32 4.32 6.22 6.22 8.13 8.13 9.40 9.40 11.30 11.30 13.21 13.21 17.65 17.65
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 46 E-Mail: sales@glenair.com
891-008 and -009 Series 89 Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
Patterns shown are for connector mounting side of PC Board.
RIGHT ANGLE PCB PLUG (PIN) CONNECTOR LAYOUT 891-008
PIN 1
Mating Face
.050 (1.27) TYP
.270 (6.86)
9 7 6 2 3
.050 (1.27) TYP .013/.016 (0.33/0.41) TYP .018 (0.46)
.345 (8.76)
14 12 10 15 13 11 8 6 7 5 4 3 2 1 9
.013/.016 (0.33/0.41) TYP
.018 (0.46)
5
8 4
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
1
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
9 Contacts
.050 (1.27) TYP .420 (10.67)
21 19 17 15 13 16 14 12 6 7 5 4 3 2 1
15 Contacts
.013/.016 (0.33/0.41) TYP .050 (1.27) TYP
25
.470 (11.94)
23 21 19 17 15 10 9 8 7 6 5 4 3 2 1
.013/.016 (0.33/0.41) TYP
.018 (0.46)
11
20 18 10 9 8
.018 (0.46)
24 22 20 18 16 14 12
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
13 11
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
21 Contacts
.050 (1.27) TYP .018 (0.46) .545 (13.84)
30 28 26 24 22 31 29 27 25 16 14 12 15 13 11 10 9 20 18 6 7 5 2 3 1
25 Contacts
.013/.016 (0.33/0.41) TYP .050 (1.27) TYP .018 (0.46) .620 (15.75)
37 35 33 31 29 27 25 23 21 36 34 32 30 28 26 24 22 20 18 16 14 12 19 17 15 13 11 10 9 8 7 6 5 4 3 2 1
.013/.016 (0.33/0.41) TYP
23 21 19 17 8 4
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
31 Contacts
.050 (1.27) TYP .795 (20.19)
50 48 46 44 42 40 38 36 34 32 30 28 33 31 29 27 8 9 7 6 5 4 3 2 1 10
37 Contacts
.013/.016 (0.33/0.41) TYP
.018 (0.46)
51 25
49 47 45 43 41 39 37 35 23 21 19 17 15
26 24 22 20 18 16 14 12
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
13 11
51 Contacts
(c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 47 E-Mail: sales@glenair.com
Double Row Connectors
891-008 and -009 Series 89 Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
Patterns shown are for connector mounting side of PC Board.
Double Row Connectors
SKT 1 .050 (1.27) TYP
6
RIGHT ANGLE PCB RECEPTACLE (SoCkET) CoNNECToR LAYouT 891-009
Mating Face
.270 (6.86)
8 7 2 1 3 9 4 5
.050 (1.27) TYP .013/.016 (0.33/0.41) TYP .018 (0.46)
9 2
.345 (8.76)
10 12 14 11 13 15 4 1 3 6 5 8 7
.013/.016 (0.33/0.41) TYP
.018 (0.46)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
9 Contacts
.050 (1.27) TYP .420 (10.67)
12 14 16 18 20 19 21 8 7 10 9 11
15 Contacts
.013/.016 (0.33/0.41) TYP .050 (1.27) TYP
14
.470 (11.94)
16 18 20 22 24 15 17 19 21 23 25 2 1 3 4 5 6 7 8 9 10 12 11 13
.013/.016 (0.33/0.41) TYP
.018 (0.46)
1
13 15 17 2 3 4 5 6
.018 (0.46)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
21 Contacts
.050 (1.27) TYP .018 (0.46) .545 (13.84)
18 20 2 1 4 3 6 5 22 24 26 28 30 8 7 10 9 12 14 16 11 13 15
25 Contacts
.013/.016 (0.33/0.41) TYP .050 (1.27) TYP .018 (0.46)
1
.620 (15.75)
20 22 24 26 28 30 32 34 36 21 23 25 27 29 2 3 4 5 6 7 8 10 9 31 33 35 37 12 14 16 18 11 13 15 17 19
.013/.016 (0.33/0.41) TYP
17 19 21 23 25 27 29 31
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
31 Contacts
.050 (1.27) TYP .795 (20.19)
28 30 32 34 36 38 40 42 44 46 48 50 51
37 Contacts
.013/.016 (0.33/0.41) TYP
.018 (0.46)
27 29 31 33 2 1 4 3 6 5 8 7
35 37 39 41 43 45 47 49 10 9 11 13 15 17 19
12 14 16 18 20 22 24 26 21 23 25
.070 (1.78) 2 PLCS
.050 (1.27) TYP .0375 (0.96) TYP .025 (0.64) TYP .0125 (0.32) TYP .085 (2.16)
51 Contacts
(c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 48 E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 891-009-37PT-BRT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X