Part Number Hot Search : 
SB180 ISL58315 BC547 4749A 112N101A MMSZ43 ACE50528 BFXXXX
Product Description
Full Text Search
 

To Download 5H02659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA5x02xx-SERIES
KA5H0265RC, KA5M0265R, KA5L0265R, KA5H02659RN/KA5M02659RN, KA5H0280R, KA5M0280R Fairchild Power Switch(FPS)
Features
www..com * Precision Fixed Operating Frequency (100/67/50kHz)
Description
The Fairchild Power Switch(FPS) product family is specially designed for an off-line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM IC. Included PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/ turn-off driver, thermal shut down protection, over voltage protection, and temperature compensated precision current sources for loop compensation and fault protection circuitrycompared to discrete MOSFET and controller or RCC switching converter solution. The Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase efficiency, productivity, and system reliability. It has a basic platform well suited for cost-effective design in either a flyback converter or a forward converter.
TO-220F-4L 8-DIP TO220-5L
* * * * * * * *
Low Start-up Current (Typ. 100uA) Pulse by Pulse Current Limiting Over Load Protection Over Voltage Protection (Min. 25V) Internal Thermal Shutdown Function Under Voltage Lockout Internal High Voltage Sense FET Auto-Restart Mode
1 1 1. GND 2. Drain 3. Vcc 4. FB 1.6.7.8. Drain 2. GND 3. Vcc 4. FB 5. NC 1 1. Drain 2. GND 3. Vcc 4. FB 5. S/S
Internal Block Diagram
VCC 32V 5V Vref Good logic Internal bias DRAIN SFET
* Soft Start
5V
uA
OSC S R Q - 5A 1mA 2.5R 1R 9V + 7.5V - + 27V - Thermal S/D OVER VOLTAGE S/D + 0.1V S R Q GND
FB
L.E.B
Power on reset
* KA5H0265RC
Rev.1.0.4
(c)2003 Fairchild Semiconductor Corporation
KA5X02XX-SERIES
Absolute Maximum Ratings
(Ta=25C, unless otherwise specified) Characteristic KA5x0265xRx Drain-Gate Voltage (RGS=1M) Gate-Source (GND) Voltage Drain Current Pulsed
(1)
Symbol VDGR VGS IDM ID ID EAS VCC,MAX VFB PD Darting TJ TA TSTG VDGR VGS IDM ID ID EAS VCC,MAX VFB PD Darting TJ TA TSTG
Value 650 30 8.0 2.0 1.3 68 30 -0.3 to VSD 42 0.33 +160 -25 to +85 -55 to +150 800 30 8.0 2.0 1.3 90 30 -0.3 to VSD 35 0.28 +160 -25 to +85 -55 to +150
Unit V V ADC ADC ADC mJ V V W W/C C C C V V ADC ADC ADC mJ V V W W/C C C C
Continuous Drain Current (TC=25C)
www..com Continuous Drain Current (TC=100C)
Single Pulsed Avalanche Energy Maximum Supply Voltage Analog Input Voltage Range Total Power Dissipation Operating Junction Temperature. Operating Ambient Temperature. Storage Temperature Range. KA5x0280R Drain-Gate Voltage (RGS=1M) Gate-Source (GND) Voltage Drain Current Pulsed
(1)
(2)
Continuous Drain Current (TC=25C) Continuous Drain Current (TC=100C) Single Pulsed Avalanche Energy Maximum Supply Voltage Analog Input Voltage Range Total Power Dissipation Operating Junction Temperature. Operating Ambient Temperature. Storage Temperature Range.
(2)
Note: 1. Repetitive rating: Pulse width limited by maximum junction temperature 2. L = 51mH, starting Tj = 25C
2
KA5X02XX-SERIES
Electrical Characteristics (SFET Part)
(Ta=25C unless otherwise specified) Parameter KA5x0265xRx Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current
(Note) Static www..com Drain-Source on Resistance
Symbol BVDSS IDSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Condition VGS=0V, ID=50A VDS=Max. Rating, VGS=0V VDS=0.8Max. Rating, VGS=0V, TC=125C VGS=10V, ID=0.5A VDS=50V, ID=0.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5B VDSS, ID=1.0A (MOSFET switching time is essentially independent of operating temperature) VGS=10V, ID=1.0A, VDS=0.5B VDSS (MOSFET switching time is essentially independent of operating temperature) VGS=0V, ID=50A VDS=Max. Rating, VGS=0V VDS=0.8Max. Rating, VGS=0V, TC=125C VGS=10V, ID=0.5A VDS=50V, ID=0.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5B VDSS, ID=1.0A (MOSFET switching time is essentially independent of operating temperature) VGS=10V, ID=1.0A, VDS=0.5B VDSS (MOSFET switching time is essentially independent of operating temperature)
Min. 650 1.5 -
Typ. 5.0 2.5 550 38 17 20 15 55 25 3 12
Max. 50 200 6.0 35 -
Unit V A A S pF
Forward Transconductance Input Capacitance Output Capacitance
(Note)
Reverse Transfer Capacitance Turn on Delay Time Rise Time Turn Off Delay Time Fall Time Total Gate Charge (Gate-Source+Gate-Drain) Gate-Source Charge Gate-Drain (Miller) Charge KA5x0280R Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Static Drain-Source on Resistance (Note) Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay Time Rise Time Turn Off Delay Time Fall Time Total Gate Charge (Gate-Source+Gate-Drain) Gate-Source Charge Gate-Drain (Miller) Charge
Note: 1. Pulse test: Pulse width 300S, duty cycle 2% 1 2. S = --R
(Note)
nS
nC
BVDSS IDSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
800 1.5 -
5.6 2.5 250 52 25 21 28 77 24 15 20
50 200 7.0 60 -
V A A
S pF
nS
nC
3
KA5X02XX-SERIES
Electrical Characteristics (Control Part) (Continued)
(Ta=25C unless otherwise specified) Parameter UVLO SECTION Start Threshold Voltage Stop Threshold Voltage OSCILLATOR SECTION Initial Accuracy
www..com
Symbol VSTART VSTOP
Condition VFB=GND VFB=GND KA5H0265xRx KA5H0280R KA5M0265xRx KA5M0280R KA5L0265R -25C Ta +85C KA5H0265xRx KA5H0280R KA5M0265xRx KA5M0280R KA5L0265R Ta=25C, 0V Vfb 3V Vfb 6.5V Ta=25C, 5V Vfb VSD
Min. 14 8.2
Typ. 15 8.8
Max. 16 9.4
Unit V V
FOSC FOSC FOSC F/T Dmax Dmax
90 61 45 62 72
100 67 50 5 67 77
110 73 55 10 72 82
kHz kHz kHz % % %
Initial Accuracy Initial Accuracy Frequency Change With Temperature (2) Maximum Duty Cycle Maximum Duty Cycle FEEDBACK SECTION Feedback Source Current Shutdown Feedback Voltage Shutdown Delay Current SOFT START SECTION Soft Start Voltage Soft Start Current REFERENCE SECTION Output Voltage (1) Temperature Stability Peak Current Limit Peak Current Limit PROTECTION SECTION Over Voltage Protection Thermal Shutdown Temperature TOTAL DEVICE SECTION Start-up Current Operating Supply Current (Control Part Only)
(1) (1)(2)
IFB VSD Idelay VSS ISS Vref Vref/T IOVER IOVER
0.7 6.9 4 4.7 0.8 4.80 0.79 1.05
0.9 7.5 5 5.0 1.0 5.00 0.3 0.9 1.2
1.1 8.1 6 5.3 1.2 5.20 0.6 1.01 1.34
mA V A V mA V mV/C A A
KA5H0265RC
Ta=25C -25C Ta +85C KA5x02659RN KA5x0265Rx KA5x0280R VCC 24V VCC=14V VCC 28
CURRENT LIMIT(SELF-PROTECTION)SECTION
VOVP TSD ISTART IOPR
25 140 -
27 160 100 7
29 170 12
V C A mA
Note: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS (wafer test) process
4
KA5X02XX-SERIES
Typical Performance Characteristics
(These characteristic graphs are normalized at Ta=25C)
Fig.1 Operating Frequency
1.2 1.15 1.1 1.05 Fosc 1 0.95 www..com 0.9 0.85 0.8 -25 0 25 50 75 100 125 150
Fig.2 Feedback Source Current
1.2 1.15 1.1 1.05 Ifb 1 0.95 0.9 0.85 0.8 -25
0
25
50
75
100
125 150
Temperature [C]
Figure 1. Operating Frequency
Temperature [C]
Figure 2. Feedback Source Current
Fig.3 Operating Current
1.2 1.15 1.1 1.05 Iop 1 0.95 0.9 0.85 0.8 -25
1.1 1.05
Fig.4 Max Inductor Current
IIpeak 1 over
0.95 0.9 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 3. Operating Supply Current
Temperature [C]
Figure 4. Peak Current Limit
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
Istart
1.1 0.9 0.7 0.5 -25
Vstart 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 5. Start up Current
Temperature [C]
Figure 6. Start Threshold Voltage
5
KA5X02XX-SERIES
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta=25C)
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05 1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vstop 1
www..com
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 7. Stop Threshold Voltage
Temperature [C]
Figure 8. Maximum Duty Cycle
Fig.9 Vcc Zener Voltage
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 9. VCC Zener Voltage
Temperature [C]
Figure 10. Shutdown Feedback Voltage
Fig.11 Shutdown Delay Current
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 12. Over Voltage Protection
Figure 11. Shutdown Delay Current
6
KA5X02XX-SERIES
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta=25C)
Fig.13 Soft Start Voltage
1.15 1.1 1.05 2.5 2 1.5
Fig.14 Drain Source Turn-on Resistance
Vss 1
www..com
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Rdson 1 ()
0.5 0 -25 0 25 50 75 100 125 150
Temperature [C]
Figure13. Soft Start Voltage
Temperature [C]
Figure 14. Static Drain-Source on Resistance
7
KA5X02XX-SERIES
Package Dimensions
TO-220F-4L
www..com
8
KA5X02XX-SERIES
Package Dimensions (Continued)
TO-220F-4L(Forming)
www..com
9
KA5X02XX-SERIES
Package Dimensions (Continued)
8-DIP
www..com
10
KA5X02XX-SERIES
Package Dimensions (Continued)
TO-220-5L
www..com
11
KA5X02XX-SERIES
Package Dimensions (Continued)
TO-220-5L(Forming)
www..com
12
KA5X02XX-SERIES
Ordering Information
Product Number KA5H0265RCTU KA5H0265RCYDTU KA5M0265RTU KA5M0265RYDTU KA5L0265RTU KA5L0265RYDTU
www..com Product Number
Package TO-220-5L TO-220-5L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) Package TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) Package 8-DIP 8-DIP
Marking Code 5H0265RC 5M0265R 5L0265R Marking Code 5H0280R 5M0280R Marking Code 5H02659R 5M02659R
BVDSS 650V 650V 650V BVDSS 800V 800V BVDSS 650V 650V
FOSC 100kHz 67kHz 50kHz FOSC 100kHz 67kHz FOSC 100kHz 67kHz
RDS(on) 5 5 5 RDS(on) 5.6 5.6 RDS(on) 5 5
KA5H0280RTU KA5H0280RYDTU KA5M0280RTU KA5M0280RYDTU Product Number KA5H02659RN KA5M02659RN
TU : Non Forming Type YDTU : Forming Type
13
KA5X02XX-SERIES
www..com
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 8/25/03 0.0m 001 Stock#DSxxxxxxxx 2003 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of 5H02659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X