Part Number Hot Search : 
3CD2051 160NH00G APL2361 SR430 UDZS12B 507MS MDA72 SP231ACT
Product Description
Full Text Search
 

To Download 39-29-1028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039291028 Active
minifit_jr 4.20mm (.165") Pitch Mini-Fit Jr.TM Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments PCB Headers 5569 Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information. Yes minifit_jr Mini-Fit Jr.TM
MolexKits Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) No 2 2 2 Natural 30 No 94V-2 No No None Yes Brass Tin Tin Nylon 2 Right Angle Yes Yes 0.070 In 1.78 mm Bag 0.165 In 4.20 mm 0.165 In 4.20 mm
Search Parts in this Series 5569Series Mates With 5557 Mini-Fit Jr.TM Receptacle Housing
Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
276 7.00 200 5.00 Yes Yes Fully No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Material Info
Old Part Number 5569-02A1
Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-5569-NA* SD-5569-002
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39-29-1028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X