Part Number Hot Search : 
FA221 6025115 MMBZ5244 18068 MBR052 JC547B DU28120T T2510N
Product Description
Full Text Search
 

To Download 2SA1588 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1588
TOSHIBA Transistor Silicon PNP Epitaxial (PCT process)
2SA1588
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
* * Excellent hFE linearity: hFE (2) = 25 (min) at VCE = -6 V, IC = -400 mA Complementary to 2SC4118 Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -35 -30 -5 -500 -50 100 125 -55~125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
SC-70 2-2E1A
Weight: 0.006 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain (Note) Symbol ICBO IEBO hFE (1) hFE (2) VCE (sat) VBE fT Cob Test Condition VCB = -35 V, IE = 0 VEB = -5 V, IC = 0 VCE = -1 V, IC = -100 mA VCE = -6 V, IC = -400 mA IC = -100 mA, IB = -10 mA VCE = -1 V, IC = -100 mA VCE = -6 V, IC = -20 mA VCB = -6 V, IE = 0, f = 1 MHz Min 3/4 3/4 70 25 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 -0.1 -0.8 200 13 Max -0.1 -0.1 240 3/4 -0.25 -1.0 3/4 3/4 V V MHz pF Unit mA mA
Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance
Note: hFE (1) classification hFE (2) classification
O: 70~140, Y: 120~240 O: 25 (min), Y: 40 (min)
Marking
1
2003-03-27
2SA1588
2
2003-03-27
2SA1588
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2003-03-27


▲Up To Search▲   

 
Price & Availability of 2SA1588

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X