Part Number Hot Search : 
LM6066 00AXI TA0328A ADG1401 NT6862 50105 BD53E42 ABT162
Product Description
Full Text Search
 

To Download 2N5401C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. HIGH VOLTAGE APPLICATION.
B
2N5401C
EPITAXIAL PLANAR PNP TRANSISTOR
C
High Collector Breakdwon Voltage : VCBO=-160V, VCEO=-150V Low Leakage Current. : ICBO=-50nA(Max.) @VCB=-120V Low Saturation Voltage : VCE(sat)=-0.5V(Max.) @IC=-50mA, IB=-5mA Low Noise : NF=8dB (Max.)
F
H
A
FEATURES
N K D E G
F
L
1
2
3
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation (Ta=25 (Tc=25 ) ) Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IB PC PC Tj Tstg RATING -160 -150 -5 -600 -100 625 1.5 150 -55 150 UNIT V V V mA mA mW W
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. COLLECTOR 3. BASE
TO-92
1997. 5. 13
Revision No : 0
1/2
2N5401C
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage * SYMBOL ICBO IEBO V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) DC Current Gain * hFE(2) hFE(3) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Small-Signal Current Gain Noise Figure * * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob hfe NF TEST CONDITION VCB=-120V, IE=0 VCB=-120V, IE=0, Ta=100 VEB=-3V, IC=0 IC=-0.1mA, IE=0 IC=-1mA, IB=0 IE=-10 A, IC=0 VCE=-5V, IC=-1mA VCE=-5V, IC=-10mA VCE=-5V, IC=-50mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-10V, IC=-10mA, f=100MHz VCB=-10V, IE=0, f=1MHz VCE=-10V, IC=-1mA, f=1kHz VCE=-5V, IC=-250 A Rg=1k , f=10Hz 15.7kHz MIN. -160 -150 -5 50 60 50 100 40 TYP. MAX. -50 -50 -50 240 -0.2 -0.5 -1.0 -1.0 300 6 200 8 dB V UNIT nA A nA V V V
V MHz pF
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
1997. 5. 13
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of 2N5401C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X