Part Number Hot Search : 
M5M29GB OP07SAJ5 MD2310FX N6511 70N6T AP9918GJ 2SD1978 IS42S16
Product Description
Full Text Search
 

To Download 2N3906C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
B
2N3906C
EPITAXIAL PLANAR PNP TRANSISTOR
C
Low Leakage Current : ICEX=-50nA(Max.), IBL=-50nA(Max.) @VCE=-30V, VEB=-3V. Excellent DC Current Gain Linearity. Low Saturation Voltage : VCE(sat)=-0.4V(Max.) @IC=-50mA, IB=-5mA. Low Collector Output Capacitance : Cob=4.5pF(Max.) @VCB=5V. Complementary to 2N3904C.
L
1 2 3 F
H
A
FEATURES
N K D E G
F
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. COLLECTOR 3. BASE
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING -40 -40 -5 -200 -50 625 1.5 150 -55 150 UNIT V V V mA mA mW W
TO-92
1994. 2. 28
Revision No : 0
1/2
2N3906C
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Base Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage * Emitter-Base Breakdown Voltage SYMBOL ICEX IBL V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) hFE(2) DC Current Gain * hFE(3) hFE(4) hFE(5) Collector-Emitter Saturation Voltage * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob Cib hie hre hfe hoe NF VCE=-5V, IC=-0.1mA, Rg=1k , f=10Hz 15.7kHz
Vout V in 275
TEST CONDITION VCE=-30V, VEB=-3V VCE=-30V, VEB=-3V IC=-10 A, IE=0 IC=-1mA, IB=0 IE=-10 A, IC=0 VCE=-1V, IC=-0.1mA VCE=-1V, IC=-1mA VCE=-1V, IC=-10mA VCE=-1V, IC=-50mA VCE=-1V, IC=-100mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-20V, IC=-10mA, f=100MHz VCB=-5V, IE=0, f=1MHz VBE=-0.5V, IC=0, f=1MHz
MIN. -40 -40 -5.0 60 80 100 60 30 -0.65 250 2.0
TYP. -
MAX. -50 -50 300 -0.25 -0.4 -0.85 -0.95 4.5 10 12 10 400 60 4.0
UNIT nA nA V V V
V
Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small-Signal Current Gain Collector Output Admittance Noise Figure
*
V MHz pF pF k x10-4
VCE=-10V, IC=-1mA, f=1kHz
1.0 100 3.0 -
dB
Delay Time
td
10k
C Total 4pF
-
-
35
Rise Time Switching Time Storage Time
tr
0.5V -10.6V 300ns
VCC =-3.0V 0 t r ,t f < 1ns, Du=2%
-
-
35 nS
Vout V in 275
tstg
10k 1N916 or equiv.
C Total 4pF
-
225
Fall Time
tf
9.1V -10.9V 20s
VCC =-3.0V 0 t r ,t f < 1ns, Du=2%
-
-
75
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
1994. 2. 28
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of 2N3906C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X