Part Number Hot Search : 
29LV004 5TUZ47C 24M05 BZT52C36 SP708R TCD2503 BU7252SF BAR28
Product Description
Full Text Search
 

To Download 20CTH03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20769 rev. A 08/03
20CTH03 20CTH03S 20CTH03-1 20CTH03FP
Hyperfast Rectifier
Features
* * * * Hyperfast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature
trr = 35ns max. IF(AV) = 20Amp VR = 300V
Description/ Applications International Rectifier's 300V series are the state of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop and Hyperfast recovery time. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as freewheeling diodes in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings
www..com
Parameters
VRRM IF(AV) Peak Repetitive Reverse Voltage Average Rectified Forward Current @ TC = 135C (FULLPACK) IFSM TJ, TSTG Non Repetitive Peak Surge Current @ TJ = 25C Operating Junction and Storage Temperatures @ TC = 160C Per Diode Per Diode Per Device
Max
300 10 20 120 - 65 to 175
Units
V A
C
Case Styles
20CTH03
20CTH03S
20CTH03-1
20CTH03FP
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
2
1 2 Common Cathode 3
1 2 Common Cathode 3
1 2 Common Cathode 3
1 Anode
Anode
Anode
Anode
Anode
Anode
Anode
Common Cathode
3 Anode
TO-220AB www.irf.com
D2PAK
TO-262
TO-220 FULLPACK 1
20CTH03, 20CTH03S, 20CTH03-1, 20CTH03FP
Bulletin PD-20769 rev. A 08/03
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
300 V V V A A pF nH IR = 100A IF = 10A, TJ = 25C IF = 10A, TJ = 125C VR = VR Rated TJ = 125C, VR = VR Rated VR = 300V Measured lead to lead 5mm from package body
1.05 1.25 0.85 0.95 6 30 8 20 200 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TC = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
31 42 2.4 5.6 36 120 35 30 nC A ns IF = 1A, diF/dt = 50A/s, VR = 30V IF = 1A, diF/dt = 100A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 10A diF/dt = 200A/s VR = 200V
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Per Diode Fullpack (Per Diode)
Min
- 65 -
Typ
-
Max
175 175 1.5 3.9
Units
C C/W
2
www.irf.com
20CTH03, 20CTH03S, 20CTH03-1, 20CH03FP
Bulletin PD-20769 rev. A 08/03
100
(mA)
100 10 1 0.1
Tj = 175C 150C 125C 100C 75C 50C
Reverse Current - I
(A)
R
0.01 0.001 50
25C
Instantaneous Forward Current - I
F
Tj = 175C Tj = 125C
100
150
200
250
300
10
Tj = 25C
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1000
(pF)
T J = 25C
Junction Capacitance - C
T
100
1 0.4
10
0.6 0.8 1 1.2 1.4 1.6 1.8 2
0
50
100
150
200
250
300
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
20CTH03, 20CTH03S, 20CTH03-1, 20CTH03FP
Bulletin PD-20769 rev. A 08/03
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
Notes:
PDM
t1 t2
0.1
Single Pulse (Thermal Resistance)
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
180
Allowable Case Temperature (C) Allowable Case Temperature (C)
180 170 160 150 140 130 Square wave (D = 0.50) 120
Rated Vr applied
170
DC
DC
160
Square wave (D = 0.50)
150 Rated Vr applied
see note (2)
110 see note (2) 100 0 2 4 6 8 10 12 14 16
F(AV)
140 0 2 4 6 8 10 12 14 16
(A) F(AV) Average Forward Current - I
Average Forward Current - I
(A)
Fig. 6 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 7 - Max. Allowable Case Temperature Vs. Average Forward Current (FULLPACK)
20
Average Power Loss ( Watts )
16
RMS Limit
12 8 4 0 0 2 4 6 8 10 12 14 16
Average Forward Current - IF(AV) (A) Fig. 8 - Forward Power Loss Characteristics
DC
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 8); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
20CTH03, 20CTH03S, 20CTH03-1, 20CH03FP
Bulletin PD-20769 rev. A 08/03
100
IF = 10A
1000
IF = 10A
Tj = 125C
Qrr ( nC ) trr ( ns )
Tj = 125C
100
Tj = 25C
Tj = 25C
Vr = 200V
Vr = 200V
10 100
1000
10 100
1000
di F /dt (A/s ) Fig. 9 - Typical Reverse Recovery vs. di F /dt
di F /dt (A/s ) Fig. 10 - Typical Stored Charge vs. di F /dt
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T. dif/dt ADJUST
diF /dt
D G IRFP250 S
Fig. 11- Reverse Recovery Parameter Test Circuit
www.irf.com
5
20CTH03, 20CTH03S, 20CTH03-1, 20CTH03FP
Bulletin PD-20769 rev. A 08/03
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 13 - Reverse Recovery Waveform and Definitions
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004)
Base Common Cathode
2
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
123 4.57 (0.18) 4.32 (0.17)
1
0.61 (0.02) MAX.
Anode
2 Common Cathode
3
Anode
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AB Dimensions in millimeters and (inches)
6
www.irf.com
20CTH03, 20CTH03S, 20CTH03-1, 20CH03FP
Bulletin PD-20769 rev. A 08/03
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3 ANODE COMMON ANODE CATHODE 1 2
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08)
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
2X
2.54 (0.10) 2X
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
7
20CTH03, 20CTH03S, 20CTH03-1, 20CTH03FP
Bulletin PD-20769 rev. A 08/03
Outline Table
2 1 Anode Common Cathode 3 Anode
Conforms to JEDEC Outline TO-220 FULLPACK Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
20
1
C
2
T
3
H
4
03
5
-1
6
1 2 3 4 5 6
-
Current Rating (20 = 20A) C T H = Common Cathode = TO-220, D2Pak = HyperFast Recovery
Voltage Rating (03 = 300V) None = TO-220AC S "-1" FP = D2Pak = TO-262 Option = TO-220 FULLPACK
8
www.irf.com
20CTH03, 20CTH03S, 20CTH03-1, 20CH03FP
Bulletin PD-20769 rev. A 08/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/03
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 20CTH03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X