Part Number Hot Search : 
FLLD258 TSM1013 05D15 SR162 AD797BRZ 180N0 80050 22MUD
Product Description
Full Text Search
 

To Download 0444751811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 11/20/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0444751811 Active
4.20mm (.165") Pitch Mini-Fit, HCSTM Receptacle Header, Dual Row, Vertical, Blind Mating, with Snap-in Plastic Pegs, 18 Circuits
Documents: 3D Model Drawing (PDF) General Product Family Series Application Application Comments Product Name Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Electrical CSA Current - Maximum UL Voltage - Maximum Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Material Info
Product Specification PS-44476-001 (PDF) RoHS Certificate of Compliance (PDF)
PCB Receptacles 44475 Board-to-Board Wire-to-Board Solder Type|With Pegs Mini-Fit HCSTM 18 Natural 30 94V-2 No Copper Tin Tin Nylon 2 Vertical Yes Yes 0.070 In 1.80 mm Tray 0.165 In 4.20 mm 100 2.50 100 2.50 Yes No -40C to +105C Through Hole LR19980 9A E29179 600V 5 Wave Capable (TH only) 1 240
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 44475 Series Mates With 44068 , 42404 , 44474 , 43810 , 42475
Reference - Drawing Numbers Product Specification Product Specification Sales Drawing
PS-44476-001 RPS-44476-001 SDA-44475-****
This document was generated on 11/20/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0444751811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X