Part Number Hot Search : 
2W47RJ MAX16 UNR4124 ON0816 RA258PT FARSL256 PSMN0 40ST1
Product Description
Full Text Search
 

To Download VB24XXS-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 11:06
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VBXXXXD/S-2W DC-DC CONVERTER
www..com
HIGH POWER DENSITY D:DIP PACKAGE S:SIP PACKAGE SINGLE OUTPUT VOLTAGE INDUSTRIAL STANDARD PIN-OUT NO HEAT SINK REQUIRED 1K VAC ISOLATION WIDE INPUT VOLTAGE REULATED OUTPUT VOLTAGE PCB MOUNTING
RoHS COMPLIANT
ELECTRICAL SPECIFICATIONS:
(All specifications tested typically @ 25C, humidity<75%, nominal input and rated output unless otherwise noted.)
OUTPUT SPECIFICATIONS
Items: Output accuracy: Output power: Line regulation: Load regulation: Ripple and noise: Temperature drift: Switching frequency
Short circuit protection
80K HZ
Testing condition At full load and nominal Vin
Min
Typ
Max
2% 2W
Input voltage from low to full load From 20% to full load
+/-0.5%,max(3.3 VDC output +/- 1 % max ) +/-0.5% +/- 1 % 30mVp-p 0.02 %/C
20MHz bandwidth
60s
COMMON SPECIFICATIONS
Items Operating temperature range Storage temperature range Humidity Cooling Isolation voltage (VDC) Isolation resistance (ohms) Isolation capacitance (pF) Efficiency (%) Case material Potting material Packing material See Product List 60 Non-conductive black plastic Epoxy Resin UL94-V0 Tube Input to Output Free Air Convection 1,000 109 60 78 Min
-40C -55C
Typ.
Max
+85C +125C
<75%
Copyright @ Shenzhen Sunyuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 1 of 3
11:06
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VBXXXXD/S-2W DC-DC CONVERTER
SIP: 19.6*7.0*10mm DIP: 20.4*10*8.2(0.8*0.4*0.32) 10 >1,000,000
Dimension (mm / inch) www..com Weight (g) MTBF (Hrs)
PRODUCT LIST
Input Voltage (VDC) Part Number
Range Nominal Max. Max Current (mA) Voltage (VDC)
Output
Efficiency (%, Typ.) 68 67 72 64 68 68 68 66 77 72 69 68 68
Package SIP SIP SIP SIP SIP SIP SIP SIP SIP DIP DIP DIP DIP
VB0503S-2W VB0505S-2W VB0512S-2W VB1205S-2W VB1212S-2W VB1209S-2W VB2405S-2W VB2409S-2W VB2412S-2W VB0512D-2W VB1205D-2W VB2405D-2W VB2409D-2W
4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 21.6-26.4 21.6-26.4 19.6-26.4 4.5-5.5 10.8-13.2 21.6-26.4 21.6-26.4
5 5 5 12 12 24 24 24 24 5 12 24 24
7.25 7.25 7.25 16.0 16.0 16.0 30.0 30.0 30.0 7.25 16.0 30.0 16.0
400 400 167 400 167 222 400 222 167 167 400 400 222
3.3 5 12 5 12 15 5 9 12 12 5 5 9
NOMENCLATURE
TEMPERATURE DERATING GRAPH
120
Output Power%
100 80 60 40 20 0 -40 0 40 71 85 120
Safe Operating Area
Operating Temp (Celsius)
TYPICAL CONNECTION
+Vin Cin DC-DC
CONVERTER
+Vo
GND
0V
Copyright @ Shenzhen Sunyuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 2 of 3
11:06
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VBXXXXD/S-2W DC-DC CONVERTER
www..com
OUTLINE DIMENSION
PINS DESCRIPTION
SIP 1 2 4 6
Connection +Vin GND 0V +VO Input Input Output Output
DIP 14 1 11 9
Note:Pin "7" can't connect all the others.
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD. Email: sales02@szsunyuan.com www.szsunyuan.com
Copyright @ Shenzhen Sunyuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of VB24XXS-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X