Part Number Hot Search : 
HEM552L BC328BU LC0710LG CH9344 RF8736 C3216 1058196 AN630
Product Description
Full Text Search
 

To Download RD3S110GRTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rotary Switches
7.2 x 7.2 mm Rotary DIP Switches
3.5 4 0.5 0.25t 7.620.3 4.2 4.2 1.9 O0.80.06 2
B C DE
RD3 Series
3.6 3.5 0.25t 0.7MIN.
9.80.3
1.9 30.1
22
4.2 4.2 1.9 1.9 7.620.1 2
B C DE
60.1 30.1
1
F01
C 22
2
1
F01
C
2
2.540.1 40.1
1.60.1 2.540.1
3 4 56
3 4 56
48C 7.20.3
2.540.1
2.540.1
P.C.B. LAYOUT The hatched portion should not receive conductive pattern
48C 7.20.3
RD3T1 THT Top Adjust Type
RD3S1 SMT Top Type
3.5
0.5 20.2 4.15
B C DE F01
2
0.25t 1.270.2
0.75
B C DE
F01
20.1
3
1.270.1
O0.80.1 4 21 8C 0.5 7.050.2 7.5 2.540.1 2.540.1
7.5 9.6 1.270.1 5.080.1 P.C.B. LAYOUT 0.70.1
2.540.1
P.C.B. LAYOUT
RD3T2 THT Right Angle
RD3S2 SMT Right Angle Type
How to order:
General Specifications:
3 4 5
FEATURES Flat type with outer dimensions 7.2mm square Gold plated contact area ensures reliable electric
RD3
1
1
2
3.40.1
T1 T2 S1 S2
TYPE OF TERMINALS: THT Top Adjust Type THT Right Angle Type SMT Top Type SMT Right Angle Type
4
R S
5
CODE: Real Code Complementary Code
continuity for micro current MECHANICAL Operating Force: 510 gf max. (rotational torque Operation Temperature: -20C to +70C Storage Temperature: -25C to +85C ELECTRICAL Contact Rating: 100mA, 5VDC SOLDERING PROCESSES
2 NO. OF POSITIONS: 10 10 Positions 16 16 Positions 3
PACKAGING TYPE: TB Tube TR Tape & Reel (Only for RD3S)
N G
GROUND TERMINAL: Without Ground Terminal With Ground Terminal
Solderability for THT: After flux 2305C for 50.5 seconds, 95% coverage Resistance to soldering heat for THT: 2605C for 51 seconds Reflow soldering heat for SMT (reference only): 210C for 20 seconds or less, peak temperature 230C or less
sales@greatecs.com
www.greatecs.com
N03
Rotary Switches
78 9
7.050.1
0.20.1 3.60.1
10.60.1 6.50.1
A
78 9
A
0.25t
0.8
4
3.5 1
81.5
2
8
78 9
78 9
A
A
P.C.B. LAYOUT The hatched portion should not receive conductive pattern
3 4 56
3 4 56


▲Up To Search▲   

 
Price & Availability of RD3S110GRTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X