Part Number Hot Search : 
D789D UHE0J183 LB1833 2N440308 MSO5SM D1NJ10 C1551 LA1050
Product Description
Full Text Search
 

To Download PMEG3002AEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMEG3002AEL
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01 -- 24 February 2004 Product data sheet
1. Product profile
1.1 General description
www..com
Planar Maximum Efficiency General Application (MEGA) Schottky barrier diode with an integrated guard ring for stress protection encapsulated in a SOD882 leadless ultra small plastic package.
1.2 Features
s s s s s Forward current: 0.2 A Reverse voltage: 30 V Very low forward voltage Leadless ultra small plastic package Power dissipation comparable to SOT23.
1.3 Applications
s s s s s s Ultra high-speed switching Voltage clamping Protection circuits Low voltage rectification High efficiency DC-to-DC conversion Low power consumption applications.
1.4 Quick reference data
Table 1: Symbol IF VR Quick reference data Parameter forward current reverse voltage Conditions Min Typ Max 0.2 30 Unit A V
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
2. Pinning information
Table 2: Pin 1 2 Discrete pinning Description cathode anode
[1]
Simplified outline
Symbol
1 2
sym001
1 Bottom view
2
www..com
Top view
001aaa332
[1]
The marking bar indicates the cathode.
3. Ordering information
Table 3: Ordering information Package Name PMEG3002AEL Description leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm Version SOD882 Type number
4. Marking
Table 4: Marking Marking code F3 Type number PMEG3002AEL
5. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VR IF IFRM IFSM Tj Tamb Tstg continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current junction temperature operating ambient temperature storage temperature tp 1 ms; 0.25 tp = 8 ms square wave
[1] [1]
Conditions
Min -65 -65
Max 30 0.2 1 3 150 +150 +150
Unit V A A A C C C
9397 750 12466
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
2 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
[1]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV) rating will be available on request.
6. Thermal characteristics
Table 6: Symbol
www..com
Thermal characteristics Parameter thermal resistance from junction to ambient Conditions in free air
[1] [2]
Typ 500
Unit K/W
Rth(j-a)
[1] [2]
Refer to SOD882 standard mounting conditions (footprint), FR4 with 60 m copper strip line. For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV) rating will be available on request.
7. Characteristics
Table 7: Characteristics Tamb = 25 C unless otherwise specified Symbol VF Parameter continuous forward voltage Conditions see Figure 1; IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 100 mA IF = 200 mA IR continuous reverse current see Figure 2; VR = 10 V VR = 30 V Cd
[1]
[1]
Min -
Typ 125 185 250 350 420 2.5 10 17
Max 190 250 300 400 480 10 50 25
Unit mV mV mV mV mV A A pF
diode capacitance
Pulse test: tp 300 s; 0.02.
VR = 1 V; f = 1 MHz; see Figure 3
9397 750 12466
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
3 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
103 IF (mA) 102
001aaa351
102 IR (mA) 10
(1) (2)
001aaa352
(1)
(2)
(3)
(4)
1
(3)
10
www..com
10-1
1
10-2
(4)
10-1 0 0.1 0.2 0.3 0.4 VF (V) 0.5
10-3 0 10 20 VR (V) 30
(1) Tj = 150 C. (2) Tj = 125 C. (3) Tj = 85 C. (4) Tj = 25 C.
(1) Tj = 150 C. (2) Tj = 125 C. (3) Tj = 85 C. (4) Tj = 25 C.
Fig 1. Forward current as a function of forward voltage; typical values.
40 Cd (pF) 30
Fig 2. Reverse current as a function of reverse voltage; typical values.
001aaa353
20
10
0 0 10 20 VR (V) 30
Tamb = 25 C; f = 1 MHz.
Fig 3. Diode capacitance as a function of reverse voltage; typical values.
9397 750 12466
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
4 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
8. Package outline
Leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm SOD882
L
L
www..com
1
2
b
e1
A A1
E
D
(2) 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) 0.50 0.46 A1 max. 0.03 b 0.55 0.47 D 0.62 0.55 E 1.02 0.95 e1 0.65 L 0.30 0.22 0.5 scale 1 mm
Notes 1. Including plating thickness 2. The marking bar indicates the cathode OUTLINE VERSION SOD882 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 03-04-16 03-04-17
Fig 4. Package outline.
9397 750 12466 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
5 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
9. Revision history
Table 8: Revision history Release date 20040224 Data sheet status Product data Change notice Order number 9397 750 12466 Supersedes Document ID PMEG3002AEL_1
www..com
9397 750 12466
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
6 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
10. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
www..com
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
11. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
12. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
13. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 12466
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 24 February 2004
7 of 8
Philips Semiconductors
PMEG3002AEL
0.2 A very low VF MEGA Schottky barrier rectifier
14. Contents
1 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 General description. . . . . . . . . . . . . . . . . . . . . . 1.2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4 Quick reference data. . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Ordering information . . . . . . . . . . . . . . . . . . . . . www..com 4 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 Thermal characteristics. . . . . . . . . . . . . . . . . . . 7 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Contact information . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 2 2 2 2 3 3 5 6 7 7 7 7
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 24 February 2004 Document order number: 9397 750 12466
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PMEG3002AEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X