Part Number Hot Search : 
M7744 BC847B T1072CJ FDZ4670 SMB13 MPSW13 FDU6512A P2301
Product Description
Full Text Search
 

To Download PMEG2010AEB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
www..com
DATA SHEET
M3D319
PMEG2010AEB 20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
Product specification 2003 Dec 03
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
FEATURES * Forward current: 1.0 A * Reverse voltage: 20 V * Ultra low forward voltage * Ultra small SMD package. PINNING APPLICATIONS * Low voltage rectification * High efficiency DC/DC conversion * Voltage clamping * Inverse-polarity protection * Low power consumption applications.
1 2
PMEG2010AEB
QUICK REFERENCE DATA SYMBOL IF VR PARAMETER forward current reverse voltage MAX. 1 20 UNIT A V
PIN 1 2
DESCRIPTION cathode anode
DESCRIPTION Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small plastic SMD package.
Top view
col001
Marking code: L6. The marking bar indicates the cathode.
Fig.1
Simplified outline (SOD523; SC-79) and symbol.
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PMEG2010AEB RELATED PRODUCTS TYPE PMEG2005EB PMEG2010EA DESCRIPTION 1 A; 20 V very low VF MEGA Schottky rectifier FEATURE Lower forward current, lower IR SOD323 (SC76) - DESCRIPTION plastic surface mounted package; 2 leads VERSION SOD523
0.5 A; 20 V very low VF MEGA Schottky rectifier Lower IR in same package
2003 Dec 03
2
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VR IF IFRM IFSM Tstg Tj Tamb Note PARAMETER continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature note 1 note 1 Ts 55 C tp 1 ms; 0.5 t = 8 ms square wave CONDITIONS - - - - -65 - -65
PMEG2010AEB
MIN.
MAX. 20 1.0 3.5 6 +150 150 +150 V A A A
UNIT
C C C
1. For Schottky barrier rectifiers, thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determination of the reverse power losses PR and IF(AV) rating will be available on request. THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-s) Notes 1. Refer to SOD523 (SC-79) standard mounting conditions. 2. For Schottky barrier rectifiers, thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determination of the reverse power losses PR and IF(AV) rating will be available on request. 3. Solder point of cathode tab. PARAMETER thermal resistance from junction to ambient thermal resistance from junction to soldering point CONDITIONS in free air; notes 1 and 2 notes 2 and 3 VALUE 400 75 UNIT K/W K/W
2003 Dec 03
3
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage IF = 1 mA IF = 10 mA IF = 100 mA IF = 1000 mA IR Cd Note 1. Pulse test: tp 300 s; 0.02. continuous reverse current diode capacitance VR = 10 V; note 1 VR = 20 V; note 1 VR = 1 V; f = 1 MHz CONDITIONS IF = 0.1 mA
PMEG2010AEB
TYP. 30 80 140 230 510 0.17 0.32 19
MAX. 60 110 190 290 620 0.6 1.5 25
UNIT mV mV mV mV mV mA mA pF
2003 Dec 03
4
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
GRAPHICAL DATA
PMEG2010AEB
103 IF (mA) 102
com001
105 handbook, halfpage I R (A) 104
(1)
MLE228
103
(2)
(1)
(2)
(3)
10
102
10
1
(3)
1
10-1 0 0.2 0.4 0.6 VF (V) 0.8
10-1 0 8 16 VR (V) 24
(1) Tamb = 85 C. (2) Tamb = 25 C. (3) Tamb = -40 C.
(1) Tamb = 85 C. (2) Tamb = 25 C. (3) Tamb = -40 C.
Fig.2
Forward current as a function of forward voltage; typical values.
Fig.3
Reverse current as a function of reverse voltage; typical values.
30 Cd (pF) 25
com002
20
15
10
5
0 0 5 10 15 VR (V) 20
f = 1 MHz; Tamb = 25 C.
Fig.4
Diode capacitance as a function of reverse voltage; typical values.
2003 Dec 03
5
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
PACKAGE OUTLINE Plastic surface mounted package; 2 leads
PMEG2010AEB
SOD523V
A c HE vMA
D
A
0
0.5 scale
1 mm
1 E bp
2
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.65 0.58 bp 0.34 0.26 c 0.17 0.11 D 1.25 1.15 E 0.85 0.75 HE 1.65 1.55 v 0.1
(1)
Note 1. The marking bar indicates the cathode. OUTLINE VERSION SOD523V REFERENCES IEC JEDEC JEITA SC-79 EUROPEAN PROJECTION ISSUE DATE 00-12-07 02-04-19
2003 Dec 03
6
Philips Semiconductors
www..com Product specification
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PMEG2010AEB
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Dec 03
7
www..com
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R76/01/pp8
Date of release: 2003
Dec 03
Document order number:
9397 750 11911


▲Up To Search▲   

 
Price & Availability of PMEG2010AEB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X