Part Number Hot Search : 
BFG17 1612B YBBND SI4467DY 00393 6R8M160 MPS65 PF1008N
Product Description
Full Text Search
 

To Download PL-DD0-00-S30-C0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
850 nm 2.5 G GaAs PIN Die PL-DD0-00-S30-C0
Key Features
*Topsideconnectionsforbothcontacts *Largetopsidedetectionarea *Anti-reflectivecoatingfor850nm *Monolithicinsulatingmountingsurface *Dataratesfrom622Mbpsto2.5Gbps *Customphysicalconfigurationandperformance specificationtolerancesareavailable
Benefits
* Large active area provides improved alignment tolerances and ease of barrel attachment * Small die dimensions allow flexible assembly options
The JDSU single die 850 nm 2.5 Gbps GaAs PIN is designed for high-speed optical data communication applications. The topside illuminated device has a large optical detection area, O=120 mm, for increased process tolerance during assembly. The backside mounting surface is electrically isolated from the device electrodes for simplified assembly. The PIN is designed for datacom applications using 850 nm multi-mode 50/125 mm or 62.5/125 mm fiber.
NORTH AMERICA: 800 498-JDSU (5378)
wORlDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
850 NM 2.5 G GAAS PIN DIE
Mounting Dimensions
0.310 0.155 4X 0.031 0.119 0.203 0.013
0.336
0.209
+0.010 - 0.000
0.089 0.005 0.005 +0.010 - 0.000 +0.010 - 0.000
0.005
1
0.005
0.089
+0.010 - 0.000
0.089
2
Note 1DeviceAnode DeviceCathode
Dimensions are in mm
Shipping Information
Shipped in anti-static 2" x 2" gel pack containers. 1000 per gel pack.
Absolute Maximum Ratings
(Tcase = 30 C, Continuous Wave (CW) operation unless otherwise stated.)
Parameter Storage temperature Forward current Reverse voltage Reverse current ESD1
Symbol Tst If BVRPD IR
Ratings -40 to +125 5 -40 1 Class 1
Unit C mA V mA
Note: Conditions exceeding those listed may cause permanent damage to the device. Devices subjected to conditions beyond the limits specified for extended periods of time may adversely affect reliability. 1. HBM
850 NM 2.5 G GAAS PIN DIE
Electro-optical Characteristics
(Tcase = 30 C, CW operation unless otherwise stated.)
Parameter PINDiode Detection wavelength Operating temperature Detection aperture Responsivity Dark current Breakdown voltage Capacitance Rise/Fall time1 Bandwidth
Symbol lp Top D R ID VB C tr tf BW
Test Condition
Min.
Typ.
Max.
Unit
850 -40 VR = 1.6 V l = 850 nm VR = 1.6 V VR = 2.0 V f = 1 MHz 20% - 80% 20% - 80% VR = 2.0 V 0.55 120 0.6 0.1 40 0.6 0.75 100 3 1.0 0.8 85
nm C mm A/W nA V pF psec GHz
1. Packaging, coupling, electronics and optical measurement hardware affect rise/fall time measurement.
Order Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: PL-DD0-00-S30-C0
Part Number PL-DD0-00-S30-C0 Description 850nm.5GGaAsPINdie
NORTH AMERICA: 800 498-JDSU (5378)
wORlDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30149324 000 0408 PL-DD0-00-S30-C0.DS.CC.AE
April 2008


▲Up To Search▲   

 
Price & Availability of PL-DD0-00-S30-C0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X