Part Number Hot Search : 
SB100 CT2245 SSF6401 1N581 CE66P7 ND32E3 SMA17 LC74760M
Product Description
Full Text Search
 

To Download LI10140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SPECIFICATIONS FOR STANDARD LED LAMPS
L
101
Series
WENRUN
OPTOELECTRONIC
WENRUN LED Lamps
www..com
L
101
Series
Features:
High speed response. High reliability and long life. Low power consumption. Available in red,blue,white ,green, yellow colors. Suitable for pulse operation.
Descriptions:
The LED lamps are available with different colors,intensities,epoxy colors,etc. Superior performance in outdoor environment.
Applications:
These lamp are widely used for various application. Indication of all kinds. Commercial use.
Selection Guide:
Chip Part No. Material LG10140 LY10140 LSR10140 LI10140 GaP GaAsP/GaP GaAlAs GaAsP Emitting Color Green Yellow Super Red Orange Green Diffused Yellow Diffused Red Diffused Red Diffused Lens Type
Prepared date
June 2005
http://www.wenrun.com
Rev.
3
Page 1of 5
WENRUN LED Lamps
www..com
L
101
Series
Package Dimensions:
2.54 typ 0.5 typ
1.5max 1 2.0 4.8 2
1.0min 25.0min
3.5
4.5
2.5
1.ANODE
2.0 2.4
2.CATHODE
NOTES 1 2 3 All dimensions are in millimetres (mm). Tolerance is 0.25mm(0.01") unless otherwise noted. Protruded resin under flange is 1.5mm Max LED.
Absolute Maximum Rating
Parameter Power Dissipation Pulse Forward Current IFP (Duty 1/10 @ 1kHz) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Soldering Temperature Notes Soldering time 5 seconds. IF VR Topr Tstg Tsol
Ta=25
Green 60 Yellow 60 Super Red 50 Orange 60 Unit mW
Symbol Pd
70 20 5
70 20 5 -30 -40 260 +85
70 20 5
70 20 5
mA mA V
+100 5
Prepared date
June 2005
http://www.wenrun.com
Rev.
3
Page 2of 5
WENRUN LED Lamps
www..com
L
101
Series
Electrical Optical Characteristics
Green Yellow Typ. 8.0 Symbol Typ. Max.
--
Ta=25
Super Red Typ. 9.0 Max. -Orange Unit Typ. 8.5 Max. -mcd Test Condition IF=20mA
Parameter Luminous Intensity Forward Voltage Reverse Current Dominant Wavelength Peak Emission Wavelength Spectral Line Half Width Viewing Angle
Max. --
IV
9.0
VF
2.2
2.5
2.0
2.5
1.85
2.3
2.0
2.5
V
IF=20mA
IR
--
50
--
50
--
50
--
50
uA
VR=5V
d
565
--
585
--
645
--
630
--
nm
IF=20mA
P
562
--
588
--
655
--
636
--
nm
IF=20mA
30 2
1/2
---
30 130
---
30 130
---
30 130
---
nm deg
IF=20mA IF=20mA
130
Reliability Test Items and Conditions
NO Test Item -40 30min Test Conditions 25 5min 100 30min 25 5min Duration Sample Ac/Re
1
Temperature Cycle
50clycles
100
0/1
2
High Temp. Storage
Ta=100 Ta=85 RH=85% Ta=-40 Ta=25 5 DC IF=20mA Tsol=260 5 10s
1000hours
100
0/1
3
Temp.& Humidity Test
1000hours
100
0/1
4
Low Temp. Storage
1000hours
100
0/1
5
Operating Life Test
1000hours
100
0/1
6
Solder Heat
1times
20
0/1
Prepared date
June 2005
http://www.wenrun.com
Rev.
3
Page 3of 5
WENRUN LED Lamps
www..com
L
101
Series
Typical Electro-Optical Characteristics Curves
Relative Luminous Intensity (%)
100
Relative Luminous Intensity Vs. Wavelength Ta=25 Forward Current (mA)
50 40 30 20 10 0 1.0
Forward Current Vs. Forward Voltage Ta=25
75
50
25 0 540
580
620
660
700
1.5
2.0
2.5
3.0
3.5
Wavelength (nm)
Forward Voltage (V)
Forward Current Vs Ambient Temperature 50 Relative Luminosity(%) Forward Current(mA) 40 30 20 10 0 0 20 40 60 80 100 Ambient Temperature Ta (C) 200 175 150 125 100 75 50 25 0 0
Forward Current Vs Relative Luminosity Ta=25
10
20
30
40
50
Forward Current (mA)
Relative Luminosity Vs Ambient Temperature If=20mA 200 Relative Luminosity (%) -40 150 -50 -60 -70 50 0 0 20 40 60 80 100 Ambient Temperature Ta (C) -80 -90 1.0 0.5 -30
-20
-10
0
10
20 30 40 50 60 70 80 90
100
0 Radiation Angle
0.5
1.0
Prepared date
June 2005
http://www.wenrun.com
Rev.
3
Page 4of 5
WENRUN LED Lamps
www..com
L
101
Series
Label Form Specification
WENRUN OPTO.
TYPE QUTY CODE DATE WRxxxxx/x xxxxPCS xxxxxxxx xxxxxx
Manufacturer Part No. Quantity Classing Code Sealing Date (year-month-day)
Precautions In Use
A Soldering Conditions 1 When soldering, leave the minimum clearance between the bottom of the resin and the soldering point. 2 Maximum allowable soldering conditions are. Solder dipping: 260 max., 5 seconds max., one time. Soldering iron: 350 max., 5 seconds max., one time. 3 Contact between molten solder and the resin must be avoided. 4 In soldering, do not put any stress on the lead frame, particularly when heated. B Lead frame Forming and Use 1 When forming leads ,the leads should be bent at a point at least 3mm from the base of epoxy. Lead forming should be done before soldering. 2 Do not apply any bending stress to the base of the lead. The stress to the base may damage the LEDs characteristics. 3 When mounting the LEDs onto a printed circuit board ,the holes on the circuit board should be exactly aligned with the leads of the LEDs. 4 Please avoid conditions which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible. 5 Please avoid rapid transitions in ambient temperature, especially, in high humidity environments.
Notes:
1 Above specification may be changed without notice. We will reserve authority on material change for above specification. 2 When using this product, please observe the absolute maximum ratings and the instructions for the specification sheets. We assume no responsibility for any damage resulting from use of the product which does not comply with the instructions included in the specification sheets.
Prepared date
June 2005
http://www.wenrun.com
Rev.
3
Page 5of 5


▲Up To Search▲   

 
Price & Availability of LI10140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X