Part Number Hot Search : 
AS1977 AJW7519 SV2010K D13005B AS1860 2SD2059 SP6214 A1717
Product Description
Full Text Search
 

To Download KX21M15B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES CRYSTAL FILTERS / QUARZFILTER
- HIGH RELIABILITY FOR LOW COST - NARROW BANDWITH - LOW INSERTION LOSS - A LOT OF DIFFERENT PACKAGES ARE AVAILABLE FOR EACH REQUIREMENT - SMALL SMD CERAMIC PACKAGE 7 x 5 x 1.4 mm MAX. - EXCELLENT VIBRATION AND SHOCK RESISTANCE OF SMD-VERSIONS
PETERMANN TECHNIK Time & Frequency Components
MODEL
FREQUENCY IN MHz 10.7 10.7 10.7 10.7 10.7 10.7 10.7 10.7 16.9 17.9 21.4 21.4 21.4 21.4 45 45 70 70 17.9 21.4 21.4 21.7 21.7 45 45
Pass band width (kHz) 3 dB 6dB 15 dB +-3.75 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-7.5 +-3.75 +-7.5 +-3.75 +-7.5 +-7.5 +-15 +-25 +-50
Attenuation Band width (kHz) 17 dB 18 dB 40 dB -18 -25 -25 -25 -25 -25 +-22.5 -15 -30 -30 -25 -25 -25 +-22.5 -28 -30 -28 -30 +-24 +-15 +-25 +-15 +-25 +-20 60 dB 80 dB
Insertion Loss (dB) 1.5 2 2 2 2.5 2.5 3 4 2.5 2 1.5 1.5 2 3 2 3 2 3 2 2 1.5 2 1.5 2 2
Ripple (dB) Terminating Impedance 0.5 1 1 1 1 1 2 2 1 0.5 0.5 0.5 1 2 1 1 1 1 0.75 1 0.5 1 0.5 1 1 k//pF 1.8//5.0 3.0//2.0 3.0//2.0 3.0//2.0 3.0//1.0 3.0//1.0 3.0//1.0 3.0//1.0 3.0//1.0 3.0//1.0 1.5//2.5 1.5//2.5 1.5//2.5 1.5//2.5 4.0//-1.5 4.0//-1.5 2.0//-1.0 2.0//-1.0 1.75//-1.7 0.87//6.0 1.5//2.5 0.87//6.0 1.5//2.5 0.56//6.0 1.2//1.5
Pacakge
KX10M7A KX10M15A KX10M15A1 KX10M15A2 KX10M15B KX10M15B1 KX10M15C KX10M15D KX16M15A KX17M15A KX21M15A KX2M15A1 KX21M15B KX27M15C KX45M15A KX45M15B KX70M15A KX70M15B S17M15A S21M7.5A S21M15A S21.7M7.5A S21.7M15A S45M15A S45M30A
HC-49/U HC-49/U HC-49/T 11.1x47x9 (HC49/U)X2 (HC49/T)X2 M-3 M-4 HC-49/T KF-UM1 KF-UM5 KF-UM1 (UM-1)X2 M-1 KF-UM1 KF-UM1 KF-UM1 KF-UM1 SMD SMD SMD SMD SMD SMD SMD
Guaranteed Attenuation
65 dB for the models S17M15A, S21M7.5A, S21M15A, S21.7M7.5A, S21.7M15A, S45M30A 60 dB for the model S45M15A OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PART NUMBERING SYSTEM
EXAMPLE TYPE S45M30A-2 Leaded Versions = Indicate only model number SMD-Version = Indicate model number and required poles (2 or 4 poles)
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de
PETERMANN TECHNIK Time & Frequency Components
OUTLINE DRAWING OF HC-49/U
OUTLINE DRAWING OF KF-UM1
10.5max
13.46max
6.9+0.2 7.8+0.2 -
2.2+0.2 -
20max
3-00.35+0.05 -
H
4.88 2.44
4.65
3.2+0.2 -
00.43
3.75+0.2 -
H1 = 12.7 H{ H2 = 20
7.8+0.2 -
Unit:mm
11.05max
Unit:mm
OUTLINE DRAWING OF KF-UM5
OUTLINE DRAWING OF HC-49/T
6.9+0.2 6.0+0.2 -
2.2+0.2 -
11.2max
20max
9.9+0.2 -
3.5+0.2 -
3-00.35+0.05 -
3.75+0.2 3.2+0.2 -
20max
3-00.35+0.05 -
7.8+0.2 -
Unit:mm
4.88+0.2 -
5.0max
11.5max
Unit:mm
Red Black Black
Indication of Pairing
MEASURING CIRCUIT
(R-50)
Rt-Ro S.G. Ro Ct Filter Rt-Ro Ct L.M. Ro Ro:50
or 75
(R-50) L.M. (50 )
S.G. (50 ) C1 C2 C1
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de
PETERMANN TECHNIK Time & Frequency Components
OULINE DRAWING OF SMD-PACKAGE
RECCOMMENDED LAND PATTERN
5.0+0.2 -
1.4max (BOTTOM VIEW) #2
7.0+0.2 1.6
2.54
#1 #6 #5
#3 #4
4.0 0.8max 1.0 0.8max PIN #1 #2 #3 #4 #5 #6 CONNECTION GROUND GROUND INPUT(OUTPUT) GROUND GROUND OUTPUT(INPUT)
1.2
1.4
2.54
1.2
4.6
Unit:mm
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de
6.0
Unit:mm


▲Up To Search▲   

 
Price & Availability of KX21M15B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X