Part Number Hot Search : 
5STRR 24223 MSEP855 LM2423TE AAT3783 SK223 MAX739 TMPZ84C
Product Description
Full Text Search
 

To Download IMC004FLSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES 2 FLASH MEMORY CARDS iMC002FLSA IMC004FLSA iMC010FLSA iMC020FLSA
Extended Temperature Specifications Included
Y Y
2 4 10 and 20 Megabyte Capacities PCMCIA 2 1 JEIDA 4 1 68-Pin Standard Hardwired Card Information Structure Byte- or Word-Wide Selectable Component Management Registers for Card Status Control and Flexible System Interface Automatic Erase Write Monitored with Ready Busy Output Card Power-Down Modes Deep-Sleep for Low Power Applications Mechanical Write Protect Switch Solid-State Reliability Intel FlashFile TM Architecture
Y
High-Performance Read Access 150 ns Maximum High-Performance Random Writes 6 ms Typical Word Write Erase Suspend to Read Command Keeps Erase as Background Task Nonvolatility (Zero Retention Power) No Batteries Required for Back-up ETOX TM V 0 4m Flash Memory Technology 5V Read 12V Erase Write High-Volume Manufacturing Experience Extended Temperature Version b 40 C to a 85 C
Y
Y
Y
Y
Y
Y
Y
Y Y Y
Y
Intel's Series 2 Flash Memory Card facilitates high-performance disk emulation in mobile PCs and dedicated equipment Manufactured with Intel's ETOX TM III 0 8m FlashFile Memory devices the Series 2 Card allows code and data retention while erasing and or writing other blocks Additionally the Series 2 Flash Memory Card features low power modes flexible system interfacing and a 150 ns read access time When coupled with Intel's low-power microprocessors these cards enable high-performance implementations of mobile computers and systems Series 2 Cards conform to the Personal Computer Memory Card International Association (PCMCIA 2 1) Japanese Electronics Industry Development Association (JEIDA 4 1) 68-pin standard providing electrical and physical compatibility Data file management software Flash Translation Layer (FTL) provides data file storage and memory management much like a disk operating system Intel's Series 2 Flash Memory Cards coupled with flash file management software effectively provide a removable all-silicon mass storage solution with higher performance and reliability than disk-based memory architectures Designing with Intel's FlashFile Architecture enables OEM system manufacturers to design and manufacture a new generation of mobile PCs and dedicated equipment where high performance ruggedness long battery life and lighter weight are a requirement For large user groups in workstation environments the Series 2 Cards provide a means to securely store user data and backup system configuration status information
December 1996
Order Number 290434-006
SERIES 2 FLASH MEMORY CARDS
Table 1 Series 2 Flash Memory Card Pinout Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Signal GND DQ3 DQ4 DQ5 DQ6 DQ7 CE1 A10 OE A11 A9 A8 A13 A14 WE RDY BSY VCC VPP1 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 WP GND I I I I I I I I I I I IO IO IO O IO IO IO IO IO I I I I I I I I I IO Function Ground Data Bit 3 Data Bit 4 Data Bit 5 Data Bit 6 Data Bit 7 Card Enable 1 Address Bit 10 Output Enable Address Bit 11 Address Bit 9 Address Bit 8 Address Bit 13 Address Bit 14 Write Enable Ready-Busy Supply Voltage Supply Voltage Address Bit 16 Address Bit 15 Address Bit 12 Address Bit 7 Address Bit 6 Address Bit 5 Address Bit 4 Address Bit 3 Address Bit 2 Address Bit 1 Address Bit 0 Data Bit 0 Data Bit 1 Data Bit 2 Write Protect Ground HI LO HI LO LO LO Active Pin 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 Signal GND CD1 DQ11 DQ12 DQ13 DQ14 DQ15 CE2 VS1 RFU RFU A17 A18 A19 A20 A21 VCC VPP2 A22 A23 A24 A25 VS2 RST WAIT RFU REG BVD2 BVD1 DQ8 DQ9 DQ10 CD2 GND I O O IO IO IO O O I O I I I I I I I I O IO IO IO IO IO I O IO Function Ground Card Detect 1 Data Bit 11 Data Bit 12 Data Bit 13 Data Bit 14 Data Bit 15 Card Enable 2 Voltage Sense 1 Reserved Reserved Address Bit 17 Address Bit 18 Address Bit 19 Address Bit 20 Address Bit 21 Supply Voltage Supply Voltage Address Bit 22 Address Bit 23 Address Bit 24 No Connect Voltage Sense 2 Reset Extend Bus Cycle Reserved Register Select Batt Volt Det 2 Batt Volt Det 1 Data Bit 8 Data Bit 9 Data Bit 10 Card Detect 2 Ground LO LO NC HI LO LO NC LO Active
2
SERIES 2 FLASH MEMORY CARDS
Table 2 Series 2 Flash Memory Card Pin Descriptions Symbol A0 -A25 Type I Name and Function ADDRESS INPUTS A0 through A25 are address bus lines which enable direct addressing of 64 megabytes of memory on a card A0 is not used in word access mode A24 is the most significant address bit Note A25 is a no-connect but should be provided on host side DATA INPUT OUTPUT DQ0 through DQ15 constitute the bidirectional data bus DQ15 is the most significant bit CARD ENABLE 1 2 CE1 enables even bytes CE2 enables odd bytes Multiplexing A0 CE1 and CE2 allows 8-bit hosts to access all data on DQ0 through DQ7 (See Table 3 for a more detailed description ) OUTPUT ENABLE Active low signal gating read data from the memory card WRITE ENABLE Active low signal gating write data to the memory card READY BUSY OUTPUT Indicates status of internally timed erase or write activities A high output indicates the memory card is ready to accept accesses A low output indicates that a device(s) in the memory card is(are) busy with internally timed activities See text for an alternate function (READYBUSY MODE REGISTER) CARD DETECT 1 2 These signals provide for correct card insertion detection They are positioned at opposite ends of the card to detect proper alignment The signals are connected to ground internally on the memory card and will be forced low whenever a card is placed in the socket The host socket interface circuitry shall supply 10K or larger pull-up resistors on these signal pins WRITE PROTECT Write Protect reflects the status of the Write-Protect switch on the memory card WP set high e write protected providing internal hardware write lockout to the flash array WRITE ERASE POWER SUPPLY (12V nominal) for erasing memory array blocks or writing data in the array They must be 12V to perform an erase write operation CARD POWER SUPPLY (5V nominal) for all internal circuitry I I I O O GROUND for all internal circuitry REGISTER SELECT provides access to Series 2 Flash Memory Card registers and Card Information Structure in the Attribute Memory Plane RESET from system active high Places card in Power-On Default State RESET pulse width must be t 200 ns WAIT (Extend Bus Cycle) is used by Intel's I O cards and is driven high BATTERY VOLTAGE DETECT Upon completion of the power on reset cycle these signals are driven high to maintain SRAM-card compatibility RESERVED FOR FUTURE USE NO INTERNAL CONNECTION Pin may be driven or left floating VOLTAGE SENSE Notifies the host Socket of the card's VCC requirements VS1 and VS2 are both open indicating a 5V VCC card
DQ0 -DQ15 CE1 CE2
IO I
OE WE RDY BSY
I I O
CD1
CD2
O
WP
O
VPP1 VPP2
VCC GND REG RST WAIT BVD1 BVD2 RFU NC VS1 VS2
3
SERIES 2 FLASH MEMORY CARDS
290434 - 3
Figure 1 Detailed Block Diagram The Card Control Logic Provides Decoding Buffering and Control Signals 4
SERIES 2 FLASH MEMORY CARDS
For systems currently using a static RAM battery configuration for data acquisition the Series 2 Flash Memory Card's nonvolatility eliminates the need for battery backup The concern for battery failure no longer exists an important consideration for portable computers and medical instruments both requiring continuous operation Series 2 Cards consume no power when the system is off and only 60 mA in Deep-Sleep mode (2 Megabyte card) Furthermore Flash Memory Cards offer a considerable cost and density advantage over memory cards based on static RAM with battery backup Besides disk emulation the Series 2 Card's electrical block-erasure data writability and inherent nonvolatility fit well with data accumulation and recording needs Electrical block-erasure provides design flexibility to selectively rewrite blocks of data while saving other blocks for infrequently updated parameters and lookup tables For example networks and systems that utilize large banks of battery-backed DRAM to store configuration and status benefit from the Series 2 Flash Card's nonvolatility and reliability
APPLICATIONS
Intel's second generation Series 2 Flash Memory Cards facilitate high performance disk emulation for the storage of data files and application programs on a purely solid-state removable medium File management software Flash Translation Layer (FTL) in conjunction with the Series 2 Flash Memory Cards enable the design of high-performance light-weight notebook palmtop and pen-based PCs that have the processing power of today's desktop computers Application software stored on the flash memory card substantially reduces the slow disk-to-DRAM download process Replacing the mechanical disk results in a dramatic enhancement of read performance and substantial reduction of power consumption size and weight considerations particularly important in portable PCs and equipment The Series 2 Card's high performance read access time allows the use of Series 2 Cards in an ``execute-inplace'' (XIP) architecture XIP eliminates redundancy associated with DRAM Disk memory system architectures Operating systems stored in Flash Memory decreases system boot or program load times enabling the design of PCs that boot operate store data files and execute application programs from to nonvolatile memory without losing the ability to perform an update File management systems modify and store data files by allocating flash memory space intelligently Wear leveling algorithms employed to equally distribute the number of rewrite cycles ensure that no particular block is cycled excessively relative to other blocks This provides hundreds of thousands of hours of power on usage This file management software enables the user to interact with the flash memory card in precisely the same way as a magnetic disk Series 2 Flash Memory Cards provide durable nonvolatile memory storage for mobile PCs on the road facilitating simple transfer back into the desktop environment
SERIES 2 ARCHITECTURE OVERVIEW
The Series 2 Flash Memory Card contains a 2 to 20 Megabyte Flash Memory array consisting of 2 to 20 28F008SA FlashFile Memory devices Each 28F008SA contains sixteen individually-erasable 64 Kbyte blocks therefore the Flash Memory Card contains from 32 to 320 device blocks It also contains two Card Control Logic devices that manage the external interface address decoding and component management logic (Refer to Figure 1 for a block diagram ) To support PCMCIA-compatible word-wide access devices are paired so that each accessible memory block is 64 KWords (see Figure 2) Card logic allows the system to write or read one word at a time or one byte at a time by referencing the high or low byte Erasure can be performed on the entire block pair (high and low device blocks simultaneously) or on the high or low byte portion separately Also in accordance with PCMCIA specifications this product supports byte-wide operation in which the flash array is divided into 128K x 8 bit device blocks In this configuration odd bytes are multiplexed onto the low byte data bus
5
SERIES 2 FLASH MEMORY CARDS
290434 - 1
Figure 2 Memory Architecture Each Device Pair Consists of Sixteen 64 KWord Blocks Series 2 Flash Memory Cards offer additional features over the Bulk Erase Flash Card product family (refer to iMC001FLKA iMC002FLKA and iMC004FLKA data sheets) Some of the more notable enhancements include high density capability erase blocking internal write erase automation erase suspension to read Component Management Registers that provide software control of devicelevel functions and a deep-sleep mode Erase blocking facilitates solid-state storage applications by allowing selective memory reclamation Multiple 64 Kbyte blocks may be simultaneously erased within the memory card as long as not more than one block per device is erasing This shortens the total time required for erasure but requires additional supply current A block typically requires 1 6 seconds to erase Each memory block can be erased and completely written 100 000 times Erase suspend allows the system to temporarily interrupt a block erase operation This mode permits reads from alternate device blocks while that same device contains an erasing block Upon completion of the read operation erasure of the suspended block must be resumed Write erase automation simplifies the system software interface to the card A two-step command sequence initiates write or erase operations and provides additional data security Internal device circuits automatically execute the algorithms and timings necessary for data-write or block-erase operations including verifications for long-term data integrity While performing either data-write or block-erase the memory card interface reflects this by bringing its RDY BSY (Ready Busy) pin low This output goes high when the operation completes This feature reduces CPU overhead and allows software polling or hardware interrupt mechanisms Writing memory data is achieved in single byte or word increments typically in 6 ms Read access time is 150 ns or less over the entire operating temperature range The Reset-PowerDown mode reduces power consumption to less than 60 mA to help extend battery life of portable host systems Activated through software control this mode optionally affects the entire flash array (Global Reset-PowerDown Register) or specific device pairs (Sleep Control Register)
6
SERIES 2 FLASH MEMORY CARDS
PCMCIA JEIDA INTERFACE
The Series 2 Flash Memory Card interface supports the PCMCIA 2 1 and JEIDA 4 1 68-pin card format (see Tables 1 and 2) Detailed specifications are described in the PC Card Standard Release 2 1 July 1993 published by PCMCIA The Series 2 Card conforms to the requirements of both Release 1 and Release 2 of the PC Card Standard Series 2 Card pin definitions are equivalent to the Bulk-Erase Flash Card except that certain No Connects are now used A22 through A24 RST (Reset) (Ready Busy) have pin assignand RDY BSY ments as set by the PCMCIA standard
BATTERY VOLTAGE DETECT
PCMCIA requires two signals BVD1 and BVD2 be supplied at the interface to reflect card battery condition Flash Memory Cards do not require batteries When the power on reset cycle is complete BVD1 and BVD2 are driven high to maintain compatibility
CARD DETECT
Two signals CD1 and CD2 allow the host to determine proper socket seating They reside at opposite ends of the connector and are tied to ground within the memory card
NOTE The READY BUSY signal is abbreviated as by PCMCIA (card level) and as RDY BSY RY BY by JEDEC (component level)
The outer shell of the Series 2 card meets all PCMCIA JEIDA Type 1 mechanical specifications See Figure 19 for mechanical dimensions
DESIGN CONSIDERATIONS
The Series 2 Card consists of two separate memory planes the Common Memory Plane (or Main Memory) and the Attribute Memory Plane The Common Memory Plane resides in the banks of device pairs and represents the user-alterable memory space The Component Management Registers (CMR) and the hardwired Card Information Structure (CIS) reside in the Attribute Memory Plane within the Card Control Logic as shown in Figure 3 The Card Control Logic interfaces the PCMCIA connector and the internal flash memory array and performs address decoding and data control
WRITE PROTECT SWITCH
A mechanical write protect switch provides the card's memory array with internal write lockout The Write-Protect (WP) output pin reflects the status of this mechanical switch It outputs a high signal (VOH) when writes are disabled This switch does not lock out writes to the Component Management Registers
Attribute Memory Plane accessible with REG (pin 61) e VIL 290434 - 2 INTEL PCMCIA
e Performance Enhancement Register e Defined in PCMCIA Release 2 0
Figure 3 Component Management Registers Allow S W Control of Components within Card 7
SERIES 2 FLASH MEMORY CARDS
The 512 memory-mapped even-byte CMRs are linearly mapped beginning at address 4000H in the Attribute Memory Plane
ADDRESS DECODE
Address decoding provides the decoding logic for the 2 to 20 Device Chip Enables and the elements of the Attribute Memory Plane REG selects between the Common Memory Plane (REG e VIH) and the Attribute Memory Plane (REG e VIL) NOTE The Series 2 Card has active address inputs A0 to A24 implying that reading and writing to addresses beyond 32 Megabytes causes wraparound Furthermore reads to illegal addresses (for example between 20 and 32 Meg on a 20 Megabyte card) returns Default data (00FFH or FFFFH) The 28F008SA devices storing data applications or firmware form the Common Memory Plane accessed individually or as device pairs Memory is linearly mapped in the Common Memory Plane Three memory access modes are available when accessing the Common Memory Plane Byte-Wide Word Wide and Odd-Byte modes Additional decoding selects the hardwired PCMCIA CIS and Component Management Registers mapped in the Attribute Memory Plane beginning at address 000000H
DATA CONTROL
Data Control Logic selects the path and direction for accessing the Common or Attribute Memory Plane It controls any of the PCMCIA-defined Word-Wide Byte-Wide or Odd-Byte modes for either reads or writes to these areas As shown in Table 3 input pins which determine these selections are REG OE CE1 and CE2 A0 through A24 WE PCMCIA specifications allow only even-byte access to the Attribute Memory Plane In Byte-Wide mode bytes contiguous in software actually alternate between two device blocks of a device pair Therefore erasure of one device block erases every other contiguous byte In accordance with the PCMCIA standard for memory configuration the Series 2 Card does not support confining contiguous bytes within one flash device when in by-8 mode
8
SERIES 2 FLASH MEMORY CARDS
Table 3 Data Access Mode Truth Table Function Mode STANDBY(1) BYTE READ REG CE 2 CE 1 A0 OE H H H L L H H L L H L L L H L L L H X L H X X L H X X X L L L L H H H H WE VPP2 VPP1 D15 -D8 HIGH-Z HIGH-Z HIGH-Z ODD-BYTE ODD-BYTE X X ODD-BYTE ODD-BYTE D7 -D0 HIGH-Z EVEN-BYTE ODD-BYTE EVEN-BYTE HIGH-Z EVEN-BYTE ODD-BYTE EVEN-BYTE X
COMMON MEMORY PLANE X H H WORD READ ODD-BYTE READ BYTE WRITE H H H H WORD WRITE ODD-BYTE WRITE H H X H H H H L L L L VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPL(2) VPPH VPPH VPPH VPPH VPPH VPPH
VPPH VPPL(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2) X(2)
ATTRIBUTE MEMORY PLANE BYTE READ L L WORD READ ODD-BYTE READ BYTE WRITE L L L L WORD WRITE ODD-BYTE WRITE L L H H L L H H L L L L L H L L L H L H X X L H X X L L L L H H H H H H H H L L L L HIGH-Z HIGH-Z INVALID DATA(3) INVALID DATA(3) X X INVALID OPERATION(3) INVALID OPERATION(3) EVEN-BYTE INVALID EVEN-BYTE HIGH-Z EVEN-BYTE INVALID OPERATION(3) EVEN-BYTE X
NOTES 1 Standby mode is valid in Common Memory or Attribute Memory access 2 To meet the low power specifications VPP e VPPL however VPPH presents no reliability problems 3 Odd-Byte data are not valid during access to the Attribute Memory Plane 4 H e VIH L e VIL X e Don't Care
9
SERIES 2 FLASH MEMORY CARDS
PRINCIPLES OF OPERATION
Intel's Series 2 Flash Memory Card provides electrically-alterable non-volatile random-access storage Individual 28F008SA devices utilize a Command User Interface (CUI) and Write State Machine (WSM) to simplify block-erasure and data write operations
HARDWIRED CIS
The card's structure description resides in the evenbyte locations starting at 0000H and going to the CIS ending tuple (FNULL) within the Attribute Memory Plane Data included in the hardwired CIS consists of tuples Tuples are a variable-length list of data blocks describing details such as manufacturer's name the size of each memory device and the number of flash devices within the card
COMMON MEMORY ARRAY
Figure 4 shows the Common Memory Plane's organization The first block pair (64 KWords) of Common Memory referred to as the Common Memory Card Information Structure Block optionally extends the hardwired CIS in the Attribute Memory Plane for additional card information This may be written during initial card formatting for OEM customization Since this CIS Block is part of Common Memory its data can be altered Write access to the Common Memory CIS Block is controlled by the Write Protect Control Register which may be activated by system software after power-up Additionally the entire Common Memory plane (minus the Common Memory CIS Block) may be software write protected Note that the Common Memory CIS Block is not part of the Attribute Memory Plane Do not assert REG to access the Common Memory CIS Block 13FFFFFH 1200000H 1000000H 0E00000H 0C00000H 0A00000H 0800000H 0600000H 0400000H 0200000H 0020000H Device Pair 9 Device Pair 8 Device Pair 7 Device Pair 6 Device Pair 5 Device Pair 4 Device Pair 3 Device Pair 2 Device Pair 1 Device Pair 0
COMPONENT MANAGEMENT REGISTERS (CMRs)
The CMRs in the Attribute Memory Plane provide special software-controlled functionality Card Control Logic includes circuitry to access the CMRs REG (PCMCIA pin 61) selects the Attribute Memory Plane (and therefore the CMRs) when equal to VIL CMRs are classified into two categories those defined by PCMCIA R2 1 and those included by Intel (referred to as Performance Enhancement Registers) to enhance the interface between the host system and the card's flash memory array CMRs (See Figure 3) provide seven control functions ReadyBusy Interrupt Mode Device Ready-Busy Status Device Ready-Busy Mask Reset-PowerDown Control Software-controlled Write Protection Card Status and Soft Reset
SOFT RESET REGISTER (PCMCIA)
(CONFIGURATION OPTION) The SOFT RESET REGISTER (Attribute Memory Plane Address 4000H Figure 5) is defined in the PCMCIA Release 2 0 specification as the Configuration Option Register Bit 7 is the soft reset bit (SRESET) Writing a 1 to this bit initiates card reset to the power-on default state (see Side Bar page 11) This bit must be cleared to use the CMRs or to access the devices SRESET implements in software what the reset pin implements in hardware On power-up the card automatically assumes default conditions Similar to the reset pin (pin 58) this bit clears at the end of a power-on reset cycle or a system reset cycle Bits 0 through 6 are not used by this memory card but power up as zeroes for PCMCIA compatibility
Optional CIS 0000000H Figure 4 Common Memory Plane Use the Optional Common Memory Plane CIS for Custom Card Format Information
10
SERIES 2 FLASH MEMORY CARDS
SOFT RESET REGISTER
(CONFIGURATION OPTION REGISTER) (Read Write Register)
ADDRESS BIT 7 BIT 6 BIT 5 BIT 4 BIT 4 BIT 2 BIT 1 BIT 0
4000H
SRESET
PCMCIA CONFIGURATION INDEX RESETS TO ZERO ON POWER UP
1 e RESET CLEAR TO ACCESS CARD Figure 5 SOFT RESET REGISTER (PCMCIA) Sets the Memory Card in the Power-On Default State
Global PowerDown Register (PCMCIA)
POWER-ON DEFAULT CONDITIONS (Configuration and Status) The Global Reset-PowerDown Register (Attribute Memory Plane Address 4002H Figure 6) is referred to as the Configuration and Status Register in the PCMCIA Release 2 0 specification Bit 2 (RP) controls global card power-down Writing a 1 to this bit places each device within the card into ``Deep-Sleep'' mode Devices in Deep-Sleep are not accessible Recovery from power-down requires 500 ns for reads and 1 ms for writes The RP bit defaults to 0 on card power-up or reset Setting or clearing this bit has no affect on the bit settings of the Sleep Control Register The remaining Global Reset-PwrDwn Register bits are defined for Intel's family of I O cards and are driven low for compatibility

All Devices Powered Up In Standby Mode Common Memory Available For Writes All Device Ready Busy Outputs Unmasked PCMCIA Ready Busy Mode Enabled Ready Busy Output Goes To Ready
GLOBAL RESET-POWER-DOWN REGISTER
(CONFIGURATION AND STATUS REGISTER) (Read Write Register)
1 e POWER DOWN ADDRESS 4002H BIT 7 BIT 6 BIT 5 ZEROES BIT 4 BIT 3 BIT 2 RP BIT 1 BIT 0
ZEROES
Figure 6 GLOBAL RESET-PWRDWN REGISTER (PCMCIA) The RP Bit Enables Reset PowerDown of All Flash Memory Devices
11
SERIES 2 FLASH MEMORY CARDS
CARD STATUS REGISTER
(Read Only Register)
ADDRESS 4100H BIT 7 ADM BIT 6 ADS BIT 5 SRESET BIT 4 CMWP BIT 3 RP BIT 2 CISWP BIT 1 WP BIT 0 RDY BSY
Figure 7 CARD STATUS REGISTER (Intel) Provides a Quick Review of the Card's Status
CARD STATUS REGISTER (INTEL)
The Read-Only CARD STATUS REGISTER (Attribute Memory Plane Address 4100H Figure 7) returns generalized status of the Series 2 Card and its CMRs Bit 0 (RDY BSY ) reflects the card's RDY BSY (Ready-Busy) output Software polling of this bit provides data-write or block-erase operation status A zero indicates a busy device(s) in the card Bit 1 (WP) reports the position of the card's Write Protection switch with 1 indicating write protected It reports the status of the WP pin Bit 2 (CISWP) reflects whether the Common Memory CIS is write protected using the WRITE PROTECT REGISTER with 1 indicating write protected Bit 3 (RP) reports whether the entire flash memory array is in ``Deep-Sleep'' (Reset-PwrDwn) mode with 1 indicating ``Deep-Sleep'' This bit reflects the RP bit of the GLOBAL RESET-POWERDOWN REGISTER Powering down all device pairs individually (using the Sleep Control Register) also sets this bit Bit 4 (CMWP) reports whether the Common Memory Plane (minus Common Memory CIS) is write protected via the WRITE PROTECT REGISTER with 1 indicating write protected Bit 5 (SRESET) reflects the SRESET bit of the SOFT RESET REGISTER It reports that the card is in Soft
Reset with 1 indicating reset When this bit is zero the flash memory array and CMRs may be accessed otherwise clear it via the SRESET REGISTER Bit 6 (ADS ANY DEVICE SLEEP) is the ``ORed'' value of the SLEEP CONTROL REGISTER Powering down any device pair sets this bit Bit 7 (ADM ANY DEVICE MASKED) is the ``ORed'' value of the READY BUSY MASK REGISTER Masking any device sets this bit
WRITE PROTECTION REGISTER (INTEL)
The WRITE PROTECTION REGISTER (Attribute Memory Plane Address 4104H Figure 8) selects whether the optional Common Memory CIS and the remaining Common Memory blocks are write protected (see Figure 4) Enable Common Memory CIS write protection by writing a 1 to the CISWP Bit (bit 0) Enable write protection of the remaining Common Memory blocks by writing a 1 to the CMWP Bit (bit 1) In the power-on default state both bits are 0 and therefore not write protected Reserved bits (2 - 7) have undefined values and should be written as zeroes for future compatibility
12
SERIES 2 FLASH MEMORY CARDS
WRITE PROTECTION REGISTER
(Read Write Register)
ADDRESS 4104H BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 CMWP BIT 0 CISWP
RESERVED FOR FUTURE USE
1 e WRITE PROTECT
Figure 8 WRITE PROTECTION REGISTER (Intel) Eliminates Accidental Data Corruption
SLEEP CONTROL REGISTER (INTEL)
Unlike the GLOBAL RESET-POWERDOWN REGISTER which simultaneously resets and places all flash memory devices into a Deep-Sleep mode the SLEEP CONTROL REGISTER (Attribute Memory Plane Address 4118H-411AH Figure 9) allows selective power-down control of individual device pairs Writing a 1 to a specific bit of the SLEEP CONTROL REGISTER places the corresponding device pair into the ``Deep-Sleep'' mode Devices in Deep-Sleep are not accessible On cards with fewer than 20 Megabytes (10 device pairs) writing a one to an absent device pair has no affect and reads back as zero This register contains all zeroes (i e not in DeepSleep mode) when the card powers up or after a hard or soft reset Furthermore the Global ResetPowerDown Register has no affect on the contents of this register Therefore any bit settings of the
Sleep Control Register will remain unchanged after returning from a global reset and power down (writing a zero to the RP bit of the Global Reset-PowerDown Register)
READY-BUSY STATUS REGISTER (INTEL)
The bits in the Read-only READY-BUSY Status Register (Attribute Memory Plane Address 4130H4134H Figure 10) reflect the status (READY e 1 BUSY e 0) of each device's RY BY output A busy condition indicates that a device is currently processing a data-write or block-erase operation These bits are logically ``AND-ed'' to form the Ready Busy output (RDY BSY pin 16) of the PCMCIA interface On memory cards with fewer than 20 devices unused Device RY BY Status Register bits appear as ready
SLEEP CONTROL REGISTER
(Read Write Register)
ADDRESS 411AH 4118H DEVICES 14 15 DEVICES 12 13 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 DEVICES 18 19 DEVICES 67 DEVICES 45 DEVICES 23 BIT 0 DEVICES 16 17 DEVICES 01
RESERVED DEVICES 10 11 DEVICES 89
1 e SELECTED DEVICE PAIR IN POWER-DOWN MODE AND RESET Figure 9 SLEEP CONTROL REGISTER (Intel) Allows Specific Devices to be Reset and Put into Power-Down Mode
13
SERIES 2 FLASH MEMORY CARDS
READY-BUSY STATUS REGISTER
(Read Write Register)
ADDRESS 4134H DEVICE 15 DEVICE 7 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 DEVICE 19 DEVICE 12 DEVICE 4 DEVICE 11 DEVICE 3 BIT 2 DEVICE 18 DEVICE 10 DEVICE 2 BIT 1 DEVICE 17 DEVICE 9 DEVICE 1 BIT 0 DEVICE 16 DEVICE 8 DEVICE 0
RESERVED DEVICE 14 DEVICE 6 DEVICE 13 DEVICE 5
4132H
4130H
1 e DEVICE READY 0 e DEVICE BUSY Figure 10 READY-BUSY STATUS REGISTER (Intel) Provides Operation Status of All Flash Memory Devices In an unmasked condition (MASK REGISTER bits e 0) any device RY BY output going low pulls the card's RDY BSY output to VIL (BUSY) In this case all devices must be READY to allow the card's RDY BSY output to be ready (VIH) This is referred to as the PCMCIA READY-BUSY MODE An alternate type of READY-BUSY function is described in the next section READY-BUSY MODE REGISTER
READY-BUSY MASK REGISTER (INTEL)
The bits of the Read Write READY-BUSY MASK REGISTER (Attribute Memory Plane Address 4120H-4124H Figure 11) mask out the corresponding ``AND-ed'' READY-BUSY STATUS REGISTER bits from the PCMCIA data bus (RDY BSY pin 16) and the CARD STATUS REGISTER RDY BSY Bit (bit 0)
READY-BUSY MASK
(Read Write Register)
ADDRESS 4124H DEVICE 15 DEVICE 7 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 DEVICE 19 DEVICE 12 DEVICE 4 DEVICE 11 DEVICE 3 BIT 2 DEVICE 18 DEVICE 10 DEVICE 2 BIT 1 DEVICE 17 DEVICE 9 DEVICE 1 BIT 0 DEVICE 16 DEVICE 8 DEVICE 0
RESERVED DEVICE 14 DEVICE 6 DEVICE 13 DEVICE 5
4122H
4120H
1 e MASK ENABLED Figure 11 READY-BUSY MASK REGISTER (Intel) Essential for Write Optimization
14
SERIES 2 FLASH MEMORY CARDS
If the READY-BUSY MASK REGISTER bits are set to ones (masked condition) the RDY BSY output and the CARD STATUS REGISTER RDY BSY bit will reflect a READY condition regardless of the state of the corresponding devices The READYBUSY MASK REGISTER does not affect the READY-BUSY STATUS REGISTER allowing software polling to determine operation status Unmasked is the default condition for the bits in this register On memory cards with fewer than 20 devices unused device mask bits appear as masked system with immediate notification that a specific device's operation has completed and that device may now be used This is particularly useful in a file management application where a block pair containing only deleted files is being erased to free up space so new file data may be written Enabling the HIGH-PERFORMANCE READY-BUSY MODE requires a three step sequence 1 Set all bits in the READY BUSY MASK REGISTER This prevents ready devices from triggering an unwanted interrupt when step 3 is performed 2 Write 01H to the READY-BUSY MODE REGISTER This sets the MODE bit 3 Write 01H to the READY-BUSY MODE REGISTER This clears the RACK bit The MODE and RACK bits must be written in the prescribed sequence not simultaneously The card's circuitry is designed purposely in this manner to prevent an initial unwanted busy-to-ready transition Note that in Step 2 writing to the RACK bit is a Don't Care When the High-Performance Mode is enabled specific READY-BUSY MASK bits must be cleared after an operation is initiated on the respective devices After each device becomes ready the RDY BSY pin makes a low-to-high transition To catch the next device's completion of an operation the RACK bit must be cleared by writing ``01H'' to the Ready Busy Mode Register
READY-BUSY MODE REGISTER (INTEL)
The READY-BUSY MODE REGISTER (Attribute Memory Plane Address 4140H Figure 12) provides the selection of two types of system interfacing for the busy-to-ready transition of the card's RDY BSY pin 1 The standard PCMCIA READY-BUSY MODE in which the card's RDY BSY signal generates a low-to-high transition (from busy to ready) only after all busy devices (not including masked devices) have completed their data-write or blockerase operations This may result in a long interrupt latency 2 A High-Performance mode that generates a lowto-high (from busy-to-ready) transition after each device becomes ready This provides the host
READY-BUSY MODE REGISTER
(Read Write Register)
ADDRESS 4140H BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 RACK BIT 0 MODE
RESERVED FOR FUTURE USE
MODE e READY-BUSY MODE 0 e PCMCIA MODE 1 e HIGH PERFORMANCE RACK e READY ACKNOWLEDGE CLEAR TO SET UP RDY BSY PIN THEN CLEAR AFTER EACH DEVICE BECOMES READY TO ACKNOWLEDGE TRANSITION
Figure 12 High Performance Ready-Busy Mode REGISTER (Intel) Used to Trigger a Ready Interrupt for Each Device
15
SERIES 2 FLASH MEMORY CARDS
The CUI initiates flash memory writing and erasing operations only when VPP is at 12V Depending on the application the system designer may choose to make the VPP power supply switchable (available when writes and erases are required) or hardwired to VPPH When VPP e VPPL power savings are incurred and memory contents cannot be altered The CUI architecture provides protection from unwanted write and erase operations even when high voltage is applied to VPP Additionally all functions are disabled whenever VCC is below the write lockout voltage VLKO or when the card's Deep-Sleep modes are enabled The WSM automates the writing and erasure of blocks within a device This on-chip state machine controls block erase and data-write freeing the host processor for other tasks After receiving the Erase Setup and Erase Confirm commands from the CUI the WSM controls block-erase Progress is monitored via the device's status register the card's control logic and the RDY BSY pin of the PCMCIA interface Data-write is similarly controlled after destination address and expected data are supplied
PRINCIPLES OF DEVICE OPERATION
Individual 28F008SA devices include a Command User Interface (CUI) and a Write State Machine (WSM) to manage write and erase functions in each device block The CUI serves as the device's interface to the Card Control Logic by directing commands to the appropriate device circuitry (Table 4) It allows for fixed power supplies during block erasure and data writes The CUI handles the WE interface into the device data and address latches as well as system software requests for status while the WSM is operating The CUI itself does not occupy an addressable memory location The CUI provides a latch used to store the command and address and data information needed to execute the command Erase Setup and Erase Confirm commands require both appropriate command data and an address within the block to be erased The Data Write Setup command requires both appropriate command data and the address of the location to be written while the Data Write command consists of the data to be written and the address of the location to be written
Table 4 Device Command Set
28F008SA Command(1) First Bus Ccyle Second Bus Cycle Bus Cycles Data Data (2) Operation Addr(2) Req'd Operation Addr x8 Mode x16 Mode x8 Mode x16 Mode 1 3 2 1 2 2 2 2 Write Write Write Write Write Write Write Write DA DA DA DA BA DA WA WA FFH 90H 70H 50H 20H B0H 40H 10H FFFFH 9090H 7070H 5050H 2020H B0B0H 4040H 1010H Write Write Write Write BA DA WA WA D0H D0H WD(5) WD(5) D0D0H D0D0H WD(5) WD(5) Read Read IA DA IID(3) SRD(4) IID(3) SRD(4)
Read Array Reset Intelligent Identifer Read Device Status Register Clear Device Status Register Erase Setup Erase Confirm Erase Suspend Erase Resume Write Setup Write Alternate Write Setup Write(6)
NOTES 1 Commands other than those shown above are reserved by Intel for future device implementations and should not be used 2 DA e A device-level (or device pair) address within the card BA e Address within the block of a specific device (device pair) being erased WA e Address of memory location to be written IA e A device-level address 00H for manufacturer code 01 for device code 3 Following the intelligent identifier command two read operations access manufacturer (89H) and device codes (A2H) 4 SRD e Data read from Device Status Register 5 WD e Data to be written at location WA Data is latched on the rising edge of WE 6 Either 40H or 10H are recognized by the WSM as the Write Setup command
16
SERIES 2 FLASH MEMORY CARDS
matically return status register data Upon completion of that operation the device remains in the Status Register read mode until the CUI receives another command The read Status Register command functions when VPP e VPPL or VPPH
COMMAND DEFINITIONS Read Array (FFH)
Upon initial card power-up after exit from the DeepSleep modes and whenever illegal commands are given individual devices default to the Read Array mode This mode is also entered by writing FFH into the CUI In this mode microprocessor read cycles retrieve array data Devices remain enabled for reads until the CUI receives an alternate command Once the internal WSM has started a block-erase or data-write operation within a device that device will not recognize the Read Array command until the WSM has completed its operation (or the Erase Suspend command is issued during erase)
Clear Status Register (50H)
The Erase Status and Write Status bits may be set to ``1''s by the WSM and can only be reset by the Clear Status Register Command These bits indicate various failure conditions By allowing system software to control the resetting of these bits several operations may be performed (such as cumulatively writing several bytes or erasing multiple blocks in sequence) The device's Status Register may then be polled to determine if an error occurred during that sequence This adds flexibility to the way the device may be used Additionally the VPP Status bit (SR 3) MUST be reset by system software (Clear Status Register command) before further block-erases are attempted (after an error) The Clear Status Register command functions when VPP e VPPL or VPPH This command puts the device in the Read Array mode
Intelligent Identifier (90H)
After executing this command the intelligent identifier values can be read Only address A0 of each device is used in this mode all other address inputs are reserved and should be cleared to 0 (Manufacturer code e 89H for A0 e 0) (Device code e A2H for A0 e 1) The device will remain in this mode until the CUI receives another command This information is useful by system software in determining what type of flash memory device is contained within the card and allows the correct matching of device to write and erase algorithms System software that fully utilizes the PCMCIA specification will not use the intelligent identifier mode as this data is available within the Card Information Structure (refer to section on PCMCIA Card Information Structure)
Write Setup Write
A two-command sequence executes a data-write operation After the system switches VPP to VPPH the write setup command (40H) is written to the CUI of the appropriate device followed by a second write specifying the address and write data (latched on the rising edge of WE ) The device's WSM controls the data-write and write verify algorithms internally After receiving the two-command write sequence the device automatically outputs Status Register data when read (see Figure 13) The CPU detects the completion of the write operation by analyzing card-level or device-level indicators Cardlevel indicators include the RDY BSY pin and the READY-BUSY STATUS REGISTER while devicelevel indicators include the specific device's Status Register Only the Read Status Register command is valid while the write operation is active Upon completion of the data-write sequence (see section on Status Register) the device's Status Register reflects the result of the write operation The device remains in the Read Status Register mode until the CUI receives an alternate command
Read Status Register (70H)
After writing this command a device read outputs the contents of its Status Register regardless of the address presented to that device The contents of this register are latched on the falling edge of OE CE1 (and or CE2 ) whichever occurs last in the read cycle This prevents possible bus errors which might occur if the contents of the Status Register changed while reading its contents CE1 (and CE2 for odd-byte or word access) or OE must be toggled with each subsequent status read or the completion of a write or erase operation will not be evident This command is executable while the WSM is operating however during a block-erase or data-write operation reads from the device will auto-
17
SERIES 2 FLASH MEMORY CARDS
Erase Setup Erase Confirm Commands (20H)
Within a device a two-command sequence initiates an erase operation on one device block at a time After the system switches VPP to VPPH an Erase Setup command (20H) prepares the CUI for the Erase Confirm command (D0H) The device's WSM controls the erase algorithms internally After receiving the two-command erase sequence the device automatically outputs Status Register data when read (see Figure 14) If the command after erase setup is not an Erase Confirm command the CR sets the Write Failure and Erase Failure bits of the Status Register places the device into the Read Status Register mode and waits for another command The Erase Confirm command enables the WSM for erase (simultaneously closing the address latches for that device's block (A16 -A19) The CPU detects the completion of the erase operation by analyzing card-level or device-level indicators Cardlevel indicators include the RDY BSY pin and the READY-BUSY STATUS REGISTER while devicelevel indicators include the specific device's Status Register Only the Read Status Register and Erase Suspend command is valid during an active erase operation Upon completion of the erase sequence (see section on Status Register) the device's Status Register reflects the result of the erase operation The device remains in the Read Status Register mode until the CUI receives an alternate command The two-step block-erase sequence ensures that memory contents are not accidentally erased Erase attempts while VPPL k VPP k VPPH produce spurious results and are not recommended Reliable block erasure only occurs when VPP e VPPH In the absence of this voltage memory contents are protected against erasure If block erase is attempted while VPP e VPPL the VPP Status bit will be set to ``1'' When erase completes the Erase Status bit should be checked If an erase error is detected the device's Status Register should be cleared The CUI remains in Read Status Register mode until receiving an alternate command
Erase Suspend (B0H) Erase Resume (D0H)
Erase Suspend allows block erase interruption to read data from another block of the device or to temporarily conserve power for another system operation Once the erase process starts writing the Erase Suspend command to the CUI (see Figure 15) requests the WSM to suspend the erase sequence at a predetermined point in the erase algorithm In the erase suspend state the device continues to output Status Register data when read Polling the device's RY BY and Erase Suspend Status bits (Status Register) will determine when the erase suspend mode is valid It is important to note that the card's RDY BSY pin will also transition to VOH and will generate an interrupt if this pin is connected to a system-level interrupt At this point a Read Array command can be written to the device's CUI to read data from blocks other than those which are suspended The only other valid commands at this time are Read Status Register (70H) and Erase Resume (D0H) If VPP goes low during Erase Suspend the VPP Status bit is set in the Status Register and the erase operation is aborted The Erase Resume command clears the Erase Suspend state and allows the WSM to continue with the erase operation The device's RY BY Status and Erase Suspend Status bits and the card's READYBUSY Status Register are automatically updated to reflect the erase resume condition The card's RDY BSY pin also returns to VOL
Invalid Reserved
These are unassigned commands having the same effect as the Read Array command Do not issue any command other than the valid commands specified above Intel reserves the right to redefine these codes for future functions
18
SERIES 2 FLASH MEMORY CARDS
DEVICE STATUS REGISTER
Each 28F008SA device in the Series 2 Card contains a Status Register which displays the condition of its Write State Machine The Status Register is read at any time by writing the Read Status command to the CUI After writing this command all subsequent Read operations output data from the Status Register until another command is written to the CUI
Bit 5
Erase Status
This bit will be cleared to 0 to indicate a successful block-erasure When set to a ``1'' the WSM has been unsuccessful at performing an erase verification The device's CUI only resets this bit to a ``0'' in response to a Clear Status Register command
Bit 4
Write Status
Bit 7
WSM Status
This bit reflects the Ready Busy condition of the WSM A ``1'' indicates that read block-erase or data- write operations are available A ``0'' indicates that write or erase operations are in progress
This bit will be cleared to a 0 to indicate a successful data-write operation When the WSM fails to write data after receiving a write command the bit is set to a ``1'' and can only be reset by the CUI in response to a Clear Status Register command
Bit 3 Bit 6 Erase Suspend Status
VPP Status
If an Erase Suspend command is issued during the erase operation the WSM halts execution and sets the WSM Status bit and the Erase Suspend Status bit to a ``1'' This bit remains set until the device receives an Erase Resume command at which point the CUI resets the WSM Status bit and the Erase Suspend Status bit
During block-erase and data-write operations the WSM monitors the output of the device's internal VPP detector In the event of low VPP the WSM sets (``1'') the VPP Status bit the status bit for the operation in progress (either write or erase) The CUI resets these bits in response to a Clear Status Register command Also the WSM RY BY bit will be set to indicate a device ready condition This bit MUST be reset by system software (Clear Status Register command) before further data writes or block erases are attempted
Device Status Register (Read Only Register) Bit 7 WSM Status Bit 6 Erase Suspend Status Bit 5 Erase Status Bit 4 Write Status Bit 3 VPP Status Bit 2 Bit 1 Reserved Bit 0
19
SERIES 2 FLASH MEMORY CARDS
Bus Operation Write
Command Write Setup
x8 Mode Data e 40H Address e Byte Within Card to be Written Data to be Written Address e Byte Within Card to be Written
x16 Mode Data e 4040H Address e Word Within Card to be Written Data to be Written Address e Word Within Card to be Written Status Register Data Toggle OE or (CE1 and CE2 ) to update Status Registers Check SR Bits 7 and 15 1 e Ready 0 e Busy
Write
Data Write
Read
Defaults to Status Register Device Sta- Data Toggle OE tus Register CE1 or CE2 to Read Mode update Status Register Check SR Bit 7 1 e Ready 0 e Busy
Standby
290434 - 17
FULL STATUS CHECK PROCEDURE
Bus Command Operation x8 Mode x16 Mode
Standby
Check SR Bit 3 1 e VPP Detected Low
Check SR Bits 3 and 11 1 e VPP Detected Low
Standby
Check SR Bit 4 1 e Data Write Error
Check SR Bits 4 and 12 1 e Data Write Error
290434 - 18
Figure 13 Device-Level Automated Write Algorithm
NOTES 1 Repeat for subsequent data writes 2 In addition the card's READY-BUSY STATUS REGISTER or the RDY BSY pin may be used 3 Full device-level status check can be done after each data write or after a sequence of data writes 4 Write FFH (or FFFFH) after the last data write operation to reset the device(s) to Read Array Mode 5 If a data write operation fails due to a low VPP (setting SR Bit 3) the Clear Status Register command MUST be issued before further attempts are allowed by the Write State Machine 6 If a data write operation fails during a multiple write sequence SR Bit 4 (Write Status) will not be cleared until the Command User Interface receives the Clear Status Register command
20
SERIES 2 FLASH MEMORY CARDS
Bus Command Operation Write Erase Setup
x8 Mode Data e 20H Address e Block Within Card to be Erased Data e D0H Address e Block Within Card to be Erased
x16 Mode Data e 2020H Address e Block Pair Within Card to be Erased Data e D0D0H Address e Block Pair Within Card to be Erased Status Register Data Toggle OE or (CE1 and CE2 ) to update Status Register Check SR Bits 7 and 15 1 e Ready 0 e Busy
Write
Erase
Read
Defaults to Status Register Device Sta- Data Toggle OE tus Register CE1 or CE2 to Read Mode update Status Register Check SR Bit 7 1 e Ready 0 e Busy
Standby
290434 - 19
FULL STATUS CHECK PROCEDURE
Bus Command Operation x8 Mode x16 Mode
Standby
Check SR Bit 3 1 e VPP Detected Low
Check SR Bits 3 and 11 Either Bit 1 e VPP Detected Low
Standby
Check SR Bits 4 and 5 Check SR Bits 4 5 12 13 Both 1 e Command Sequence Error All 1 e Command Sequence Error
Standby
Check SR Bit 5 1 e Block Erase Error
Check SR Bits 5 and 13 Both 1 e Block Erase Failure
290434 - 20
Figure 14 Device-Level Automated Erase Algorithm
NOTES 1 Repeat for subsequent data writes 2 In addition the card's READY-BUSY STATUS REGISTER or the RDY BSY pin may be used 3 Full device-level status check can be done after each block erase or after a sequence of block erases 4 Write FFH (or FFFFH) after the last block erase operation to reset the device(s) to Ready Array Mode 5 If a block erase operation fails due to a low VPP (setting SR Bit 3) the Clear Status Register command MUST be issued before further attempts are allowed by the Write State Machine 6 If a block erase operation fails during a multiple block erase sequence SR Bit 4 (Write Status) will not be cleared until the Command User Interface receives the Clear Status Register command
21
SERIES 2 FLASH MEMORY CARDS
Bus Operation Write
Command Suspend Erase
x8 Mode Data e B0H Address e Desired Block to Erase Suspend
x16 Mode Data e B0B0H Address e Desired Block Pair to Erase Suspend
Read
Status Register Data Toggle OE CE1 or CE2 to update Status Register Check SR Bit 7 1 e Ready 0 e Busy
Status Register Data Toggle OE or (CE1 and CE2 ) to update Status Register Check SR Bit 7 and 15 1 e Ready 0 e Busy
Standby
Standby
Check SR Bit 6 1 e Suspended 0 e In Progress Rd Array Cmd Data e FFH
Check SR Bit 6 and 14 1 e Suspended 0 e In Progress Data e FFFFH
Write
Read
Read Data until finished
Read Data until finished
Write
Erase Resume
Data e D0H Address e Valid Block Address
Data e D0D0H Address e Valid Block Pair Address
290434 - 27
Figure 15 Erase Suspend Resume Algorithm Allows Reads to Interrupt Erases
POWER CONSUMPTION
STANDBY MODE In most applications software will only be accessing one device pair at a time The Series 2 Card is defined to be in the standby mode when one device pair is in the Read Array Mode while the remaining devices are in the Deep-Sleep Mode The Series 2 Card's CE1 and CE2 input signals must also be at VIH In standby mode much of the card's circuitry is shut off substantially reducing power consumption Typical power consumption for a 20 Megabyte Series 2 card in standby mode is 65 mA
SLEEP MODE Writing a ``1'' to the PWRDWN bit of the GLOBAL POWERDOWN REGISTER places all FlashFile Memory devices into a Deep-Sleep mode This disables most of the 28F008SA's circuitry and reduces current consumption to 0 2 mA per device Additionally when the host system pulls ASIC control logic high and latches all address and data lines (i e not toggling) the card's total current draw is reduced to approximately 5 mA (CMOS input levels) for a 20 Megabyte card On writing a ``0'' to the PWRDWN bit (Global PowerDown Register) or any individual device pair (Sleep Control Register) a Deep-Sleep mode recovery period must be allowed for 28F008SA device circuitry to power back on
22
SERIES 2 FLASH MEMORY CARDS
While these precautions are sufficient for most applications an alternative approach would allow VCC to reach its steady state value before raising VPP1 VPP2 above VCC a 2 0V In addition upon powering-down VPP1 VPP2 should be below VCC a 2 0V before lowering VCC
SYSTEM DESIGN CONSIDERATIONS
POWER SUPPLY DECOUPLING Flash memory power-switching characteristics require careful device decoupling System designers are interested in three supply current issues standby active and transient current peaks produced by rising and falling edges of CE1 and CE2 The capacitive and inductive loads on the card and internal flash memory device pairs determine the magnitudes of these peaks The Flash Memory Card features on-card ceramic decoupling capacitors connected between VCC and GND and between VPP1 VPP2 and GND to help transient voltage peaks On the host side the card connector should also have a 4 7 mF electrolytic capacitor between VCC and GND as well as between VPP1 VPP2 and GND The bulk capacitors will overcome voltage slumps caused by printed-circuit-board trace inductance and will supply charge to the smaller capacitors as needed
HOT INSERTION REMOVAL
The capability to remove or insert PC cards while the system is powered on (i e hot insertion removal) requires careful design approaches on the system and card levels To design for this capability consider card overvoltage stress system power droop and control line stability A PCMCIA JEIDA specified socket properly sequences the power supplies to the flash memory card via shorter and longer pins This assures that hot insertion and removal will not result in card damage or data loss
PCMCIA CARD INFORMATION STRUCTURE
The Card Information Structure (CIS) starts at address zero of the card's Attribute Memory Plane It contains a variable-length chain of data blocks (tuples) that conform to a basic format as shown in Table 5 This section describes each tuple contained within the Series 2 Flash Memory Card
POWER UP DOWN PROTECTION
Each device in the Flash Memory Card is designed to offer protection against accidental erasure or writing caused by spurious system-level signals that may exist during power transitions The card will power-up into the Read Array Mode A system designer must guard against active writes for VCC voltages above VLKO when VPP is active Since both WE and CE1 (and or CE2 ) must be low for a command write driving either to VIH will inhibit writes With its Command User Interface alteration of device contents only occurs after successful completion of the two-step command sequences
The Device Information Tuple
This tuple (CISTPL DEV e 01H) contains information pertaining to the card's speed and size The Series 2 Card is offered with a 150 nanosecond access time Card sizes range between 2 and 20 Megabytes
Table 5 Tuple Format Bytes 0 1 Data Tuple Code CISTPL xxx The tuple code 0FFH indicates no more tuples in the list Tuple Link TPL LlNK Link to the next tuple in the list This can be viewed as the number of additional bytes in tuple excluding this byte If the link field is zero the tuple body is empty If the link field contains 0FFH this tuple is the last tuple in the list Bytes specific to this tuple
2bn
23
SERIES 2 FLASH MEMORY CARDS
The Device Geometry Tuple
This tuple (CISTPL DEVlCEGEO e 1EH) is conceptually similar to a DOS disk geometry tuple (CISTPL GEOMETRY) except it is not a formatdependent property this deals with the fixed architecture of the memory device(s) Fields are defined as follows DGTPL BUS Value e n where system bus width e 2(nb1) bytes N e 2 for standard PCMClA Release 1 0 2 0 cards DGTPL EBS Value e n where the memory array's physical memory segments have a minimum erase block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL RBS Value e n where the memory array's physical memory segments have a minimum read block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL WBS Value e n where the memory array's physical memory segments have a minimum write block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL PART Value e n where the memory array's physical memory segments can have partitions subdividing the arrays in minimum granularity of 2(nb1) number of erase blocks FL DEVICE INTERLEAVE Value e n where card architectures employ a multiple of 2(nb1) times interleaving of the entire memory arrays with the above characteristics Non-interleaved cards have values ne1
Level 1 Version Product Information Tuple
This tuple (CISTPL VERI e 15H) contains Level-1version compliance and card-manufacturer information Fields are described as follows TPLLV1 MAJOR TPLLV1 MINOR release 2 0 Major version number e 04H Minor version number e 01H for
TPLLV1 INFO Name of manufacturer Name of product Card type Speed Register Base Test Codes Legalities
e e e e e e e
intel SERIES2-``Card size'' 2 150 ns or 200 ns REGBASE 4000H DBBDRELP COPYRIGHT intel Corporation 1991
The Configurable Card Tuple
This tuple (ClSTPL CONF e 1AH) describes the interface supported by the card and the locations of the Card Configuration Registers and the Card Configuration Table Fields are described as follows TPCC SZ Size of fields byte e 01H
TPCC LAST Index number of the last entry in the Card Configuration Table e 00H TPCC RADR Configuration Registers Base Address in Reg Space e 4000H TPCC RMSK Mask e 03H Configuration Registers Present
Jedec Programming Information Tuple
This tuple (CISTPL JEDEC e 18H) contains the Intel manufacturing identifier (89H) and the 28F008SA device ID (A2H)
The End-Of-List Tuple
The end-of-list tuple (CISTPL END e FFH) marks the end of a tuple chain Upon encountering this tuple continue tuple processing as if a long-link to address 0 of common memory space were encountered
24
SERIES 2 FLASH MEMORY CARDS
Tuple Address 00H 02H 04H
Value 01H 03H 53H 52H
Description CISTPL DEV TPL LINK
Tuple Address 32H 34H 36H 38H 3AH 3CH 3EH 40H 42H 44H 46H
Value 6CH 00H 53H 45H 52H 49H 45H 53H 32H 2DH 30H 30H 31H 32H 32H 34H 30H 30H 20H 00H 32H 41H 42H 45H 5AH 48H 49H 4CH 4FH
Description l END TEXT S E R I E S 2
DEVICE INFO e FLASH 150 ns DEVICE INFO e FLASH 200 ns CARD SIZE 2M 4M 10M 20M END OF DEVICE CISTPL DEVICEGEO TPL LINK DGTPL DGTPL DGTPL DGPL BUS EBS RBS WBS
06H
06H 0EH 26H 4EH FFH 1EH 06H 02H 11H 01H 01H 03H 01H 18H 02H 89H A2H 15H 50H 04H 01H 69H 6EH 74H 65H
08H 0AH 0CH 0EH 10H 12H 14H 16H 18H 1AH 1CH 1EH 20H 22H 24H 26H 28H 2AH 2CH 2EH 30H
2M e 0 4M e 0 10M e 1 20M e 2 2M e 2 4M e 4 10M e 0 20M e 0 SPACE END TEXT CARD TYPE 2 A e 2M 150 ns B e 4M 150 ns E e 10M 150 ns Z e 20M 150 ns H e 2M 200 ns I e 4M 200 ns L e 10M 200 ns O e 20M 200 ns
48H
4AH 4CH 4EH 50H
DGTPL PART FL DEVICE INTERLEAVE CISTPL JEDEC TPL LINK INTEL J-ID 28F008 J-ID CISTPL VER1 TPL LINK
TPLLV1 MAJOR TPLLV1 MINOR TPLLV1 INFO i n t e
25
SERIES 2 FLASH MEMORY CARDS
Tuple Address 52H 54H 56H 58H 5AH 5CH 5EH 60H 62H 64H 66H 68H 6AH 6CH 6EH 70H 72H 74H 76H 78H 7AH 7CH 7EH 80H 82H 84H 86H 88H 8AH 8CH 8EH 90H 92H 94H
Value 20H 52H 45H 47H 42H 41H 53H 45H 20H 34H 30H 30H 30H 68H 20H 44H 42H 42H 44H 52H 45H 4CH 50H 00H 43H 4FH 50H 59H 52H 49H 47H 48H 54H 20H
Description SPACE REGBASE-R E G B A S E SPACE 4000h 4 0 0 0 h SPACE D B B D R E L P END TEXT COPYRIGHT C O P Y R I G H T SPACE
Tuple Address 96H 98H 9AH 9CH 9EH A 0H A2H A4H A6H A8H AAH ACH AEH B0H B2H B4H B6H B8H BAH BCH BEH C0H C2H C4H C6H C8H CAH CCH CEH D0H D2H D4H D6H D8H
Value 69H 6EH 74H 65H 6CH 20H 43H 4FH 52H 50H 4FH 52H 41H 54H 49H 4FH 4EH 20H 31H 39H 39H 31H 00H FFH 1AH 06H 01H 00H 00H 40H 03H FFH FFH 00H
Description i n t e l SPACE CORPORATION C O R P O R A T I O N SPACE 1 9 9 1 END TEXT END OF LIST CISTPL TPL TPCC CONF LINK SZ
TPCC LAST TPCC TPCC RADR RADR
TPCC RMSK END OF LIST CISTPL END INVALID ECIS ADDRESS
26
SERIES 2 FLASH MEMORY CARDS
OPERATING SPECIFICATlONS
ABSOLUTE MAXIMUM RATINGS Storage Temperature Voltage on Any Pin with Respect to Ground
b 40 C to a 85 C b 2 0V to VCC a 2 0V(1)
NOTICE This data sheet contains preliminary information on new products in production The specifications are subject to change without notice Verify with your local Intel Sales office that you have the latest data sheet before finalizing a design
VPP1 VPP2 Supply Voltage with b 2 0V to a 14 0V(1 2) Respect to Ground VCC Supply Voltage with Respect to Ground
b 0 5V to a 7 0V
WARNING Stressing the device beyond the ``Absolute Maximum Ratings'' may cause permanent damage These are stress ratings only Operation beyond the ``Operating Conditions'' is not recommended and extended exposure beyond the ``Operating Conditions'' may affect device reliability
NOTES 1 Minimum DC input voltage is b0 5V During transitions inputs may undershoot to b2 0V tor periods of less than 20 ns Maximum DC voltage on output pins is VCC a 0 5V The voltage may overshoot to VCC a 2 0V for periods of less than 20 ns 2 Maximum DC input voltage on VPP1 VPP2 may overshoot to a 14 0V for periods of less than 20 ns
COMMERCIAL TEMPERATURE OPERATING CONDITIONS These operating conditions apply to commercial temperature devices
Symbol TA VCC Parameter Operating Temperature VCC Supply Voltage (5%) Min 0 4 75 Max 70 5 25 Unit C V
EXTENDED TEMPERATURE OPERATING CONDITIONS These operating conditions apply to extended temperature devices
Symbol TA VCC Parameter Operating Temperature VCC Supply Voltage (5%) Min
b 40
Max 85 5 25
Unit C V
4 75
CHARACTERISTICS All AC and DC characteristics apply to both commercial and extended temperature devices COMMON DC CHARACTERISTICS CMOS and TTL
Symbol ILI ILO VIL VIH VOL VOH VPPL VPPH VLKO Parameter Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage (TTL) Input High Voltage (CMOS) Output Low Voltage Output High Voltage VPP during Read Only Operations VPP during Read Write Operations VCC Erase Write Lock Voltage 1 1 12 1 1 Notes 13 1 1 1
b0 5
Min
Typ
g1
Max
g20
Unit mA mA V V V V V V V
Test Condition VCC e VCC Max VIN e VCC or GND VCC e VCC Max VOUT e VCC or GND
g1
g20
24 0 7 VCC VSS 40 00 11 4 20
08 VCC a 0 3 VCC a 0 3 04 VCC 65 12 6
VCC e VCC Min IOL e 3 2 mA VCC e VCC Min IOH e b 2 0 mA
NOTES 1 Values are the same for byte and word wide modes and for all card densities 2 Block Erases Data Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and VPPL 3 Exceptions With VIN e GND the leakage on CE1 CE2 REG OE WE will be s 500 mA due to internal pullup resistors and with VIN e VCC RST leakage will be s 500 mA due to internal pulldown resistor
27
SERIES 2 FLASH MEMORY CARDS
DC CHARACTERISTICS CMOS
Symbol ICCR Parameter VCC Read Current Notes 13 Byte Wide Mode Min Typ 45 Max 85 Word Wide Mode Min Typ 65 Max 120 mA VCC e VCC Max Control Signals e GND tCYCLE e 200 ns IOUT e 0 mA Data Write in Progress Block (Pair) Erase in Progress VCC e VCC Max Control Signals e VIH Unit Test Condition
ICCW ICCE ICCS
VCC Write Current VCC Erase Current VCC Standby Current 2 Meg 4 Meg 10 Meg 20 Meg
13 123
35 35 110
80 80 420 620 1220 2200 60
45 45 110 160 310 560
110 110 420 620 1220 2200 60 100 260 460 30 30
mA mA
146
160 310 560
mA
ICCSL
VCC Sleep Current
2 Meg 4 Meg 10 Meg 20 Meg 145
100 260 460
mA
IPPW IPPE IPPSL
VPP Write Current (VPP e VPPH) VPP Erase Current (VPP e VPPH) VPP Sleep Current 2 Meg 4 Meg 10 Meg 20 Meg
13 13 02 15 04 1 2 20 16 22 28 38 20 16 40 100 200
15 15 10 20 50 100 20 30 60 110 400 800 2000 4000 02 04 1 2 20 22 28 38 20 40 100 200
mA mA
Data Write in Progress Block (Pair) Erase in Progress
10 20 50 100 20 30 60 110 400 800 2000 4000 mA mA mA
IPPS1
VPP Standby or Read Current (VPP s VCC)
2 Meg 4 Meg 10 Meg 20 Meg
IPPS2
VPP Standby or Read Current (VPP l VCC)
2 Meg 4 Meg 10 Meg 20 Meg
NOTES 1 All currents are in RMS unless otherwise noted Typical values at VCC e 5 0V VPP e 12 0V T e 25 C 2 The Data Sheet specification for the 28F008SA in Erase Suspend (ICCES) is 5 mA typical and 10 mA max with the device deselected If the device(s) are read while in Erase Suspend Mode current draw is the sum of ICCES and ICCR 3 Standby or Sleep currents are not included for non-accessed devices 4 Address and data inputs to card static Control line voltages equal to VIH or VIL 5 All 28F008SA devices in Deep-Sleep (Reset-PowerDown) mode 6 In Byte and Word Mode all but two devices in Deep-Sleep
28
SERIES 2 FLASH MEMORY CARDS
DC CHARACTERISTICS TTL
Symbol ICCR Parameter VCC Read Current Notes 13 Byte Wide Mode Min Typ 70 Max 135 Word Wide Mode Min Typ 90 Max 170 mA VCC e VCC Max Control Signals e GND tCYCLE e 200 ns IOUT e 0 mA mA Data Write in Progress mA Block (Pair) Erase in Progress VCC e VCC Max Control Signals mA e VIH Unit Test Condition
ICCW ICCE ICCS
VCC Write Current VCC Erase Current VCC Standby Current 2 Meg 4 Meg 10 Meg 20 Meg
13 123
60 60
130 130
70 70
160 160
146
20
100
20
100
ICCSL
VCC Sleep Current
2 Meg 4 Meg 10 Meg 20 Meg 145 20 100 20 100 mA
IPPW IPPE IPPSL
VPP Write Current (VPP e VPPH) VPP Erase Current (VPP e VPPH) VPP Sleep Current 2 Meg 4 Meg 10 Meg 20 Meg
13 13
10 10 02
30 30 10 20 50 100 20 30 60 110 400 800 2000 4000
20 20 02 04 10 20 20 22 28 38 20 40 100 200
60 60 10 20 50 100 20 30 60 110 400 800 2000 4000
mA Data Write in Progress mA Block (Pair) Erase in Progress
15
04 10 20 20
mA
IPPS1
VPP Standby or Read Current (VPP s VCC)
2 Meg 4 Meg 10 Meg 20 Meg 16
22 28 38 20
mA
IPPS2
VPP Standby or Read Current (VPP l VCC)
2 Meg 4 Meg 10 Meg 20 Meg 16
40 100 200
mA
NOTES 1 All currents are in RMS unless otherwise noted Typical values at VCC e 5 0V VPP e 12 0V T e 25 C 2 The Data Sheet specification for the 28F008SA in Erase Suspend (ICCES) is 5 mA typical and 10 mA max with the device deselected If the device(s) are read while in Erase Suspend Mode current draw is the sum of ICCES and ICCR 3 Standby or Sleep currents are not included for non-accessed devices 4 Address and data inputs to card static Control line voltages equal to VIH or VIL 5 All 28F008SA devices in Deep-Sleep (Reset-PowerDown) mode 6 In Byte and Word Mode all but two devices in Deep-Sleep 7 The current consumption from the 28F008SA is insignificant in relation to the ASIC's
29
SERIES 2 FLASH MEMORY CARDS
AC CHARACTERISTICS
AC Timing Diagrams and characteristics are guaranteed to meet or exceed PCMCIA Release 2 0 specifications PCMCIA allows a 300 ns access time for Attribute Memory Note that read and write access timings to the Series 2 Flash Memory Card's Common and Attribute Memory Planes are identical at 150 ns Furthermore there is no delay in switching between the Common and Attribute Memory Planes
COMMON AND ATTRIBUTE MEMORY AC CHARACTERISTICS Read-Only Operations Symbol JEDEC tAVAV tAVQV tELQV tGLQV tEHQX tGHQZ tGLQX tELQX tAXQX tRHQV tsu (VCC) PCMCIA tRC ta (A) ta (CE) ta (OE) tdis (CE) tdis (CE) ten (CE) ten (OE) tv (A) Parameter Read Cycle Time Address Access Time Card Enable Access Time Output Enable Access Time Output Disable Time from CE Output Disable Time from OE Output Enable Time from CE Output Enable Time from OE Data Valid from Add Change Reset-PwrDwn Recovery to Output Delay CE Setup Time on Power-Up First Access after Reset 5 5 0 500 1 500 Notes Min 150 150 150 75 75 75 Max Unit ns ns ns ns ns ns ns ns ns ns ms ns
290434 - 28
Transient Input Output Reference Waveform (VCC e 5 0V) for Standard Test Configuration
290434 - 29
Transient Input Output Reference Waveform (VCC e 3 3V) for Standard Test Configuration
30
SERIES 2 FLASH MEMORY CARDS
290434- 21
Figure 16 AC Waveform for Read Operations 31
NOTE 1 The hatched area may be either high or low
SERIES 2 FLASH MEMORY CARDS
COMMON AND ATTRIBUTE MEMORY AC CHARACTERISTICS Write Operations(1) Symbol JEDEC tAVAV tWLWH tAVWL tAVWH tVPWH tELWH tDVWH tWHDX tWHAX tWHRL tWHQV1 tWHQV2 tQVVL tWHGL tRHWL th (OE-WE) PCMCIA tWC tw (WE) tsu (A) tsu (A-WEH) tvps tsu (CE-WEH) tsu (D-WEH) th (D) trec (WE) Parameter Write Cycle Time Write Pulse Width Address Setup Time Address Setup Time for WE VPP Setup to WE Going High Notes Min 150 80 20 100 100 100 50 20 20 120 6 03 2 0 10 Going Low 1 Max Unit ns ns ns ns ns ns ns ns ns ns ms sec ns ns ms
Card Enable Setup Time for WE Data Setup Time for WE Data Hold Time Write Recover Time WE High to RDY BSY
Duration of Data Write Operation Duration of Block Erase Operation VPP Hold from Operation Complete Write Recovery before Read Reset-PwrDwn Recovery to WE
NOTES 1 Read timing characteristics during erase and data write operations are the same as during read-only operations Refer to AC Characteristics for Read-Only operations 2 Refer to text on Data-Write and Block-Erase Operations
BLOCK ERASE AND DATA WRITE PERFORMANCE Parameter Block Pair Erase Time(1) Block Pair Write Time Byte Word Write Time Notes 24 24 4 4 8 ms Min Typ(3) Max Unit 11 05 6 ms 10 21 3 ms sec sec
NOTES 1 Individual blocks can be erased 100 000 times 2 Excludes System-Level Overhead 3 25 C 12 0 VPP 4 Monitor Ready Busy Registers for the completion of a write erase command
32
Figure 17 AC Waveform for Write Operations
290434- 22
SERIES 2 FLASH MEMORY CARDS
NOTE By writing the appropriate register or on power-up the card control ASIC generates the RP
signal to the card's devices
33
SERIES 2 FLASH MEMORY CARDS
COMMON AND ATTRIBUTE MEMORY AC CHARACTERISTICS CE -Controlled Write Operations(1) Symbol JEDEC tAVAV tELEH tAVEL tAVEH tVPEH tWLEH tDVEH tEHDX tEHAX tEHRL tEHQV1 tEHQV2 tQVVL tEHGL tRHEL th (OE-WE) Duration of Data Write Duration of Erase PCMCIA tWC tw (WE) tsu (A) tsu (A-WEH) tvps tsu (CE-WEH) tsu (D-WEH) th (D) trec (WE) Parameter Write Cycle Time Chip Enable Pulse Width Address Setup Time Address Setup Time for CE VPP Setup to CE Going High Notes 1 1 1 1 1 1 1 1 1 1 1 1 12 1 Going Low 6 03 0 10 1 Min 150 80 20 100 100 100 50 20 20 120 Max Unit ns ns ns ns ns ns ns ns ns ns ms sec ns ns ms
Write Enable Setup Time for CE Data Setup Time for CE Data Hold Time Write Recover Time CE High to RDY BSY
Duration of Data Write Operation Duration of Block Erase Operation VPP Hold from Operation Complete Write Recovery before Read Reset-PwrDwn Recovery to CE
NOTES 1 Read timing characteristics during erase and data write operations are the same as during read-only operations Refer to AC Characteristics for Read-Only operations 2 Refer to text on Data-Write and Block-Erase Operations
34
Figure 18 Alternate AC Waveform for Write Operations
290434- 23
SERIES 2 FLASH MEMORY CARDS
NOTE By writing the appropriate register or on power-up the card control ASIC generates the RP
signal to the card's devices
35
SERIES 2 FLASH MEMORY CARDS
290434 - 24
Figure 19 Series 2 Flash Memory Card Package Dimensions 36
SERIES 2 FLASH MEMORY CARDS
290434 - 25
Figure 20 Card Connector Socket
290434 - 26
L1 MAX 0 020 (0 5)
L2 Pin Type See Table 1 Detect 0 059 (1 5) g0 039 General 0 084 (2 1) g0 064 Power 0 098 (2 5) g0 078
L3 REF 0 024 (0 6)
Figure 21 Pin Socket Contact Length with Wipe
37
SERIES 2 FLASH MEMORY CARDS
Label Dimensions
290434 - 30
NOTES Total label dimensions are g0 003 Total label thickness with adhesive is 0 002
Card Dimensions with Label
290434 - 31
Figure 22 Label Information 38
SERIES 2 FLASH MEMORY CARDS
Table 5 Capacitance TA e 25 C f e 1 0 MHz Symbol CIN Characteristics Address Control Capacitance (A0 -A8 CE1 VCC VPP COUT Output Capacitance CE2 ) Commercial Min Address Control Capacitance (A9 -A24 all others) Max 30 20 2 20 pF pF mF pF Unit
NOTE Sampled not 100% tested
ORDERING INFORMATION
iMC020FLSA-15 WHERE i MC 020 FL S A -ET 15
e INTEL e MEMORY CARD e DENSITY IN MEGABYTES e e e e e
M9508014 SBXXXX
(002 004 010 020 AVAILABLE) FLASH TECHNOLOGY BLOCKED ARCHITECTURE SERIES 2 EXTENDED TEMPERATURE 150 ns
M 95 08 014 SBXXXX
e e e e e
MANILA 1995 WEEK 08 LOT CUSTOMER IDENTIFIER
ADDITIONAL INFORMATION 28F008SA FlashFile TM Memory Data Sheet AP-361 ``Implementing the Integrated Registers of the Series 2 Flash Memory Card'' AP-364 ``28F008SA Automation and Algorithms'' AP-359 ``28F008SA Hardware Interfacing'' AP-360 ``28F008SA Software Drivers'' AP-606 ``Interchangeability of Series 1 2 2 a Flash Memory Cards''
ORDER NUMBER 290429 292096 292099 292094 292095
REVISION HISTORY
Number 02 Description Added 150 ns TUPLE Deleted 250 ns TUPLE Corrected Global Power Register Address to 4002H Corrected Write Protection Register Address to 4104H Corrected Ready-Busy Mode Register Address to 4140H ICC Standby Byte Wide Mode MAX TYP Increased Added Power-On Timing Spec Added First Access after Reset Spec Changed Advanced Information to Preliminary Added 2 MByte card support Changed write timing waveforms to match PCMCIA Changed PowerDown (PWD) to Reset-PowerDown (RP) Extended Operating Temperature Range Added Maximum Byte Write Time Added 150 ns Timings Change Cover Drawing to Accommodate Label Modified DC characteristics to reflect a conversion to new memory components the 0 4m version of the 28F008SA The new devices also have improved program and erase performance 39
03
04 05 06


▲Up To Search▲   

 
Price & Availability of IMC004FLSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X