Part Number Hot Search : 
IR2131 C5141 FB4410Z KRC858U TIP563 17A06 JS28F128 27C256
Product Description
Full Text Search
 

To Download IFX1117MEV33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulator Data Sheet
IFX1117
Features * * * * * * * * Output voltage 3.3 V or adjustable 1.0 A output current Low drop voltage < 1.2 V @ 800 mA Short circuit protected Overtemperature protected Operating range up to 15 V Industrial type Green Product (RoHS compliant)
For automotive and transportation applications, please refer to the Infineon TLE and TLF voltage regulator series.
Functional Description The IFX1117 is a monolithic integrated fixed NPN type voltage regulator that can supply loads up to 1.0 A. The device is housed in the small surface mounted SOT223 package. The IC is equipped with additional protection against overload, short circuit and overtemperature. The IFX1117ME V33 supplies a regulated output voltage of 3.3 V (2%). The IFX1117ME V supplies an output voltage with 2% precision adjustable via an external voltage divider. The input voltage for the IFX1117ME V33 ranges from 4.5 V (= VQ+VDR) to 15 V for a load current of 800 mA, for the maximum load current of 1.0 A a minimum input voltage of 4.7 V is required. The drop voltage VDR ranges from 1.1 V to 1.4 V depending on the load current level. The device operates in the temperature range of Tj = 0 to 125 C.
Type IFX1117ME V33 IFX1117ME V
Data Sheet
Package PG-SOT223 PG-SOT223
1
Marking 111733 1117V
Rev. 1.0, 2011-02-24
IFX 1117
I
Q
Control with Overtemperature Protection; Overcurrent Protection
Internal Reference
GND
AES02840
Figure 1
Block Diagram for Fixed Output Voltage IFX1117ME V33
Data Sheet
2
Rev. 1.0, 2011-02-24
IFX 1117
SOT223
Q
4
1
2
3
GND
Q
I
AEP02868_1117_01
Figure 2 Table 1 Pin No. 1 2 3 4 (TAB)
Pin Configuration IFX1117ME V33 (top view) Pin Definitions and Functions IFX1117ME V33 Symbol Function GND Q I Q Ground Output; Connect output pin to GND via a capacitor CQ 10 F with ESR 20 (see also graph "Region of Stability") Input Output; Connect to pin 2 and heatsink area on PCB
Data Sheet
3
Rev. 1.0, 2011-02-24
IFX 1117
SOT223
Q
4
1
2
3
ADJ
Q
I
AEP02868_1117_02
Figure 3 Table 2 Pin No. 1 2 3 4 (TAB)
Pin Configuration IFX1117ME V (top view) Pin Definitions and Functions IFX1117ME V Symbol Function ADJ Q I Q Adjust; defines output voltage level by external voltage divider between Q, ADJ and GND. Output; Connect output pin to GND via a capacitor CQ 10 F with ESR 20 (see also graph "Region of Stability"). Input Output; Connect to pin 2 and heatsink area on PCB
Data Sheet
4
Rev. 1.0, 2011-02-24
IFX 1117
Table 3 Parameter
Absolute Maximum Ratings Symbol Limit Values Min. Max. 20 20 20 - 2 V V V - kV - - - Internally limited Human Body Model Unit Test Condition
Input - Output Voltage Difference (variable device only) Voltage Voltage Output Voltage Current ESD Rating Electrostatic discharge voltage Temperature Storage temperature Junction temperature
VI - VQ VI VQ IQ VESD
-0.3 -0.3 -0.3 - -2
Input Voltage (fixed voltage version only)
Tstg Tj
-50 -40
150 150
C C
- -
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 4 Parameter Input Voltage Junction temperature Table 5 Junction ambient Operating Range Symbol Limit Values Min. Max. V C K/W K/W K/W - - PG-SOT223, footprint only. PG-SOT223, 300 mm2 heat sink area - 125 164 81 4 Unit Remarks
VI Tj Rthja
VQ + VDR 15
0 - -
Thermal Resistance
Junction case
Rthjc
-
Note: In the operating range, the functions given in the circuit description are fulfilled.
Data Sheet
5
Rev. 1.0, 2011-02-24
IFX 1117
Characteristics 3.3 V Fixed Output Voltage Device IFX1117ME V33 0 C < Tj < 125 C; VI = 5 V, IQ = 10 mA; unless otherwise specified. Parameter Output voltage Output voltage Line regulation Load regulation Drop voltage Symbol Limit Values min. typ. max. V V mV mV mV V V V V mA mV % ppm dB 0 mA IQ 800 mA 4.7 V VI 10 V 0 mA IQ 1000 mA; 4.7 V VI 15V 4.7 V VI 15V 0 mA IQ 800 mA;1) 0 mA IQ 1.0 A1) 3.23 5 - - - - - - - - - - - - 60 3.300 3.36 5 3.300 - 1 1 2 1.00 1.05 1.10 1.30 5 16.5 0.3 30 65 6 10 - 1.10 1.15 1.20 1.40 10 - - - - Unit Measuring Conditions
VQ VQ
VQ VQ
VDR Drop voltage VDR Drop voltage VDR Drop voltage VDR Current consumption; Iq Iq = II - IQ
Temperature stability Long Term Stability Current limit RMS Output Noise Power Supply Ripple Rejection VQ -
IQ = 100 mA2) IQ = 500 mA2) IQ = 800 mA2) IQ = 1.0 A2) IQ = 10 mA
3) 3)
IQmax
-
1100 -
2250 mA
PSRR
VQ = 0.5 V ppm of VQ, Tj = 25 C 10 Hz f 10 kHz3) fr = 120 Hz, Vr = 1 VPP3)
1) Measured at constant junction temperature 2) Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at VI = 5.0 V. 3) Specified by design; not subject to production test.
Data Sheet
6
Rev. 1.0, 2011-02-24
IFX 1117
Characteristics Adjustable Output Voltage Device IFX1117ME V 0 C < Tj < 125 C; VI = 5 V, IQ = 10 mA; unless otherwise specified. Parameter Reference voltage Output voltage Line regulation Load regulation Drop voltage Drop voltage Drop voltage Drop voltage Minimum Load Current 4) Adjust Current Adjust Current Change Temperature stability Long Term Stability Current limit RMS Output Noise Power Supply Ripple Rejection Symbol Limit Values min. typ. max. V V %1) %1) %1) V V V V mA A A %1) %
1)
Unit
Measuring Conditions 10 mA IQ 800 mA; 1.4 V (VI-VQ) 10 V 10 mA IQ 1000 mA; 2.65 V VI 15 V 1.5 V (VI-VQ) 13.75 V 10 mA IQ 800 mA;2) 10 mA IQ 1.0 A 2)
VQ VQ
VQ VQ
1.22 5 - - - - - - - - - - - - - - 65
1.250 1.27 0 1.250 - 0.035 0.2 0.2 0.25 1.00 1.05 1.10 1.30 1.7 100 2 0.5 0.3 30 70 0.4 - 1.10 1.15 1.20 1.40 5.0 120 5 - - - -
VDR VDR VDR VDR Iq IADJ
IADJ VQ -
IQ = 100 mA 3) IQ = 500 mA 3) IQ = 800 mA 3) IQ = 1.0 A 3) VI = 15 V IQ = 10 mA
1.4 V (VI-VQ) 13.6 V; 10 mA IQ 800 mA
5) 5)
IQmax
-
1100 -
2250 mA ppm dB
PSRR
VQ = 0.5 V ppm of VQ, Tj = 25 C 10 Hz f 10 kHz 5) fr = 120 Hz, Vr = 1 VPP 5)
1) Related to VQ 2) Measured at constant junction temperature 3) Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at VI = 5.0 V. 4) Minimum load current required to maintain regulation 5) Specified by design; not subject to production test.
Data Sheet
7
Rev. 1.0, 2011-02-24
IFX 1117
IFX1117ME V33
II VI CI
100 nF
I3
2
Q
IQ CQ VQ
1 GND
IGND
AES02937_1117
Figure 4
Measuring Circuit
Application Information
IFX1117ME V33
VI CI1 CI2
I
3
2
Q
VQ CQ2
1 GND
AES02816_1117
Figure 5
Typical Application Circuit IFX1117ME V33
Data Sheet
8
Rev. 1.0, 2011-02-24
IFX 1117
Output The IFX1117 requires a 10 F output capacitor with ESR 20 for the stability of the regulation loop. The use of a tantalum output capacitor is recommended. For the adjustable device IFX1117ME V the output voltage level can be defined by a voltage divider between Q, ADJ and GND. The output voltage calculates:
R2 V Q = V REF x 1 + ----- + I ADJ x R 2 R 1
(1)
At the input of the regulator a capacitor is recommended to compensate line influences. As a minimum a 100 nF ceramic input capacitor should be used. If the regulator is used in an environment with long input lines an input capacitance of 10 F is suggested.
IFX1117ME V
VI CI1 CI2
I
3
2
Q
VQ CQ2 R1 VQ - VADJ = VREF
1 ADJ
IADJ R2 CADJ
AES02815_1117
Figure 6
Typical Application Circuit IFX1117ME V
Data Sheet
9
Rev. 1.0, 2011-02-24
IFX 1117
Typical Performance Characteristics Output Voltage VQ versus Junction Temperature T j
VQ-TJ.VSD
Dropout Voltage Vdr versus Output Current IQ
1300 Vdr [mV]
VDR-IQ.VSD
V Q [%]
1.0 I Q = 10 mA 0.0
1100 T j = 25 C 1000 Tj = 125 C
-1.0
900
-2.0
800
0
25
50
75
100
125
150
0
200
400
600
800 I Q [mA]
Tj [C]
Dropout Voltage Vdr versus Junction Temperature Tj
1300 Vdr [mV]
VDR-TJ.VSD
Maximum Output Current IQ versus Junction Temperature Tj
2.2 I Q [A]
IQMAX-TJ.VSD
1100 I Q = 800 mA 1000 I Q = 500 mA I Q = 100 mA
1.8
VQ = 0.5 V
1.6
900
1.4
800
1.2
0
25
50
75
100
125
150
1.0 0 25 50 75 100 125 150 T j [C]
T j [C]
Data Sheet
10
Rev. 1.0, 2011-02-24
IFX 1117
Typical Performance Characteristics Adjust Pin Current IADJ versus Junction Temperature Tj
IADJ.VSD
Power Supply Ripple Rejection PSRR versus Frequency f
80
PSRR.VSD
I A DJ [A]
PSRR
[dB]
IFX1117 ME V VI = 5 V
88
60
IFX1117 ME V33 VI = 8 V
IFX1117 ME V33 VI = 5 V
84
50
80
40
76
30
VRIPPLE = 1 V I Q = 10 mA CQ = 10 F Tantalum
100 1k 10k 100k
0
25
50
75
100
125 T j [C]
10
f [Hz]
Region of Stability Version ME V33
V33_ESR-IQ.VSD
Region of Stability Version ME V
V_ESR-IQ.VSD
ESR CQ [ ] C Q = 10 F
ESR CQ [ ] C Q = 10 F
10
10
1
Stable Region
1
Stable Region
T j = 125 C 0.1 T j = 125 C T j = 25C 0.01 0 40 80 120 160 I Q [mA] 0.01 0 40 0.1 T j = 25C 80 120 160 I Q [mA]
Data Sheet
11
Rev. 1.0, 2011-02-24
IFX 1117
Typical Performance Characteristics Load Transient Response Version ME V33
V33_dVQ-dIQ.vsd
Line Transient Response Version ME V33
V33_dVQ-dVI.vsd
VQ
[mV] 50 0 -50 -100 VI = 5 V CQ = 10 F Tantalum
VQ
[mV] 50 0 -50 IQ = 100 mA CQ = 10 F Tantalum VI [V] 5.75
Q [A]
0.6
0.1 0 20 40 60 80
4.75 0 20 40 60 80
t [s]
t [s]
Load Transient Response Version ME V
V_dVQ-dIQ.vsd
Line Transient Response Version ME V
V_dVQ-dVI.vsd
VQ
[%] 3 0 -3 -6 VI - V Q = 3 V CQ = 10 F Tantalum
VQ
[%] 3 0 -3 -6 I Q = 100 mA C Q = 10 F Tantalum VI - VQ [V] 3.5
Q [A]
0.6
0.1 0 20 40 60 80
2.5 0 20 40 60 80
t [s]
Data Sheet 12
t [s]
Rev. 1.0, 2011-02-24
IFX 1117
Package Outline
1.60.1 0.1 MAX.
4
A
6.5 0.2 3 0.1
B
3.5 0.2
7 0.3
1 2 3
0.25 M A
0.7 0.1 4.6
2.3 0.25 M B
0.5 MIN.
0.28 0.04
0...10
SOT223-PO V04
3.5
1.4
4
1.7
4.8
1.2 1.1
SOT223-FPR V04
1.4
1.4 0.9
SOT223-FPW V04
Footprint Reflow Soldering
Footprint Wave Soldering
Figure 7
Outline and footprint PG-SOT223
Green Product (RoHS-Compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
You can find all of our packages, sorts of packing and others in our Infineon Internet Page "Products": http://www.infineon.com/products. SMD = Surface Mounted Device Data Sheet 13 Dimensions in mm Rev. 1.0, 2011-02-24
1.7
4.8
IFX 1117
Revision History
Version Rev. 1.0
Date
Changes
2011-02-24 Data Sheet
Data Sheet
14
2011-02-24
Edition 2011-02-24 Published by Infineon Technologies AG 81726 Munich, Germany
(c) 2011 Infineon Technologies AG
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. The Infineon Technologies component described in this Data Sheet may be used in life-support devices or systems and/or automotive, aviation and aerospace applications or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support automotive, aviation and aerospace device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of IFX1117MEV33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X