Part Number Hot Search : 
AQW614 8T34SH 2158M000 BU208A FAMILY BR4010 LT1K53A TLC154P
Product Description
Full Text Search
 

To Download HYS64D64020GDL-6-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
2.5 V 200-pin DDR Small Outline SDRAM Modules 512MB Modules PC1600, PC2100 & PC2700 Preliminary Datasheet Rev. 0.9
* 200-pin Unbuffered 8-Byte Dual-In-Line DDR-I SDRAM non-parity Small Outline Modules * Two bank 64Mx64 organization * JEDEC standard Double Data Rate Synchronous DRAMs (DDR-I SDRAM) * Single + 2.5 V ( 0.2 V) power supply * Built with 512 Mbit DDR-I SDRAMs organised as x 16 in 66-Lead TSOPII packages * Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) * Auto Refresh (CBR) and Self Refresh Performance: -6 Component Speed Grade Module Speed Grade
fCK fCK
* All inputs and outputs SSTL_2 compatible * Serial Presence Detect with E2PROM * Jedec standard form factor: 67.60 mm x 31.75 mm x 3.00 / 3.80 mm * Jedec standard reference layout Raw Card A * Gold plated contacts
-7 PC2100 143 133
-8 PC1600 125 100
Unit
DDR333 PC2700 166 133
DDR266A DDR200 MHz MHz
Clock Frequency (max.) @ CL = 2.5 Clock Frequency (max.) @ CL = 2
The HYS64Dxx0x0GDL are industry standard 200-pin 8-byte Small Outline Dual in-line Memory Modules (DIMMs) organized as 64M x 64. The memory array is designed with Double Data Rate Synchronous DRAMs. A variety of decoupling capacitors are mounted on the PC board. The DIMMs feature serial presence detect based on a serial E2PROM device using the 2-pin I2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available to the customer.
INFINEON Technologies
1
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Ordering Information Type
PC2700 (CL=2.5): HYS64D64020GDL-6-A PC2100 (CL=2): HYS64D64020GDL-7-A PC1600 (CL=2): HYS64D64020GDL-8-A Note: PC1600-20220-A two banks 512 MB SO-DIMM 512 MBit (x16) PC2100-20330-A two banks 512 MB SO-DIMM 512 MBit (x16) PC2700-25330-A two banks 512 MB SO-DIMM 512 MBit (x16) Compliance Code Description SDRAM Technology
All part numbers end with a place code, designating the silicon-die revision. Reference information available on request. Example: HYS 64D32020GDL-8-A, indicating Rev.A die are used for DDR-SDRAM components. The Compliance Code which is printed on the module labels describes the speed sort class ("f.e. PC2100"), the latencies (f.e. 20330 means CAS latency = 2, trcd latency = 3 and trp latency = 3) and the Raw Card used for this module
INFINEON Technologies
2
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Pin Definitions and Functions
A0 - A12 BA0, BA1 DQ0 - DQ63 RAS CAS WE CKE0 - CKE1 DQS0 - DQS8 CLK0 - CLK1, CLK0 - CLK1 DM0 - DM8 DQS0 - DQS8 Address Inputs Bank Selects Data Input/Output Row Address Strobe Column Address Strobe Read/Write Input Clock Enable SDRAM low data strobes SDRAM clock (positive lines) SDRAM clock (negative lines) data masks data strobes CS0, CS1 *) VDD VSS VDDQ VDDID VREF VDDSPD SCL SDA SA0 - SA2 NC DU Chip Selects Power (+ 2.5 V) Ground I/O Driver power supply VDD Indentification flag I/O reference supply Serial EEPROM power supply Serial bus clock Serial bus data line slave address select no connect Dont use, reserved for future use
*) CKE1 and CS1 are used on two bank modules only
Address Format
Density Organization Memory SDRAMs Banks # of SDRAM SDRAMs density # of row/ Refresh bank/ columns bits 13/2/10 8k Period Interval
512 MB
64M x 64
2
32M x 16
8
512Mbit
64 ms
7.8 s
INFINEON Technologies
3
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Pin Configuration
Pin #
Front Side
Pin #
Back Side
Pin #
Front Side
Pin#
Back Side
Pin #
Front Side
Pin #
Back Side
Pin #
Front Side
Pin #
Back Side
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49
VREF VSS DQ0 DQ1 VDD DQS0 DQ2 VSS DQ3 DQ8 VDD DQ9 DQS1 VSS DQ10 DQ11 VDD CK0 CK0 VSS DQ16 DQ17 VDD DQS2 DQ18
2 VREF 4 VSS 6 DQ4 8 DQ5 10 VDD 12 DM0 14 DQ6 16 VSS 18 DQ7 20 DQ12 22 VDD 24 DQ13 26 DM1 28 VSS 30 DQ14 32 DQ15 34 VDD 36 VDD 38 VSS 40 VSS 42 DQ20 44 DQ21 46 VDD 48 DM2 50 DQ22
51 VSS 52 53 DQ19 54 55 DQ24 56 57 VDD 58 59 DQ25 60 61 DQS3 62 63 VSS 64 65 DQ26 66 67 DQ27 68 69 VDD 70 71 (CB0) 72 73 (CB1) 74 75 VSS 76 77 (DQS8) 78 79 (CB2) 80 81 VDD 82 83 (CB3) 84 85 DU 86 87 VSS 88 89 (CK2) 90 91 (CK2) 92 93 VDD 94 95 CKE1 96 97 DU 98 99 A12 100
VSS DQ23 DQ28 VDD DQ29 DM3 VSS DQ30 DQ31 VDD (CB4) (CB5) VSS (DM8) (CB6) VDD (CB7) DU VSS VSS VDD VDD CKE0 DU A11
101 A9 102 A8 103 VSS 104 VSS 105 A7 106 A6 107 A5 108 A4 109 A3 110 A2 111 A1 112 A0 113 VDD 114 VDD 115 A10/AP 116 BA1 117 BA0 118 RAS 119 WE 120 CAS 121 CS0 122 CS1 123 DU 124 DU 125 VSS 126 VSS 127 DQ32 128 DQ36 129 DQ33 130 DQ37 131 VDD 132 VDD 133 DQS4 134 DM4 135 DQ34 136 DQ38 137 VSS 138 VSS 139 DQ35 130 DQ39 141 DQ40 142 DQ44 143 VDD 144 VDD 145 DQ41 146 DQ45 147 DQS5 148 DM5 149 VSS 150 VSS
151 DQ42 152 153 DQ43 154 155 VDD 156 157 VDD 158 159 VSS 160 161 VSS 162 163 DQ48 164 165 DQ49 166 167 VDD 168 169 DQS6 170 171 DQ50 172 173 VSS 174 175 DQ51 176 177 DQ56 178 179 VDD 180 181 DQ57 182 183 DQS7 184 185 VSS 186 187 DQ58 188 189 DQ59 190 191 VDD 192 193 SDA 194 195 SCL 196 197 Vddspd 198 199 Vddid 200
DQ46 DQ47 VDD CK1 CK1 VSS DQ52 DQ53 VDD DM6 DQ54 VSS DQ55 DQ60 VDD DQ61 DM7 VSS DQ62 DQ63 VDD SA0 SA1 SA2 DU
Note: Pins 71, 72, 73, 74, 77, 78, 79, 80, 83, 84, 89 and 91 are reserved for x72 variants of this module and are not used on the x64 . versions. Pin 86 is reserved for a registered variant of this module and is not used on the unbuffered version
pin 40 pin 42
back side
INFINEON Technologies
4
pin 200
pin 2
pin 199
pin 39 pin 41
front side
pin 1
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
CS1 CS0
CS CS
LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4
CS
CS
LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4
DQS0 DM0
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7
LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
DQS4 DM4
DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39
LDQS LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 UDQS UDM
D0
I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
D4
D2
I/O 5 I/O 6 I/O 7 UDQS UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
D6
DQS1 DM1
DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
DQS5 DM5
DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47
I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
DQS2 DM2
DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23
CS
LDQS
CS
LDQS
CS
CS
LDQS
LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
UDQS
LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 D5 I/O 5 I/O 6 I/O 7
UDQS
DQS6 DM6
DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55
LDQS
LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 D3 I/O 6 I/O 7
UDQS
LDM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
UDQS
D1
D7
DQS3 DM3
DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31
UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
DQS7 DM7
DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63
UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
UDM I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
Serial Presence Detect (SPD)
SCL SA0 SA1 SA2 A0 A1 A2 WP SDA
Unless otherwise noted, resistor values are 22 Ohm with +/- 5% tolerance BA0-BA1 A0-AN RAS CAS WE CKE0 CKE1 V DD SPD V REF V DD V SS V DD ID SDRAMS D0-D7 SDRAMS D0-D7 SDRAMS D0-D7 SDRAMS D0-D7 SDRAMS D0-D7 SDRAMS D0-D3 SDRAMS D4-D7 SPD SDRAMS D0-D7 V DD and V DD Q Note: DQ wiring may differ from that described in this drawing; however DQ/DM/DQS relationships are maintained as shown. V DD ID strap connections: Strap out (open): VDD = VDDQ SDRAMS D0-D7, SPD CK0 CK 0 CK1 CK 1 4 loads 4 loads
SDRAMS D0-D7
Block Diagram: Two Bank 64M x 64 DDR-SDRAM SO-DIMM Modules using x16 Organized SDRAMs on Raw Card Version A
INFINEON Technologies
5
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Absolute Maximum Ratings
Parameter Symbol min. Input / Output voltage relative to VSS Power supply voltage on VDD /VDDQ to VSS Storage temperature range Power dissipation (per SDRAM component) Data out current (short circuit) VIN, VOUT VDD, VDDQ TSTG PD IOS - 0.5 - 0.5 -55 - - Limit Values max. 3.6 3.6 +150 1 50 V V
o
Unit
C
W mA
Permanent device damage may occur if "Absolute Maximum Ratings" are exceeded. Functional operation should be restricted to recommended operation conditions. Exposure to higher than recommended voltage for extended periods of time affect device reliability
Supply Voltage Levels
Parameter Symbol min. Device Supply Voltage Output Supply Voltage Input Reference Voltage Termination Voltage EEPROM supply voltage VDD VDDQ VREF VTT VDDSPD 2.3 2.3 0.49 x VDDQ VREF - 0.04 2.3 Limit Values nom. 2.5 2.5 0.5 x VDDQ VREF 2.5 max. 2.7 2.7 0.51 x VDDQ VREF + 0.04 3.6 V V V V V 1) 2) 3) Unit Notes
1 Under all conditions, VDDQ must be less than or equal to VDD 2 Peak to peak AC noise on VREF may not exceed 2% VREF (DC). VREF is also expected to track noise variations in VDDQ . 3 VTT of the transmitting device must track VREF of the receiving device.
DC Operating Conditions (SSTL_2 Inputs)
(VDDQ = 2.5 V, TA = 70 C, Voltage Referenced to VSS) Parameter Symbol min. DC Input Logic High DC Input Logic Low Input Leakage Current Output Leakage Current VIH (DC) VIL (DC) IIL IOL VREF + 0.15 - 0.30 -5 -5 Limit Values max. VDDQ + 0.3 VREF - 0.15 5 5 V V 1) - 1) 2) Unit Notes
A A
1) The relationship between the VDDQ of the driving device and the VREF of the receiving device is what determines noise margins. However, in the case of VIH (max) (input overdrive), it is the VDDQ of the receiving device that is referenced. In the case where a device is implemented such that it supports SSTL_2 inputs but has no SSTL_2 outputs (such as a translator), and therefore no VDDQ supply voltage connection, inputs must tolerate input overdrive to 3.0 V (High corner VDDQ + 300 mV). 2) For any pin under test input of 0 V VIN VDDQ + 0.3 V. Values are shown per DDR-SDRAM component.
INFINEON Technologies
6
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Operating, Standby and Refresh Currents (PC2700, PC2100, PC1600)
512MB x64 2bank -6 512MB x64 2bank -7 512MB x64 2bank -8 Notes
Symbol
Parameter/Condition
Unit
MAX
IDD0 Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles Operating Current: one bank; active/read/precharge; Burst = 4; Refer to the following page for detailed test conditions. Precharge Power-Down Standby Current: all banks idle; power-down mode; CKE <= VIL MAX; tCK = tCK MIN Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs changing once per clock cycle, VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs stable at >= VIH MIN or <= VIL MAX; VIN = VREF for DQ, DQS and DM. Active Power-Down Standby Current: one bank active; power-down mode; CKE <= VIL MAX; tCK = tCK MIN;VIN = VREF for DQ, DQS and DM. Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE >= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle Operating Current: one bank active; Burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN; IOUT = 0mA Operating Current: one bank active; Burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK MIN Auto-Refresh Current: tRC = tRFC MIN, distributed refresh Self-Refresh Current: CKE <= 0.2V; external clock on; tCK = tCK MIN Operating Current: four bank; four bank interleaving with BL=4; Refer to the following page for detailed test conditions. 1080
MAX
920
MAX
840 mA
4
1
IDD1
1140
960
880
mA
1, 3
IDD2P
144
112
96
mA
2
IDD2F
480
400
320
mA
2
IDD2Q
320
224
200
mA
2
IDD3P
184
144
128
mA
2
IDD3N
600
560
400
mA
2
IDD4R
1260
1040
860
mA
1, 3
IDD4W
1220
1020
840
mA
1
IDD5 IDD6 IDD7
1620 20 1900
1480 20 1760
1360 20 1600
mA mA mA
1
1, 3
1. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) n * IDDx[component] + n * IDD3N[component] for two bank modules (n: number of components per module bank) 2. The module IDD values are calculated from the component IDD datasheet values as: n * IDDx[component] for single bank modules (n: number of components per module bank) 2 * n * IDDx[component] for two bank modules (n: number of components per module bank) 3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions 4. Test condition for maximum values: VDD = 2.7V ,Ta = 10C
INFINEON Technologies
7
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Electrical Characteristics & AC Timing for DDR-I components
(for reference only) (0 C TA 70 C; VDDQ = 2.5V 0.2V; VDD = 2.5V 0.2V)
DDR333 -6 Min tAC tDQSCK tCH tCL tHP tCK tCK tDH tDS tIPW tDIPW tHZ tLZ tDQSS tDQSQ tQHS tQH tDQSL,H tDSS tDSH tMRD tWPRES tWPST tWPRE tIS DQ and DM input hold time DQ and DM input setup time Control and Addr. input pulse width (each input) DQ and DM input pulse width (each input) Data-out high-impedence time from CK/CK Data-out low-impedence time from CK/CK Write command to 1st DQS latching transition DQS-DQ skew (for DQS & associated DQ signals) Data hold skew factor Data Output hold time from DQS DQS input low (high) pulse width (write cycle) DQS falling edge to CK setup time (write cycle) DQS falling edge hold time from CK (write cycle) Mode register set command cycle time Write preamble setup time Write postamble Write preamble Address and control input setup time Address and control input hold time Read preamble Read postamble Active to Precharge command Active to Active/Auto-refresh command period Auto-refresh to Active/Auto-refresh command period fast slew rate slow slew rate fast slew rate slow slew rate tHP-tQHS 0.35 0.2 0.2 2 0 0.40 0.25 0.75 0.8 0.75 0.8 0.9 0.40 42 60 72 1.1 0.60 70,000 0.60 DQ output access time from CK/CK DQS output access time from CK/CK CK high-level width CK low-level width Clock Half Period CL = 2.5 Clock cycle time CL = 2.0 7.5 0.45 0.45 2.2 1.75 - 0.7 - 0.7 0.75 + 0.7 + 0.7 1.25
+ 0.45
Symbol
Parameter
DDR266A -7 Min
- 0.75 - 0.75
DDR200 -8 Min
- 0.8 - 0.8
Unit ns ns tCK tCK ns ns ns ns ns ns ns
Notes 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1, 10 1-4, 11 1-4, 5 1-4, 5 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4 1-4, 7 1-4, 6 1-4
Max + 0.7 + 0.6 0.55 0.55
Max
+ 0.75 + 0.75
Max
+ 0.8 + 0.8
- 0.7 - 0.6 0.45 0.45
0.45 0.45
0.55 0.55
0.45 0.45
0.55 0.55
min (tCL, tCH) 6 12 12
min (tCL, tCH) 7 7.5 0.5 0.5 2.2 1.75
- 0.75 - 0.75 + 0.75 + 0.75
min (t CL, tCH) 8 10 0.6 0.6 2.5 2
- 0.8 - 0.8 + 0.8 + 0.8
12 12
12 12
ns ns tCK ns ns ns tCK tCK tCK tCK ns
0.75
1.25
+ 0.5
0.75
1.25
+ 0.6
+ 0.55 tHP-tQHS 0.35 0.2 0.2 2 0 0.40 0.25 0.9 1.0 0.9 1.0 0.9 0.40 45 65 75
+ 0.75 tHP-tQHS 0.35 0.2 0.2 2 0 0.60 0.40 0.25 1.1 1.1 1.1 1.1 1.1 0.60
120,000
+ 1.0
0.60
tCK tCK ns ns ns ns
2-4, 10,11
tIH tRPRE tRPST tRAS tRC tRFC
0.9 0.40 50 70 80
1.1 0.60
120,000
tCK tCK ns ns ns
1-4 1-4 1-4 1-4 1-4
INFINEON Technologies
8
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Electrical Characteristics & AC Timing for DDR-I components
(for reference only) (0 C TA 70 C; VDDQ = 2.5V 0.2V; VDD = 2.5V 0.2V)
DDR333 -6 Min tRCD tRP tRRD tWR tDAL tWTR tXSNR tXSRD tREFI Active to Read or Write delay Precharge command period Active bank A to Active bank B command Write recovery time Auto precharge write recovery + precharge time Internal write to read command delay Exit self-refresh to non-read command Exit self-refresh to read command Average Periodic Refresh Interval 512Mb based 1 75 200 7.8 18 18 12 15 Max DDR266A -7 Min 20 20 15 15 (twr/tck) + (trp/tck) 1 75 200 7.8 1 80 200 7.8 Max DDR200 -8 Min 20 20 15 15 Max ns ns ns ns tCK tCK ns tCK
s
Symbol
Parameter
Unit
Notes 1-4 1-4 1-4 1-4 1-4,9 1-4 1-4 1-4 1-4, 8
1. Input slew rate >=1V/ns for DDR266 & DDR333 and = 1V/ns for DDR200. 2. The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross: the input reference level for signals other than CK/CK, is VREF. CK/CK slew rate are >= 1.0 V/ns. 3. Inputs are not recognized as valid until VREF stabilizes. 4. The Output timing reference level, as measured at the timing reference point indicated in AC Characteristics (Note 3) is VTT. 5. tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not referred to a specific voltage level, but specify when the device is no longer driving (HZ), or begins driving (LZ). 6. The maximum limit for this parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 7. The specific requirement is that DQS be valid (HIGH, LOW, or some point on a valid transition) on or before this CK edge. A valid transition is defined as monotonic and meeting the input slew rate specifications of the device. When no writes were previously in progress on the bus, DQS will be transitioning from Hi-Z to logic LOW. If a previous write was in progress, DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending on tDQSS. 8. A maximum of eight Autorefresh commands can be posted to any given DDR SDRAM device. 9. For each of the terms, if not already an integer, round to the next highest integer. tCK is equal to the actual system clock cycle time. 10. These parameters guarantee device timing, but they are not necessarily tested on each device 11. Fast slew rate >= 1.0 V/ns , slow slew rate >= 0.5 V/ns and < 1V/ns for command/address and CK & CK slew rate >1.0 V/ns, measured between VOH(ac) and VOL(ac)
INFINEON Technologies
9
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
SPD Codes for PC2700, PC2100 & PC1600
Byte# Description 512MB x64 2bank -6 HEX 80 08 07 0D 0A 02 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 2A 40 75 75 45 45 00 3C 48 30 2D 55 00 00 0A C1 INFINEON 512MB x64 2bank -7 HEX 80 08 07 0D 0A 02 40 00 04 70 75 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 75 00 00 50 3C 50 2D 40 90 90 50 50 00 41 4B 30 32 75 00 00 BC C1 INFINEON 512MB x64 2bank -8 HEX 80 08 07 0D 0A 02 40 00 04 80 80 00 82 10 00 01 0E 04 0C 01 02 20 C1 A0 80 00 00 50 3C 50 32 40 B0 B0 60 60 00 46 50 30 3C A0 00 00 B1 C1 INFINEON
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36-40 41 42 43 44 45 46-61 62 63 64 65-71 72 73-90 91-92 93-94 95-98 99-127 128-255
Number of SPD Bytes Total Bytes in Serial PD Memory Type Number of Row Addresses Number of Column Addresses Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 2.5 Access Time from Clock at CL = 2.5 DIMM Config Refresh Rate/Type SDRAM Width, Primary Error Checking SDRAM Data Width Minimum Clock Delay for Back-to-Back Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Access Time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1.5 Access Time from Clock at CL = 1.5 Minimum Row Precharge Time Minimum Row Act. to Row Act. Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS Module Bank Density (per bank) Addr. and Command Setup Time Addr. and Command Hold Time Data Input Setup Time Data Input Hold Time Superset Information Minimum Core Cycle Time tRC Min. Auto Refresh Cmd Cycle Time tRFC Maximum Clock Cycle Time tck Max. DQS-DQ Skew tDQSQ X-Factor tQHS Superset Information SPD Revision Checksum for Bytes 0 - 62 Manufacturers JEDEC ID Code Manufacturer Module Assembly Location Module Part Number Module Revision Code Module Manufacturing Date Module Serial Number - open for Customer use
128 256 DDR-SDRAM 13 9 1/2 x64 0 SSTL_2.5 6ns / 7ns / 8ns 0.7ns / 0.75ns / 0.8ns non-ECC / ECC Self-Refresh,15.6ms x16 na tccd = 1 CLK 2, 4 & 8 4 CAS latency = 2 & 2.5 CS latency = 0 Write latency = 1 unbuffered Concurrent Auto Precharge, weak driver 7.5ns / 7.5ns / 10ns 0.7ns / 0.75ns / 0.8ns not supported not supported 18ns / 20ns / 20ns 12ns / 15ns / 15ns 18ns / 20ns / 20ns 42ns / 45ns / 50ns 64MByte 0.75ns / 0.9ns / 1.1ns 0.75ns / 0.9ns / 1.1ns 0.45ns / 0.5ns / 0.6ns 0.45ns / 0.5ns / 0.6ns - 60ns / 65ns / 70ns 72ns / 75ns / 80ns 12ns 0.45ns / 0.5ns / 0.6ns 0.55ns / 0.75ns / 1.0ns - Revision 0.0 - - - - - - - - - -
INFINEON Technologies
10
2002-05-08 (rev. 0.9)
HYS64D64020GDL DDR-SDRAM SO-DIMM Modules
Package Outlines Raw Card A DDR-SDRAM SO-DIMM Modules Raw Card A
6 7 .6 6 3 .6
0.13
0.1 5
3 .8 m a x .
31.75
1 2 .1 5
39 1 1 .4 1 1 .5 5
41 4 7 .4 4 .2
199 2 .4 5
1 0.1
2 .4 5 2 4
1 .0 40 42 200
2 .1 5
6
20
1 .8 4
D e ta il o f C o n ta cts
D e ta il o f C h a m fe r
0.25
0 .4 5 0 .6
L-DIM-200-6
0.2 -0.15
2.55
0 .2
-0.1 5
INFINEON Technologies
11
2002-05-08 (rev. 0.9)


▲Up To Search▲   

 
Price & Availability of HYS64D64020GDL-6-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X