Part Number Hot Search : 
AM29LV TN4A60S SF2220C DC147 ATS03 256ZB M12GZ47 PIC16F7
Product Description
Full Text Search
 

To Download HSCJ-HSTJ-B40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
SC Type Fiber Optic Connectors
HSC Series
MU SC FC
sFeatures
1. JIS, IEC standards compliant and fully intermateable with NTT's SC products.
JIS C 5973 (F04 type fiber optic connectors) IEC 61754-4
Harsh Environment
2. Plugs with strain relief boot
Long strain relief boot assures that there are no performance losses when a pull force is applied in a vertical bend direction. The color of the boot identify the type of polishing: Blue: PC polishing Light purple: Advanced PC (AdPC) polishing Green: Angled PC polishing (APC) Other colors are also possible.
3. Zirconia Split Sleeve Adapter
Reduces the possibility of powdering caused by the repeated insertion and withdrawal of ferrule.
Attenuators
4. Duplex SC Type: Rigid Type
Available in following types; H type - 8.5 mm spacing between the fibers, for high density applications. F type - 12.7 mm spacing between the fibers, low profile, for LAN applications. Refer to page 39 for further information.
5. Duplex SC Type: Adjustable Type -- Comply With ANSI Standards
Floating mechanism with Duplex SC plug. It is also fully compatible with the HSCF fixed type.
6. Simplified Plugs and Receptacles.
Terminators
Small size (23.8mm plug length) simplified SC plug is designed for equipments inside connection. Refer to page 43 for further information.
sApplications
LAN, public communications lines, CableTV, computer transmission systems, test equipment, and other applications requiring reliable fiber optic connections.
25
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sProduct Specifications
Ratings Operating temperature range -25C to +70C Storage temperature range -25C to +70C
MU
Item Optical Characteristics Insertion Loss
(SM) (GI) (SM)
Test Method (IEC 61300) Wavelength 1310nm (LD) Wavelength 1310nm (LED) Wavelength 1310nm (LD)
Specifications 0.5dB max. (PC, AdPC, APC) 0.3dB max. (PC) 22dB min. (PC) 60dB min. (APC) 22dB min. (PC) Simplex plug Engagement force: 19.6 N max. Separation force: 19.6 N max. Engagement force: 39 N max. Separation force: 39 N max. 2N to 5.9N 2N to 3.9N 40dB min. (AdPC)
Return Loss
(GI)
Engagement and Separation /force
SC
Measured with corresponding connector.
Duplex plug
Mechanical Characteristics
Ferrule withdrawal force Cable retention (Straight pull) Durability (cycles, mating/un-mating) Vibration Shock Humidity (Temperature/ humidity- cycles) Change of temperature Dry heat Cold Salt mist
Extract zirconia gauge 2.499 0.0005 mm dia from split sleeve. 89N tensile load for one minute. 1000 times Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 axis. Acceleration of 981 m/s2, 6 ms duration, sin half-wave waveform, 10 cycles in each of the 3 axis. -10C to 65C, humidity: 90% to 96% 20 cycles -40C to +75C 42 cycles (Complies with Telcordia standard GR-326-CORE) 960 hours at 85C 960 hours at -25C 48 hours in a 5% concentration of salt mist
Copper alloy split sleeve Zirconia split sleeve
1) Insertion loss fluctuation after test: 0.2dB max. 2) No visible damage, dislocation of clamp or cable.
FC
1) Insertion loss fluctuation after test: 0.2dB max. 2) No visible damage, cracks or part dislocation.
Harsh Environment
Environmental Characteristics
No significant corrosion.
sMaterials
Part Simplex plug housing
Attenuators
Material Synthetic resin Stainless steel Zirconia Synthetic resin or Zinc alloy Synthetic resin Synthetic resin Zinc alloy Zinc alloy Zirconia or Copper alloy Synthetic resin
Spring Ferrule Simplex adapter housing 4-position adapter housing 5-position adapter housing Receptacle housing Attenuator housing Split sleeve
Terminators
Dust cap
26
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sFunction diagram
Simplex type
Adapter-Panel Mounting
Plastic Housing Products HSC-A3 HSC-A3-D1 HSC-A3-D2 Die Cast Housing Products HSC-A2 HSC-A2-D1 HSC-PH2-E1,E2,E5 HSC-PH3-B1,B2,B5
0.9 mm fiber Light weight type
MU
SC type plug housing
Strain relief type (For Cable Diameter: 2 mm & 3mm)
Conversion adapter
FC to SC - Screw Mounting
SC
HSC-PH0.9-E1,E2,E5 Short length type (For Cable Diameter: 2mm)
HSCJ-HRFCJ-B FC to SC - Panel Mounting
HSC-PH2-E1-A Short length type (For Cable Diameter: 3mm)
HSCJ-HRFCJ-C ST to SC - Screw Mounting
FC
HSCJ-HSTJ-B
HSC-PH3-A4
Receptacle
Conversion adapter - FC jack to SC Plug HSCP-HRFCJ-1, 2 HSCP-HRFCJ-1AS, 2AS
HSC-R1-B,R2-B
Simplified receptacle
Harsh Environment
HSC-SR-1,D1 HSC-SR-2,D2

SC2 type plug housing
Strain relief (For Cable Diameter: 2 mm & 3mm)
Attenuators
Adapter
HSC2-PH2-E1,E2,E5 HSC2-PH3-B1,B2,B5 0.9 mm fiber Type 4-Position Adapter Panel Mounting type HSC2-4A HSC2-4A-D1 5-Position Adapter Panel Mounting type
HSC2-PH0.9-E1,E2 Short length type (For Cable Diameter: 2 mm)
HSC2-PH2-E1-A
Terminators
HSC2-5A
Simplified receptacle
Short length type (For Cable Diameter: 3mm) HSC2-PH3-A
HSC2-8SR-1 HSC2-8SR-D1
27
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Duplex type
MU

F type
Plug Housing (For Cable Diameter: 2mm&3mm) HSCF-2PH2-E1,E2 HSCF-2PH3-B1,B2

SC
For Single mode (For Cable Diameter: 2mm&3mm)
F type
Panel Mounting HSCF-2A(P) HSCF-2A-D(P)
HSCM-2SPH2-B1,B2 HSCM-2SPH3-B1,B2 For Multi mode (For Cable Diameter: 2 mm & 3mm)
H type
FC
HSCM-2GPH2-B1 HSCM-2GPH3-B1 Snap - in HSCH-2A1(P) HSCH-2A1-D(P) Screw Mounting HSCH-2A(P) HSCH-2A-D(P)
H type
Plug Housing (For Cable Diameter: 2 mm & 3mm) HSCH-2PH2-B1,B2 HSCH-2PH3-B1,B2
Harsh Environment
Fixed attenuators
For single mode For GI
Attenuators
HSC-AT 11K-A** See Page 85 for details.
HSC-AT5S-B**A
Terminators
Plug type
Tool- Insertion/Removal
Terminators
HSC-TM-P1
HSC2-TM-P1
Receptacle type
Tool Insertion/Removal
HSC-TM-R1 See Page 89 for details.
HSC2-TM-R1
28
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Simplex type
MU
qStrain relief type
1.8
25
55
9 7.4
0.9
Part Number HSC-PH2-E1(31) HSC-PH2-E2(31) HSC-PH2-E5(31) HSC-PH3-B1(31) HSC-PH3-B2(31) HSC-PH3-B5(31)
CL No. 704-0327-3-31 704-0328-6-31 704-3108-6-31 704-0222-5-31 704-0223-8-31 704-3020-7-31
Fiber cable type
Boot color Blue
Polishing type Outer jacket fixing
SC
PC AdPC APC PC AdPC APC Crimp Glue
O2mm
Light purple Green Blue
O3mm
Light purple Green
qLight weight type (For 0.9mm fiber)
25
33
FC
9
7.4
0.9
Part Number HSC-PH0.9-E1(06) HSC-PH0.9-E2(31) HSC-PH0.9-E5(31)
1.8
CL No. 704-0339-2-06 704-0354-6-31 704-3104-5-31
Boot color Blue Light purple Green
Polishing type
PC AdPC APC
Harsh Environment
qShort length type (For 2mm Cable)
25 9 1.8
36.5
7.4
0.9
Attenuators
Part Number HSC-PH2-E1-A(31) HSC-PH2-E2-A(31) HSC-PH2-E5-A
CL No. 704-0464-4-31 704-0480-0-31 704-3124-2
Boot color Blue Light purple Green
Polishing type
Outer jacket fixing
PC AdPC APC Glue
qShort length type (For 3mm Cable)
36.5 1.8 25
Terminators
9 7.4
0.9
Part Number HSC-PH3-A4(31) HSC-PH3-A4(32)
CL No. 704-0245-0-31 704-0245-0-32
Boot color Blue Light purple
Polishing type
Outer jacket fixing Crimp
PC AdPC
29
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sTool Insertion/Extraction Plug Housings
MU
qStrain relief type
55 7.2 6
SC
Part Number HSC2-PH2-E1(31) HSC2-PH2-E2(31) HSC2-PH2-E5(31) HSC2-PH3-B1(31) HSC2-PH3-B2(31) HSC2-PH3-B5
CL No. 704-0329-9-31 704-0330-8-31 704-3109-9-31 704-0226-6-31 704-0227-9-31 704-3123-0
Fiber cable type
Boot color Blue
Polishing type Outer jacket fixing PC AdPC APC PC AdPC APC Crimp Glue
O2mm
Light purple Green Blue
O3mm
Light purple Green
FC
qLight weight type (For 0.9mm fiber)
7.2
33
6
Harsh Environment
Part Number HSC2-PH0.9-E1(31) HSC2-PH0.9-E2(31)
CL No. 704-0421-1-31 704-0422-4-31
Boot color Blue Light purple
Polishing type
PC AdPC
qShort length type (For 2mm Cable)
7.2
36.5
Attenuators
6
Part Number HSC2-PH2-E1-A HSC2-PH2-E2-A
CL No. 704-0482-6 704-0481-3
Boot color Blue Light purple
Polishing type
Outer jacket fixing Glue
PC AdPC
qShort length type (For 3mm Cable)
Terminators
36.5 7.2
6
Part Number HSC2-PH3-A(31) Note : Please contact HIROSE for other variations.
CL No. 704-0015-0-31
Boot color Blue
Polishing type
Outer jacket attachment Crimp
PC
30
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sReceptacles
15.2 12.2 13.4 9
MU
12.8
O19
O7 O3
Note: Designed for power meter sensors Part Number HSC-R1-B(05) HSC-R2-B(05) CL No. 704-0022-6-05 704-0023-9-05 Remarks For MM For SM
M 15
2-O2.3
SC
sFerrules
O1 (Hole diameter)
qFor PC, AdPC and UPC
1.5 O2.4990.0005
OA+0.001 (Hole diameter) 0
16 7.95 +0.05 1.8 0
FC
Part Number HSC-F321-A125(10) HSC-F321-A1255(10) HSC-F321-A126(10)
CL No. 704-0070-9-10 704-0200-2-10 704-0071-1-10
A dimension 0.125
O4.6
3
Applicable Fiber cable
Harsh Environment
0.1255 0.126
SM,MM
qFor APC
O2.4990.0005
OA +0.001 (Hole diameter) 0
16.15 8.095 +0.05 0 1.8
O1(Hole diameter)
Attenuators
O1
Part Number HSC-F391-A125 HSC-F391-A126 HSC-F391-A127 (1)No gap design. (2)The entrance angle of the fiber has been set at 60 for easy fiber insertion.
CL No. 704-3101-7 704-3102-0 704-3103-2
A dimension 0.125 0.126 0.127
O4.6
Applicable Fiber cable
SM
Terminators
Minimal gap:(0.1mm max.) 60 fiber entrance angle
31
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sAdapters - Panel Mounting
qSC adapters
MU
SC/SC Plastic Housing
27.4 3 1.8 9.4
BPanel cutout
180.1 13 +0.5 0.5 12.8 18 22 9.5 O2.3
0.5 0.5
2-M20.4 or 2-O2.4 Panel thickness: 1.6mm
+0.2 0.5
Part Number HSC-A3(51) HSC-A3-D1(02) HSC-A3-D2(06)
CL No. 704-0092-1-51 704-0217-5-02 704-3007-9-06
Split sleeve Copper alloy Zirconia Zirconia
SC
Remarks PC,AdPC(Blue) APC(Green)
SC/SC Die Cast Metal Housing
27.4 3
BPanel cutout
1.8 9.4 180.1 13 +0.5 0.5 9.5
0.5 0.5
12.8
FC
18 22
O2.3
2-M20.4 or 2-O2.4 +0.2 0.5 Panel thickness: 1.6mm
Part Number HSC-A2(51) HSC-A2-D1(01)
CL No. 704-0020-0-51 704-0258-2-01
Split sleeve Copper alloy Zirconia
Harsh Environment
qSC2 adapters
SC/SC2 4-way adapter
24 3
BPanel cutout
28.5 15 13 +0.5 0.5 Panel thickness: 1.6mm 1.8
+0.2 0.5
28.2
Attenuators
12.8
Part Number HSC2-4A(51) HSC2-4A-D1(01)
CL No. 704-0024-1-51 704-0290-5-01
Split sleeve Copper alloy Zirconia
SC/SC2 5-way adapter (for Multi-mode fiber)
Terminators
24 3 1.8 35
BPanel cutout
35.3 +0.5 +0.5 12.8 15 13 +0.5 Panel thickness: 1.6mm
+0.5
Part Number HSC2-5A(51)
CL No. 704-0025-4-51
Split sleeve Copper alloy
32
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sConversion adapters
qFC / SC Screw Mounting
21.2 5.5 3.5 12.2 M80.75 12.8 O19 13.4 9
BPanel cutout
MU
O9
+0.5 +0.5
2-M20.4 or 2-O2.4 +0.2 +0.5
13.40.1
15
Part Number HSCJ-HRFCJ-B(51)
CL No. 704-0021-3-51
Split sleeve
SC
Copper alloy
qFC / SC Snap-in and/or Screw Mounting
9.4
BPanel cutout
O9 12.8 18 22
+0.5 0.5
2-M20.4 or 2-O2.4 +0.2 +0.5
FC
M80.75
18 21.2
180.1 O2.3 Panel thickness: 1.6mm
Part Number HSCJ-HRFCJ-C(51)
CL No. 704-0206-9-51
Split sleeve Copper alloy
Harsh Environment
qST / SC Screw Mounting
O19 13.4 9
15
BPanel cutout
+0.5
O9+0.5
2-M20.4 or 2-O2.4 +0.2 +0.5
2
12.8
O7
O8
2-O2.2
14.7 28.4
13.4 0.1 13.7
1.2
.2
Attenuators
Part Number HSCJ-HSTJ-B(51)
CL No. 704-0102-3-51
Split sleeve Copper alloy
Terminators
33
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
qFC / SC
MU
9.4 12.8
M80.75
9
7.4
(1.8)
21 27.9
Part Number HSCP-HRFCJ-1(51) HSCP-HRFCJ-1AS(51)
CL No. 704-0203-0-51 704-0288-3-51 704-0204-3-51 704-0289-6-51
Split sleeve
Polishing type Applicable Fiber cable PC AdPC PC AdPC GI-50/125
SC
HSCP-HRFCJ-2(51) HSCP-HRFCJ-2AS(51)
Copper alloy
SM-9.5/125
qThe positions of SC guide key and FC guide slot will not be always aligned.
qFC / SC
15
19.5
FC
(3.9)
32
13.7
9 12.8
Part Number HRFCP-HSCJ-1(51) HRFCP-HSCJ-1AS(51)
CL No. 701-0065-0-51 701-0108-0-51 701-0085-7-51 701-0109-3-51
7.4 O19
Split sleeve
Polishing type Applicable Fiber cable PC AdPC PC AdPC GI-50/125
Harsh Environment
HRFCP-HSCJ-2(51) HRFCP-HSCJ-2AS(51)
Copper alloy
SM-9.5/125
qThe positions of SC guide slot and FC guide key will not be always aligned.
sCap
5
75
O3.6 Hole
Attenuators
Part Number HSC-C2
17.8 17.8 11
CL No. 704-0061-8
Applicable products HSC-A2 , HSC-A3 , HSCJ-HRFCJ-B , CHSCJ-HSTJ-B , HSC-R1-B , HSC-R2-B
Terminators
34
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
BMounting Dimensions
Unit: mm
Combination Adapter Housing HSC-PH2-E1
Plug Panel Plug Adapter
Dimensions
MU
a
b
c
d
e
f
HSC-A2 HSC-A2-D1 HSC-A3 HSC-A3-D1
HSC-PH2-E2 HSC-PH3-B1 HSC-PH3-B2 HSC-PH2-E1-A HSC-PH3-A4 HSC-PH0.9-E1 HSC2-PH2-E1
58
28
15.2
53.4
23.4
10.6
39.5 36
28 26
15.2 15.2
34.9 31.4
23.4 21.4
10.6 10.6
SC
HSC2-4A HSC2-4A-D1 HSC2-5A HSC2-5A-D1
HSC2-PH2-E2 HSC2-PH3-B1 HSC2-PH3-B2 HSC2-PH3-A HSC-PH2-E1-A HSC2-PH0.9-E1 HSC-PH2-E1
58
----
13.5
53.4
----
8.9
39.5 36
-------
13.5 13.5
34.9 31.4
-------
8.9 8.9
HSC-R1-B HSC-R2-B
HSC-PH2-E1 HSC-PH3-B1 HSC-PH3-B2
FC
57.5
27.5
14.7
----
----
----
Note: Panel thickness: 1.6mm
Harsh Environment Attenuators Terminators
35
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sTools
qCrimp Tool
MU
Part Number
CL No.
Applicable connector
HSC-T3
704-0287-0
SC plug for 2mm, 3mm cable.

SC
(1)2mm Jacket crimping: section A 3mm Jacket crimping: section C (2)KevlarTM crimping: section B
FC
qHSC2 Insertion/Extraction Tool
Harsh Environment
Part Number HSC-T1-L
CL No. 704-0286-8
Applicable Products HSC2 series.

1.Open the tip of tool by compressing levers as shown below.
Attenuators
Hold/release lever 2.Insert the tool (with opening the tips) into adapter.
3.Release the levers (then the tool catch HSC2 plug) and you can release the connector.
Terminators
qPlug assemble Tool
Part Number HSC2-PH2/CVMD
CL No. 902-6029-1
36
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
SC Duplex
BNotes
SC duplex adapters can be also connected with Simplex SC plugs. SC type attenuators (HSC-AT11K-A-) can be connected only with F type adapters. MU
sPlug Housing
qF Type
SC
22.1 12.7
7.8
25 55
FC
Part Number HSCF-2PH2-E1(P)(31) HSCF-2PH2-E2(P)(31) HSCF-2PH3-B1(P)(31) HSCF-2PH3-B2(P)(31)
CL No. 704-2109-3-31 704-2120-6-31 704-2032-0-31 704-2036-1-31
Applicable Cable Diameter
O2mm O3mm
Boot Color Blue Light purple Blue Light purple
Polishing type PC AdPC PC AdPC
Harsh Environment
qH Type
9
15.89
8.5
Attenuators
25 55
Part Number HSCH-2PH2-B1(P)(31) HSCH-2PH2-B2(P)(31) HSCH-2PH3-B1(P)(31) HSCH-2PH3-B2(P)(31)
CL No. 704-2046-5-31 704-2058-4-31 704-2054-3-31 704-2050-2-31
Applicable Cable Diameter O2mm O3mm
Boot Color Blue Light purple Blue Light purple
Polishing type PC AdPC PC AdPC
Terminators
37
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
sAdapters
qF type Snap-in and/or Screw Mounting
MU
BPanel cutout
.3 O2
M20.4 or 2.4 +0.2 0 34.7 30.7 12.7 25.9 9.5 26.2 +0.3 0 30.70.1 9.4 3 1.8 27.4 Panel thickness: 1.6mm
Part Number HSCF-2A(P)(51) HSCF-2A-D(P)(06) HSCF-2A-D2(P)(06)
9
CL No. 704-2008-6-51 704-2040-9-06 704-2112-8-06
SC
Split sleeve Copper alloy Zirconia
Color Blue Green
qH type Snap-in
20.5 17.9 27.4
BPanel cutout
15.5 12.8
18 +0.5 0
FC
(8.5)
3
1.8
13
+0.3 0
Panel thickness: 1.6mm
Harsh Environment
Part Number HSCH-2A1(P)(51) HSCH-2A1-D(P)(02) HSCH-2A1-D2(P)
CL No. 704-2066-2-51 704-2117-1-02 704-2137-9
Split sleeve Copper alloy Zirconia
Color Blue Green
qH type Snap-in and/or Screw Mounting
17.9 (8.5)
O2.3
BPanel cutout
M20.4 or O2.4 3 1.8 18 +0.5 0
+0.2 0
Attenuators
18 12.8
23
13 27.4
+0.3 0
180.1 Panel thickness: 1.6mm
Part Number HSCH-2A(P)(51) HSCH-2A-D(P)(02) HSCH-2A-D2(P)(03)
CL No. 704-2020-1-51 704-2062-1-02 704-2108-0-03
Split sleeve Copper alloy Zirconia
Color Blue Green
Terminators
38
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
BMounting Dimensions
MU
Plug Panel Adapter
Plug
Combination Adapter Housing HSC-PH*-E# HSCF-PH*-B#(P) HSC-PH*-A4 HSC-PH0.9-E# Combination Adapter HSCH-2A(P) HSCH-2A-D(P) HSCH-2A1(P) Housing HSC-PH*-E# HSCH-2PH*-B#(P) HSC-PH*-A4 HSC-PH0.9-E# a 58 39.5 36 b 28 28 26 c 15.2 15.2 15.2 a 58 39.5 36 b 28 28 26 c 15.2 15.2 15.2 Dimensions d 53.4 34.9 31.4 e 23.4 23.4 21.4
Unit: mm f 10.6 10.6 10.6
SC
HSCF-2A(P) HSCF-2A-D(P)
Dimensions d 53.4 34.9 31.4 e 23.4 23.4 21.4 f
FC
10.6 10.6 10.6
Note 1: * indicates cable diameter: Note 2: # indicates polishing type:
2= O2mm diameter 3= O3mm diameter 1= PC polishing 2= AdPC polishing
Harsh Environment Attenuators Terminators
39
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
Complies with ANSI Standard
ANSI X3T9.3 Fibre Channel Physical and Signaling Interface
MU
sPlug Housings
qFor Single Mode
9.9 1.8 23 12.7
SC
1
8.99
14.1
36.7 61.5
Part Number HSCM-2SPH2-B1 HSCM-2SPH3-B1 HSCM-2SPH2-B2 HSCM-2SPH3-B2
CL No. 704-2100-9 704-2102-4 704-2133-8 - -------
Applicable cable Simplex-2mm dia. cable or dual fiber zip cable Simplex-3mm dia. cable or dual fiber zip cable Simplex-2mm dia. cable or dual fiber zip cable Simplex-3mm dia. cable or dual fiber zip cable
Boot color Polishing type Blue PC
Light purple
AdPC
FC
qFor Multi-mode
9.9 1.8 23 12.7 1.8
Harsh Environment
8.99
14.1
36.7 61.5
Part Number HSCM-2GPH2-B1 HSCM-2GPH3-B1
CL No. 704-2104-0 704-2106-5
Applicable cable Simplex-2mm dia. cable or dual fiber zip cable Simplex-3mm dia. cable or dual fiber zip cable
Boot color Polishing type Blue PC
sFerrules
Attenuators
Convertional SC ferrules. Refer to page 33 for details.
sAdapters
F type SC adapters. Refer to page 40 for details.
Terminators
40


▲Up To Search▲   

 
Price & Availability of HSCJ-HSTJ-B40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X