Part Number Hot Search : 
SPN6435 UGB8DT 0402J 74122 V82MA3S S13003 004000 M128128
Product Description
Full Text Search
 

To Download HG4124L048-1D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature PCB Power Relay
FEATURES
HG4124L
20A contact capacity 1 Form A, 1 Form B and 1 Form C contact form for choice 4 KV dielectric strength between coil and contacts Sealed and dust cover version available UL, CUR, TUV approved TYPICAL APPLICATIONS Household appliances Office machine Vending machine Air conditioner, refrigerator CONTACT RATING
Form 1 Form A (1H), 1 Form B (1D), 1 Form C (1Z) Rated Load 16A, 240VAC/24VDC; 1HP, 240VAC Max. Switching Current 20A Max. Switching Voltage 277VAC/30VDC Max. Switching Power 3840VA/384W
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCdO 50 m max. at 1A, 24VDC 107 ops. 105 ops.
UL/CUR RATING
1 Form A (1H) 1 Form C (1Z) NO General Use Resistive Motor 16A, 240VAC 20A, 277VAC / 24VDC 1HP, 240VAC 1 Form B (1D) 1 Form C (1Z) NC
COIL DATA
Resistance () 10% Coil Voltage Code Nominal Voltage (VDC) 5 6 9 12 18 24 48 60 36 50 115 200 460 820 3300* 5100* Power Consumption Standard 005 006 009 012 018 024 048 060 Sensitive 47 68 160 275 650 1100* 4170* 7000* 3.6 4.3 6.5 8.6 13.0 17.3 34.6 43.2 Must Operate Voltage max. (VDC) Must Release Voltage min. (VDC) 0.5 0.6 0.9 1.2 1.8 2.4 4.8 6.0
0.72W
0.55W
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Weight 15 ms. max. 5 ms. max. 1000 M, at 500 VDC, 50%RH 4000 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10 g, 11ms. functional; 100g, destructive DA 1.5mm, 10 - 55 Hz -40C to 70C 18.5 g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code Contact Form 1H: 1 Form A; 1D: 1 Form B; 1Z: 1 Form C Version 1: Sealed; 2: Dust Cover Coil Sensitivity Nil: Standard 0.72W; H: Sensitive 0.55W HG4124L / 012 1Z 1 H
HG4124L
1/2
HG4124L
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. All parameters, unless otherwise specified, are measured at ambient temperature 23 C. Coil resitance with * mark is 15%. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
HG4124L
2/2


▲Up To Search▲   

 
Price & Availability of HG4124L048-1D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X