Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download HCD170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12V OCXO Sine Output
HCD71 & HCD170
Specifications
HCD71: Low profile, cost effective, sine output HCD170: High performance version of HCD71
Product
HCD71 HCD170
Parameters
Frequency range:
46.00 (max)
Option Codes
4.0 ~ 60.0MHz
15.00 (max)
Frequency stability: 1x10-8 / day at despatch 5x10-9 / day at despatch 7.5x10-7 / year max 5x10-7 / year max 1x10-7 per 5% change in VDD Temperature stability: 2x10-7 over -20 to +60C 5x10-8 over -20 to +60C Operating temperature range: -20 to +60C Other options from -40C Storage temperature range: -40 to +90C
0.80O
10.00
20.32 1 13.97 3 4 13.97 6 BOTTOM VIEW PIN 1 2 3 4 5 6 CONNECTION Case Freq Adjustment +6V output RF output Supply Ground 6 VOLTAGE CONTROL 3 2 6V 10k multi-turn 1k 0V 5 1.27 3.81 36.20 (max) 2
specify
Output waveform: Sine wave, 1.5V p-p 0.5V into 50 Other options available Frequency adjustment: 2x10-5 typ, +0.5 to +6.0V (sufficient for 10 years ageing min) www..com Stabilised +6.0V supply provided Supply voltage (VDD): +12.0V (0.5V) Other options from 10~30V Power consumption: 4.5W max at switch on 1.2W typ when stabilised at 25C 1.0W typ when stabilised at 25C Warm up: 5x10-8 after 10mins at +25C Phase noise (@ 10.0MHz): < -110dBc/Hz @ 10Hz < -130dBc/Hz @ 100Hz < -145dBc/Hz @ 1kHz < -150dBc/Hz @ 10kHz Shock: IEC 68-2-27 Test Ea 50G for 11ms
specify
specify
Scale 1:1
Features

Low profile package Cost effective Wide frequency range Custom options available Simple upgrade path (HCD71 to HCD170)
Vibration: IEC 68-2-06 Test Fc 10-55Hz, 1.5mm. 55-500Hz, 10G Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + frequency eg: HCD71 10.0MHz HCD170 10.0MHz Option code X (eg HCD71/X) denotes a custom specification.
Tel: +44 1460 256 100
01 May 1998
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of HCD170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X