Part Number Hot Search : 
Y7C680 EM91440D LS121 99000 D2249 STTA212 TPP100 47000
Product Description
Full Text Search
 

To Download GS3018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2004/11/24 REVISED DATE :2005/12/02C
GS3018
Description Features & on-resistance. Low
N-CHANNEL MOSFET
BVDSS RDS(ON) ID
30V 8 115mA
N-channel enhancement-mode MOSFET
Package Dimensions
&Fast switching speed. &Low voltage drive (2.5V) makes this device ideal for portable equipment. &Easily designed drive circuits. &Easy to parallel.
REF. A A1 A2 D E HE
Millimeter Min. Max. 0.8 1.10 0 0.10 0.8 1.00 1.80 2.20 1.15 1.35 1.80 2.40
REF. L1 L b c e Q1
Millimeter Min. Max. 0.42 REF. 0.15 0.35 0.25 0.40 0.10 0.25 0.65 REF. 0.15 BSC.
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3 3 Continuous Drain Current 1,2 Pulsed Drain Current Power Dissipation Linear Derating Factor
Operating Junction and Storage Temperature Range
Symbol VDS VGS ID @TA=25 : ID @TA=100 : IDM PD @TA=25 : Tj, Tstg Symbol Rthj-a
Ratings 30 f 20 115 75 800 0.225 0.0018 -40 ~ +150 Ratings 556
Unit V V mA mA mA W W/
Thermal Data
Parameter Thermal Resistance Junction-ambient3 Max. Unit /W
GS3018
Page: 1/4
ISSUED DATE :2004/11/24 REVISED DATE :2005/12/02C
Electrical Characteristics(Tj = 25
Parameter Drain-Source Breakdown Voltage Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current Drain-Source Leakage Current Static Drain-Source On-Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Unless otherwise specified)
Min. 30 0.8 20 Typ. 5 7 Max. 2.0 1 1 8 13 50 25 5 pF Unit V V mS uA uA Test Conditions VGS=0, ID=250uA VDS=VGS, ID=0.1mA VDS=3V, ID=10mA VGS= 20V VDS=30V, VGS=0 VGS=4V, ID=10mA VGS=2.5V, ID=1mA VGS=0V VDS=5V f=1.0MHz
Symbol BVDSS VGS(th) gfs IGSS IDSS RDS(ON) Ciss Coss Crss Symbol VSD
Source-Drain Diode
Parameter Forward On Voltage2 Min. Typ. 0.84 Max. 1.5 Unit V Test Conditions IS=100mA, VGS=0V
Notes: 1. Pulse width limited by Max. junction temperature. 2. Pulse width 300us, duty cycle 2%. 3. Surface mounted on 1 in2 copper pad of FR4 board; 270 : /W when mounted on Min. copper pad.
GS3018
Page: 2/4
ISSUED DATE :2004/11/24 REVISED DATE :2005/12/02C
Characteristics Curve
GS3018
Page: 3/4
ISSUED DATE :2004/11/24 REVISED DATE :2005/12/02C
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GS3018
Page: 4/4


▲Up To Search▲   

 
Price & Availability of GS3018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X