Part Number Hot Search : 
BP60340 CP200 20022 030403 T74FCT SM12G48 4FC32AL DS513
Product Description
Full Text Search
 

To Download FRC3-CXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om .c 1.27mm Center Flat Ribbon Cable IDC Connectors 4U et he aS at FEATURE .D w w w
connections tact design
DHD Series
DHD
High density board to cable (with DHB series)
1.27mm center IDC connectors for 0.635mm
pitch flat ribbon cable (AWG 28 or 30)
Highly-reliable, scoop-proof cantilever con "D''-shape shell polarization to eliminate con-
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance
MATERIAL/FINISH
Contact Insulator
Copper alloy/Gold over Nickel plating Plug: PBT resin (UL94V-0) Socket: Polyamide resin (UL94V-0)
m o .c U t4 e e h S ta a .D w w w
250V AC (rms) 0.5A/contact 500V AC (rms) for 1 minute 500M min. at 500V DC 35m max. at 10mA DC
nector mis-mating Bi-level IDC termination design for reliable connection Open ended rear cover design for daisy chain applications Space saving mating lock design Intermateable with half-pitch (1.27mm centerline) DHB series board mounting connectors
APPLICABLE CABLES
AWG#30 or #28 flat ribbon cables
1
om .c 4U et he aS at .D w w w
DHD Series
Unit : mm
DHD
Receptacles (Friction Lock Type)
DHD-RB50-30AN
NO. OF CONTACTS 26, 34, 40, 50, 60, 68
STRAIN RELIEF N: Without strain relief S: With strain relief
Strain relief
DHD-RB -420
P/N DHD-RB26-OA DHD-RB34-OA DHD-RB40-OA DHD-RB50-OA DHD-RB60-OA DHD-RB68-OA
26 34 40 50 60 68
25.49 30.57 34.38 40.73 47.08 52.16
20.29 25.37 29.18 35.53 41.88 46.96
17.14 22.22 26.03 32.38 38.73 43.81
15.24 20.32 24.13 30.48 36.83 41.91
19.8
NO. OF CONTACTS
A
D
E
F
16 10.1
A D E F 1.27
Receptacles (Lock Lever Type)
DHD-RA50-30AN
NO. OF CONTACTS 34, 50, 68, 80,100
STRAIN RELIEF N: Without strain relief S: With strain relief
7
Strain relief
P/N DHD-RA34-3OA DHD-RA50-3OA DHD-RA68-3OA DHD-RA80-3OA DHD-RA100-3OA
NO. OF CONTACTS 34 50 68 80 100
DHD-RB -420
C 41.26 51.42 62.85 70.47 83.17
D 25.37 35.53 46.96 54.58 67.28
E 22.22 32.38 43.81 51.43 64.13
F
19.8 16 10.1
20.32 30.48 41.91 49.53 62.23
C D E F 1.27
2
7
DHD Series
Unit : mm
Right Angle Plug
DHD
DHD-PA100-R13NNO
NO. OF CONTACTS 34, 50, 68, 80, 100
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel
SNAP-IN MOUNTING CLIP N: Without snap-in clips 1: With snap-in clips
P/N
17.3
NO. OF CONTACTS 34 50 68 80 100
A
B
C
D
E
DHD-PA34-R13NO DHD-PA50-R13NO DHD-PA68-R13NO DHD-PA80-R13NO DHD-PA100-R13NO
20.32 22.12 25.47 41.26 34.86 30.48 32.28 35.63 51.42 45.02 41.91 43.71 47.06 62.85 56.45 49.53 51.33 54.68 70.47 64.07 62.23 64.03 67.38 83.17 76.77
D C B A 1.27 7.2
KINKED E 10.7 10.7
2.8 3.5
0.2
Without snap-lock pin 34, 50 contacts
0.7
+0.1 -0
With snap-lock pin
68, 80, 100 contacts
A 0.08 1.27 0.08 Datum hole
A 0.08 Contact No.1
2.3 0.05 E 0.1 E 0.1
PCB mounting dimensions (Connector-mount side)
+0.19 PCB thickness:1.6-0.1 (for snap-in clipmounting) 1.60.19 (for screw mounting)
3
1.905 0.08
5.715 0.08
DHD Series
Unit : mm
DHD
Straight Plug
DHD-PB100-R13NNO
NO. OF CONTACTS 50, 68, 80, 100
SNAP-IN MOUNTING CLIP N: Without snap-in clips 1: With snap-in clips
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel
D C B A 1.27 7.0
P/N DHD-PB50-S13NO DHD-PB68-S13NO DHD-PB80-S13NO DHD-PB100-S13NO
NO. OF CONTACTS 50 68 80 100
A
B
C
D
E
30.48 32.28 35.63 51.42 37.59 41.91 43.71 47.06 62.85 49.02 49.53 51.33 54.68 70.47 56.64 62.23 64.03 67.38 83.17 69.34
3.13
1.1
9.8
3.5
KINKED
F
Without snap-lock pin
With snap-lock pin
50 contacts
A 0.08 Contact No.1 A 0.08 1.27 0.08
80, 100 contacts
Basic hole +0.1 0.7 -0
2.858 0.1
2.3 0.05 F 0.1
F 0.1
PCB mounting dimensions (Connector-mount side)
+0.19 PCB thickness:1.6-0.1 (for snap-in clipmounting) 1.60.19 (for screw mounting)
4
1.905 0.08
5.715 0.08
DHD Series
INTERMATEABILITY DIAGRAM With Friction Lock
Receptacles Plugs
DHD
DHD-RB26 DHD-RB34 DHD-RB40 DHD-RB50 DHD-RB60 DHD-RB68
(90PCB mounting) DHB-PA34 DHB-PA40 DHB-PA50 DHB-PA60 DHB-PA68
(Straight PCB mounting) DHB-PB26 DHB-PB34 DHB-PB40 DHB-PB50 DHB-PB60 DHB-PB68
With Locking Lever
Receptacles Plugs
DHD-RA24 DHD-RA50 DHD-RA68 DHD-RA80 DHD-RA100
(90PCB mounting) DHD-PA34 DHD-PA50 DHD-PA68 DHD-PA80 DHD-PA100
(Straight PCB mounting) DHD-PB50 DHD-PB68 DHD-PB80 DHD-PB100
Cable Assembly Tool
P/N 357J-15293 357J-10236 357J-10721 357J-10237 357J-12099-3 357J-12099-2 357J-12099-1 Tool NAME Cable cutting tool Cover termination tool Attachment for cover termination Final termisation tool Press for DHD-RB26 to 68 and DHD-RA80&100 Press for DHD-RA60&68 Press for DHD-RA34&50
5
FRC3 Series
High Current Version for 2-Piece Connectors
FRC3
FRC3 series is of the current capacity 3A and
contact pitch 3.175mm .
FEATURE
Number of contacts : 16, 20, 34 Applicable cable : Cable pitch 1.59mm
AWG 24 (solid and stranded)
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance Operating temperature 250V AC (rms) 3A/contact 500V AC (rms) for 1 minute 1000M min. at 500V DC 15m max. 55 to105
MATERIAL/FINISH
Socket Housing Cover Contact Strain Relief Block Contact Polycarbonate resin (UL94V-0) Polycarbonate resin (UL94V-0) Copper alloy/Gold over Nickel plating Polyamide resin (UL94 -0) PBT resin (UL94V-0) Copper alloy/Gold over Nickel plating
Header
1
FRC3 Series
Unit : mm
Socket
FRC3-A020-10S
COVER STYLE 0 : Open end Cover STRAIN RELIEF No designation : Without strain relief (for header with short locks) S : With strain relief (for header with long locks)
FRC3
NO. OF CONTACTS 16, 20, 34
CONTACT PLATING 1 : 0.8 Gold over Nickel 2 : 0.4 Gold over Nickel 3 : Gold flash over Nickel
POLARIZING KEY 0 : 16, 20, 341 key
FRC3
A34
NO. OF CONTACTS 16 20 34
Strain relief
A 32.03 38.38 60.60
B 22.225 28.575 50.800
Polarizing key A B
3.175 3.175 3.8
7.25
Strain Relief
FRC3-20-04
NO. OF CONTACTS 16, 20, 34
A
7.3
7.3
12.1
18.5
Cover
8.7
6.4
4.55
2
FRC3 Series
Unit : mm
Header
FRC3
FRC3-C20S11-0L
NO. OF CONTACTS 16, 20, 34 LOCK LEVER L : Long (for socket with strain relief) S : Short (for socket without strain relief)
CONTACT TAIL STYLE L : Right angle S : Straight
KEY SLOT 0 : 16, 20, 341 key
CONTACT TAIL LENGTH 1 : 3.6mm 2 : 15mm
CONTACT PLATING 1 : 0.8 Gold over Nickel 2 : 0.4 Gold over Nickel 3 : Gold flash over Nickel
Header with long locks
E D
Header with short locks
E
30
15.46
6.1
18.4
2.94
C B A
2-2.62
Right angle DIP
Straight DIP
(For M3 tapping screw)
3.6 2.5 10
3.6
2.6
3.175
25.3
Right angle wrapping
F
15 3.175
15 3.175
NO. OF CONTACTS 16 20 34
A 46.56 52.90 75.13
B 36.60 39.88 62.10
C 22.225 28.575 50.800
D 32.23 38.58 60.80
E S locks 57.20 63.50 85.70 L locks 63.6 70.0 92.2
F 39.85 46.20 68.43
3
FRC3-C34 3.175
Straight wrapping
FRC3 Series
Unit : mm
PCB Mounting Dimension
3.2 (for M3 tapping screw) 10 +0.1 -0 2.8 (M2.6 screw) 3.175 0.1 1 +0.1 -0 3.2 (for M3 tapping screw) 2.8 (M2.6 screw) 3.175 0.1 Connector
FRC3
3.175 0.1
0.94
3.175 0.1
C B
C F
Right angle contact tail
Straight contact tail
Polarizing Key for Sockets
Key Guide for Header
HU-005
MaterialPolyamide resin (UL94V-0) The HU-005 is attached to the socket. A pair of HU-005 consists of an HU-005-1 and an HU-005-2.
HU-006
MaterialPolycarbonate resin (UL94V-0) The HU-006 is attached to header.
HU-005-1
HU-005-2
HU-006
Note : If connectors having same number of contacts are used side by side, wrong insertion between adjacent connectors can be prevented.
HU-006
HU-005
Cable Assembly Tools
Cable cutting tool P/N : 357J-4256, Termination tool P/N : 357J-4674D (press) P/N : 357J-4669 (attachment)
4
FRC5 Series
MIL-C-83503 Compatible UL Recognized (File NO.E72124)
FRC5
FRC5
series is a family of DDK FRC series delivering laborsaving feature in cable termination, and it meets the MIL Standard.
FEATURE
UL recognized component (File NO. E72124) MIL-C-83503 compatible The header is of a double-wall type which pre-
vents completely mis-mating.
Number of contacts : 10, 14, 16, 20, 26, 30, 34,
40, 50, 60, 64
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance Operating temperature Applicable cable 250V AC (rms) 1A/contact 500V AC (rms) for 1 minute 1000M min. at 500V DC 15M max. 55 to105 AWG#28 (stranded, solid) AWG#30 (solid)
MATERIAL/FINISH
Socket Housing Cover Contact Strain relief Block Contact Lock Spring Pin PBT resin (UL94V-0)/Black PBT resin (UL94V-0)/Black Copper alloy/Gold over Nickel plating PBT resin (UL94V-0)/Black PBT resin (UL94V-0)/Black Copper alloy/Gold over Nickel plating PBT resin (UL94V-0)/Black Stainless Steel
Header
1
FRC5 Series
Unit : mm
Socket
FRC5-A026-3TOS
CONNECTOR STYLE A : Socket STRAIN RELIEF N : without strain relief (for header with short locks) S : with strain relief (for header with long locks)
FRC5
COVER STYLE (Note) O : Open end Cover A : Closed end Cover
NO. OF CONTACTS 10, 14, 16, 20, 26, 30, 34, 40, 50, 60, 64
CONTACT PLATING 1 : 0.8 Gold over Nickel 2 : 0.4 Gold over Nickel 3 : Gold flash over Nickel
POLARIZING KEY O : 10 NO key 14, 16, 20, 26, 30, 34, 40 1 key 50, 60, 64 2 key (H22.86mm) A : 50, 60, 64 1 key C : 60 2 keys (H27.94mm D : 10 1 key
CONTACT REAR PLATING T : Pb-Sn plating.
Note : The cover for 64 pins is an open end type only; a closed end type is not available
Cover
Open end P/N : FRC2-26-022 ( Closed end P/N : FRC2-26-032 ) No. of contacts
Strain relief (P/N : FRC2-26-042) No. of contacts
Polarizing key A B
1 2.54 3.8 2.54
10.65
14.4
16.25
NO. OF CONTACTS 10 14 16 20 26 30 34 40 50 60 64
A 17.27 22.35 24.89 29.97 37.59 42.67 47.75 55.37 68.07 80.77 85.85
B 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 78.74
FRC5-A10-O FRC5-A14-O FRC5-A10-D
6
FRC5-A20A40-O FRC5-A50A60-A
Polarizing key marking (in case of 60 pins)
H
FRC5-A50-O FRC5-A60-C FRC5-A60-O
FRC5-A16-O
FRC5-AO64-O
2
FRC5 Series
Unit : mm
Header
FRC5-C26L53T-OL (D20)
FRC5
NO.OF CONTACTS 10, 14, 16, 20, 26, 30, 34, 40, 50, 60, 64 DEVIATION No designation : With only 1 surface gold (standard) plating on the mating area. (D20): With 4 surface gold plating on the mating area.
CONTACT TAIL STYLE L : Right angle S : Straight
CONTACT TAIL LENGTH 3 : 2.34mm 4 : 3.94mm 5 : 2.9mmstandard
LOCK LEVER L : Long(for socket with strain relief) S : Short(for socket without strain relief) N : No lock
CONTACT PLATING 1 : 0.8 Gold over Nickel 2 : 0.4 Gold over Nickel 3 : Gold flash over Nickel
KEY SLOT O : 10 No key 14, 16, 20, 26, 30, 34, 40 1 key 50, 60, 64 2 keys (H22.86mm) A : 50, 60, 64 1 key C : 60 2 keys (H27.94mm) D : 10 1 key
CONTACT TAIL PLATING T : Pb/sn plating
NO. OF CONTACTS 10 14 16 20 26 30 34 40 50 60 64
A 32.00 37.08 39.62 44.70 52.32 57.40 62.48 70.10 82.80 95.50 100.58
B 21.84 26.92 29.46 34.54 42.16 47.24 52.32 59.94 72.64 85.34 90.42
C 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66 78.74
D 17.25 22.60 25.14 30.22 37.84 42.92 48.00 55.62 68.32 81.02 86.10
E short 42.4 47.5 50.0 55.1 62.7 67.8 72.9 80.5 93.2 105.9 111.0 long 45.6 50.7 53.2 58.3 65.9 71.0 76.1 83.7 96.4 109.1 114.2
F 27.94 33.02 35.56 40.64 48.26 53.34 58.42 66.04 78.74 91.44 96.52
3
FRC5 Series
Unit : mm Header with long locks
E D C
2.54
10.56
6.2
17.4
J
3.04
B A
2-2.6 (For M3 tapping screw)
8.2
4.35
0.3
F
0.5 x 0.64 2-2.62
Header with short locks
E
2
0.4
FRC5
Header without a lock
24.3
C10 5S53T
1 70 82
C14
5S53T
DDK
C16 5S53T
DDK
FRC5-C10-O
FRC5-C50-O FRC5-C60-C
81 10 01
FRC5-C60-O FRC5-C64-O
H Key way
1 70 82
01 1 0 81
FRC5-C14-O FRC5-C10-D
FRC5-C16 to FRC5-C40-O FRC5-C50 to FRC5-C60-A
Key way marking (in case of 60 pins)
C60 5S53T
4
FRC5 Series
Unit : mm
PCB Mounting Dimensions
(as Viewed from Soldering, DIP Side)
2.54 0.1
0.8 0.05
2-3.2 (M3 tapping screw) 2-2.8 (M2.6 screw)
0.8 0.05
3.2
2.54 0.1
2.54 0.1 2.54 0.1
C Connector Connector F
C B
Right angle contact tail
Straight contact tail
Long Lock
Spring Pin
FRC2-01
MaterialPBT resin (UL94V-O)
5
FRC-03
MaterialStainless steel
Short lock
3.2
17.85
Tool
FRC2-02
MaterialPBT resin (UL94V-O)
7
357J-4502
Use this tool when removing or replacing the lock lever.
3.2
15.4
5
0.25
FRC5
0.74
FRC5 Series
Unit : mm
Polarizing Key for Socket
Key Guide for Header
HU-005
A pair of HU-005 consists of an HU-005-1 and an HU-005-2 MATERIAL/FINISHPolyamide resin (UL94V-O)/natural color
HU-006
MATERIAL/FINISHPolycarbonate resin (UL94V-O)/black
FRC5
HU-006
HU-005-1
HU-005-2
Polarizing Guide for Header
HU-006
FRC-001
MATERIAL/FINISHPolyamide resin (UL94V-O)/natural color
HU-005
FRC-001
Note : If connectors having same number of contacts are used side by side, wrong insertion between adjacent connectors can be prevented. However, these components are not applicable to 10-pin keyless, or 16-pin connectors.
Cable Assembly Tools
Cable cutting tool P/N : 357J-4256, Termination tool P/N : 357J-4674D (press) P/N : 357J-4664N (attachment)
6
FRCE Series
Metal Hood FRC5 Series Shielded Type for EMI Suppression
The FRCE series hood is used for the FRC5 series socket connectors. It is made of aluminum alloy. It provides complete EMI protection to the connectors. Applicable connectors : No. of contacts 26, 34, 50 FRC5-Ax26-xTON, FRC5-Ax34-xTON, FRC5Ax50-xTxN The mating connector of the FRCE series socket with hood is a header without a lock. FRC5-C26xxxT-ON, FRC5-C34xxxT-ON, FRC5-C50xxxT-xN
FRCE
MATERIAL/FINISH
Hood Lock screws Cable clamp Clamp clip Aluminum cast/Non-conductive paint finish (color : gray) Steel/Nickel plating Steel/Nickel plating Steel/Nickel plating
1
FRCE Series
Unit : mm
D
A H (Boot ID)
C
7.85
FRCE
Attached to Socket Connector 9.4
M3 x 0.5 Thread Attached to Panel
B 12.4
P/N FRCE-26H1 FRCE-34H1 FRCE-50H1
A 57.6 67.76 88.08
B 37.59 47.75 68.07
C 35 35 40
D 10x13 10x15 10x18
E 38.60 48.76 69.08
F 47.60 57.76 78.08
G 30.48 40.64 60.96
H 10.5 11.0 13.0
Panel and PCB Mounting Dimensions
Panel M3 x 0.5 Thread R1.5 max.
10.4
+0 -0.4
PCB
0.8
M3 x 0.5 Thread R1.5 max.
10.4
+0 -0.4
Connector Panel PCB
G
13 max
+0.5 (22.8 -0 )
2.54
E F
E F
2.54
26.5 -0
+0.5
Right angle header
Straight header
2
FRC-D, FRC-E, FRC-J Series
PCB Connectors for Flat Cables UL Recognized (File No. E72124)
FRC-D Series (IC type)
FRC-E Series (PCB type)
FRC-J Series (PCB type)
FRC-D,E,J
The FRC-D series is suitable for connection on the PCB, and between PCB and PCB. The contact pitch and row pitch are same as standard IC, and therefore it can be mated with the IC socket. Number of contacts 14, 16, 20, 24, 40, 64
The FRC-E series is suitable for connection on the PCB, and between PCB and PCB. The contact arrangement is 4 rows.
The FRC-J series is suitable for connection on the PCB, and between PCB and PCB. The contact arrangement is 2 rows (2.54mm grid).
Number of contacts 20, 26, 30, 34, 40, 50, 60
Number of contacts 10, 16, 20, 26, 30, 34, 40, 50, 60
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance Operating temperature Applicable cable 250V AC (rms) 1A/contact 500V AC (rms) for 1 minute 1000M min. at 500V DC 15m max. 55 to105 Cable picth 1.27mm AWG #28 (stranded, solid) AWG #30 (solid)
MATERIAL/FINISH
Base Cover Contact PBT resin (UL94V-O)/Black PBT resin (UL94V-O)/Black Copper alloy/Gold over Nickel plating or Pb/Sn plating
1
FRC-D Series
Unit : mm
FRC-D14R-30S
NO. OF CONTACTS 14, 16, 20, 24, 40, 64 STRAIN RELIEF No designation : No strain relief S : With strain relief Strain relief for 65 contacts is not available. CONTACT ROW PITCH O : 14, 16, 20 7.62mm 24, 40 15.24mm 64 22.86mm A : 20 10.16mm
CONTACT ARRANGEMENT No designation : Standard R : Reverse Reverse type for 20 contacts is not available. CONTACT PLATING 3 : Gold flash over Nickel 5 : Pb/Sn plating
FRC-D,E,J
2.5 (Reverse type only)
0.9 0.1
D
2.54
B
A
PCB mounting dimensions
0.5
2.54
4.3
5
0.53
0.35
B
C
NO. OF CONTACTS 14 16 20 20 24 40 64
P/N FRC-D14-O FRC-D16-O FRC-D20-O FRC-D20-A FRC-D24-O FRC-D40-O FRC-D64-O
A 20.00 22.54 27.62 27.62 32.66 52.98 83.46
B 15.24 17.78 22.86 22.86 27.94 48.26 78.74
C 7.62 7.62 7.62 10.16 15.24 15.24 22.86
D 10.88 10.88 10.88 13.42 18.50 18.50 26.12
2
C
FRC-D Series
Unit : mm
Strain Relief
MaterialStainless steel
FRC-D14-04
NO. OF CONTACTS 14, 16, 20, 24, 40, 60
1.85
FRC-D,E,J
A
52.98 3.7 42 2.05
N
4.8
5.15
for 14, 16, 20, 24 contacts
for 40 contacts
Cable No. vs Contact Position (Tail Side)
24 N 13 N-1
1 3 Cable No.
2
1 2 34 N
4
N-1
123 4
Cable No.
Standard type
Reverse type
Cable Assembly Tools
Cable cutting tool P/N : 357J-4256 Termination toolPress P/N : 357J-4674D, Attachment P/N : 357J-4665 (14 to 40 contacts) P/N : 357J-13023 (64 contacts only)
3
5.15
5
N
FRC-E Series
Unit : mm
FRC-E20-3
NO. OF CONTACTS 20, 26, 30, 34, 40, 50, 60 CONTACT PLATING 3 : Gold flash over Nickel 5 : Pb/Sn plating
10.88
A
FRC-D,E,J
0.5 6 2.8 9.3
1.27
0.6
0.35 7.62
2.54
B
NO. OF CONTACTS 20 26 30 34 40 50 60
P/N FRC-E20- FRC-E34- FRC-E30- FRC-E34- FRC-E40- FRC-E50- FRC-E60-
A 30.18 37.80 42.88 47.96 55.38 68.28 80.98
B 24.13 31.75 36.83 41.91 49.53 62.23 74.93
4
FRC-E Series
Unit : mm
PCB Mounting Dimensions (Typical)
As viewed from soldering side
1.27 1.27 20-0.9 +0.1 -0 1.27 1.27 26-0.9 +0.1 -0
7.62
2.54
5.08
1.27 x 19=24.13
1.27
1.27 x 25=31.75
FRC-E20-
FRC-E26-
30-0.9 +0.1 -0 1.27 1.27 1.27 34-0.9 +0.1 -0
FRC-D,E,J
1.27
1.27
1.27
2.54
1.27
5.08
7.62
7.62
2.54
5.08
1.27 1.27 x 29=36.83 1.27 x 33=41.91
1.27
FRC-E30-
1.27
FRC-E34-
40-0.9 +0.1 -0
1.27 x 39=49.53
FRC-E40-
1.27 1.27 1.27 50-0.9 +0.1 -0
2.54
1.27
5.08
7.62
1.27 1.27 x 49=62.23
FRC-E50-
1.27 60-0.9 +0.1 -0
1.27 x 59=74.93
FRC-E60- Cable No. vs contact position (tail side)
3 4 N N-1
2 1 1234 N
Cable assembly tools Cable cutting tool P/N : 357J-4256 Termination toolPress P/N : 357J-4674D Attachment P/N : 357J-4666N
Cable No.
5
2.54
1.27
5.08
7.62
2.54
5.08
7.62
2.54
5.08
7.62
FRC-J Series
Unit : mm
FRC-J16A-3SN
NO.OF CONTACTS 10, 16, 20, 26, 30, 34, 40, 50, 60 STRAIN RELIEF : No strain relief
COVER STYLE A : Closed end
CONTACT ARRANGEMENT S : Standard R : Reverse
CONTACT PLATING 3 : Gold flash over Nickel 5 : Pb/Sn plating
FRC-D,E,J
C
Reverse type
A
1.27 7 3.25 6.5 0.35 2.54 0.53
B
2.54
R mark (Solder DIP side)
NO. OF CONTACTS 10 16 20 26 30 34 40 50 60
A 11.43 19.05 24.13 31.75 36.83 41.91 49.53 62.23 74.93
B 10.16 17.78 22.86 30.48 35.56 40.64 48.26 60.96 73.66
C 19.10 26.72 31.80 39.42 44.50 49.58 57.20 69.90 82.60
PCB Mounting Dimensions
0.9 0.1
7
R
B
2.54
2.54 0.05
7
6
FRC-J Series
Unit : mm
Cable No. vs. Contact Position
Standard type
5
Reverse type
4
3
2
1
5
4
3
2
1
Cable No. Cable No.
2 N N-1 3 1
FRC-D,E,J
N-1 3
1 N
R
2
(Tail side)
(Tail side)
Cable Assembly Tools
Cable cutting tool P/N : 357J-4256 Termination toolPress P/N : 357J-4674D
Attachment and center locator
Attachment P/N Center locatorP/N For standard type For reverse type 357J-5046-5-1 357J-5046-12-1 357J-5046-5-3 357J-5046-12-3 357J-5046-5-4 357J-5046-12-4 357J-5046-5-6 357J-5046-12-6 357J-5046-5-7 357J-5046-12-7 357J-5046-5-8 357J-5046-12-8 357J-5046-5-9 357J-5046-12-9 357J-5046-5-10 357J-5046-12-10 357J-5046-5-11 357J-5046-12-11 Applicable contacts 10 16 20 26 30 34 40 50 60
357J-5046
7
DIMM Socket for Memory Expansion
In Accordance with JEDEC Standard DMM Series, 100 Contacts
Laser Printers, Fax machines, Terminals, Peripherals
FEATURE
Applicable to 100-position DIMM module board
in accordance with JEDEC standard
Voltage keying design for 5V modules Insulator molded from surface mount compati-
ble polyamide material
Locking ejectors hold module in place during
vibration
DMM(100)
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance 250 V AC (rms) 0.5A/contact 500V AC (rms) for 1 minute 500M min. at 500V DC 40mmax.
MATERIAL/FINISH
Contact/Finish Insulator Ejector Copper alloy/0.38m Gold over Nickel (mating),Tin-Lead (tail) Polyamide resin (UL94V-O)/Black Polyamide resin (UL94V-O)/Black
1
DMM Series (100 Contacts)
Unit : mm
DMM-100G-432FNK31
25.68 1.26 Contact 100
Contact 1
6.35 6.35 15 x 1.27 19.05 6.35
27 x 1.27 34.29
121.2MAX 104.5MAX 90.54
DMM(100)
85.37
24.46
19.28
15.93
0.4
78.74 97.74
5.8
3.3
19.05 5.715
0.25
2.49
2
2.6
Section A-A
3.85
0.6
7.3
1.27
DMM Series (100 Contacts)
Unit : mm
PCB Mounting Dimensions (Connector Mount Side)
100 100-1.02
0.05
78.74 0.05 6.35 0.05 6.35 0.05 3.18 0.05
2.44 0.05
51
5.715 0.05
1.905 0.05
1.27 0.05 6.35 1
19.05 0.05
0.05
34.29 0.05 72.39 0.05
50
Module Dimensions
4 0.1
DMM(100)
2.54MIN
6.35 0.05
3.175
1.26 0.05
1.27 0.03
17.78 0.05
2.99MIN 1.27 0.1
6.35 0.05
19.05 0.05 25.68 0.05
6.35 0.05 34.29 0.05 72.39 90.17 0.10
3.00 MIN
0.99 0.05
FULL R 2.00 0.05
30
Detail "X"
0.25 MIN
Detail "Y"
3
SO-DIMM Socket for Memory Expansion
Comforming to JEDEC Standard DMM3 Series, 144 Contacts, 0.8mm Pitch
Notebook computers, palmtop computers and handheld devices
FEATURE
Applicable to 144-position SO-DIMM module
board per JEDEC standard
Easy mating and unmating with unique locking
and ejecting system Surface mount design Voltage keying design for 3.3V modules
DMM3(144)
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance 100V AC (rms) 0.5A/contact 250V AC (rms) for 1 minute 250M min. at 250V DC 40mmax.
MATERIAL/FINISH
Contact/Finish Insulator Locking Tab Copper alloy/Gold over Nickel plating (mating), Tin-Lead (tail) LCP resin (UL94V-O)/Ivory Copper alloy/Solder plating
1
DMM3 Series (144 Contacts)
Unit : mm
DMM3-RS144A2B-13
63.00
31.50 1.45 0.9 2.0 5.2 2.10 23.20 30.50 2.50 30.10 32.80 72.00 67.85
62.80 (1.00) (1.10) 30.10 23.20 20.00 2.10 2.50 30.50 32.80 29.00
DMM3(144)
7.50
1.5
69.60 72.00
0.7 2.0 4.00
2
5.0
DMM3 Series (144 Contacts)
Unit : mm
PCB Mounting Dimensions
63 0.05 60.6 0.03 31.5 0.10 4.6 0.10 4.5 0.10 30.3 60.6 0.05 4.8 0.05 23.2 0.8 0.03
0.03
2.1 0.10 16.1 32.8 0.03 3.1 0.05 3.1 0.05
1.
1.6
0.
10
0.5 0.03
DMM3(144)
1 0.03
4.6 0.03 60.6 0.03
32.8 0.03
PCB Connector Mounting Space (Reference)
.. 74
25.4
4.3
4.7
25. 4
25
15.4
3.4
3
5.2
30.4
29
2 0.05
23.2 0.03
2.5 0.10
2 0.05
1
0. 10
DMM3 Series (144 Contacts)
Unit : mm
Module Dimensions
3 4 0.10 3 3.8MAX.
25.4
20
3.2
6
1 3.3 0.10
23.2 0.05 2.1 0.05
143 1.5 0.10 2.5 0.05 32.8 0.05 4.8 0.05 4MIN. 4 0.10 2
67.6 0.10
DMM3(144)
63.6 2 3.7
0.10
1.5 0.10 4.8 0.05
Detail "C"
23.2 0.05 2.5 0.05
2.1
0.10
32.8 0.05 144 2.5MAX. 0.6 0.05
2
30
1 0.10 2 2 33.8
Detail "D"
63.6 2.55 0.8 0.10 67.6
Detail "E"
4
DIMM Socket For Memory Expansion
Conforming To JEDEC Standard DMM Series, 168 Contacts
Workstations, Computers, Disk arrays and Servers
FEATURE
Applicable to 168-position module per JEDEC Board locks which prevent the connector from Voltage keying design for both 5V and 3.3V Available with locking ejector on either side or Insulator molded from surface mount compatible Accepts DRAM, SDRAM and non-standard Straight plug in design minimizes bending of Low insertion force
standard MO-161
lifting during reflow soldering modules
both sides of connector plastic
DRAM module module
DRAM Type
Voltage
P/N
DMM-168FLDA1-3A113 DMM-168FLDA1-3A133 DMM-168FLDA2-3A113 DMM-168FLDA2-3A133 DMM-168FLDA2-3A134 DMM-168FLDA2-3A13N DMM-168FLDA2-3A135 DMM-168FLDA2-3B133 DMM-168FLDA2-3B137 DMM-168FLDA2-3B13N DMM-168FLDA1-2A213 DMM-168FLDA2-2A213 DMM-168FLDA3-2A213 DMM-168FLDA4-2A213 DMM-168FLHB1-3A114 DMM-168FLHB1-3A134 DMM-168FLHB2-3A114 DMM-168FLHB2-3A133 DMM-168FLHB2-3A134 DMM-168FLEA1-3A113 DMM-168FLEA1-3A133 DMM-168FLEA1-3A13N DMM-168FLEA1-3A163 DMM-168FLEA2-3A113 DMM-168FLEA2-3A117 DMM-168FLEA2-3A133 DMM-168FLEA2-3A134 DMM-168FLEA2-3A137 DMM-168FLEA2-3A163 DMM-168FLEA3-3A117 DMM-168FLEA3-3A137 DMM-168FLFB1-3A116 DMM-168FLFB1-3A136 DMM-168FLFB2-2B214 DMM-168FLFB2-3A111 DMM-168FLFB2-3A116 DMM-168FLFB2-3A132 DMM-168FLFB2-3A133 DMM-168FLFB2-3A136 DMM-168FLAA1-1A233 DMM-168FLAA1-3A113 DMM-168FLAA1-3A133 DMM-168FLAA2-2A213 DMM-168FLAA2-2A233 DMM-168FLAA2-2A236 DMM-168FLAA2-2B212 DMM-168FLAA2-2B232 DMM-168FLAA2-2B233 DMM-168FLAA2-2B262 DMM-168FLAA2-2B263 DMM-168FLAA2-3A113 DMM-168FLAA2-3A116 DMM-168FLAA2-3A133 DMM-168FLAA2-3A136 DMM-168FLAA2-3A166 DMM-168FLAA2-3A13N DMM-168FLAA2-3B112 DMM-168FLAA2-3B133 DMM-168FLAA2-3B13N DMM-168FLAA2-3B162 DMM-168FLAA2-3A137 DMM-168FLAA2-3A163 DMM-168FLAA2-3A134 DMM-168FLAA3-1A233 DMM-168FLAA3-1A234 DMM-168FLAA3-3A113 DMM-168FLAA3-3A133 DMM-168FLAA3-3A136 DMM-168FLAA3-3A13N DMM-168FLAA3-1B212 DMM-168FLAA4-3A113 DMM-168FLAA4-3A133 DMM-168FLGB1-3A112 DMM-168FLGB1-3A132 DMM-168FLGB2-3A112 DMM-168FLGB2-3A132
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance 250V AC (rms) 0.5A/contact 500V AC (rms) for 1 minute 500M min. at 500V DC 40mmax.
3.3V Sync. DRAM
DMM(168)
5.0V
MATERIAL/FINISH
Contact/Finish Insulator Ejector Board lock Lock Copper alloy/Gold over Nickel plating (mating), Tin-lead plating (tail) Polyamide resin (UL94V-O)/Black Stainless steel Copper alloy/Solder plating Polyamide resin (UL94V-O)/Black
Standard DRAM
3.3V
5.0V
3.3V Non-Standard DRAM
5.0V
1
DMM Series (168 Contacts)
Unit : mm
Sync. DRAM Operation Voltage 3.3V
DMM-168FLDA2-3A23N
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black 3 : Black/Ivory 4 : Ivory/Ivory Board lock and hole size N : without Board lock 3 : with 3 Board locks, 2.50 4 : with 4 Board locks, 2.50 5 : with 1 Board locks, 2.03 7 : with 3 Board locks, 2.03 holes holes holes holes
Tail Pitch 2 : 1.27mm 3 : 1.905mm
Tail Pitch Arrangement A : See page 3 B : See page 3
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead
Tail Length
1 : 3.0mm 2 : 3.2mm
44.18 A
168 DDK THALAND 85
Contact No.168
7.30
1
DRAM
3.3V
84
DMM(168)
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
22.38
C1 L
11.40 MAX. 11.43 2.50 Lock pin 17.78 29x1.2736.83 43.18 60.96 141.00
B
43x1.2754.61 2.50 Lock pin 60.96 2.50 Lock pin
0.82
Contact No.1 Contact No.1
5.80
3.50
0.25 P (Tail pitch) (See P/N)
L (Tail length) (See P/N)
6.60
1.27
1.27
Px3
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
2
DMM Series (168 Contacts)
Unit : mm
Sync. DRAM Operation Voltage 3.3V
Mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area 4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
3
DETAIL H
3 MIN. 11.43 0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J 23.00 0.1
1.27 REF.
36.83 44.18 0.1 63.675 115.57 REF. 131.35 0.05
54.61 0.05
Mating board dimensions (Reference)
4.00 MIN.
R1 2.54
0.25 MAX.
R1
1.00
C 1.00 L 1 3.12
DMM(168)
3.12
30 .0
2.00 0.1
2.00 0.1
3.3V DC 1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
PCB mounting hole dimensions
42.50 0.05 168-0.8 0.05 60.96 0.10
Contact No.85 Contact No.168
60.96 0.10
0.25 C L C L
3 x P 0.05
P 0.05
1.27 0.05
43.18 0.05 6.35 0.05 36.83 0.05 11.43 0.05
3.175 6.35 0.05
57.79 0.05
Contact No.1
54.61 0.05 115.57 0.10
Lock pin
DMM-168FLDA - A
168-0.8 0.05 42.50 0.05
PCB mounting hole dimensions (connector mounting side Reference)
Contact No.168
60.96 0.10
Contact No.85
60.96 0.10
3 x P 0.05
P 0.05
1.27 0.05
43.18 0.05 6.35 0.05 36.83 0.05 11.43 0.05
3.175 6.35
0.05
57.79 0.05
Contact No.1
Lock pin
54.61 0.05 115.57 0.10
DMM-168FLDA - B
PCB mounting hole dimensions (connector mounting side Reference)
3
DMM Series (168 Contacts)
Unit : mm
Sync. DRAM Operation Voltage 5.0V
DMM-168FLHB2-3A134
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black Board lock and hole size N : without Board lock 3 : with 3 Board locks, 2.50 holes 4 : with 4 Board locks, 2.50 holes
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead
43.18 A
168 DDK THALAND 85
Contact No.168
1
DRAM
3.3V
84
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
7.30
DMM(168)
22.38
C1 L
11.40 MAX. 11.43 2.50 Lock pin 17.78 29x1.2736.83 43.18 60.96 141.00
B
43x1.2754.61 2.50 Lock pin 60.96 2.50 Lock pin
0.82
Contact No.1 Contact No.1
5.80 0.25 1.905 1.905x3 3.00
3.50
6.60
1.27
1.27
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
4
DMM Series (168 Contacts)
Unit : mm
Sync. DRAM Operation Voltage 5.0V
Recommended mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area
4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
DETAIL H
3
3 MIN. 11.43
0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J
0.05
1.27 REF. 23.00 0.1
36.83 43.18 0.1 63.675 115.57 REF. 131.35 0.05
54.61
Recommended mating board dimensions (Reference)
0.25 MAX.
DMM(168)
R1
1.00
1.00
C1 L
R1 2.54
4.00 MIN.
3.12
3.12
30 .0
2.00 0.1
2.00 0.1
5.0V DC
1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Recommended PCB mounting hole dimensions
42.50 0.05 168-0.8 0.05 60.96 0.10
Contact No.85 Contact No.168
60.96 0.10
0.25 C L
3 x P 0.05
0.05
1.27 0.05
43.18 0.05 6.35 0.05
3.175 6.35
0.05
57.79 0.05
P
Contact No.1
36.83 0.05 11.43 0.05 115.57 0.10 54.61 0.05
Lock pin
DMM-168FLHB - A Recommended PCB mounting hole dimensions (connector mounting side Reference)
5
DMM Series (168 Contacts)
Unit : mm
Standard DRAM Operation Voltage 3.3V
DMM-168FLEA3-3A13N
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black 3 : Black/Ivory Board lock and hole size N : without Board lock 3 : with 3 Board locks, 2.50 holes 4 : with 4 Board locks, 2.50 holes 7 : with 3 Board locks, 2.03 holes
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead 6 : Mating area0.76m Gold over Nickel Tail areaTin-Lead
43.18 A
168 DDK THALAND 85
Contact No.168
1
DRAM
3.3V
84
7.30
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
DMM(168)
22.38
C1 L
11.40 MAX. 11.43 2.50 Lock pin 17.78 29x1.2736.83 43.18 60.96 141.00
B
43x1.2754.61 2.50 Lock pin 60.96 2.50 Lock pin
0.82
Contact No.1 Contact No.1
5.80 0.25 1.60 1.60x3 3.00
3.50
6.60
1.27
1.27
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
6
DMM Series (168 Contacts)
Unit : mm
Standard DRAM Operation Voltage 3.3V
Recommended mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area 4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
3
DETAIL H
3 MIN. 11.43 0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J
0.05
1.27 REF. 23.00 0.1
36.83 43.18 0.1 63.675 115.57 REF. 131.35 0.05
54.61
Recommended mating board dimensions (Reference)
0.25 MAX.
DMM(168)
R1
1.00
1.00
C1 L
R1 2.54
4.00 MIN.
3.12
3.12
30 .0
2.00 0.1
2.00 0.1
3.3V DC
1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Recommended PCB mounting hole dimensions
42.50 0.05 168-0.8 0.05 60.96 0.10
Contact No.85 Contact No.168
60.96 0.10
0.25
3 x P 0.05
P 0.05
1.27 0.05
43.18 0.05 6.35 0.05
3.175 6.35
0.05
57.79 0.05
Contact No.1
36.83 0.05 11.43 0.05 115.57 0.10 54.61 0.05
Lock pin
DMM-168FLEA - A Recommended PCB mounting hole dimensions (connector mounting side Reference)
7
C L
DMM Series (168 Contacts)
Unit : mm
Standard DRAM Operation Voltage 5.0V
DMM-168FLFB2-3A136
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black Board lock and 1 : with 1 Board 2 : with 2 Board 3 : with 3 Board 4 : with 4 Board 6 : with 2 Board hole size locks, 2.50 locks, 2.50 locks, 2.50 locks, 2.50 locks, 2.03 holes holes holes holes holes
Tail Pitch 2 : 1.27mm 3 : 1.905mm
Tail Pitch Arrangement A : See page 9 B : See page 9
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead
Tail Length
1 : 3.0mm 2 : 3.2mm
42.18 A
168 DDK THALAND 85
Contact No.168
7.30
1
DRAM
3.3V
84
DMM(168)
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
22.38
C1 L
11.40 MAX. 11.43 2.50 Lock pin 17.78 29x1.2736.83 43.18 60.96 141.00
B
43x1.2754.61 2.50 Lock pin 60.96 2.50 Lock pin
0.82
Contact No.1 Contact No.1
5.80
3.50
0.25 P (Tail pitch) (See P/N)
L (Tail length) (See P/N)
6.60
1.27
1.27
Px3
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
8
DMM Series (168 Contacts)
Unit : mm
Standard DRAM Operation Voltage 5.0V
Recommended mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area 4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
DETAIL H
3
3 MIN. 11.43
0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J 23.00 0.1
1.27 REF.
36.83 42.18 0.1 63.675 115.57 REF. 131.35 0.05 R1 1.00 1.00 C1 L
54.61 0.05
Recommended mating board dimensions (Reference)
4.00 MIN.
R1 2.54
0.25 MAX.
3.12
DMM(168)
3.12
30 .0
2.00 0.1
2.00 0.1
5.0V DC
1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Recommended PCB mounting hole dimensions
42.50 0.05 168-0.8
0.05
Contact No.168
60.96 0.10
Contact No.85
60.96 0.10
0.05
P 0.05
1.27 0.05
43.18 0.05 6.35 0.05 36.83 0.05 11.43 0.05
3.175 6.35 0.05
57.79 0.05
3xP
Contact No.1
54.61 0.05 115.57 0.10
Lock pin
DMM-168FLFB - A
168-0.8 0.05 42.50 0.05
Recommended PCB mounting hole dimensions (connector mounting side Reference)
Contact No.168
60.96 0.10
Contact No.85
60.96 0.10
3 x P 0.05
P 0.05
1.27 0.05 6.35
43.18 0.05
0.05
3.175 6.35 0.05
57.79 0.05
Contact No.1
36.83 0.05 11.43
0.05
54.61 0.05 115.57
0.10
Lock pin
DMM-168FLFB - B
Recommended PCB mounting hole dimensions (connector mounting side Reference)
9
C L
C L
0.25
DMM Series (168 Contacts)
Unit : mm
Non-Standard DRAM Operation Voltage 3.3V
DMM-168FLAA2-3B216
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black 3 : Black/Ivory 4 : Ivory/Ivory Board lock and hole size N : without Board lock 2 : with 2 Board locks, 2.50 3 : with 3 Board locks, 2.50 4 : with 4 Board locks, 2.50 6 : with 2 Board locks, 2.03 7 : with 3 Board locks, 2.03 holes holes holes holes holes
Tail Pitch 1 : 1.60mm 2 : 1.27mm 3 : 1.905mm
Tail Pitch Arrangement A : See page 11 B : See page 11
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead 6 : Mating area0.76m Gold over Nickel Tail areaTin-Lead
Tail Length
1 : 3.0mm 2 : 3.2mm
42.18 A
168 DDK THALAND 85
Contact No.168
DMM(168)
1
DRAM
3.3V
84
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
22.38
C1 L
7.30 11.40 MAX. 2.50 Lock pin
Contact No.1
11.43 2.50 Lock pin 17.78
29x1.2736.83 43.18 60.96 141.00 2.50 Lock pin
43x1.2754.61
60.96
B
0.82
Contact No.1
5.80
3.50
0.25 P (Tail pitch) (See P/N)
L (Tail length) (See P/N)
6.60
1.27
1.27
Px3
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
10
DMM Series (168 Contacts)
Unit : mm
Non-Standard DRAM Operation Voltage 3.3V
Recommended mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area 4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
3
DETAIL H
3 MIN. 11.43 0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J 23.00 0.1
1.27 REF.
36.83 42.18 0.1 63.675 115.57 REF. 131.35 0.05
54.61 0.05
Recommended mating board dimensions (Reference)
4.00 MIN.
R1 2.54
0.25 MAX.
R1
1.00
C 1.00 L 1 3.12
DMM(168)
3.12
30 .0
2.00 0.1
2.00 0.1
3.3V DC 1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Recommended PCB mounting hole dimensions
42.50 0.05 168-0.8 0.05 60.96 0.10
Contact No.85 Contact No.168
60.96 0.10
0.25 C L C L
3 x P 0.05
P 0.05
1.27 0.05 6.35
43.18 0.05
0.05
3.175 6.35 0.05
57.79 0.05
Contact No.1
36.83 0.05 11.43
0.05
54.61 0.05 115.57 0.10
Lock pin
DMM-168FLAA - A
168-0.8 0.05 42.50 0.05
Recommended PCB mounting hole dimensions (connector mounting side Reference)
Contact No.168
60.96 0.10
Contact No.85
60.96 0.10
3 x P 0.05
P 0.05
1.27 0.05
43.18 0.05 6.35 0.05 36.83 0.05 11.43
0.05
3.175 6.35 0.05
57.79 0.05
Contact No.1
54.61 0.05 115.57
0.10
Lock pin
DMM-168FLAA - B
Recommended PCB mounting hole dimensions (connector mounting side Reference)
11
DMM Series (168 Contacts)
Unit : mm
Non-Standard DRAM Operation Voltage 5.0V
DMM-168FLGB1-3A132
Housing/Lock color 1 : Ivory/Ivory 2 : Black/Black Board lock and hole size N : without Board lock 2 : with 2 Board locks, 2.50 holes 3 : with 3 Board locks, 2.50 holes
Contact plating 1 : Mating area0.3m Gold over Nickel Tail areaTin-Lead 3 : (Standard) Mating areaGold flash over Nickel Tail areaTin-Lead
41.18 A
168 DDK THALAND 85
Contact No.168
1
DRAM
3.3V
84
Contact No.1
A 11.43 6.35 29x1.2736.83 6.35 147.00 128.35 43x1.2754.61
7.30
DMM(168)
11.40 MAX.
22.38
C1 L
11.43 2.50 Lock pin 17.78
29x1.2736.83 43.18 60.96 141.00 2.50 Lock pin
43x1.2754.61 2.50 Lock pin 60.96
B
0.82
Contact No.1 Contact No.1
5.80 0.25 1.60 1.60x3 3.00
3.50
6.60
1.27
1.27
DETAIL B-1
DMM-168FL - A
DETAIL B-2
DMM-168FL - B
SEC.A-A
12
DMM Series (168 Contacts)
Unit : mm
Non-Standard DRAM Operation Voltage 5.0V
Recommended mating board dimensions
133.35 0.13 127.35 C1 L 4.00 0.1 Device mounting area
4 MAX.REF. after device mouting
17.78 0.05
38.23 MAX.
DETAIL H
3
3 MIN. 11.43
0.05
3.175 REF.
DETAIL G
6.35 0.05
DETAIL F
6.35 0.05
DETAIL J
0.05
1.27 REF. 23.00 0.1
36.83 41.18 0.1 63.675 115.57 REF. 131.35 0.05
54.61
Recommended mating board dimensions (Reference)
0.25 MAX.
DMM(168)
R1
1.00
1.00
C1 L
R1 2.54
4.00 MIN.
3.12
3.12
30 .0
2.00 0.1
2.00 0.1
5.0V DC
1.27 0.03
1.00 0.05
1.27 0.1
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Recommended PCB mounting hole dimensions
42.50 0.05 168-0.8 0.05 60.96 0.10
Contact No.85 Contact No.168
60.96 0.10
0.25 C L
3 x P 0.05
0.05
1.27 0.05
43.18 0.05 6.35 0.05
3.175 6.35
0.05
57.79 0.05
P
Contact No.1
36.83 0.05 11.43 0.05 115.57 0.10 54.61 0.05
Lock pin
DMM-168FLHB - A Recommended PCB mounting hole dimensions (connector mounting side Reference)
13
HTC Series
For IEC 61076-4-101 2mm Grid Hard Metric Connectors
Comforming to IEC 61076-4-101 Pressfit contacts for PC board Reliable twin contact Available with grounding function
CONFORMING STANDARD
IEC 61076-4-101
APPLICATION
Exchanger, Trasmission Equipment, Base Station, Industrial Computer Board, Measurement Equipment, Controller
SPECIFICATION
Voltage Rating Current Rating Dielectric with standing voltage Insulation resistance Contact resistance 300V AC (rms) 1.0A/contact 750V AC (rms) for 1 minute 10,000Mmin. at 100V DC 20m max.
HTC
MATERIAL/FINISH
[ Fixed board modules & CompactPCI style P2, P3] Contact Copper alloy/Mating area : Gold over Nickel plating Housing PBT resin (UL94V-0) [ Free board modules & CompactPCI style J2, J3] Contact Copper alloy/Mating area : Gold over Nickel plating Housing PBT resin (UL94V-0) Insulator PPS resin (UL94V-0) Link insulator PBT resin (UL94V-0) Shield plate Copper alloy/Mating area : Gold over Nickel plating
1
HTC Series
Hard Metric Connector [ IEC 61076-4-101 ]
Module style Fixed Board without ground pin with ground pin without shield plate Free Board with upper shield plate with upper and lower shield plate
A
Page 3
Page 4
Page 5
Page 5
Page 5
B
Page 6
Page 7
Page 8
Page 8
Page 8
C
Page 9
Page 10
Page 11
Page 11
Page 11
HTC
C Reversed
Page 12
Page 13
Page 14
Page 14
Page 14
CompactPCI P2/J2
Page 15 Page 16
CompactPCI P3/J3
Page 17 Page 18
Coding Key
Page 19
Page 19
2
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style A
HTC-PFA110-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
50 max. 48 20 2 8 20 2 13.35 8.2 3 3.7
e d c b a 1 11 15 25
2
15
8
HTC
20 2
8
20 2
A
B
e d c b a 1 0.1 11 AB 2.00 15 0.1
+0.05 0
2 25 AB 110-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
3
8
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style A
HTC-PFA154-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
50 max. 48 20 2 8 20 2 13.35 8.2 3 f e d c b a z 1 11 15 25 3.7
2 12 20 2 8 20 2 B 2 A
1 11 15 25
HTC
f e d c b a z 0.1 AB 2.00 0.1
+0.05 0
AB
154-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
4
12
15
HTC Series
Unit : mm
Hard Metric Daughterboard Connector IEC 61076-4-101 free board modules style A
HTC-SEA110-R11W
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
50 max. 48 20 2 8 20 2
f e d c b a z 25 15 11 1
7.2
11.4
8
7.5
HTC
2
10.6
2 10
A 48 20 2 8 20 2
e d c b a 25 15 11 1
1.50 0.05
f.z
2 10
B
EDGE OF PCB
0.1
AB
132-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
5
3.3
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style B
HTC-PFB125-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
50 max. 48 2 13.35 8.2 3 3.7
e d c b a
2
HTC
1
25
48 2
A
B
e d c b a 1 0.1 AB 25
2
125-0.06 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
6
8
15
8
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style B
HTC-PFB175-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
50 max. 48 2 13.35 8.2 3 f e d c b a z 1 25 3.7
2
12
15
HTC
48 2
A
B
f e d c b a z 1 0.1 AB 25
2 175-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
7
12
HTC Series
Unit : mm
Hard Metric Daughterboard Connector IEC 61076-4-101 free board modules style B
HTC-SEB125-R11W
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
50 max. 48 2
7.2 10.6 2 10 B 3.3
HTC
25
1
48 2 f.z e d c b a 25 1
A
EDGE OF PCB
0.1
AB
150-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
8
1.5 0.05
2
10
11.4
8
7.5
f e d c b a z
2
HTC Series
Unit : mm
Hard Metric Backpanel Connecter IEC 61076-4-101 fixed board modules style C
HTC-PFA55-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
25 max. 20 2 4 13.35 8.2 3 3.7
e d c b a 1 11
2
15
8
HTC
20 2
A 3 B 2
e d c b a 1 0.1 55-0.60 11 AB
0.05
8
0.1 2.00
+0.05 0
AB
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
9
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style C
HTC-PFA77-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
25 max. 20 2 4 13.35 8.2 3 f e d c b a z 3.7
2 12 1 11 20 2 A 3 B 2
1 11
HTC
f e d c b a z 0.1 AB
12
15
0.1 2.00
+0.05 0
AB
77-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
10
HTC Series
Unit : mm
Hard Metric Daughterboard Connector IEC 61076-4-101 free board modules style C
HTC-SEA55-R11W
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
25 max. 20 2
11
1 10.6 2 10 A 20 2
f.z e d c b a
11 1
1.50 0.05
2
10
B
EDGE OF PCB
0.1
AB
66-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
11
3.3
f e d c b a z
7.2 11.4 8 7.5
HTC
2
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style C [Reversed]
HTC-PFR55-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
25 max. 4 20 2 13.35 8.2 3 f e d c b a z 15 25 3.7
2
HTC
20 3 2
A
B
e d c b a 15 0.1 2.00
+0.05 0
2
25 AB 0.1 AB
55-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
8
12
15
8
HTC Series
Unit : mm
Hard Metric Backpanel Connector IEC 61076-4-101 fixed board modules style C [Reversed]
HTC-PFR77-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
25 max. 4 20 2 13.35 8.2 3 f e d c b a z 15 25 3.7
2 12
15
HTC
20 3 2
A
B
f e d c b a z 15 0.1 2.00
+0.05 0
2 25 AB 12
0.1
AB
77-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
13
HTC Series
Unit : mm
Hard Metric Daughterboard Connector IEC 61076-4-101 free board modules style C [Reversed]
HTC-SER55-R11W
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
25 max. 20 2
HTC
f e d c b a z 25 15
2
11.4
8
10.6 A 20 2
2 10
f.z e d c b a 25 15
1.50 0.05
2
10
B
EDGE OF PCB
0.1
AB
66-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
14
3.3
7.50
7.2
HTC Series
Unit : mm
Hard Metric Backpanel Connector CompactPCI style P2
HTC-PFB154-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
44 max. 42 2 13.35 8.2 3 f e d c b a z 1 22 3.7
2 12
15
HTC
42 2
A
B f e d c b a z 1 0.1 AB 22
154-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
15
12
2
HTC Series
Unit : mm
Hard Metric Daughterboard Connector CompactPCI style J2
HTC-SEB110-R11A
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
44 max. 42 2
HTC
11.4
2
8
22 42 2 f e d c b a 22
1 10.6 A 2 10
10
0.05
2
1 EDGE OF PCB 0.1 121-0.60
AB
0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
16
1.5
B
3.3
7.2
7.5
f e d c b a
HTC Series
Unit : mm
Hard Metric Backpanel Connector CompactPCI style P3
HTC-PFB133-S1A
1: Mating area 0.76 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating (Pin contact code AC) 5: Mating area 0.76 Gold plating Press-in part : Gold plating (Pin contact code KT) 6: Mating area 0.40 Gold plating Press-in part : Gold plating (Pin contact code KT)
38 max. 36 2 13.35 3
f e d c b a z 1 19
12
15
2
HTC
36 2
A
B f e d c b a z 1 0.1 AB 19
133-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: See page 20 for different contact alignment.
17
12
2
HTC Series
Unit : mm
Hard Metric Daughterboard Connector CompactPCI style J3
HTC-SEB95-R11A
1: Mating area 0.76 Gold plating 2: Mating area 0.40 Gold plating Press-in part : Tin-lead plating OMIT : without shield plate A : with upper shield plate W : with upper and lower shield plates
38 max. 36
HTC
f e d c b a 19
2
11.4
2
8
1 10.6 2 10 A 2
36
f.z e d c b a 19 1
2
1.50
10
0.05
B
EDGE OF PCB
0.1
AB
105-0.60 0.05
PCB Mounting Dimensions (Connector Mount Side)
Note: Row f.z is for shield plates.
18
3.3
7.2
7.5
HTC Series
Unit : mm
Hard Metric Coding Key IEC 61076-4-101 fixed board module Key
HTC-A-430
Key Numbers
No.3 No.4
8.9 No.1
2 8 7 5 No.6 5.75 7.9 2.9 3.15 2.2
IEC 61076-4-101 free board module Key
HTC
HTC-B-430
Key Numbers
9.2 No.2 2.35 1 6 No.5 No.8 No.7 3 4 6.1
Note: Consult with us to confirm key numbers and color.
19
3.8
6.75
2.0
HTC Series
Unit : mm
Hard Metric Various Contact Alignment Contact Alignment Diagram
Backpanel mounting surface
Pin contact code
T
S
R
Q
PN
M
L
K
C
B
A
3.7
8.2
13
9.7
14.5
11.2
Fill out each diagram with pin contact code for different contact length.
f e d c b a z 1 11 15 25
module style A
HTC
f e d c b a z
module style B
1 25
f e d c b a z
module style C
1 11
f e d c b a z
16
module style C
(reversed)
15 25
f e d c b a z 1
f e d c b a z
22
19
Compact PCI style P2 Compact PCI style P3
20
DFJ Series
0.8mm Pitch Stacking Connector
FEATURE
PCB stacking connectors with 0.8mm pitch 9 available stacking heights: 10mm, and 13-
20mm in 1 mm increments
SMT style contact tails with locking tabs for
better stability on PCB Mis-mateing prevention structure on mating area Friction lock mechanism provides tactile response upon mating of plug and receptacle Adsorption cap for vacuum automatic pick and place assembly equipme.
SPECIFICATION
Rated voltage Rated current Dielectric withstanding voltage Insulation resistance Contact resistance 100V AC (rms) 0.5A / contact 350V AC (rms) for 1 minute 500M min. at 250V DC 45m max.
MATERIAL/FINISH
Contact Copper alloy / Gold over Nickel plating (Mating), Tin-Lead (Tail) Insulator LCP resin (UL94V-0) / Black Locking tab Copper alloy / Nickel over Tin plating
DFJ
1
DFJ Series
Unit : mm
Plug Connector
DFJ-PC030-S931130D
Number of contacts 020 : 20pin 030 : 30pin 040 : 40pin 060 : 60pin 080 : 80pin 100 :100pin 120 :120pin 1 140 :140pin 2 160 :160pin D : with lock
Connector height 080 : 8.0mm 110 :11.0mm 120 :12.0mm 130 :13.0mm
*1 : 140-pin is under planning. *2 : 160-pin size available only in 8.0mm height.
P/N DFJ-PC020-S931D DFJ-PC030-S931D
0.1 0.8 0.3 0.65
A 15.3 19.3 23.3 31.3 39.3 47.3 55.3 63.3 71.3
B 7.2 11.2 15.2 23.2 31.2 39.2 47.2 55.2 63.2
C 12.2 16.2 20.2 28.2 36.2 44.2 52.2 60.2 68.2
D 12.8 16.8 20.8 28.8 36.8 44.8 52.8 60.8 68.8
DFJ-PC040-S931D DFJ-PC060-S931D DFJ-PC080-S931D DFJ-PC100-S931D
2.8
DFJ-PC120-S931D DFJ-PC140-S931D DFJ-PC160-S931D
6
DFJ
0.2
P/N DFJ-PC-S931080D DFJ-PC-S931110D DFJ-PC-S931120D DFJ-PC-S931130D
J 8.0 11.0 12.0 13.0
K 9.0 12.0 13.0 14.0
0.7 0.05 0.1
1.1 0.05
0.8
11
2.40 6.95
+0.05 0.80 0
0.50 +0.05 0
1.20
+0.05 0
2.50 0.03
0.05 0.05
2.40 0.10
0.10
Adsorption cap mounting dimensions Adsorption cap mounting height Recommend PCB dimensions
2
2.15 0.05
2.40 0.10
0.10
0.80 0.03
DFJ Series
Unit : mm
Receptacle Connector
DFJ-RC030-S931104D
Number of contacts 020 : 20pin 030 : 30pin 040 : 40pin 060 : 60pin 080 : 80pin 100 : 100pin 120 : 120pin 1 140 : 140pin 2 160 : 160pin N : with out lock D : with lock
Connector height 074 : 7.4mm 104 : 10.4mm 114 : 11.4mm 124 : 12.4mm
*1 : 140-pin is under planning. *2 : 160-pin size available only in 8.0mm height
.
P/N
0.1 0.8 0.3 0.65
A 15.3 19.3 23.3 31.3 39.3 47.3 55.3 63.3 71.3
B 7.2 11.2 15.2 23.2 31.2 39.2 47.2 55.2 63.2 P/N
C 12.2 16.2 20.2 28.2 36.2 44.2 52.2 60.2 68.2
D 12.8 16.8 20.8 28.8 36.8 44.8 52.8 60.8 68.8 J 7.4 10.4 11.4 12.4
E 8.8 12.8 16.8 24.8 32.8 40.8 48.8 56.8 64.8 K 8.4 11.4 12.4 13.4
DFJ-RC020-S931 DFJ-RC030-S931 DFJ-RC040-S931 DFJ-RC060-S931 DFJ-RC080-S931
2.8
6
DFJ-RC100-S931 DFJ-RC120-S931 DFJ-RC140-S931 DFJ-RC160-S931
1.55
1
DFJ-RC-S931074 DFJ-RC-S931104
J 0.2
DFJ
DFJ-RC-S931114 DFJ-RC-S931124
1.1
0.05
0.7 0.05
0.8
0.1
0.80 1.20 +0.05 0
0.10
5.40
2.50
0.05 0.05
0.05
0.03
2.40
0.10
0.10
Adsorption cap mounting dimensions Adsorption cap mounting height Recommend PCB dimensions
3
2.15
2.40
0.10
6.95
10
2.40
+0.05 0.50 0
0.80 +0.05 0
0.10
0.03
DFJ Series
Connector mating height
Stack height Part number Locator height Plug 10mm DFJ-PC -S931080D
Locator 3 4
13mm DFJ-PC -S931110D 3mm
14mm DFJ-PC -S931120D 4mm
8
10
7.4
11
12
7.4
13
Receptacle
Locator

Part number Locator height
DFJ-RC -S931074
DFJ-RC -S931074
DFJ-RC -S931074
Stack height Part number Locator height Plug
15mm DFJ-PC -S931130D 5mm
16mm DFJ-PC -S931110D 3mm
17mm DFJ-PC -S931120D 4mm
3
Locator
5
11
13
15
16
12
4
7.4
10.4
DFJ
Receptacle
Locator
7.4
3
Part number Locator height
DFJ-RC -S931074
DFJ-RC -S931104 3mm
DFJ-RC -S931104 3mm
Stack height Part number Locator height Plug
5
18mm DFJ-PC -S931130D 5mm
5
19mm DFJ-PC -S931130D 5mm
5
20mm DFJ-PC -S931130D 5mm
Locator
13
18
13
19
13
3
10.4
10.4
11.4
Receptacle
Locator
3
4
Part number Locator height
DFJ-RC -S931104 3mm
DFJ-RC -S931114 4mm
DFJ-RC -S931124 5mm
4
5
12.4
20
17
14
DHB Series
1.27mm centerline Two-piece Connectors Board to Board and Board to Cable Connections
High density board to board, board to cable
(with DHD series) and board stacking connections
FEATURE
Space saving 1.27mm centerline Highly-reliable, scoop-proof cantilever con-
tact design
"D''-shape shell polarization to eliminate con-
nector mis-mating Bi-level contact tails to ease assembly into PCB holes With snap-lock pins plus four kinked contact tails to secure connector on PCB for soldering Intermateable with half-pitch (1.27mm centerline) IDC flat ribbon cable connectors for board to cable connection
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance 250V AC (rms) 0.5A/contact 500V AC (rms) for 1 minute 500M min. at 500V DC 35m max.at 10mA DC
DHB
MATERIAL/FINISH
Contact Insulator Snap lock pin Hold pin Copper alloy/Gold over Nickel plating PBT resin (UL94V-0) Copper alloy/Solder plating Copper alloy/Ni plating (Stacking type)
1
DHB Series
Unit : mm
Right Angle Plug
DHB-PA50-R131N
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27 0.2 1 7
17.3
Kinked C 10.7 5.715 3.5 D 5.62
2.8
DHB
A 0.08 1.905 0.08 5.715 0.08
Without snap-lock pin
With snap-lock pin
Basic hole 1.27 0.08 5.08 0.1
+0.1 0.7 -0
D 0.1
2.3 0.05
PCB mounting dimensions (Connector mount side) PCB thickness:1.6+0.19 (with snap-lock pin) -0.1 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.58 22.93 25.47 29.28 35.63 41.98 47.06 54.68 67.38 80.08
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
2
8 max.
DHB Series
Unit : mm
Right Angle Plug (Pre-mating Contact)
DHB-PG50-R131N
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
17.3
B A 1.27 0.2 1 7
With pre-mating With standard contacts contacts
Kinked C 10.7 5.715 3.5 D 5.62
2.8
0.50
Without snap-lock pin
With snap-lock pin
DHB
A 0.08 1.905 0.08 5.715 0.08 Basic hole 1.27 0.08 5.08 0.1
+0.1 0.7 -0
D 0.1
2.3 0.05
PCB mounting dimensions (Connector mount side) PCB thickness:1.6+0.19 (with snap-lock pin) -0.1 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.58 22.93 25.47 29.28 35.63 41.98 47.06 54.68 67.38 80.08
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
3
8 max.
DHB Series
Unit : mm
Straight Plug
DHB-PB50-R131N
NO. OF CONTACTS 20, 26, 30, 34, 40, 50, 60, 68, 80, 100, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27 1 7 C 1.1
3.13 Kinked
9.8
3.5
D
DHB
A 0.08 5.715 0.08 1.905 0.08 1.27 0.08 Basic hole
Without snap-lock pin
With snap-lock pin
2.858 0.1
0.7 -0 D 0.1
+0.1
2.3 0.05
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 26 30 34 40 50 60 68 80 100 120
A 11.43 15.24 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.58 20.39 22.93 25.47 29.28 35.63 41.98 47.06 54.68 67.38 80.08
C 20.03 23.84 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 22.35 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
4
DHB Series
Unit : mm
Straight Plug (Pre-mating Contact)
DHB-PH50-R131N10
NO. OF CONTACTS 20, 26, 30, 34, 40, 50, 60, 68, 80, 100, 120 PRE-MATING CONTACT (see below) 10: 4 contacts (each 2 contacts both end) 11: 8 contacts (each 4 contacts both end)
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
B A 1.27 1 7
C
With pre-mating With standard contacts contacts
1.1
3.13
9.8
Kinked D
3.5
0.50
Without snap-lock pin
A 0.08 5.715 0.08 1.905 0.08 1.27 0.08 Basic hole 2.858 0.1
With snap-lock pin
DHB
0.7 +0.1 -0 2.3 0.05 D 0.1
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 26 30 34 40 50 60 68 80 100 120
A 11.43 15.24 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.58 20.39 22.93 25.47 29.28 35.63 41.98 47.06 54.68 67.38 80.08
C 20.03 23.84 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 22.35 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
5
DHB Series
Unit : mm
Right Angle Receptacles
DHB-RA50-R131N
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27 2.8 7 Kinked 3.5 C D 6.89 10.7 5.715 7
DHB
0.08
0.2
1
17.3
Without snap-lock pin
A 0.08 Basic hole 1.27 0.08 3.81 0.1
With snap-lock pin
1.905 0.08
5.715
0.7
+0.1 -0
D 0.1
2.3 0.05
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.48 22.83 25.37 29.18 35.53 41.88 46.96 54.58 67.28 79.98
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
6
7 max.
DHB Series
Unit : mm
Right Angle Receptacles (Pre-mating Contact)
DHB-RG50-R131N10
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 PRE-MATING CONTACT (see below) 10: 4 contacts (each 2 contacts both end) 11: 8 contacts (each 4 contacts both end)
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
17.3
B A 1.27
1
With pre-mating With standard contacts contacts
0.2
7
Kinked 3.5 C 10.7 D 6.89 5.715
7
2.8
0.90
With snap-lock pin
Without snap-lock pin
5.715 0.08 1.905 0.08 A 0.08 Basic hole 1.27 0.08 3.81 0.1
DHB
0.7
+0.1 -0
D 0.1
2.3 0.05
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.48 22.83 25.37 29.18 35.53 41.88 46.96 54.58 67.28 79.98
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
7
7 max.
DHB Series
Unit : mm
Straight Receptacles
DHB-RB50-R131N
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27
1
C
7
Kinked
2.8
11
3.5
D
DHB
5.715 0.08 1.905 0.08 A 0.08
Without snap-lock pin
With snap-lock pin
Basic hole
2.858 0.1
1.27 0.08
0.7 +0.1 -0 2.3 0.05 D 0.1
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.48 22.83 25.37 29.18 35.53 41.88 46.96 54.58 67.28 79.98
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
8
DHB Series
Unit : mm
Straight Receptacles (Pre-mating Contact)
DHB-RH50-R131N10
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 68, 80, 100, 120 PRE-MATING CONTACT (see below) 10: 4 contacts (each 2 contacts both end) 11: 8 contacts (each 4 contacts both end)
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
B A 1.27
1
7
C
With pre-mating With standard contacts contacts
Kinked
2.8
11
3.5
0.90
D
Without snap-lock pin
A 0.08 5.715 0.08 1.905 0.08 2.858 0.1 1.27 0.08 Basic hole
With snap-lock pin
DHB
0.7 -0
0.1
+0.1
2.3 0.05 D
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
NO. OF CONTACTS 20 30 34 40 50 60 68 80 100 120
A 11.43 17.78 20.32 24.13 30.48 36.83 41.91 49.53 62.23 74.93
B 16.48 22.83 25.37 29.18 35.53 41.88 46.96 54.58 67.28 79.98
C 20.03 26.38 28.92 32.73 39.08 45.43 50.51 58.13 70.83 83.53
D 18.54 24.89 27.43 31.24 37.59 43.94 49.02 56.64 69.34 82.04
9
DHB Series
Unit : mm
Mated Dimensions
DHB-RA
DHB-PA
PCB
7.2
DHB-RB 15.1 7.2 PCB DHD-RB 16 22.6 21 24.8
15.7 28.9
PCB
DHB-PB
7.2
PCB
DHB-RA DHB-PA 21.4
14.8
DHB-RB
DHB-PB
7 DHD-RB 23.9 (with strain relief)
31.4 (with strain relief)
DHB
DHB-PB
10
27.6 (without strain relief) DHB-PA
20.1 (without strain relief)
DHB Series
Unit : mm
Receptacles-Stacking Type
DHB-RD50-S131N-4.9
NO. OF CONTACTS 20, 30, 34, 40, 50, 60, 80,100 LOCATOR HEIGHT 4.9: 4.9mm 3.9: 3.9mm 2.9: 2.9mm 1.9: 1.9mm
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
B A 1.27
1
C
NO. OF CONTACTS 20 30 34 40 50 60 80 100
A 11.43 17.78 20.32 24.13 30.48 36.83 49.53 62.23
B 16.48 22.83 25.37 29.18 35.53 41.88 54.58 67.28
C 20.03 26.38 28.92 32.73 39.08 45.43 58.13 70.83
D 18.54 24.89 27.43 31.24 37.59 43.94 56.64 69.34
Locator height
7
2.8
3.5
Kinked D
DHB
With snap-lock pin
Without snap-lock pin
PCB Mounting Dimension
5.715 0.08 1.905 0.08 A 0.08 1.27 0.08 Basic hole 2.858 0.1 2.3 0.05
0.7 +0.1 -0 D 0.1
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
11
DHB Series
Unit : mm
DHB-RD-S11N-4.9
Mated dimension
PCB
DHB-PB-S13N
15.9
4.9 10.4
DHB-RD-S13N-4.9
1.4
DHB-RD-S13N-3.9
Mated dimension
PCB
DHB-PB-S13N
14.9
9.4
3.9
0.4
DHB-RD-S13N-3.9
DHB-RD-S13N-2.9
Mated dimension
PCB
DHB-PB-S13N
13.9
0.4
8.4
2.9
DHB
DHB-RD-S13N-2.9
DHB-RD-S13N-1.9
Mated dimension
PCB
DHB-PB-S13N
12.9
7.4
0.4
12
1.9
DHB-RD-S13N-1.9
17
18
19
20
DHB Series
Unit : mm
Low Profile Plug
DHB-PK50-S131N
NO. OF CONTACTS 30, 40, 50, 60, 80, 100 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27
1 7
NO. OF CONTACTS 30 40 50 60 80 100
A 17.78 24.13 30.48 36.83 49.53 62.23
B 19.58 25.93 32.28 38.63 51.33 64.03
C 26.38 32.73 39.08 45.43 58.13 70.83
D 24.89 31.24 37.59 43.94 56.64 69.34
C
2.8
7.5
3.5
Kinked
D
Without snap-lock pin
A 5.715 0.08 1.905 0.08
0.08
With snap-lock pin
DHB
1.27 0.08 Basic hole
0.7 +0.1 -0 2.3 0.05 D 0.1
PCB mounting dimensions (Connector mount side) +0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
13
2.858 0.1
DHB Series
Unit : mm
Low Profile Receptacle
DHB-RK50-S131N
NO OF CONTACTS 30, 40, 50, 80, 100 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27
1
NO. OF CONTACTS 30 40 50 80 100
A 17.78 24.13 30.48 49.53 62.23
B 22.83 29.18 35.53 54.58 67.28
C 26.38 32.73 39.08 58.13 70.83
D 24.89 31.24 37.59 56.64 69.34
C
7
7.8
2.8
3.5
Kinked
D
DHB
5.715 0.08 1.905 0.08
Without snap-lock pin
A 0.08 2.858 0.1 1.27 0.08 Basic hole
With snap-lock pin
0.7 +0.1 -0 2.3 0.05 D 0.1
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
14
DHB Series
Unit : mm
Mated Dimensions
DHB-PK -S1 N DHB-RK -S1 N 10
DHB-PB -S1 N DHB-RK -S1 N 12.3
DHB-PK -S1 N 13.2
15.1
DHB-RB -S1 N
DHB-PK -S1 N 18.1
DHB-PK -S1 N 17.1
DHB-PK -S1 N 16.1
DHB-PK -S1 N
DHB-RD -S1 N-4.9
DHB-RD -S1 N-3.9
DHB-RD -S1 N-2.9
DHB-RD -S1 N-1.9
DHB
15
DHB Series
Unit : mm
Right Angle Receptacles (With Slot Type)
DHB-RL50-R131N
NO OF CONTACTS 40, 50 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
NO. OF CONTACTS 40 50
A 24.13 30.48
B 29.18 35.53
C 32.73 39.08
D 31.24 37.59
B A 1.27
17.3
0.2
1
7
Kinked
D 6.89
10.7
5.715
3.5
C
2.8
DHB
5.715 0.08 1.905 0.08
Without snap-lock pin
A 0.08 Basic hole 1.27 0.08 3.81 0.1
With snap-lock pin
0.7 +0.1 -0
D 0.1
2.3 0.05
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
16
7 max.
DHB Series
Unit : mm
Straight Receptacles (With Slot Type)
DHB-RM80-R131N
NO OF CONTACTS 80, 120 SNAP LOCK PIN N: Without snap-lock pin 1: With snap-lock pin
CONTACT PLATING 1: 0.76 m Gold over Nickel 2: 0.25 m Gold over Nickel 3: Gold flash over Nickel TailSolder plating
B A 1.27 1 7
NO. OF CONTACTS 80 120
A 49.53 74.93
B 54.58 79.98
C 58.13 83.53
D 56.64 82.04
C
11
Kinked
2.8
3.5
D
Without snap-lock pin
A 0.08 5.715 0.08 1.905 0.08
0.1
With snap-lock pin
DHB
1.27 0.08 Basic hole
0.7 +0.1 -0 2.3 0.05 D 0.1
PCB mounting dimensions (Connector mount side)
+0.19 PCB thickness:1.6-0.1 (with snap-lock pin) 1.60.19 (without snap-lock pin)
17
2.858
DHB Series
Unit : mm
Dust Cover (For Plug)
DHB-40PB-404
NO. OF CONTACTS 40, 68
B A
7
P/N
4.9
NO. OF CONTACTS 40 68
A 28.88 46.66
B 30.74 48.52
DHB-40PB-404 DHB-68PB-404
Applicable Connector : DHB-PA, DHB-PB, DHB-PG, DHB-PH Type
DHB
1 1 DHB-XXP
18
HU5 Series
Low Profile Header Connectors Intermateable with FRC5 Series
FEATURE
HU5 series is low profile pin header intermate -
able with FRC5 series (IDC for flat cables)
Preventive mechanism of mis-mating
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance Operating temperature 250V AC (rms) 1A/contact 500V AC (rms) for 1 minute 1000M min. at 500V DC 15M max. 55 to105
MATERIAL/FINISH
Block Contact PBT resin (UL94V-O)/Black Copper alloy/Gold over Nickel plating
HU5
1
HU5 Series
Unit : mm
HU5-400PNA-R53TD20
NO. OF CONTACTS 10, 16, 20, 26, 30, 34, 40, 50 DEVIATION No designation : With only 1 surface gold plating on the mating area. D20 : With 4 surface gold plating on the mating area.
KEY SLOT 0 : 10 16, 20, 26, 30, 34, 40 50 Key pitch : 22.86mm 1 : 50
No key 1 key 2 keys 1 key
CONTACT TAIL PLATING T : Pb/Sn plating
CONTACT TAIL STYLE R : Right angle S : Straight
CONTACT TAIL LENGTH 5 : 2.9mm
CONTACT PLATING 1 : 0.8 Gold over Nickel 2 : 0.4 Gold over Nickel 3 : Gold flash over Nickel 5 : Pb/Sn (applicable to 40 contacts max.)
A 0.25 B
2.54
+0.25 -0.05
2.9
C
0.3 0.6 2.9 0.5 x 0.64 2.54
6.2
8.2
8.5
D
5.2
E
9.3
Right angle contact tail
NO. OF CONTACTS 10 16 20 26 30 34 40 50
0.5 x 0.64
2.54
Straight contact tail
HU5
2.54 0.1 0.8 -0
+0.08
A 20.0 27.6 32.7 40.3 45.4 50.5 58.1 70.8
B 17.52 25.14 30.22 37.84 42.92 48.00 55.62 68.32
C 10.16 17.78 22.86 30.48 35.56 40.64 48.26 60.96
D 5.08 7.62 11.43 13.97 16.51 20.32 26.67
E 3.81 7.62 10.16 13.97 16.51 19.05 22.86 29.21
PCB mounting dimensions
2.54 0.1
C 0.1
2
DHE Series
1.27mm Centerline IDC Connectors for Direct Cable to PC Board Connections
PBX,
Computers, etc.
FEATURE
1.27mm center IDC connecters for 0.635mm
pitch flat ribbon cable (AWG#28 or 30) Bi-level IDC termination design for reliable connection Open-ended rear cover design for daisy chain applications
SPECIFICATION
Voltage rating Current rating Dielectric withstanding voltage Insulation resistance Contact resistance 250V AC (rms) 0.5A/contact 500V AC (rms) for 1 minute 500M min. at 500V DC 20m max. at 10mA DC
MATERIAL/FINISH
Contact Insulator Copper alloy/Solder plating Polyamide (UL94V-0)/Black
APPLICABLE CABLES
AWG#30 or #28 flat ribbon cables Insulator O.D. 0.6mm dia. AWG#30: 7/0.102mm Construction AWG#28: 7/0.127mm
DHE
1
DHE Series
Unit : mm
DHE-J68-15AN
NO. OF CONTACTS 26, 50, 60, 68 TAIL STYLE A: with Kinked style N: without Kinked style
TAIL LENGTH 1: 2.8mm & 3.5mm
CONTACT PLATING 5: Solder plating
A
7.72
Mark 1.27 B Kinked 1.905 5.715
PCB Mounting Dimensions
(Connector Mounting Side) 60, 68 contacts
Mark 1.905 0.08 B 0.08 1.27 0.08 Basic hole N0.1 Terminal hole Mark
7.85
26, 50 contacts
B
5.715 0.08
DHE
N0.1 Terminal hole
0.7 -0
+0.1
NO. OF CONTACTS 26 50 60 68
A 22.99 38.23 44.58 49.66
B 15.24 30.48 36.83 41.91
PCB mounting dimensions (connector mount side) PCB thickess=1.60.19
2
2.8
Basic hole
3.5
1
DHE Series
Cable Assembly Tool
P/N 357J-11656-2 357J-10852 357J-10854 357J-10855 357J-10857 357J-11998-13 357J-11998-5 357J-11998-6 357J-11998-7 Tool NAME Cable cutting tool Attachment for cover termination Cover termination tool Final termisation tool Attachment for cover termination Attachment Attachment Attachment Attachment for for for for center center center center locator locator locator locator (26 (50 (60 (68 Pos.) Pos.) Pos.) Pos.)
DHE
3


▲Up To Search▲   

 
Price & Availability of FRC3-CXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X