Part Number Hot Search : 
C9475M0 2SC4486 NTE1954 SPN1304S SC2608A 06010 SC2608A BTA208
Product Description
Full Text Search
 

To Download CP-P13-3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
P cores and accessories
COIL FORMERS General data CP-P22/13 coil former PARAMETER Coil former material Maximum operating temperature SPECIFICATION
P22/13
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in accordance with "UL 94V-0"; UL file number E45329 (R) 155 C, "IEC 60085", class F
handbook, full pagewidth
9.0 0 0.15 0.5 0.4
2.7
10.7
0 0 17.8 0.15 0.2
9.6
0.15 0
CBW603
0.6
0.5
Dimensions in mm.
Fig.3 Coil former: CP-P22/13. Winding data for CP-P22/13 coil former NUMBER OF SECTIONS 1 2 3 2 3 MINIMUM WINDING AREA (mm2) 26.2 12.2 7.6 2 3 NOMINAL WINDING WIDTH (mm) 7.5 3.45 2.1 AVERAGE LENGTH OF TURN (mm) 44.5 44.5 44.5
TYPE NUMBER CP-P22/13-1S CP-P22/13-2S CP-P22/13-3S


▲Up To Search▲   

 
Price & Availability of CP-P13-3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X