|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C-Series General Specifications Designed for those applications requiring higher amperage and voltage handling capability in a compact design. Available with American Standard or Metric Threaded Stud terminals, or Saddle Clamp screw terminals. Available with optional mid-trip handle style actuator, solid color rocker actuators and Visi-rocker two color actuators. Visi-rocker can be specified to indicate either the ON or TRIPPED/OFF mode. Rockerguard and Push-To-Reset bezel help prevent inadvertent actuation. The C-Series UL489 breakers employ a unique arc chute design which results in obtaining higher interrupting capacities, up to 50,000 amps. Thermoset glass filled polyester half shell construction for increased mechanical & electrical strength; Wiping Contacts - Mechanical linkage with two-step actuation - cleans contacts, provides high, positive contact pressure & longer contact life; 1-6 poles, 0.02 - 100 amps, up to 480 VAC or 80 VDC, UL489 up to 240 VAC or 125 VDC, with choice of time delays and actuator colors. Agency Certifications UL Recognized UL Standard 1077 CSA Accepted Component Recognition Program as Protectors, Supplementary (Guide CCN/QVNU2, File E75596) Switches, Industrial Control (Guide CCN/NRNT2, File E148683) Protectors, Supplementary for Marine Electrical & Fuel Systems (Guide PEQZ2, File E75596) Ignition Protection Circuit Breakers, Molded Case, (Guide DIVQ, File E189195) Communications Equipment (Guide CCN/DITT, File E189195) CSA Certified Component Supplementary Protector under Class 3215 30, File 047848 0 000 CSA Standard C22.2 No. 235 Circuit Breaker Model Case (Class 1432 01, File 093910), CSA Standard C22.2 No. 5.1 - M EN60934, under License No. R72041016 EN60934, VDE 0642 under File No. 10537 UL Standard 508 UL Standard 1500 TUV Certified UL Listed UL Standard 489 VDE Certified UL Standard 489A 74 www.carlingtech.com C-Series - General Specifications Electrical Table A: Lists UL Recognized & CSA Accepted configurations and performance capabilities as a Component Supplementary Protector. Notes for Table A: 1 Requires branch circuit backup with a UL LISTED Type K5 or RK5 fuse rated 15A minimum and no more than 4 times full load amps not to exceed 125A for 50 Amp or less rating and not to exceed 175 for 51 through 100 Amp rating. www.carlingtech.com 75 C-Series General Specifications Electrical Table B: Lists UL Recognized and CSA Accepted configurations and performance capabilities as a Manual Motor Controller. Notes for Table B: 1 Requires branch circuit backup with a UL LISTED Type K5 or RK5 fuse rated 15A minimum and no more than 4 times full load amps not to exceed 125A for 50 Amp or less rating and not to exceed 175 for 51 through 100 Amp rating. 2 UL recognized and CSA Accepted at 480V refers to 3 & 4 pole versions used in a 3O, wye connected circuit or 2-pole version connected with 2 poles breaking. 1O and backed up with series fusing as stated above in note 1. Table C: Lists UL Recognized, CSA Accepted , VDE and TUV Certified configurations and performance capabilities as a Component Supplementary Protector. Notes for Table C: 1 General Purpose ratings for UL/CSA only. 2 Requires branch circuit backup with a UL LISTED Type K5 or RK5 fuse rated 15A minimum and no more than 4 times full load amps not to exceed 125A for 50 Amp or less rating and not to exceed 175 for 51 through 100 Amp rating. 76 www.carlingtech.com C-Series - General Specifications Electrical Table D: Lists UL Listed (489), CSA Certified (C22.2 No. 5.1-M) configuration and performance capabilities as a Molded Case Circuit Breaker. Notes from Table D: 1 Special catalog number required. Consult factory. Table E: Lists UL Recognized, CSA Accepted configurations and performance capabilities as Protectors, Supplementary for Marine Electrical and Fuel Systems (Guide PEQZ2, File E75596). Ignition Protected per UL 1500. UL Classified Small Craft Electrical Devices, Marine in accordance with ISO 8846 (Guide UZMK, File MQ1515) as Marine Supplementary Protectors. Table F: Lists UL Listed configurations and performance capabilities as Circuit Breakers for use in Communications Equipment (Guide DITT, File E189195), under UL489A. www.carlingtech.com 77 C-Series - General Specifications Electrical Maximum Voltage AC, 480 WYE/277 VAC, 50/60 Hz (see Table A.) UL489: AC,240 VAC. (See Table D), 50/60 Hz, 125 VDC Standard current coils: 0.100, 0.250, 0.500, 0.750, 1.00, 2.50, 5.00, 7.50, 10.0, 15.0, 25.0, 30.0, 35.0, 40.0, 50.0, 60.0, 70.0, 80.0, 90.0 and 100 amps. Other ratings available, see Ordering Scheme. DC - 6V, 12V; AC - 120V; other ratings available, see Ordering Scheme. SPDT; 10.1 amps-250VAC, DC Aux. Switch 1.0A, 65 VDC. 0.5A, 80VDC,1/4 HP, 125VAC,VDE & TUV 1.0 125 VAC. Minimum of 100 Megohms at 500 VDC. UL, CSA: 1960 V 50/60 Hz for one minute between all electrically isolated terminals. C-Series Circuit Breakers comply with the 8mm spacing and 3750V 50/60 Hz dielectric requirements from hazardous voltage to operator accessible surfaces, between adjacent poles and from main circuits to auxiliary circuits per Publications EN 60950 and VDE 0805. Values from Line to Load Terminal based on Series Trip Circuit Breaker. Mechanical Endurance Trip Free 10,000 ON-OFF operations @ 6 per minute; with rated current & voltage. All C-Series circuit breakers will trip on overload, even when actuator is forcibly held in the ON position. The operating actuator moves positively to the OFF position when an overload causes the breaker to trip. With mid-trip, handle moves to the mid position on electrical trip of the circuit breaker. With mid trip handle with alarm switch, handle moves to the mid position and the alarm switch actuates when the circuit breaker is electrically tripped. Current Rating Trip Indication Standard Voltage Coils Auxiliary Switch Rating Physical 1-6 poles 50A; 1-4 poles @ 5170A; 1-2 poles 71-100A. UL489 Handle: 1 pole 100A, 2 pole 50A; Rocker: 1 pole 100A. Internal Circuit Configurations Series (with or without auxiliary switch, mid trip & mid trip with alarm switch) Shunt & Relay with current or voltage trip coils, Dual Coil, Switch Only (with or without aux. switch). UL489: Series (with or without auxiliary switch, mid-trip & midtrip with alarm switch). Weight Approx.112 grams/pole ( 3.95 oz). Standard Colors Housing: Black Number of Poles Insulation Resistance Dielectric Strength Resistance, Impedance Environmental Designed and tested in accordance with requirements of specification MIL-PRF-55629 & MIL-STD-202 as follows: Shock Withstands 100 Gs, 6ms sawtooth while carrying rated current per Method 213, Test Condition "I". Instantaneous and ultrashort curves tested @ 90% of rated current. Vibration Withstands 0.060" excursion from 1055 Hz & 10 Gs 55-500 Hz, @ rated current per Method 204C, Test Cond. A. Instantaneous & ultrashort curves tested @ 90% of rated current. Moisture Resistance Method 106D, i.e., ten 24-hour cycles @ +25C to +65C, 80-98% RH. Salt Spray Method 101, Condition A (90-95% RH @ 5% NaCl Solution, 96 hrs). Thermal Shock Method 107D, Condition A (five cycles @ -55C to +25C to +85C to +25C). Operating Temperature -40C to +85C Pulse Tolerance Curves 78 www.carlingtech.com C-Series Handle UL Recognized - Ordering Scheme C A 3 -- B 0 -- 10 -- 450 -- 1 2 1 -- C 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 Agency Approval 1 SERIES C 2 ACTUATOR1 A Handle, one per pole B Handle, one per multipole unit S Mid-Trip Handle, one per pole T Mid-Trip Handle, one per pole & Alarm Switch 3 POLES2 1 One 2 Two 4 CIRCUIT3 A3 Switch Only (No Coil) B Series Trip (Current) C Series Trip (Voltage) Shunt Trip (Current) D4 Shunt Trip (Voltage) E4 5 AUXILIARY/ALARM SWITCH6 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 3 4 Three Four F4 G4 H4,5 K4,5 5 6 Five Six Relay Trip (Current) Relay Trip (Voltage) Dual Coil with Shunt Trip Voltage Coil Dual Coil with Relay Trip Voltage Coil S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. DC, 50/60Hz Instantaneous DC, 50/60Hz Ultra Short DC, 50/60Hz Short DC, 50/60Hz Medium DC, 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 5 6 7 8 9 30 31 32 34 36 428 448 468 528 548 56 7 CURRENT RATING (AMPERES) 020 0.020 235 0.350 430 3.000 025 0.025 240 0.400 435 3.500 030 0.030 245 0.450 440 4.000 035 0.035 250 0.500 445 4.500 040 0.040 255 0.550 450 5.000 045 0.045 260 0.600 455 5.500 050 0.050 265 0.650 460 6.000 055 0.055 270 0.700 465 6.500 7.000 060 0.060 275 0.750 470 475 7.500 065 0.065 280 0.800 480 8.000 070 0.070 285 0.850 485 8.500 075 0.075 290 0.900 490 9.000 080 0.080 295 0.950 495 9.500 085 0.085 410 1.000 610 10.000 090 0.090 512 1.250 710 10.500 095 0.095 415 1.500 611 11.000 210 0.100 517 1.750 711 11.500 215 0.150 420 2.000 612 12.000 220 0.200 522 2.250 712 12.500 225 0.250 425 2.500 613 13.000 230 0.300 527 2.750 OR VOLTAGE COIL (NOMINAL RATED VOLTAGE)7 A06 6 DC A32 32 DC J12 12 AC A12 12 DC A48 48 DC J18 18 AC A18 18 DC A65 65 DC J24 24 AC A24 24 DC J06 6 AC J48 48 AC 8 TERMINAL15 110 Stud 10-32, threaded Screw 10-32 211 12 Stud 1/4-20, threaded 3 11 Stud M5 x 0.8, threaded 4 11 Screw M5 x 0.8 5 9 ACTUATOR COLOR & LEGEND16 Actuator Color I-O White A Black C Red F Green H Blue K Yellow M Gray P Orange R T Black (short handle)17 612 713, 15 815 912, 15 A14 C11, 15 614 14.000 615 15.000 616 16.000 617 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 6609 60.000 6709 70.000 6809 80.000 6859 85.000 6909 90.000 6959 95.000 8109 100.000 J65 65 AC K20 120 AC L40 240 AC 6 FREQUENCY & DELAY 033 DC 50/60Hz, Switch Only 107 DC Instantaneous 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 207 50/60Hz Instantaneous 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 26 50/60Hz Long Stud M6 threaded 0.250 Double Quick Connect 1/4" Clip Terminal 7/16" Clip Terminal Plug-In Stud 5/16" Clip Terminal Notes: 1 Actuator Code: A: Handle tie pin spacer(s) and retainers provided assembled with multi-pole units. B: Handle location as viewed from front of breaker: 2 pole - left pole 3 pole - center pole 4 pole - two handles at center poles 5 pole - three handles at center poles 6 pole - four handles at center poles S: Handle moves to mid-position only upon electrical trip of the breaker. Available with circuit codes B, C, D, E, F, G, H and K. T: Handle moves to mid-position and alarm switch activates only upon electrical trip of the breaker. Available with circuit codes B & C. 2 Standard multipole units have all poles identical except when specifying auxilary switch and/or mixed poles. 4 pole max w/VDE. 5th pole available as Series Trip w/Voltage Coil only. 3 Switch Only circuits, rated up to 50 amps and 6 poles, and only available with VDE Certification when tied to a protected pole (Circuit Code B, C, D or H.). For .02 to 30 amps, select Current Code 630. For 35 - 50 amps, select Current Code 650. For 55-70 amps, select Current Code 670. For 75-100 amps, select Current Code 810. 4 Circuit Codes D,E,F,G,H & K available with Terminal Codes 1,2,4 & 5 only. Circuit Codes D, F, H & K available up to 50 amps maximum Current Rating. 5 Consult factory for available Dual Coil options, as special catalog number is required. Dual Coil Voltage Coils with Shunt Trip Construction trip instantaneously on line voltage. Dual Coil Voltage Coils require 30VA minimum power to trip instantaneously and are rated for intermittent duty only. 6 Auxiliary Switch available with Series Trip and Switch Only circuits. On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole. 7 Voltage coils not rated for continuous duty. Available only with delay codes 10 and 20. 8 Available with Circuit Codes B & D only, and up to 50 amps maximum. 9 Current Ratings 60 - 70 are available up to four poles maximum. Ratings 71 - 100 are available up to two poles maximum. 10 Terminal Code 1 available to 60 amps maximum. 11 Terminal Codes 2,4,5 and C available to 50 amps maximum. 12 Terminal Codes 3,6 & 9 available to 100 amps maximum. 13 Terminal Code 7 available to 25 amps maximum. 14 Terminal Code A available to 100 amps maximum. 15 Terminal Codes 7,8,9 & C are not VDE approved. 16 No marking available. Consult factory. VDE/TUV Approval requires dual (I-O, ON-OFF) or I-O markings on all handles. 17 Single pole only. 18 VDE/TUV: 30 amps max.; UL/CSA: 50 amps max.; Available in 2 - 4 poles only and limited to AC Delays. "General Purpose amps" not rated for "full load amps" or to be used in applications with a motor. ON-OFF B D G J L N Q S U Dual 1 2 3 4 5 6 7 8 9 Legend Color Black White White White White Black Black Black White 10 MOUNTING/BARRIERS MOUNTING STYLE BARRIERS VOLTAGE Threaded Insert 1 6-32 x 0.195 inches no < 300 A 6-32 X 0.195 inches yes < 300 18 6-32 X 0.195 inches yes 300 C 2 ISO M3 x 5mm no < 300 B ISO M3 x 5mm yes < 300 18 ISO M3 x 5mm yes 300 D Front panel Snap-In, 1.00" [25.4mm] wide bezel 17 E with Handleguard no < 300 11 AGENCY APPROVAL C UL Recognized & CSA Accepted D VDE Certified, UL Recognized & CSA Accepted E TUV Certified, UL Recognized & CSA Accepted H UL489 Construction: VDE Certified, UL Recognized & CSA Accepted I UL Rec. STD 1077, UL Rec. 1500 (ignition protected), & CSA Accepted L UL489 Construction: UL Recognized & CSA Accepted R UL489 Construction: TUV Certified, UL Recognized & CSA Accepted www.carlingtech.com 79 C-Series Handle Parallel Pole UL489A Listed - Ordering C A 2 -- P 0 -- D4 -- 820 -- 3 2 1 -- M T 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting 12 11 Max. App. Agency Approval Rating 1 SERIES C 2 ACTUATOR1 A Handle, one per pole S Mid-Trip Handle, one per pole T Mid-Trip Handle, one per pole & Alarm Switch 3 POLES3 2 Two 4 CIRCUIT P Series Trip (Parallel Pole) 5 AUXILIARY/ALARM SWITCH 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 5 6 7 8 9 S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. 8 TERMINAL2 3 1/4 - 20 Threaded Stud 6 M6 Threaded Stud A Plug-In Stud 9 ACTUATOR COLOR LEGEND ON-OFF White B Black D Red G Green J Blue L Yellow N Gray Q Orange S 10 MOUNTING MOUNTING STYLE Threaded Insert 1 6-32 x 0.195 inches 2 ISO M3 x 5mm 11 MAXIMUM APPLICATION RATING M 80 DC 9223 225.000 8253 250.000 12 AGENCY APPROVAL T UL489A Listed (up to 250 amps) K UL489A Listed, VDE Certified (up to 200 amps) 3 Three Dual 1 2 3 4 5 6 7 8 Legend Color Black White White White White Black Black Black 6 FREQUENCY & DELAY D1 DC Ultra Short D2 DC Short 7 CURRENT RATING (AMPERES) 811 110.000 814 140.000 812 120.000 815 150.000 912 125.000 816 160.000 813 130.000 817 170.000 D4 D6 DC Medium DC Long 917 818 819 820 175.000 180.000 190.000 200.000 Notes: 1 Actuator Code: A: Handle tie pin spacer(s) and retainers provided assembled with multi-pole units. S: Handle moves to mid-position only upon electrical trip of the breaker. T: Handle moves to mid-position and alarm switch activates only upon electrical trip of the breaker. 2 Terminal Code: 3 & 6: Supplied with bus bars connecting the Line and Load Terminals. A: Line and Load Terminals must be connected to a copper bus bar having a minimum cross section of 0.078 square inches. 3 Above 200 amps, 3 poles are required. 80 www.carlingtech.com C-Series Handle UL489 Listed - Ordering Scheme C A 3 -- B 0 -- 14 -- 450 -- 1 2 1 -- K G 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 12 Max. App. Agency Rating Approval 1 SERIES C 2 ACTUATOR1 A Handle, one per pole B Handle, one per multipole unit S Mid-Trip Handle, one per pole T Mid-Trip Handle, one per pole & Alarm Switch 3 POLES2 1 One 4 CIRCUIT B Series Trip (Current) 5 AUXILIARY/ALARM SWITCH3 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 5 6 7 8 9 S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. 2 Two 3 Three 7 CURRENT RATING (AMPERES)5 295 0.950 210 0.100 410 1.000 215 0.150 512 1.250 220 0.200 415 1.500 225 0.250 517 1.750 230 0.300 420 2.000 235 0.350 522 2.250 240 0.400 425 2.500 245 0.450 527 2.750 250 0.500 430 3.000 255 0.550 435 3.500 260 0.600 440 4.000 265 0.650 445 4.500 270 0.700 450 5.000 275 0.750 455 5.500 280 0.800 460 6.000 285 0.850 465 6.500 290 0.900 8 TERMINAL 6 17 Stud 10-32, threaded 28 Screw 10-32 9 Stud 1/4-20, threaded 3 8 4 Stud M5 x 0.8, threaded 8 5 Screw M5 x 0.8 9 ACTUATOR COLOR & LEGEND11 Actuator Color ON-OFF Dual White B 1 Black D 2 Red G 3 Green J 4 Blue L 5 Yellow N 6 Gray Q 7 Orange S 8 10 MOUNTING/BARRIERS MOUNTING STYLE Threaded Insert 1 6-32 x 0.195 inches 2 ISO M3 x 5mm 470 475 480 485 490 495 610 710 611 711 612 712 613 614 615 616 617 7.000 7.500 8.000 8.500 9.000 9.500 10.000 10.500 11.000 11.500 12.000 12.500 13.000 14.000 15.000 16.000 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 660 60.000 670 70.000 680 80.000 685 85.000 690 90.000 695 95.000 810 100.000 6 FREQUENCY & DELAY 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 26 424 444 464 524 544 564 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 69 8 99 A10 C Stud M6 threaded 1/4" Clip Terminal 7/16" Clip Terminal Push-In Stud 5/16" Clip Terminal Legend Color Black White White White White Black Black Black BARRIERS 12 yes yes Notes: 1 Actuator Code: A: Handle tie pin spacer(s) and retainers provided assembled with multi-pole units. B: Handle located, as viewed from front of breaker in left pole. 2 pole maximum. S: Handle moves to mid-position only upon electrical trip of the breaker. T: Handle moves to mid-position and alarm switch activates only upon electrical trip of the breaker. 2 Standard multipole units have all poles identical except when specifying auxiliary switch and/or mixed poles. 2 & 3 pole circuit breakers required for 120/240 VAC (Maximum application rating code C) applications, have all poles identical except when specifying auxiliary / alarm switch which is normally supplied in extreme right pole per figure B. Terminal barriers are required on all multipole breakers. Third pole is for 120/240 VAC applications requiring neutral disconnect. The 3rd pole has the same construction as poles 1 & 2. 3 On multi-pole breakers, one auxiliary. switch is supplied, mounted in the extreme right pole. VDE approval on auxiliary switch codes 2, 3 & 4 only. Auxiliary / Alarm Switch with Independent Circuit ie: separate from breaker circuit, only available with circuit breakers rated 50 amp maximum at 80 VDC, 125 VDC, and 120 VAC. Auxiliary / Alarm Switch with Dependent Circuit ie: same as circuit breaker, is supplied from factory with common terminal of auxiliary / alarm switch connected to line terminal on 120/240 and 240 VAC ratings. Circuit breakers rated 120 VAC 50 amp maximum can be supplied with Auxiliary/Alarm switch common terminal connected to breaker line terminal. Consult factory for special catalog number. 4 Available up to 50 amps maximum. 5 Current ratings 71 - 100 with VDE approvals are available up to two poles maximum. 6 Terminal Codes 8, 9 & C are not VDE approved. 7 Terminal Code 1 available to 60 amps maximum. 8 Terminal Codes 2, 4, 5 & C available to 50 amps maximum. 9 Terminal Codes 3, 6 & 9 available to 100 amps maximum. 10 Terminal Code A available to 100 amps maximum. 11 VDE and TUV approvals require Dual (I-O, ON-OFF) markings on all handles. 12 Barriers supplied on multi-pole units only. 11 MAXIMUM APPLICATION RATING A 65 DC B 125 DC C 120/240 AC 2 D 240 AC K 120 AC M 80 DC 12 AGENCY APPROVAL11 A w/o approvals F UL489 Listed, CSA Certified & VDE Certified G UL489 Listed & CSA Certified J UL489 Listed, CSA Certified & TUV Certified www.carlingtech.com 81 C-Series Sealed Toggle UL Recognized - Ordering Scheme C M 3 -- B 0 -- 10 -- 450 -- 1 0 1 -- C 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Legend Plate 10 Mounting/ Barriers 11 Agency Approval 1 SERIES C 2 ACTUATOR1 M Sealed Toggle, one per pole 3 POLES 1 One 4 CIRCUIT A2 Switch Only (No Coil) B Series Trip (Current) C Series Trip (Voltage) 3 Shunt Trip (Current) D 3 Shunt Trip (Voltage) E 5 AUXILIARY/ALARM SWITCH5 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 2 Two F3 G3 H3,4 K3,4 3 Three Relay Trip (Current) Relay Trip (Voltage) Dual Coil with Shunt Trip Voltage Coil Dual Coil with Relay Trip Voltage Coil S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. DC, 50/60Hz Instantaneous DC, 50/60Hz Ultra Short DC, 50/60Hz Short DC, 50/60Hz Medium DC, 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 5 6 7 8 9 30 31 32 34 36 427 447 467 527 547 56 6 FREQUENCY & DELAY 032 DC 50/60Hz, Switch Only 106 DC Instantaneous 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 6 50/60Hz Instantaneous 20 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 26 50/60Hz Long 7 CURRENT RATING (AMPERES)9 020 0.020 235 0.350 430 3.000 025 0.025 240 0.400 435 3.500 030 0.030 245 0.450 440 4.000 035 0.035 250 0.500 445 4.500 040 0.040 255 0.550 450 5.000 045 0.045 260 0.600 455 5.500 050 0.050 265 0.650 460 6.000 055 0.055 270 0.700 465 6.500 7.000 060 0.060 275 0.750 470 475 7.500 065 0.065 280 0.800 480 8.000 070 0.070 285 0.850 485 8.500 075 0.075 290 0.900 490 9.000 080 0.080 295 0.950 495 9.500 085 0.085 410 1.000 610 10.000 090 0.090 512 1.250 710 10.500 095 0.095 415 1.500 611 11.000 210 0.100 517 1.750 711 11.500 215 0.150 420 2.000 612 12.000 220 0.200 522 2.250 712 12.500 225 0.250 425 2.500 613 13.000 230 0.300 527 2.750 OR VOLTAGE COIL (NOMINAL RATED VOLTAGE)7 A06 6 DC A32 32 DC J12 12 AC A12 12 DC A48 48 DC J18 18 AC A18 18 DC A65 65 DC J24 24 AC A24 24 DC J06 6 AC J48 48 AC 8 TERMINAL 19 Stud 10-32, threaded 210 Screw 10-32 Stud 1/4-20 311 410 Stud M5 x 0.8 510 Screw M5 x 0.8 611 Stud M6 threaded 9 LEGEND PLATE 0 No Legend 10 MOUNTING/BARRIERS MOUNTING STYLE 1 Standard Hex Nut A Standard Hex Nut (multi-pole units only) 614 14.000 615 15.000 616 16.000 617 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 660 60.000 670 70.000 6808 80.000 6858 85.000 6908 90.000 6958 95.000 8108 100.000 J65 65 AC K20 120 AC L40 240 AC 712 8 911 A13 C10 0.250 Double Quick Connect 1/4" Clip Terminal 7/16" Clip Terminal Plug-In Stud 5/16" Clip Terminal Notes: 1 Actuator Code M: Handle location as viewed from front of breaker: 2 pole - right pole 3 pole - center pole 2 Switch Only circuits, rated up to 50 amps and 3 poles, and only available with VDE. For .02 to 30 amps, select Current Code 630. For 35 - 50 amps, select Current Code 650. For 55-70 amps, select Current Code 670. For 75-100 amps, select Current Code 810. 3 Circuit Codes D,E,F,G,H & K available with Terminal Codes 1,2,4 & 5 only. 4 Consult factory for available Dual Coil options, as special catalog number is required. Dual Coil Voltage Coils with Shunt Trip Construction trip instantaneously on line voltage. Dual Coil Voltage Coils require 30VA minimum power to trip instantaneously and are rated for intermittent duty only. 5 Auxiliary Switch available with Series Trip and Switch Only circuits. On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole. 6 Voltage coils not rated for continuous duty. Available only with delay codes 10 and 20. 7 Available with Circuit Codes B & D only, and up to 50 amps maximum. 8 Consult factory for current ratings 71-100, in three pole units, available as special catalog number only. 9 Terminal Code 1 available to 60 amps maximum. 10 Terminal Codes 2,4,5 and C available to 50 amps maximum. 11 Terminal Codes 3,6 & 9 available to 100 amps maximum. 12 Terminal Code 7 available to 25 amps maximum. 13 Terminal Code A available to 100 amps maximum. BARRIERS no yes 11 AGENCY APPROVAL C UL Recognized & CSA Accepted L UL Recognized & CSA Accepted with listed construction 82 www.carlingtech.com C-Series Rocker UL Recognized - Ordering Scheme C C 3 -- B 0 -- 10 -- 450 -- 1 2 1 -- D 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 Agency Approval 1 SERIES C 2 ACTUATOR Two Color Visi-Rocker C Indicate ON, vertical legend D Indicate ON, horizontal legend E Indicate ON, no legend F Indicate OFF, vertical legend G Indicate OFF, horizontal legend H Indicate OFF, no legend Push-To-Reset, Visi-Rocker N Indicate OFF, vertical legend O Indicate OFF, horizontal legend P Indicate OFF, no legend 1 Single color J Vertical legend K Horizontal legend L No legend Push-To-Reset , Single color R Vertical legend U Horizontal legend V No legend 3 POLES2 1 One 4 CIRCUIT A3 Switch Only (No Coil) B Series Trip (Current) C Series Trip (Voltage) Shunt Trip (Current) D4 Shunt Trip (Voltage) E4 2 Two F4 G4 H4,5 K4,5 3 Three 7 CURRENT RATING (AMPERES) 020 0.020 235 0.350 430 3.000 025 0.025 240 0.400 435 3.500 030 0.030 245 0.450 440 4.000 035 0.035 250 0.500 445 4.500 040 0.040 255 0.550 450 5.000 045 0.045 260 0.600 455 5.500 050 0.050 265 0.650 460 6.000 055 0.055 270 0.700 465 6.500 7.000 060 0.060 275 0.750 470 475 7.500 065 0.065 280 0.800 480 8.000 070 0.070 285 0.850 485 8.500 075 0.075 290 0.900 490 9.000 080 0.080 295 0.950 495 9.500 085 0.085 410 1.000 610 10.000 090 0.090 512 1.250 710 10.500 095 0.095 415 1.500 611 11.000 210 0.100 517 1.750 711 11.500 215 0.150 420 2.000 612 12.000 220 0.200 522 2.250 712 12.500 225 0.250 425 2.500 613 13.000 230 0.300 527 2.750 OR VOLTAGE COIL (NOMINAL RATED VOLTAGE)7 A06 6 DC A32 32 DC J12 12 AC A12 12 DC A48 48 DC J18 18 AC A18 18 DC A65 65 DC J24 24 AC A24 24 DC J06 6 AC J48 48 AC 8 TERMINAL 110 Stud 10-32, threaded Screw 10-32 211 12 Stud 1/4-20, threaded 3 11 Stud M5 x 0.8, threaded 4 11 Screw M5 x 0.8 5 612 713 8 9 A14 C 614 14.000 615 15.000 616 16.000 617 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 6609 60.000 6709 70.000 6809 80.000 6859 85.000 6909 90.000 6959 95.000 8109 100.000 J65 65 AC K20 120 AC L40 240 AC Relay Trip (Current) Relay Trip (Voltage) Dual Coil with Shunt Trip Voltage Coil Dual Coil with Relay Trip Voltage Coil S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. DC, 50/60Hz Instantaneous DC, 50/60Hz Ultra Short DC, 50/60Hz Short DC, 50/60Hz Medium DC, 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush Stud M6 threaded 0.250 Double Quick Connect 1/4" Clip Terminal 7/16" Clip Terminal Plug-In Stud 5/16" Clip Terminal 5 AUXILIARY/ALARM SWITCH6 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 6 FREQUENCY & DELAY 03 DC 50/60Hz, Switch Only 107 DC Instantaneous 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 7 20 50/60Hz Instantaneous 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 26 50/60Hz Long 5 6 7 8 9 30 31 32 34 36 428 448 468 528 548 568 9 ACTUATOR COLOR & LEGEND16, 17, 18 Actuator or Visi-Color Marking: Marking Color: Single Color Color: I-O ON-OFF Dual/None Rocker/Handle White A B 1 Black Black C D 2 White Red F G 3 White Green H J 4 White Blue K L 5 White Yellow M N 6 Black Gray P Q 7 Black Orange R S 8 Black 10 MOUNTING/BARRIERS1 STANDARD ROCKER BEZEL 1 6-32 x 0.195 inches 2 6-32 x 0.195 inches 319 6-32 x 0.195 inches 4 ISO M3 x 5mm 5 ISO M3 x 5mm 619 ISO M3 x 5mm ROCKERGUARD BEZEL A 6-32 x 0.195 inches C 6-32 x 0.195 inches E19 6-32 x 0.195 inches G ISO M3 x 5mm J ISO M3 x 5mm L19 ISO M3 x 5mm PUSH-TO-RESET BEZEL B 6-32 x 0.195 inches D 6-32 x 0.195 inches 19 F 6-32 x 0.195 inches H ISO M3 x 5mm J ISO M3 x 5mm M19 ISO M3 x 5mm Visi-Rocker White n/a Red Green Blue Yellow Gray Orange Notes: 1 Push-To-Reset actuators have OFF portion of rocker shrouded. 2 Multi-pole breakers have all poles identical except when specifying Aux. switch and/or mixed poles, and have one rocker per breaker. Rocker location as viewed from front panel: 2 pole - left pole; 3 pole - center pole. 3 Switch Only circuits, rated up to 50 amps and 3 poles, and only available with VDE Certification when tied to a protected pole (Circuit Code B, C, D or H.), For .02 to 30 amps, select Current Code 630. For 35 - 50 amps, select Current Code 650. For 55-70 amps, select Current Code 670. For 75-100 amps, select Current Code 810. 4 Circuit Codes D,E,F,G,H & K available with Terminal Codes 1,2,4 & 5 only. Circuit Codes D,F,H & K available up to 50 amps maximum Current Rating. 5 Consult factory for available Dual Coil options, as special catalog number is required. Dual Coil Voltage Coils with Shunt Trip Construction trip instantaneously on line voltage. Dual Coil Voltage Coils require 30VA minimum power to trip instantaneously and are rated for intermittent duty only. 6 Auxiliary Switch available with Series Trip and Switch Only circuits. On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole.Auxilary switch codes 2,3 & 4 are VDE approved. 7 Voltage coils not rated for continuous duty. Available only with delay codes 10 and 20. 8 Available with Circuit Codes B & D only, and up to 50 amps maximum. 9 Current Ratings 60 - 70 are available up to four poles maximum. Ratings 71 - 100 are available up to two poles maximum. 10 Terminal Code 1 available to 60 amps maximum. 11 Terminal Codes 2,4,5 & C available to 50 amps maximum. 12 Terminal Codes 3,6 & 9 available to 100 amps maximum. 13 Terminal Code 7 available to 25 amps maximum. 14 Terminal Code A available to 100 amps maximum. 15 Terminal Codes 7,8,9 & C are not VDE approved. 16 Color shown is visi and legend with remainder of rocker black 17 Legend on Push-to-reset bezel/shroud is white when single color rocker is ordered. Dual = ON-OFF/I-O legend with actuator codes C - G, and J, K, N, O, R, & U. None = no legend with actuator codes H, L, P, V. Rockerguard available with actuator codes C - L. Push-to-reset available witha ctuator codes N, O, P, R, U, V. 18 VDE/TUV approval requires Dual (I-O, ON-OFF) or I-O markings on rocker. 19 VDE/TUV: 30 amps max.; UL/CSA: 50 amps max.; Available in 2 - 4 poles only and limited to AC Delays. "General Purpose amps" not rated for "full load amps" or to be used in applications with a motor. BARRIERS no yes yes no yes yes no yes yes no yes yes no yes yes no yes yes VOLTAGE <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 11 AGENCY APPROVAL C UL Recognized & CSA Accepted D VDE Certified, UL Recognized & CSA Accepted E TUV Certified, UL Recognized & CSA Accepted H UL489 Construction: VDE Certified, UL Recognized & CSA Accepted I UL Rec. STD 1077, UL Rec. 1500 (ignition protected), & CSA Accepted L UL489 Construction: UL Recognized & CSA Accepted R UL489 Construction: TUV Certified, UL Recognized & CSA Accepted www.carlingtech.com 83 C-Series Rocker UL Listed - Ordering Scheme C C 3 -- B 0 -- 14 -- 450 -- 1 2 A -- K G 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 Max. App. Rating 12 Agency Approval 1 SERIES C 2 ACTUATOR Two Color Visi-Rocker C Indicate ON, vertical legend D Indicate ON, horizontal legend F Indicate OFF, vertical legend G Indicate OFF, horizontal legend 1 Single color J Vertical legend K Horizontal legend 7 CURRENT RATING (AMPERES)4 210 0.100 295 0.950 215 0.150 410 1.000 220 0.200 512 1.250 225 0.250 415 1.500 230 0.300 517 1.750 235 0.350 420 2.000 240 0.400 522 2.250 245 0.450 425 2.500 250 0.500 527 2.750 255 0.550 430 3.000 260 0.600 435 3.500 265 0.650 440 4.000 270 0.700 445 4.500 275 0.750 450 5.000 280 0.800 455 5.500 285 0.850 460 6.000 290 0.900 465 6.500 8 TERMINAL 15 Stud 10-32, threaded Screw 8-32 w/saddle & 26 washer clamps Stud 1/4-20, threaded 37 46 Stud M5 x 0.8, threaded 6 5 Screw M5 x 0.8 w/saddle & washer clamp 9 ACTUATOR COLOR & LEGEND11 Actuator or Visi-Color 9 Marking: Color: White Black Red Green Blue Yellow Gray Orange ON-OFF B D G J L N Q S Dual10 1 2 3 4 5 6 7 8 470 475 480 485 490 495 610 710 611 711 612 712 613 614 615 616 617 7.000 7.500 8.000 8.500 9.000 9.500 10.000 10.500 11.000 11.500 12.000 12.500 13.000 14.000 15.000 16.000 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 660 60.000 670 70.000 680 80.000 685 85.000 690 90.000 695 95.000 100 100.000 3 POLES 1 One 1 2 Two 3 Three 4 CIRCUIT B Series Trip (Current) 5 AUXILIARY/ALARM SWITCH2 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 6 FREQUENCY & DELAY 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 5 6 7 8 9 26 423 443 463 523 543 563 S.P.S.T., 0.093 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 67 88 97,8 A7,8 C6,8 Stud M6 threaded 1/4" Clip Terminal 7/16" Clip Terminal Push-In Stud 5/16" Clip Terminal Marking Color: Single Color Rocker/Handle Black White White White White Black Black Black Visi-Rocker White n/a Red Green Blue Yellow Gray Orange 10 MOUNTING/BARRIERS12 STANDARD ROCKER BEZEL Threaded Insert, 2 per pole A 6-32 X 0.195 inches C ISO M3 x 5mm ROCKERGUARD BEZEL Threaded Insert, 2 per pole B 6-32 x 0.195 inches D ISO M3 x 5mm 11 MAXIMUM APPLICATION RATING A 65 DC B 125 DC C 120/240 AC 14 D 240 AC K 120 AC M 80 DC Notes: 1 Multi-pole breakers have all breakers identical except when specifying Aux. switch and/or mixed poles, and have one rocker per breaker. 2 On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole. 3 Available up to 50 amps maximum. 4 Current ratings 71 - 100 with VDE approvals are available up to two poles maximum. 5 Terminal Code 1 available to 60 amps maximum. 6 Terminal Codes 2, 4, 5 & C available to 50 amps maximum. 7 Terminal Codes 3, 6, 9 & A available to 100 amps maximum. 8 Terminal Codes 8, 9 & C are not VDE approved. 9 Color shown is visi and legend with remainder of rocker black 10 Dual = ON-OFF/I-O legend on actuator. 11 VDE and TUV approval requires Dual (I-O, ON-OFF) markings on rocker. 12 Rockerguard available with all actuator codes. 13 Barriers supplied on multi-pole units only. 14 2 & 3 pole circuit breakers required for 120/240 AC rating. BARRIERS13 yes yes yes yes 12 AGENCY APPROVAL A without approvals F UL 489 Listed, CSA Certified, & VDE Certified G UL 489 Listed & CSA Certified J UL489 Listed, CSA Certified & TUV Certified 84 www.carlingtech.com C-Series Flat Rocker UL Recognized - Ordering Scheme C 1 2 -- B 0 -- 10 -- 450 -- 1 2 1 -- E 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 Agency Approval 1 SERIES C 2 ACTUATOR 1 Two Color Visi-Rocker 1 Indicate OFF, vertical legend 2 Indicate OFF, horizontal legend Single color 3 Vertical legend 4 Horizontal legend Push-To-Reset, Visi-Rocker 5 Indicate OFF, vertical legend 6 Indicate OFF, horizontal legend Push-To-Reset , Single color 7 Vertical legend 8 Horizontal legend 3 POLES2 1 One 4 CIRCUIT A3 Switch Only (No Coil) B Series Trip (Current) C Series Trip (Voltage) Shunt Trip (Current) D4 Shunt Trip (Voltage) E4 5 AUXILIARY/ALARM SWITCH6 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 6 FREQUENCY & DELAY 03 DC 50/60Hz, Switch Only 107 DC Instantaneous 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 7 20 50/60Hz Instantaneous 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 26 50/60Hz Long 2 Two F4 G4 H4,5 K4,5 3 Three Relay Trip (Current) Relay Trip (Voltage) Dual Coil with Shunt Trip Voltage Coil Dual Coil with Relay Trip Voltage Coil S.P.S.T., 0.110 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. DC, 50/60Hz Instantaneous DC, 50/60Hz Ultra Short DC, 50/60Hz Short DC, 50/60Hz Medium DC, 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 7 CURRENT RATING (AMPERES)9 020 0.020 235 0.350 430 3.000 025 0.025 240 0.400 435 3.500 030 0.030 245 0.450 440 4.000 035 0.035 250 0.500 445 4.500 040 0.040 255 0.550 450 5.000 045 0.045 260 0.600 455 5.500 050 0.050 265 0.650 460 6.000 055 0.055 270 0.700 465 6.500 7.000 060 0.060 275 0.750 470 475 7.500 065 0.065 280 0.800 480 8.000 070 0.070 285 0.850 485 8.500 075 0.075 290 0.900 490 9.000 080 0.080 295 0.950 495 9.500 085 0.085 410 1.000 610 10.000 090 0.090 512 1.250 710 10.500 095 0.095 415 1.500 611 11.000 210 0.100 517 1.750 711 11.500 215 0.150 420 2.000 612 12.000 220 0.200 522 2.250 712 12.500 225 0.250 425 2.500 613 13.000 230 0.300 527 2.750 OR VOLTAGE COIL (NOMINAL RATED VOLTAGE)7 A06 6 DC A32 32 DC J12 12 AC A12 12 DC A48 48 DC J18 18 AC A18 18 DC A65 65 DC J24 24 AC A24 24 DC J06 6 AC J48 48 AC 8 TERMINAL 110 Stud 10-32, threaded 211 Screw 10-32 312 Stud 1/4-20, threaded Stud M5 x 0.8, threaded 411 511 Screw M5 x 0.8 612 713 8 9 A14 C 614 14.000 615 15.000 616 16.000 617 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 6609 60.000 6709 70.000 6809 80.000 6859 85.000 6909 90.000 6959 95.000 1009 100.000 J65 65 AC K20 120 AC L40 240 AC 5 6 7 8 9 30 31 32 34 36 428 448 468 528 548 568 Stud M6 threaded 0.250 Double Quick Connect 1/4" Clip Terminal 7/16" Clip Terminal Plug-In Stud 5/16" Clip Terminal Notes: 1 Push-to-reset actuators have OFF portion of rocker shrouded. 2 Multi-pole breakers have all poles identical except when specifying Aux. switch and/or mixed poles, and have one rocker per breaker. Rocker location as viewed from front panel: 2 pole - left pole; 3 pole - center pole. 3 Switch Only circuits, rated up to 50 amps and 3 poles, and only available with VDE Certification when tied to a protected pole (Circuit Code B, C, D or H.). For .02 to 30 amps, select Current Code 630. For 35 - 50 amps, select Current Code 650. For 55-70 amps, select Current Code 670. For 75-100 amps, select Current Code 810. 4 Circuit Codes D,E,F,G,H & K available with Terminal Codes 1,2,4 & 5 only. Circuit Codes D,F,H & K available up to 50 amps maximum Current Rating. 5 Consult factory for available Dual Coil options, as special catalog number is required. Dual Coil Voltage Coils with Shunt Trip Construction trip instantaneously on line voltage. Dual Coil Voltage Coils require 30VA minimum power to trip instantaneously and are rated for intermittent duty only. 6 Auxiliary Switch available with Series Trip and Switch Only circuits. On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole.Auxilary switch codes 2,3 & 4 are VDE approved. 7 Voltage coils not rated for continuous duty. Available only with delay codes 10 and 20. 8 Available with Circuit Codes B & D only, and up to 50 amps maximum. 9 Current ratings 60-70 are available up to four poles maximum. Current ratings 71 - 100 are available up to two poles maximum. 10 Terminal Code 1 available to 60 amps maximum. 11 Terminal Codes 2,4,5 & C available to 50 amps maximum. 12 Terminal Codes 3,6 & 9 available to 100 amps maximum. 13 Terminal Code 7 available to 25 amps maximum. 14 Terminal Code A available to 100 amps maximum. 15 Terminal Codes 7,8,9 & C are not VDE approved. 16 Color shown is visi & legend with remainder of rocker black. Dual = ON-OFF/I-O legend. 17 Legend on Push-to-reset bezel/shroud is white with single color actuator codes 7 & 8. Legend on Push-to-reset bezel/shroud matches visi-color of rocker with actuator codes 5 & 6. 18 VDE/TUV approval requires Dual (I-O, ON-OFF) or I-O markings on rocker. 19 VDE/TUV: 30 amps max.; UL/CSA: 50 amps max.; Available in 2 & 3 poles only and limited to AC Delays. "General Purpose amps" not rated for "full load amps" or to be used in applications with a motor. 20 Recessed "OFF SIDE" available with actuator codes 1,2,3&4. Legends on rocker are available in ink stamping only. 9 ACTUATOR COLOR & LEGEND16, 17, 18 Actuator or Visi-Color Marking: Marking Color: Single Color Color: I-O ON-OFF Dual/None Rocker/Handle White A B 1 Black Black C D 2 White Red F G 3 White Green H J 4 White Blue K L 5 White Yellow M N 6 Black Gray P Q 7 Black Orange R S 8 Black 10 MOUNTING/BARRIERS1 STANDARD ROCKER BEZEL 1 6-32 x 0.195 inches 2 6-32 x 0.195 inches 19 3 6-32 x 0.195 inches 4 ISO M3 x 5mm 5 ISO M3 x 5mm 619 ISO M3 x 5mm RECESSED OFF ROCKER 7 6-32 x 0.195 inches 8 6-32 x 0.195 inches 9 6-32 x 0.195 inches A ISO M3 x 5mm C ISO M3 x 5mm E ISO M3 x 5mm PUSH-TO-RESET BEZEL B 6-32 x 0.195 inches D 6-32 x 0.195 inches F19 6-32 x 0.195 inches H ISO M3 x 5mm J ISO M3 x 5mm M19 ISO M3 x 5mm Visi-Rocker White n/a Red Green Blue Yellow Gray Orange BARRIERS no yes yes no yes yes no yes yes no yes yes no yes yes no yes yes VOLTAGE <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 <300 <300 300 11 AGENCY APPROVAL C UL Recognized & CSA Accepted E TUV Certified, UL Recognized & CSA Accepted I UL Rec. STD 1077, UL Rec. 1500 (ignition protected), & CSA Accepted L UL489 Construction: UL Recognized & CSA Accepted R UL489 Construction: TUV Certified, UL Recognized & CSA Accepted www.carlingtech.com 85 C-Series Flat Rocker UL Listed - Ordering Scheme C 1 2 -- B 0 -- 14 -- 450 -- 1 2 A -- K G 1 Series 2 Actuator 3 Poles 4 Circuit 5 Aux/Alarm Switch 6 Frequency & Delay 7 Current Rating 8 Terminal 9 Actuator Color 10 Mounting/ Barriers 11 Max. App. Rating 12 Agency Approval 1 SERIES C 2 ACTUATOR 1 Two Color Visi-Rocker 1 Indicate OFF, vertical legend 2 Indicate OFF, horizontal legend Single color 3 Vertical legend 4 Horizontal legend Push-To-Reset, Visi-Rocker 5 Indicate OFF, vertical legend 6 Indicate OFF, horizontal legend Push-To-Reset , Single color 7 Vertical legend 8 Horizontal legend 3 POLES2 1 One 4 CIRCUIT B Series Trip (Current) 5 AUXILIARY/ALARM SWITCH3 0 w/o Aux Switch 2 S.P.D.T., 0.110 Q.C. Term. 3 S.P.D.T., 0.139 Solder Lug 4 S.P.D.T., 0.110 Q.C. Term. (Gold Contacts) 6 FREQUENCY & DELAY 11 DC Ultra Short 12 DC Short 14 DC Medium 16 DC Long 21 50/60Hz Ultra Short 22 50/60Hz Short 24 50/60Hz Medium 5 6 7 8 9 26 424 444 464 524 544 564 S.P.S.T., 0.093 Q.C. Term. (Gold Contacts) S.P.S.T., 0.139 Solder Lug S.P.S.T., 0.110 Q.C. Term.(Gold Contacts) S.P.S.T., 0.187 Q.C. Term. S.P.D.T., 0.187 Q.C. Term. 50/60Hz Long 50/60Hz Short, Hi-Inrush 50/60Hz Medium, Hi-Inrush 50/60Hz Long, Hi-Inrush DC, Short,Hi-Inrush DC,Medium, Hi-Inrush DC, Long, Hi-Inrush 7 CURRENT RATING (AMPERES)5 210 0.100 295 0.950 215 0.150 410 1.000 220 0.200 512 1.250 225 0.250 415 1.500 230 0.300 517 1.750 235 0.350 420 2.000 240 0.400 522 2.250 245 0.450 425 2.500 250 0.500 527 2.750 255 0.550 430 3.000 260 0.600 435 3.500 265 0.650 440 4.000 270 0.700 445 4.500 275 0.750 450 5.000 280 0.800 455 5.500 285 0.850 460 6.000 290 0.900 465 6.500 Two 3 Three 8 TERMINAL 16 Stud 10-32, threaded .625 long Screw 8-32 w/saddle & 27 washer clamps Stud 1/4-20, threaded .625 38 long Stud M5 x 0.8, threaded 47 16mm long 9 ACTUATOR COLOR & LEGEND12 Actuator or Visi-Color 10 Marking: Color: White Black Red Green Blue Yellow Gray Orange ON-OFF B D G J L N Q S Dual 1 2 3 4 5 6 7 8 11 470 475 480 485 490 495 610 710 611 711 612 712 613 614 615 616 617 7.000 7.500 8.000 8.500 9.000 9.500 10.000 10.500 11.000 11.500 12.000 12.500 13.000 14.000 15.000 16.000 17.000 618 18.000 620 20.000 622 22.000 624 24.000 625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 660 60.000 670 70.000 680 80.000 685 85.000 690 90.000 695 95.000 100 100.000 2 57 68 89 98,9 A8,9 C7,9 Screw M5 x 0.8 w/saddle & washer clamp Stud M6 threaded, 17mm long 1/4" Clip Terminal 7/16" Clip Terminal Push-In Stud 5/16" Clip Terminal Marking Color: Single Color Rocker/Handle Black White White White White Black Black Black Visi-Rocker White n/a Red Green Blue Yellow Gray Orange 10 MOUNTING/BARRIERS12 STANDARD ROCKER BEZEL Threaded Insert, 2 per pole A 6-32 X 0.195 inches C ISO M3 x 5mm RECESSED OFF ROCKER14 Threaded Insert, 2 per pole E 6-32 x 0.195 inches F ISO M3 x 5mm PUSH-TO-RESET BEZEL13 Threaded Insert, 2 per pole B 6-32 x 0.195 inches D ISO M3 x 5mm Notes: 1 Push-to-reset actuators have OFF portion of rocker shrouded. 2 Multi-pole breakers have all breakers identical except when specifying Aux. switch and/or mixed poles, and have one rocker per breaker. 3 On multi-pole breakers, one aux. switch is supplied, mounted in the extreme right pole. 4 Available up to 50 amps maximum. 5 Current ratings 71 - 100 with VDE approvals are available up to two poles maximum. 6 Terminal Code 1 available to 60 amps maximum. 7 Terminal Codes 2, 4, 5 & C available to 50 amps maximum. 8 Terminal Codes 3, 6, 9 & A available to 100 amps maximum. 9 Terminal Codes 8, 9 & C are not VDE approved. 10 Color shown is visi and legend with remainder of rocker black 11 Dual = ON-OFF/I-O legend on actuator. 12 VDE and TUV approval requires Dual (I-O, ON-OFF) markings on rocker. 13 Legend on push-to-reset bezel/shroud is white when single color rocker is ordered. Legend on push-to-reset bezel/shroud matches visi-color of rocker with actuator codes 5 & 6. 14 Recessed "OFF-SIDE" available with actuator codes 1, 2, 3, & 4. Legends on rocker are available in ink stamping only. 15 Barriers supplied on multi-pole units only. 16 2 & 3 pole circuit breakers required for 120/240 AC rating. BARRIERS15 yes yes yes yes yes yes 11 MAXIMUM APPLICATION RATING A 65 DC B 125 DC C 120/240 AC 16 D 240 AC K 120 AC M 80 DC 12 AGENCY APPROVAL A without approvals G UL 489 Listed & CSA Certified J UL489 Listed, CSA Certified & TUV Certified 86 www.carlingtech.com C-Series Handle - Circuit & Terminal Diagrams Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 3 Available on Series Trip and Switch Only Circuits when called for on multi-pole units. Only one aux. switch is normally supplied, as viewed in mulit-pole identification scheme. www.carlingtech.com 87 C-Series Handle - Circuit & Terminal Diagrams Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 3 Schematic shown represents current trip circuits. 4 Available only as special catalog number. 88 www.carlingtech.com C-Series Handle - Form & Fit Drawings Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. www.carlingtech.com 89 C-Series Handleguard - Form & Fit Drawings Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 90 www.carlingtech.com C-Series Parallel Pole - Form & Fit Drawings Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 3 Line and Load terminals must be paralleled with copper bus with a minimum cross section of .078 square inches [50.32 sq. mm.]. www.carlingtech.com 91 C-Series Sealed Toggle - Form & Fit Drawings Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 92 www.carlingtech.com C-Series Rocker - Circuit & Terminal Diagrams Notes: 1 All dimensions are in inches [millimeters]. 2 Tolerance .020 [.51] unless otherwise specified. 3 Schematic shown represents current trip circuit. www.carlingtech.com 93 C-Series Rocker - Form & Fit Drawings Notes: 1 Dimensions apply to all variations shown. Notice that circuit breaker line and load terminal orientation on indicate OFF is opposite of indicate ON. 2 For pole orientation with horizontal legend, rotate front view clockwise 90. 3 All dimensions are in inches [millimeters]. 4 Tolerance .020 [.51] unless otherwise specified. 94 www.carlingtech.com C-Series Flat Rocker - Form & Fit Drawings Notes: 1 For pole orientation with horizontal legend, rotate front view clockwise 90. 2 All dimensions are in inches [millimeters]. 3 Tolerance .020 [.51] unless otherwise specified. www.carlingtech.com 95 |
Price & Availability of CA2-B0-46-625-622-E |