Part Number Hot Search : 
AMC7110 2SB674 2SC57 TC6H138 10V10X1 150CA 38020 3HRJ0
Product Description
Full Text Search
 

To Download BZX84C3V3T-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free
BZX84C2V4T - BZX84C39T
150mW SURFACE MOUNT ZENER DIODE
Features
NEW PRODUCT
* * *
Ultra-Small Surface Mount Package Planar Die Construction Lead Free/RoHS Compliant (Note 2)
A
SOT-523 Dim A B C D
G H K M
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * *
Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking: See Table, Page 2 Ordering and Marking Information, see Sheet 2 Weight: 0.002 grams (approximate)
BC
G H J
N
K L M N a
J
D
L
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 150 833 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30262 Rev. 8 - 2
1 of 3 www.diodes.com
BZX84C2V4T - BZX84C39T
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Zener Voltage Range (Note 3) VZ @ IZT IZT Max (V) 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130
TABLE 1 Maximum Temperature Reverse Current Coefficient of (Note 3) Zener Voltage @ IZT = 5mA @VR IR (mV/C) uA 50 20 20 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
NEW PRODUCT
Type Number
Marking Code Nom (V)
Maximum Zener Impedance (Note 4) ZZT @ IZT ZZK @ IZK W 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5
Min (V) 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0
BZX84C2V4T BZX84C2V7T BZX84C3V0T BZX84C3V3T BZX84C3V6T BZX84C3V9T BZX84C4V3T BZX84C4V7T BZX84C5V1T BZX84C5V6T BZX84C6V2T BZX84C6V8T BZX84C7V5T BZX84C8V2T BZX84C9V1T BZX84C10T BZX84C11T BZX84C12T BZX84C13T BZX84C15T BZX84C16T BZX84C18T BZX84C20T BZX84C22T BZX84C24T BZX84C27T BZX84C30T BZX84C33T BZX84C36T BZX84C39T
RB RC RD RE RF RG RH R1 R2 R3 R4 R5 R6 R7 R8 R9 P1 P2 P3 P4 P5 P6 P7 P8 P9 PA PB PC PD PE
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30.0 33.0 36.0 39.0
Ordering Information
Device
(Note 5) Packaging SOT-523 Shipping 3000/Tape & Reel
(Type Number)-7-F*
* Add "-7-F" to the appropriate type number in Table 1 above example: 6.2V Zener = BZX84C6V2T-7-F. Notes: 3. Short duration pulse test used to minimize self-heating effect. 4. f = 1KHz. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2004 R Apr 4 May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 Oct O 2008 V Nov N 2009 W Dec D
XXXYM
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
DS30262 Rev. 8 - 2
2 of 3 www.diodes.com
BZX84C2V4T - BZX84C39T
250
50
See Note 1
Tj = 25C
C2V7
C3V9
C5V6 C6V8
NEW PRODUCT
C3V3
C4V7
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA)
200
40
C8V2
150
30
100
20
50
10
Test Current IZ 5.0mA
0 0 100 TA, AMBIENT TEMPERATURE, C Fig. 1. Power Derating Curve 200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
Tj = 25 C
2
10
30
Tj = 25C
C10 C12
1000
IZ, ZENER CURRENT (mA)
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
20
C15
100
VR = 1V
C18
10
Test current IZ 5mA
C22 C27 C33 C39 C36
VR = 2V
10 1 10 100
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3. Zener Breakdown Characteristics 40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4. Total Capacitance vs Nominal Zener Voltage
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30262 Rev. 8 - 2
3 of 3 www.diodes.com
BZX84C2V4T - BZX84C39T


▲Up To Search▲   

 
Price & Availability of BZX84C3V3T-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X