Part Number Hot Search : 
01544 CP1000 ON2173 M41T315Y TH8055 SC1454 SM4002 3D2R6C
Product Description
Full Text Search
 

To Download BL-BG43V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BG43V1
Features:
1. Chip material: AlInGaN 2. Emitted color : Green
Package dimensions:
3.00(.118)
3. Lens Appearance : Water Clear 4. Low power consumption. 5. High efficiency. 6. Versatile mounting on P.C. Board or panel. 7. Low current requirement. 8. 3mm diameter package. 9. This product don't contained restriction substance, compliance ROHS standard.
0.5(.02) SQ.TYP.
Flat Denotes Cathode
0.81(.032)
5.30(.209)
1.5(.059) MAX. 25.4(1.00) MIN. 3.80(.150)
2.54(.100)
1.00(.039) MIN.
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Absolute maximum ratings(Ta=25)
Parameter Power Dissipation Forward Current Peak Forward Current*1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Pd IF IFP VR Topr Tstg Tsol Rating 120 30 150 5 -40~80 -40~85 260(for 5 seconds) Unit mW mA mA V
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width. Ver.1.0 Page: 1 of 3 1.1
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BG43V1
Electrical and optical characteristics(Ta=25) Parameter
Forward Voltage Luminous Intensity
Symbol
VF Iv IR p d 21/2
Condition
IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Min.
500 -
Typ.
3.5 3500 505
Max.
4.0 100 510
Unit
V mcd
Reverse Current
Peak Wave Length Dominant Wave Length Spectral Line Half-width Viewing Angle
A
nm nm nm deg
35 25
-
Typical electro-optical characteristics curves
Fig.1 Relative intensity vs. Wavelength
1.0 60
Fig.2 Forward current derating curve vs. Ambient temperature
50
Relative radiant intensity
Forward current(mA)
40
0.5
30
20
10
0
455
505
555
0
20
40
60
80
100
Wavelength (nm)
Ambient temperature Ta()
Fig.3 Forward current vs. Forward voltage
50 3.0
Fig.4 Relative luminous intensity vs. Ambient temperature
40
Relative luminous intensity
1 2 3 4 5
2.5
Forward current(mA)
2.0
30
1.5
20
1.0
10
0.5
0
0 -40
-20
0
20
40
60
Forward voltage(V)
Ambient temperature Ta()
Fig.5 Relative luminous intensity vs. Forward current
2.0
Fig.6 Radiation diagram
0 10 20 30
Relative luminous intensity(@20mA)
1.5
Relative radiant intensity
1.0
40
1.0
0.9 0.8
50 60 70
0.5
0.7
80 90
0
10
20
30
40
50
0.5
0.3
0.1
0.2
0.4
0.6
Forward current (mA)
Ver.1.0 Page: 2 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BG43V1
Bin Limits 1. Intensity bin limits (At IF= 20mA)
Bin Code
: W X Y Z ZA :
Min. (mcd)
: 930 1390 2090 3220 4880 :
Max. (mcd)
: 1840 2760 4260 6440 9660 :
2 . C o l o r B i n L i m i t s ( A t I F = 2 0 m A ) : Dominant Wave Length d(nm)
Bin Code
2 3
Min. (nm)
499 504
Max. (nm)
506 5 11
Bin x
x
color bin code Intensity bin code
Ver.1.0 Page: 3 of 3


▲Up To Search▲   

 
Price & Availability of BL-BG43V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X