Part Number Hot Search : 
3NL327 HMC590 66JXXX MC33304 226K035A SDB0900S MN150414 CD4A1490
Product Description
Full Text Search
 

To Download AD565A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Single Chip Construction Very High Speed Settling to 1/2 LSB AD565A: 250 ns max AD566A: 350 ns max Full-Scale Switching Time: 30 ns Guaranteed for Operation with 12 V (565A) Supplies, with -12 V Supply (AD566A) Linearity Guaranteed Overtemperature 1/2 LSB max (K, T Grades) Monotonicity Guaranteed Overtemperature Low Power: AD566A = 180 mW max; AD565A = 225 mW max Use with On-Board High Stability Reference (AD565A) or with External Reference (AD566A) Low Cost MlL-STD-883-Compliant Versions Available PRODUCT DESCRIPTION
REF IN REF GND
High Speed 12-Bit Monolithic D/A Converters AD565A/AD566A*
FUNCTIONAL BLOCK DIAGRAMS
REF OUT VCC BIPOLAR OFF 20V SPAN 10V 19.95k 0.5mA IREF 20k IOUT = 4 IREF
AD565A
9.95k
5k 10V SPAN 5k DAC OUT IO 8k
DAC
CODE
CODE INPUT
-VEE
POWER MSB GND
LSB BIPOLAR OFF 20V SPAN 9.95k 5k 10V SPAN 5k IOUT = 4 IREF
AD566A
REF IN REF GND 19.95k 0.5mA IREF 20k
DAC
CODE IO 8k
DAC OUT
The AD565A and AD566A are fast 12-bit digital-to-analog converters that incorporate the latest advances in analog circuit design to achieve high speeds at low cost. The AD565A and AD566A use 12 precision, high speed bipolar current-steering switches, a control amplifier, and a laser-trimmed thin-film resistor network to produce a very fast, high accuracy analog output current. The AD565A also includes a buried Zener reference that features low noise, long-term stability, and temperature drift characteristics comparable to the best discrete reference diodes. The combination of performance and flexibility in the AD565A and AD566A has resulted from major innovations in circuit design, an important new high speed bipolar process, and continuing advances in laser-wafer-trimming techniques (LWT). The AD565A and AD566A have a 10%-90% full-scale transition time less than 35 ns and settle to within 1/2 LSB in 250 ns max (350 ns for AD566A). Both are laser-trimmed at the wafer level to 1/8 LSB typical linearity and are specified to 1/4 LSB max error (K and T grades) at +25C. High speed and accuracy make the AD565A and AD566A the ideal choice for high speed display drivers as well as for fast analog-to-digital converters. The laser trimming process that provides the excellent linearity is also used to trim both the absolute value and the temperature coefficient of the reference of the AD565A, resulting in a typical full-scale gain TC of 10 ppm/C. When tighter TC performance is required or when a system reference is available, the AD566A may be used with an external reference.
*Covered by Patent Numbers: 3,803,590; RE 28,633; 4,213,806; 4,136,349; 4,020,486; 3,747,088.
CODE INPUT
-VEE
POWER MSB GND
LSB
AD565A and AD566A are available in four performance grades. The J and K grades are specified for use over the 0C to +70C temperature range while the S and T grades are specified for the -55C to +125C range. The D grades are all packaged in a 24-lead, hermetically sealed, ceramic, dual-in-line package. The JR grade is packaged in a 28-lead plastic SOIC.
PRODUCT HIGHLIGHTS
1. The wide output compliance range of the AD565A and AD566A are ideally suited for fast, low noise, accurate voltage output configurations without an output amplifier. 2. The devices incorporate a newly developed, fully differential, nonsaturating precision current switching cell structure that combines the dc accuracy and stability first developed in the AD562/AD563 with very fast switching times and an optimally damped settling characteristic. 3. The devices also contain SiCr thin-film application resistors that can be used with an external op amp to provide a precision voltage output or as input resistors for a successiveapproximation A/D converter. The resistors are matched to the internal ladder network to guarantee a low gain temperature coefficient and are laser-trimmed for minimum full-scale and bipolar offset errors. 4. The AD565A and AD566A are available in versions compliant with MIL-STD-883. Refer to the Analog Devices Military Products Databook or current /883B data sheet for detailed specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
REV. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
AD565A-SPECIFICATIONS (T = 25 C, V
A
CC
= 15 V, VEE = 15 V, unless otherwise noted.)
Min AD565AK Typ Max Unit
Parameter DATA INPUTS1 (Pins 13 to 24) TTL or 5 V CMOS Input Voltage Bit ON Logic "1" Bit OFF Logic "0" Logic Current (Each Bit) Bit ON Logic "1" Bit OFF Logic "0" RESOLUTION OUTPUT Current Unipolar (All Bits On) Bipolar (All Bits On or Off) Resistance (Exclusive of Span Resistors) Offset Unipolar Bipolar (Figure 3, R2 = 50 Fixed) Capacitance Compliance Voltage TMIN to TMAX ACCURACY (Error Relative to Full Scale) 25C TMIN to TMAX DIFFERENTIAL NONLINEARITY 25C TMIN to TMAX TEMPERATURE COEFFICIENTS With Internal Reference Unipolar Zero Bipolar Zero Gain (Full Scale) Differential Nonlinearity SETTLING TIME TO 1/2 LSB All Bits ON-to-OFF or OFF-to-ON FULL-SCALE TRANSITION 10% to 90% Delay plus Rise Time 90% to 10% Delay plus Fall Time TEMPERATURE RANGE Operating Storage POWER REQUIREMENTS VCC, +11.4 to +16.5 V dc VEE, -11.4 to -16.5 V dc POWER SUPPLY GAIN SENSITIVITY2 VCC = +11.4 to +16.5 V dc VEE = -11.4 to -16.5 V dc PROGRAMMABLE OUTPUT RANGES (See Figures 2, 3, 4)
Min
AD565AJ Typ
Max
2.0 120 35
5.5 0.8 300 100 12
2.0 120 35
5.5 0.8 300 100 12
V V A A Bits
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.15 +10
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.1 +10
mA mA k % of F.S. Range % of F.S. Range pF V LSB % of F.S. Range LSB % of F.S. Range LSB
-1.5 1/4 (0.006) 1/2 (0.012)
-1.5 1/8 (0.003) 1/4 (0.006)
1/2 (0.012) 3/4 (0.018)
0.35 (0.0084) 1/2 (0.012)
1/2 3/4 MONOTONICITY GUARANTEED
1/4 1/2 MONOTONICITY GUARANTEED
1 5 15 2 250 15 30 0 -65 3 -12 3 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 9.90 1.5 0.05
2 10 50
1 5 10 2 250 15 30 0 -65 3 -12 3 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 9.90 1.5 0.05
2 10 20
ppm/C ppm/C ppm/C ppm/C ns ns ns C C mA mA ppm of F.S./% ppm of F.S./% V V V V V
400 30 50 +70 +150 5 -18 10 25
400 30 50 +70 +150 5 -18 10 25
EXTERNAL ADJUSTMENTS Gain Error with Fixed 50 Resistor for R2 (Figure 2) Bipolar Zero Error with Fixed 50 Resistor for R1 (Figure 3) Gain Adjustment Range (Figure 2) Bipolar Zero Adjustment Range REFERENCE INPUT Input Impedance REFERENCE OUTPUT Voltage Current (Available for External Loads)3 POWER DISSIPATION
0.25 0.15
0.25 0.1
% of F.S. Range % of F.S. Range % of F.S. Range % of F.S. Range k V mA mW
20 10.00 2.5 225
25 10.10 345
20 10.00 2.5 225
25 10.10 345
NOTES 1 The digital inputs are guaranteed but not tested over the operating temperature range. 2 The power supply gain sensitivity is tested in reference to a V CC, VEE of 15 V dc. 3 For operation at elevated temperatures, the reference cannot supply current for external loads. It, therefore, should be buffered if additional loads are to be supplied. Specifications subject to change without notice.
-2-
REV. E
AD565A/AD566A
Parameter DATA INPUTS1 (Pins 13 to 24) TTL or 5 V CMOS Input Voltage Bit ON Logic "1" Bit OFF Logic "0" Logic Current (Each Bit) Bit ON Logic "1" Bit OFF Logic "0" RESOLUTION OUTPUT Current Unipolar (All Bits On) Bipolar (All Bits On or Off) Resistance (Exclusive of Span Resistors) Offset Unipolar Bipolar (Figure 3, R2 = 50 Fixed) Capacitance Compliance Voltage TMIN to TMAX ACCURACY (Error Relative to Full Scale) 25C TMIN to TMAX DIFFERENTIAL NONLINEARITY 25C TMIN to TMAX TEMPERATURE COEFFICIENTS With Internal Reference Unipolar Zero Bipolar Zero Gain (Full Scale) Differential Nonlinearity SETTLING TIME TO 1/2 LSB All Bits ON-to-OFF or OFF-to-ON FULL-SCALE TRANSITION 10% to 90% Delay plus Rise Time 90% to 10% Delay plus Fall Time TEMPERATURE RANGE Operating Storage POWER REQUIREMENTS VCC, +11.4 to +16.5 V dc VEE, -11.4 to -16.5 V dc POWER SUPPLY GAIN SENSITIVITY2 VCC = +11.4 to +16.5 V dc VEE = -11.4 to -16.5 V dc PROGRAMMABLE OUTPUT RANGES (See Figures 2, 3, 4) Min AD565AS Typ Max Min AD565AT Typ Max Unit
2.0 120 35
5.5 0.8 300 100 12
2.0 120 35
5.5 0.8 300 100 12
V V A A Bits
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.15 +10
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.1 +10
mA mA k % of F.S. Range % of F.S. Range pF V LSB % of F.S. Range LSB % of F.S. Range LSB
-1.5 1/4 (0.006) 1/2 (0.012)
-1.5 1/8 (0.003) 1/4 (0.006)
1/2 (0.012) 3/4 (0.018)
0.35 (0.0084) 1/2 (0.012)
1/2 3/4 MONOTONICITY GUARANTEED
1/4 1/2 MONOTONICITY GUARANTEED
1 5 15 2 250 15 30 -55 -65 3 -12 3 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 9.90 1.5 0.05
2 10 30
1 5 10 2 250 15 30 -55 -65 3 -12 3 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 9.90 1.5 0.05
2 10 15
ppm/C ppm/C ppm/C ppm/C ns ns ns C C mA mA ppm of F.S./% ppm of F.S./% V V V V V
400 30 50 +125 +150 5 -18 10 25
400 30 50 +125 +150 5 -18 10 25
EXTERNAL ADJUSTMENTS Gain Error with Fixed 50 Resistor for R2 (Figure 2) Bipolar Zero Error with Fixed 50 Resistor for R1 (Figure 3) Gain Adjustment Range (Figure 2) Bipolar Zero Adjustment Range REFERENCE INPUT Input Impedance REFERENCE OUTPUT Voltage Current (Available for External Loads)3 POWER DISSIPATION
0.25 0.15
0.25 0.1
% of F.S. Range % of F.S. Range % of F.S. Range % of F.S. Range k V mA mW
20 10.00 2.5 225
25 10.10 345
20 10.00 2.5 225
25 10.10 345
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specification subject to change without notice.
REV. E
-3-
AD566A-SPECIFICATIONS(T = 25 C, V
A
EE
= -15 V, unless otherwise noted)
AD566AK
Max Min Typ Max Unit
AD566AJ Parameter
DATA INPUTS1 (Pins 13 to 24) TTL or 5 V CMOS Input Voltage Bit ON Logic "1" Bit OFF Logic "0" Logic Current (Each Bit) Bit ON Logic "1" Bit OFF Logic "0" RESOLUTION OUTPUT Current Unipolar (All Bits On) Bipolar (All Bits On or Off) Resistance (Exclusive of Span Resistors) Offset Unipolar (Adjustable to Zero per Figure 3) Bipolar (Figure 4, R1 and R2 = 50 Fixed) Capacitance Compliance Voltage TMIN to TMAX ACCURACY (Error Relative to Full Scale) 25C TMIN to TMAX DIFFERENTIAL NONLINEARITY 25C TMIN to TMAX TEMPERATURE COEFFICIENTS Unipolar Zero Bipolar Zero Gain (Full Scale) Differential Nonlinearity SETTLING TIME TO 1/2 LSB All Bits ON-to-OFF or OFF-to-ON FULL-SCALE TRANSITION 10% to 90% Delay plus Rise Time 90% to 10% Delay plus Fall Time POWER REQUIREMENTS VEE, -11.4 to -16.5 V dc POWER SUPPLY GAIN SENSITIVITY 2 VEE = -11.4 to -16.5 V dc PROGRAMMABLE OUTPUT RANGES (see Figures 3, 4, 5) Min Typ
2.0 0 120 35
5.5 0.8 300 100 12
2.0 0 120 35
5.5 0.8 300 100 12
V V A A Bits
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.15 +10
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.1 +10
mA mA k % of F.S. Range % of F.S. Range pF V LSB % of F.S. Range LSB % of F.S. Range LSB
-1.5 1/4 (0.006) 1/2 (0.012)
-1.5 1/8 (0.003) 1/4 (0.006)
1/2 (0.012) 3/4 (0.018)
0.35 (0.0084) 1/2 (0.012)
1/2 3/4 MONOTONICITY GUARANTEED 1 5 7 2 250 15 30 -12 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 0.05 2 10 10
1/4 1/2 MONOTONICITY GUARANTEED 1 5 3 2 250 15 30 -12 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 0.05 2 10 5
ppm/C ppm/C ppm/C ppm/C ns ns ns mA ppm of F.S./% V V V V V
350 30 50 -18 25
350 30 50 -18 25
EXTERNAL ADJUSTMENTS Gain Error with Fixed 50 Resistor for R2 (Figure 3) Bipolar Zero Error with Fixed 50 Resistor for R1 (Figure 4) Gain Adjustment Range (Figure 3) Bipolar Zero Adjustment Range REFERENCE INPUT Input Impedance POWER DISSIPATION MULTIPLYING MODE PERFORMANCE (All Models) Quadrants Reference Voltage Accuracy Reference Feedthrough (Unipolar Mode, All Bits OFF, and 1 V to 10 V [p-p], Sine Wave Frequency for 1/2 LSB [p-p] Feedthrough) Output Slew Rate 10%-90% 90%-10% Output Settling Time (All Bits ON and a 0 V-10 V Step Change in Reference Voltage) CONTROL AMPLIFIER Full Power Bandwidth Small-Signal Closed-Loop Bandwidth
0.25 0.15
0.25 0.1
% of F.S. Range % of F.S. Range % of F.S. Range % of F.S. Range k mW
20 180
25 300
20 180
25 300
Two (2): Bipolar Operation at Digital Input Only 1 V to 10 V, Unipolar 10 Bits ( 0.05% of Reduced F.S.) for 1 V dc Reference Voltage 40 5 1 1.5 s to 0.01% F.S. 300 1.8 kHz MHz kHz typ mA/s mA/s
NOTES 1 The digital input levels are guaranteed but not tested over the temperature range. 2 The power supply gain sensitivity is tested in reference to a V EE of -1.5 V dc. Specifications subject to change without notice.
-4-
REV. E
AD565A/AD566A
AD566AS
Parameter DATA INPUTS (Pins 13 to 24) TTL or 5 V CMOS Input Voltage Bit ON Logic "1" Bit OFF Logic "0" Logic Current (Each Bit) Bit ON Logic "1" Bit OFF Logic "0" RESOLUTION OUTPUT Current Unipolar (All Bits On) Bipolar (All Bits On or Off) Resistance (Exclusive of Span Resistors) Offset Unipolar (Adjustable to Zero per Figure 3) Bipolar (Figure 4, R1 and R2 = 50 Fixed) Capacitance Compliance Voltage TMIN to TMAX ACCURACY (Error Relative to Full Scale) 25C TMIN to TMAX DIFFERENTIAL NONLINEARITY 25C TMIN to TMAX TEMPERATURE COEFFICIENTS Unipolar Zero Bipolar Zero Gain (Full Scale) Differential Nonlinearity SETTLING TIME TO 1/2 LSB All Bits ON-to-OFF or OFF-to-ON FULL-SCALE TRANSITION 10% to 90% Delay plus Rise Time 90% to 10% Delay plus Fall Time POWER REQUIREMENTS VEE, -11.4 to -16.5 V dc POWER SUPPLY GAIN SENSITIVITY 2 VEE = -11.4 to -16.5 V dc PROGRAMMABLE OUTPUT RANGES (see Figures 3, 4, 5)
1
AD566AT
Max Min Typ Max Unit
Min
Typ
2.0 0 120 35
5.5 0.8 300 100 12
2.0 0 +120 +35
5.5 0.8 300 100 12
V V A A Bits
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.15 +10
-1.6 0.8 6
-2.0 1.0 8 0.01 0.05 25
-2.4 1.2 10 0.05 0.1 +10
mA mA k % of F.S. Range % of F.S. Range pF V LSB % of F.S. Range LSB % of F.S. Range LSB
-1.5 1/4 (0.006) 1/2 (0.012)
-1.5 1/8 (0.003) 1/4 (0.006)
1/2 (0.012) 3/4 (0.018)
0.35 (0.0084) 1/2 (0.012)
1/2 3/4 MONOTONICITY GUARANTEED 1 5 7 2 250 15 30 -12 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 0.05 2 10 10
1/4 1/2 MONOTONICITY GUARANTEED 1 5 3 2 250 15 30 -12 15 0 to +5 -2.5 to +2.5 0 to +10 -5 to +5 -10 to +10 0.1 0.25 0.15 15 0.05 2 10 5
ppm/C ppm/C ppm/C ppm/C ns ns ns mA ppm of F.S./% V V V V V
350 30 50 -18 25
350 30 50 -18 25
EXTERNAL ADJUSTMENTS Gain Error with Fixed 50 Resistor for R2 (Figure 3) Bipolar Zero Error with Fixed 50 Resistor for R1 (Figure 4) Gain Adjustment Range (Figure 3) Bipolar Zero Adjustment Range REFERENCE INPUT Input Impedance POWER DISSIPATION MULTIPLYING MODE PERFORMANCE (All Models) Quadrants Reference Voltage Accuracy Reference Feedthrough (Unipolar Mode, All Bits OFF, and 1 V to 10 V [p-p], Sine Wave Frequency for l/2 LSB [p-p] Feedthrough) Output Slew Rate 10%-90% 90%-10% Output Settling Time (All Bits ON and a 0 V-10 V Step Change in Reference Voltage) CONTROL AMPLIFIER Full Power Bandwidth Small-Signal Closed-Loop Bandwidth
0.25 0.15
0.25 0.1
% of F.S. Range % of F.S. Range % of F.S. Range % of F.S. Range k mW
20 180
25 300
20 180
25 300
Two (2): Bipolar Operation at Digital Input Only 1 V to 10 V, Unipolar 10 Bits ( 0.05% of Reduced F.S.) for 1 V dc Reference Voltage 40 5 1 1.5 s to 0.01% F.S. 300 1.8 kHz MHz kHz typ mA/s mA/s
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units. Specification subject to change without notice.
REV. E
-5-
AD565A/AD566A
ABSOLUTE MAXIMUM RATINGS GROUNDING RULES
VCC to Power Ground . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V VEE to Power Ground (AD565A) . . . . . . . . . . . . 0 V to -18 V Voltage on DAC Output (Pin 9) . . . . . . . . . . . . -3 V to +12 V Digital Inputs (Pins 13 to 24) to Power Ground . . . . . . . . . . . . . . . . . . . . . . -1.0 V to +7.0 V REF IN to Reference Ground . . . . . . . . . . . . . . . . . . . . 12 V Bipolar Offset to Reference Ground . . . . . . . . . . . . . . . 12 V 10 V Span R to Reference Ground . . . . . . . . . . . . . . . . 12 V 20 V Span R to Reference Ground . . . . . . . . . . . . . . . . 24 V REF OUT (AD565A) . . . . . Indefinite Short to Power Ground Momentary Short to VCC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
The AD565A and AD566A use separate reference and power grounds to allow optimum connections for low noise and high speed performance. These grounds should be tied together at one point, usually the device power ground. The separate ground returns minimize current flow in low level signal paths. In this way, logic return currents are not summed into the same return path with analog signals.
AD565A ORDERING GUIDE
Model1 AD565AJD AD565AJR AD565AKD AD565ASD AD565ATD
Max Gain T.C. (ppm of F.S./C) 50 50 20 30 15
Temperature Range 0C to +70C 0C to +70C 0C to +70C -55C to +125C -55C to +125C
Linearity Error Max @ +25C 1/2 LSB 1/2 LSB 1/4 LSB 1/2 LSB 1/4 LSB
Package Options2 Ceramic (D-24) SOIC (RW-28) Ceramic (D-24) Ceramic (D-24) Ceramic (D-24)
NOTES 1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current/883B data sheet. 2 D = Ceramic DIP, R = SOIC.
AD566A ORDERING GUIDE
Model1 AD566AJD AD566AKD AD566ASD AD566ATD
Max Gain T.C. (ppm of F.S./C) 10 3 10 3
Linearity Temperature Range 0C to +70C 0C to +70C -55C to +125C -55C to +125C
Error Max @ +25C 1/2 LSB 1/4 LSB 1/2 LSB 1/4 LSB
Package Option2 Ceramic (D-24 Ceramic (D-24) Ceramic (D-24) Ceramic (D-24)
NOTES 1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current/883B data sheet. 2 D = Ceramic DIP.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD565A/AD566A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-6-
REV.E
AD565A/AD566A
PIN CONFIGURATIONS 24-Lead DIP
NC 1 NC
2 24 23 22 21
24-Lead DIP
BIT 1 IN (MSB) BIT 2 IN BIT 3 IN BIT 4 IN BIT 5 IN NC 1 NC 2 REF GND 3 AMP SUMMING JUNCTION 4 REF V HI IN 5 -VEE -15V IN (20mA) BIPOLAR OFFSET IN NC DAC OUT (-2mA F.S.)
6 24 23 22 21
BIT 1 IN (MSB) BIT 2 IN BIT 3 IN BIT 4 IN BIT 5 IN
VCC 3 REF OUT (+10V 1%) 4 REF GND 5 REF IN 6
AD565A
20
AD566A
20
TOP VIEW 19 BIT 6 IN -VEE 7 (Not to Scale) 18 BIT 7 IN
17 16 15 14 13
TOP VIEW 19 BIT 6 IN 7 (Not to Scale) 18 BIT 7 IN
8 9 17 16 15 14 13
BIPOLAR OFFSET IN 8 DAC OUT (-2mA F.S.)
9
BIT 8 IN BIT 9 IN BIT 10 IN BIT 11 IN BIT 12 IN (LSB)
BIT 8 IN BIT 9 IN BIT 10 IN BIT 11 IN BIT 12 IN (LSB)
10V SPAN R 10 20V SPAN R 11 PWR GND 12
10V SPAN R 10 20V SPAN R 11 PWR GND 12
NC = NO CONNECT
NC = NO CONNECT
28-Lead SOIC
NC 1 NC NC
2 3 28 27 26 25 24
NC BIT 1 (MSB) BIT 2 BIT 3 BIT 4 BIT 5
VCC 4 REF OUT (10V) REF GND REF IN NC -VEE
5 6 7
AD565A
23
TOP VIEW 22 BIT 6 8 (Not to Scale) 21 BIT 7
9 20 19 18 17 16 15
BIT 8 BIT 9 BIT 10 BIT 11 BIT 12 (LSB) PWR GND
BIPOLAR OFFSET IN 10 DAC OUT 11 NC 12 10V SPAN R 13 20V SPAN R 14
NC = NO CONNECT
REV. E
-7-
AD565A/AD566A
CONNECTING THE AD565A FOR BUFFERED VOLTAGE OUTPUT
The standard current-to-voltage conversion connections using an operational amplifier are shown in Figures 1, 2, and 3 with the preferred trimming techniques. If a low offset operational amplifier (OP77, AD741L, OP07) is used, excellent performance can be obtained in many situations without trimming (an op amp with less than 0.5 mV max offset voltage should be used to keep offset errors below 1/2 LSB). If a 50 fixed resistor is substituted for the 100 trimmer, unipolar zero is typically within 1/2 LSB (plus op amp offset) and full-scale accuracy is within 0.1% (0.25% max). Substituting a 50 resistor for the 100 bipolar offset trimmer gives a bipolar zero error typically within 2 LSB (0.05%). The AD509 is recommended for buffered voltage-output applications that require a settling time to 1/2 LSB of 1 s. The feedback capacitor is shown with the optimum value for each application; this capacitor is required to compensate for the 25 pF DAC output capacitance.
FIGURE 1. UNIPOLAR CONFIGURATION
REF OUT
VCC
R1 100
BIPOLAR OFF 20V SPAN
9.95k R2 100 10V
5k 5k
10V SPAN 10pF
AD565A
19.95k 0.5mA IREF 20k
IO 8k
REF IN REF GND
DAC OUT AD509 2.4k
OUTPUT -5V TO +5V
DAC
IOUT = 4 IREF CODE CODE INPUT MSB LSB
POWER GND -VEE
Figure 2. 5 V Bipolar Voltage Output
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust 100 trimmer R1 to give -5.000 V output.
STEP II . . . GAIN ADJUST
This configuration provides a unipolar 0 V to 10 V output range. In this mode, the bipolar terminal, Pin 8, should be grounded if not used for trimming.
+15V 100k 100 REF OUT VCC BIPOLAR OFF 20V SPAN 9.95k R2 100 10V 5k 5k 10pF IO 8k DAC OUT AD509 2.4k OUTPUT 0V TO +10V 10V SPAN R1 50k -15V
Turn ON all bits. Adjust 100 gain trimmer R2 to give a reading of +4.9976 V. Please note that it is not necessary to trim the op amp to obtain full accuracy at room temperature. In most bipolar situations, an op amp trim is unnecessary unless the untrimmed offset drift of the op amp is excessive.
FIGURE 3. OTHER VOLTAGE RANGES
AD565A
19.95k 0.5mA IREF 20k
REF IN REF GND
DAC
IOUT = 4 IREF CODE CODE INPUT MSB
POWER GND -VEE
LSB
The AD565A can also be easily configured for a unipolar 0 V to +5 V range or 2.5 V and 10 V bipolar ranges by using the additional 5 k application resistor provided at the 20 V span R terminal, Pin 11. For a 5 V span (0 V to +5 V, or 2.5 V), the two 5 k resistors are used in parallel by shorting Pin 11 to Pin 9 and connecting Pin 10 to the op amp output and the bipolar offset either to ground for unipolar or to REF OUT for the bipolar offset either to ground for unipolar or to REF OUT for the bipolar range. For the 10 V range (20 V span) use the 5 k resistors in series by connecting only Pin 11 to the op amp output and the bipolar offset connected as shown. The 10 V option is shown in Figure 3.
Figure 1. 0 V to 10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
REF OUT VCC R1 100 BIPOLAR OFF 20V SPAN 9.95k R2 100 10V 5k 5k 10pF IO 8k DAC OUT AD509 3.0k OUTPUT -10V TO +10V 10V SPAN
Turn all bits OFF and adjust zero trimmer R1 until the output reads 0.000 V (1 LSB = 2.44 mV). In most cases, this trim is not needed, but Pin 8 should then be connected to Pin 12.
STEP II . . . GAIN ADJUST
AD565A
19.95k 0.5mA IREF 20k
Turn all bits ON and adjust 100 gain trimmer R2 until the output is 9.9976 V. (Full scale is adjusted to 1 LSB less than nominal full scale of 10.000 V.) If a 10.2375 V full scale is desired (exactly 2.5 mV/bit), insert a 120 resistor in series with the gain resistor at Pin 10 to the op amp output.
FIGURE 2. BIPOLAR CONFIGURATION
REF IN REF GND
DAC
IOUT = 4 IREF CODE CODE INPUT MSB LSB
POWER GND -VEE
This configuration provides a bipolar output voltage from -5.000 V to +4.9976 V, with positive full scale occurring with all bits ON (all 1s). -8-
Figure 3. 10 V Voltage Output
REV.E
AD565A/AD566A
CONNECTING THE AD566A FOR BUFFERED VOLTAGE OUTPUT STEP II . . . GAIN ADJUST
The standard current-to-voltage conversion connections using an operational amplifier are shown in Figures 4, 5, and 6 with the preferred trimming techniques. If a low offset operational amplifier (OP77, AD741L, OP07) is used, excellent performance can be obtained in many situations without trimming (an op amp with less than 0.5 mV max offset voltage should be used to keep offset errors below 1/2 LSB). If a 50 fixed resistor is substituted for the 100 trimmer, unipolar zero typically is within 1/2 LSB (plus op amp offset), and full-scale accuracy is within 0.1% (0.25% max). Substituting a 50 resistor for the 100 bipolar offset trimmer gives a bipolar zero error typically within 2 LSB (0.05%). The AD509 is recommended for buffered voltage-output applications that require a settling time to 1/2 LSB of 1 s. The feedback capacitor is shown with the optimum value for each application; this capacitor is required to compensate for the 25 pF DAC output capacitance.
FIGURE 4. UNIPOLAR CONFIGURATION
Turn all bits ON and adjust 100 gain trimmer, R2, until the output is 9.9976 V. (Full scale is adjusted to 1 LSB less than nominal full scale of 10.000 V.) If a 10.2375 V full scale is desired (exactly 2.5 mV/bit), insert a 120 resistor in series with the gain resistor at Pin 10 to the op amp output.
FIGURE 5. BIPOLAR CONFIGURATION
This configuration provides a bipolar output voltage from -5.000 V to +4.9976 V, with positive full scale occurring with all bits ON (all 1s).
R1 100
BIPOLAR OFF 20V SPAN 9.95k 5k 5k
AD566A
10V SPAN
R2 100
This configuration provides a unipolar 0 V to 10 V output range. In this mode, the bipolar terminal, Pin 7, should be grounded if not used for trimming.
+15V 100 100k BIPOLAR OFF R1 50k -15V 20V SPAN 9.95k 5k 5k R2 100 +V
10V
REF IN 19.95k
10pF 0.5mA IREF IO 8k DAC OUT AD509 2.4k
+V
10V
EREF AD561 REF GND
DAC
IOUT = 4 IREF CODE CODE INPUT MSB LSB
20k
POWER GND -VEE
AD566A
Figure 5. 5 V Bipolar Voltage Output
10V SPAN
STEP I . . . OFFSET ADJUST
10pF DAC OUT AD509 2.4k
REF IN 19.95k EREF AD561 REF GND POWER GND -VEE
0.5mA IREF
IO 8k
Turn OFF all bits. Adjust 100 trimmer R1 to give -5.000 output V.
STEP II . . . GAIN ADJUST
DAC
IOUT = 4 IREF CODE CODE INPUT MSB LSB
20k
Turn ON all bits. Adjust 100 gain trimmer R2 to give a reading of +4.9976 V. Please note that it is not necessary to trim the op amp to obtain full accuracy at room temperature. In most bipolar situations, an op amp trim is unnecessary unless the untrimmed offset drift of the op amp is excessive.
Figure 4. 0 V to 10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer, R1, until the output reads 0.000 V (1 LSB = 2.44 mV). In most cases, this trim is not needed, but Pin 7 should then be connected to Pin 12.
REV. E
-9-
AD565A/AD566A
FIGURE 6. OTHER VOLTAGE RANGES
The AD566A can also be easily configured for a unipolar 0 V to +5 V range or 2.5 V and 10 V bipolar ranges by using the additional 5 k application resistor provided at the 20 V span R terminal, Pin 11. For a 5 V span (0 V to +5 V or 2.5 V), the two 5 k resistors are used in parallel by shorting Pin 11 to Pin 9 and connecting Pin 10 to the op amp output and the bipolar offset resistor either to ground for unipolar or to VREF for the bipolar range. For the 10 V range (20 V span), use the 5 k resistors in series by connecting only Pin 11 to the op amp output and the bipolar offset connected as shown. The 10 V option is shown in Figure 6.
R1 5k
BIPOLAR OFF 20V SPAN
AD566A
9.95k 14k R2 5k 5k 5k REF IN 19.95k 0.5mA IREF 20k IO 8k
10V SPAN 10pF
DAC OUT AD509 2.4k
-V
7.5V
EREF AD561 REF GND
DAC
IOUT = 4 IREF CODE CODE INPUT MSB LSB
POWER GND -VEE
R3 26k *
* THE PARALLEL COMBINATION OF THE BIPOLAR OFFSET RESISTOR
AND R3 ESTABLISHES A CURRENT TO BALANCE THE MSB CURRENT. THE EFFECT OF TEMPERATURE COEFFICIENT MISMATCH BETWEEN THE BIPOLAR RESISTOR COMBINATION AND DAC RESISTORS IS EXPANDED ON PREVIOUS PAGE.
Figure 6. 10 V Voltage Output
Table I. Digital Input Codes
DIGITAL INPUT MSB LSB 000000000000 011111111111 100000000000 111111111111
Straight Binary Zero Mid Scale - 1 LSB +1/2 FS +FS - l LSB
ANALOG OUTPUT Offset Binary -FS Zero - 1 LSB Zero +FS - 1 LSB
Twos Complement* Zero +FS - 1 LSB -FS Zero - 1 LSB
*Inverts the MSB of the offset binary code with an external inverter to obtain twos complement.
-10-
REV.E
AD565A/AD566A
OUTLINE DIMENSIONS 24-Lead Side-Brazed Solder Lid Ceramic DIP [DIP/SB] (D-24)
Dimensions shown in inches and (millimeters)
0.005 (0.13) MIN
24
0.098 (2.49) MAX
13
0.610 (15.49) 0.500 (12.70) PIN 1
1 12
1.290 (32.77) MAX 0.225 (5.72) MAX
0.075 (1.91) 0.015 (0.38)
0.620 (15.75) 0.590 (14.99)
0.150 (3.81) 0.200 (5.08) MIN 0.120 (3.05) SEATING 0.023 (0.58) 0.100 (2.54) 0.070 (1.78) PLANE BSC 0.014 (0.36) 0.030 (0.76)
0.015 (0.38) 0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
28-Lead Standard Small Outline Package [SOIC] Wide Body (RW-28)
Dimensions shown in millimeters and (inches)
18.10 (0.7126) 17.70 (0.6969)
28
15
7.60 (0.2992) 7.40 (0.2913)
1 14
10.65 (0.4193) 10.00 (0.3937)
2.65 (0.1043) 2.35 (0.0925) 0.30 (0.0118) 0.10 (0.0039) COPLANARITY 0.10 8 0 1.27 (0.0500) 0.51 (0.0201) SEATING 0.32 (0.0126) BSC 0.33 (0.0130) PLANE 0.23 (0.0091)
0.75 (0.0295) 0.25 (0.0098)
45
1.27 (0.0500) 0.40 (0.0157)
COMPLIANT TO JEDEC STANDARDS MS-013AE CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Revision History
Location 10/02--Data Sheet changed from REV. D to REV. E. Page
Edits to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 OUTLINE DIMENSIONS updated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
REV. E
-11-
-12-
C00516-0-10/02(E)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD565A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X