Part Number Hot Search : 
VCH162 ICS66401 FZT493A BS62L 2SC6045G 0ZA6T 1SV103 20100C
Product Description
Full Text Search
 

To Download A301-1K0-B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1000W Modified Sine Wave DC-AC Power Inverter
Features :
A-301/302-1K0 series
12V or 24V DC input Power ON-OFF switch Input voltage range: -15% ~ +25% Output voltage regulation: 10% Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/ Over temp./Output short/Input polarity reverse/Over load. Output waveform: Modified sine wave Cooling fan ON-OFF control ON/OFF remote control(Optional) Approvals: e13/ CE 1 year warranty
SPECIFICATION
ORDER NO. SAFETY MODEL NO. AC VOLTAGE RATED POWER PEAK POWER OUTPUT SURGE POWER WAVEFORM FREQUENCY AC REGULATION STANDARD RECEPTACLES LED INDICATOR DC CURRENT NO LOAD CURRENT DRAW DC VOLTAGE INPUT VOLTAGE RANGE EFFICIENCY (Typ.) DC CONNECTOR FUSE BAT. LOW ALARM BAT. LOW SHUTDOWN OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE OUTPUT SHORT BAT. POLARITY WORKING TEMP. ENVIRONMENT WORKING HUMIDITY A301-1K0-B2 A-1000W 110V 1000W 1200W<30min. 2400W Modified Sine Wave 60Hz 1% 10% TYPE-2* 3ea 110A 0.4A 12V 10 ~ 15VDC 82% 1000mm R type terminal 30A*5 10 0.5V 9.5 0.5V >1200W shut down o/p voltage, re-power to recover 15 ~ 16V 60 5 / 140 9 F
o
ES
Germany
EMC
tested
ES
Germany
LVD
tested
A301-1K0-F3 230V
A302-1K0-B2 110V
A302-1K0-F3 230V
50Hz 1% TYPE-3* 2ea
60Hz 1% 10% TYPE-2* 3ea 55A 0.2A 24V 21 ~ 30VDC 85% 1000mm R type terminal 20A*5 21 0.8V 20 0.8V 29 ~ 31V
50Hz 1% TYPE-3* 2ea
Green LED for power on; Yellow LED for O.T.P.; Red LED for power failure status
Shut-off By fuse open 0 ~ 30 @ 100% load, 40 @ 70% load 20% ~ 90% RH non-condensing
SAFETY & EMC
o STORAGE TEMP., HUMIDITY -30 ~ +70 / -22 ~ +158 F, 10 ~ 95% RH TEMP. COEFFICIENT 0.05% / (0 ~ 50 ) I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 class B, 72/ 245/ CEE, 95/ 54/ CE Compliance to EN61000-4-2,3 EMS IMMUNITY
OTHERS
LVD MTBF DIMENSION PACKING COOLING APPLICATIONS
Compliance to EN60950 98Khrs min. MIL-HDBK-217F (25 310*210*85mm (L*W*H) 3.3kg ; 4pcs / 17.5kg / CARTON )
>40 (NTC) fan on Home appliance, Power tools, Office and Portable equipment and Vehicle ...etc.
AC Output Receptacles (optional)
TYPE-1 JAPAN
TYPE-2 USA
TYPE-3 EUROPE
TYPE-4 UNIVERSAL
TYPE-5 AUSTRALIA
TYPE-6 U.K
File Name: A-301/302-1K0-SPEC 2007-05-14
1000W Modified Sine Wave DC-AC Power Inverter
Mechanical Specification
A-301/302-1K0 series
Unit:mm
AIR FLOW
219
210 240
10.6
REMOTE CONTROL NORMAL
AC OUTPUT
REMOTE CONTROL NORMAL
AC OUTPUT
310
ON
OVER TEMP.
ON
OVER TEMP.
OVER LOAD OFF OFF
OVER LOAD
10
USA
EUROPE
File Name: A-301/302-1K0-SPEC 2007-05-14
85
FAN
MADE IN TAIWAN
WARNING: DO NOT REVERSE INPUT
DC CABLE 2 LENGTH:1000mm 14mm


▲Up To Search▲   

 
Price & Availability of A301-1K0-B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X