![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com 40 PIN SMD ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS Page : 1/1 P/N: 40ST1041AX-Y DATA SHEET Feature IEEE 802.3 Ethernet compatible . 100 Base-TX Surface mountable . Design for multiport repeater and Ethernet switching HUB application . Customer designs available for specific application. Operating temperature range : 0 to +70. Storage temperature range: -25 to +125. Electrical Specifications @ 25C Part Number Turns Ratio (5%) TX RX OCL(H Min) @100KHz/0.1Vrms 8mA DC/Bias 350 L.L (H Max) 0.4 CW/W (pF Max) 56 HI-POT (Vrms) 1500 Rise Time (nS Typ) 3.0 40ST1041AX-Y 1CT:1CT 1CT:1CT Continue Part Number 40ST1041AX-Y Insertion Loss (dB Max) 0.3-100MHz -1.15 0.3-30MHz -16 Return Loss (dB Min) 30-60MHz -12 Cross talk (dB Min) DCMR (dB Min) 60-80MHz 0.3-60MHz 60-100MHz 60MHz 100MHz 200MHz -10 -45 -35 -37 -28 -25 Schematic Mechanical www..com 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A0(02/09) www..com www..com |
Price & Availability of 40ST1041AX-Y
![]() |