Part Number Hot Search : 
MIC2290 IL91214 M5817 TD9944TG MIC2290 FM25CL L4950 2804APG
Product Description
Full Text Search
 

To Download TLP629-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP629,TLP629-2,TLP629-4
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP629,TLP629-2,TLP629-4 - -
Telecommunication Office Machine Telephone Use Equipment
The TOSHIBA TLP629, -2, and -4 consists of a photo-transistor optically coupled to a gallium arsenide infrared emitting diode. The TLP629-2 offers two isolated channels in an eight lead plastic DIP, while the TLP629-4 provides four isolated channels in a sixteen plastic DIP. This is suitable for application of DC input current up to 150mA. * * * * * IF maximum rating: 150mA Collector-emitter voltage: 55V (min.) Current transfer ratio: 25% (min.) (IF=20mA) Isolation voltage: 5000Vrms (min.) UL recognized: UL1577, file no. E67349 TOSHIBA Weight: 0.26 g 11-5B2 Unit in mm
Pin Configurations (top view)
TOSHIBA Weight: 0.54 g
11-10C4
TOSHIBA Weight: 1.1 g
11-20A3
1
2002-09-25
TLP629,TLP629-2,TLP629-4
Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current derating LED Pulse forward current Reverse voltage Junction temperature Collector-emitter voltage Emitter-collector valtage Detector Collector current Collector power dissipation (1 circuit) Collector power dissipation derating (1 circuit, Ta 25C) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature Total package power dissipation Total package power dissipation derating (Ta25C) Isolation voltage (Note 1) Symbol IF IF / C IFP VR Tj VCEO VECO IC PC PC / C Tj Tstg Topr Tsol PT PT / C BVS 250 -2.5 150 -1.5 125 -55~125 -55~100 260 (10s) 200 2.0 Rating TLP629 150 -1.5 (Ta 25C) 1 (100s pulse, 100pps) 5 125 55 7 80 100 -1.0 TLP629-2,4 Unit mA mA / C A V C V V mA mW mW / C C C C C mW mW / C Vrms
5000 (AC, 1min., RH 60%)
(Note 1) Device considered a two terminal: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristics Supply voltage Forward current Collector current Operating temperature Symbol VCC IF IC Topr Min. -25 Typ. 5 20 1 Max. 24 120 10 85 Unit V mA mA C
2
2002-09-25
TLP629,TLP629-2,TLP629-4
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Forward current Reverse current Capacitance Collector-emitter breakdown voltage Detector Emitter-collector breakdown voltage Collector dark current Capacitance collector to emitter Symbol VF IF IR CT V(BR) CEO V(BR) ECO ICEO CCE Test Condition IF = 100 mA VF = 0.7 V VR = 5 V V = 0, f = 1 MHz IC = 0.5 mA IE = 0.1 mA VCE = 24 V VCE = 24 V, Ta = 85C V = 0, f = 1 MHz Min. -- -- -- -- 55 7 -- -- -- Typ. 1.4 2.5 -- 50 -- -- 10 2 10 Max. 1.7 20 10 -- -- -- 100 50 -- Unit V A A pF V V nA A pF
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Symbol IC / IF Current transfer ratio IC / IF (high) VCE (sat) IC(off) Test Condition IF = 20 mA, VCE = 1 V IF = 100 mA, VCE = 1 V IC = 2.4 mA, IF = 20 mA IC = 2.4 mA, IF = 100 mA VF = 0.7V, VCEO = 24 V MIn. 25 20 -- -- -- Typ. -- -- -- -- 1 Max. -- 80 0.4 0.4 1.0 % Unit
Collector-emitter saturation voltage Off-state collector current
V A
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0, f = 1 MHz VS = 500 V AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min. -- 5x10
10
Typ. 0.8 10
14
Max. -- -- -- -- --
Unit pF Vrms Vdc
5000 -- --
-- 10000 10000
3
2002-09-25
TLP629,TLP629-2,TLP629-4
Switching Characteristics (Ta = 25C)
Characteristic Rise time Fall time Turn-on time Turn-off time Turn-on time Storage time Turn-off time Symbol tr tf ton toff tON ts tOFF RL = 1.9 k VCC = 5 V, IF = 16 mA (Fig.1) VCC = 10 V, IC = 2 mA RL = 100 Test Condition Min. -- -- -- -- -- -- -- Typ. 2 3 3 3 2 15 25 Max. -- -- 10 10 -- -- -- s s Unit
Fig. 1 Switching time test circuit
4
2002-09-25
TLP629,TLP629-2,TLP629-4
5
2002-09-25
TLP629,TLP629-2,TLP629-4
6
2002-09-25
TLP629,TLP629-2,TLP629-4
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLP629-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X