Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download SR6ZC024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Safety Relay on DIN-rail SR6 Z
I I I I I
6 pole 8 A SR6 on printed circuit board AC/DC input Spring connectors Module width 46 mm
Applications Elevator control, machine control
F0238-B
Approvals
Terminal assignment DC module, 4 NO+2 NC version
E data of approved types on request Technical
Contact data
Contact set Rated current / limiting continuous current Rated voltage / max. switching voltage AC Maximum breaking capacity AC Contact material Minimum contact load Contact resistance Mechanical endurance Rated frequency of operation with / without load single contact, forcibly guided type A according to EN50205 8A 240 VAC / 240 VAC 2000 VA AgSnO2 10 mA / 5 V w100 mOhm / 1 A / 24 VDC w20 Ohm / 10 mA / 5 VDC 10x106 cycles 6 min-1 / 150 min-1
S0422-BA
DC module, 3 NO+3 NC version
Coil data
DC energizing voltage Urtd 6, 12, 18, 21, 24, 36, 40, 48, 60, 115 VDC AC/DC energizing voltage Urtd 12, 21, 24, 40, 48, 60,115 VAC/VDC AC energizing voltage Urtd 230 VAC Input circuit bridge rectifier, series resistor Minimum operate voltage, % of rated coil voltage 90% Minimum release voltage (+23C), % of rated coil voltage 10% Limiting voltage, % of rated coil voltage 110%
S0422-BB
DC module, 5 NO+1 NC version
Insulation
Surge voltage resistance coil-contacts open contact circuit adjacent contacts Clearance / creepage coil-contact adjacent contacts Insulation to IEC 60664 Voltage rating Pollution degree Overvoltage category AC/DC module, 4 NO+2 NC version 3000 Vrms 1000 Vrms 2000 Vrms W 5.5 / 5.5 mm W 3 / 3 mm 250 V 2 III AC/DC module, 3 NO+3 NC version
S0422-BC
AC/DC module, 5 NO+1 NC version
S0422-BD
S0422-BE
S0422-BF
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay on DIN-rail SR6 Z (Continued)
Other data
Flammability class according to UL 94 housing housing cage clamp terminals PCB relay base relay cover Ambient temperature Connections (according IEC) solid wire stranded wire AWG 28...14 Installation position Mounting Type of connection Relay weight Packaging unit V2 V0 V0 V0 V2 -25...+50 C 0.2...2.5 mm2 0.2...2.5 mm2 any in rows with zero spacing spring clamp connection 90 g 2 pcs
Dimensions
Module width 46 mm Module length 87 mm
S0423-A
Fit onto mounting rails according to DIN EN 50022 or DIN EN 50035
Product key Type Contact configuration A 3 NO + 3 NC contacts B 4 NO + 2 NC contacts C 5 NO + 1 NC contacts Coil DC Coil code = rated coil voltage (e.g. 024=24VDC) AC/DC coil code: 524=24VAC/VDC, 615=115VAC/VDC AC coil code: 730=230VAC Other types on request
SR6Z
Product key SR6ZA024 SR6ZA524 SR6ZA615 SR6ZA730 SR6ZB024 SR6ZB524 SR6ZB615 SR6ZB730 SR6ZC024 SR6ZC524 SR6ZC615 SR6ZC730
Type 6-pole safety relay module
Contact configuration 3 NO + 3 NC contacts 4 NO + 2 NC contacts 5 NO + 1 NC contacts
Contact material AgSnO2
Coil 24 VDC 24 VAC/VDC 115 VAC/VDC 230 VAC 24 VDC 24 VAC/VDC 115 VAC/VDC 230 VAC 24 VDC 24 VAC/VDC 115 VAC/VDC 230 VAC
Part number 7-1415033-1 9-1415059-1 0-1415060-1 1-1415060-1 5-1415033-1 2-1415060-1 6-1415046-1 3-1415060-1 3-1415042-1 4-1415060-1 5-1415060-1 6-1415060-1
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of SR6ZC024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X