|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E L E C T R O N I C SB3150~SB3200 Power Schottky Rectifier - 3Amp 150~200Volt Features -Low forward voltage drop -High current capability -High reliability -High surge current capability -Epitaxial construction DO-27 / DO-201AD Mechanical data -CaseMolded plastic -EpoxyUL 94V-0 rate flame retardant -LeadAxial leads, solderable per MIL-STD-202,method 208 guaranteed -PolarityColor band denotes cathode end -Mounting positionAny -Weight1.10 grams .220(5.6) .197(5.0) .052(1.3) .048(1.2) Maximum ratings and Electrical characteristics TYPE Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance RJA Operating Temperature Range TJ Storage Temperature Range TSTG Note: Pulse Test : 380s pulse width, 2% duty cycle August 2007 / Rev.5 SB3150 150 105 150 3.0 80 0.85 0.01 10 250 20 -50 - 125 -65 - 150 SB3200 200 140 200 1.0(25.4) .375(9.5) .285(7.2) 1.0(25.4) UNIT V V V A A 0.87 V mA pF C/W C C Ta = 25C Ta = 100C http:// www.sirectsemi.com 1 SB3150~SB3200 3.5 AVERAGE FORWARD CURRENT AMPERES 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375" (9.5mm) Lead Lengths 100 INSTANTANEOUS FORWARD CURRENT , (A) 10 1 AMBIENT TEMPERATURE , Tj=25 Pulse Width 300us 1% Duty Cycle Figure 1. Forward Current Derating Curve 0.1 100 PEAK FORWARD SURGE CURRENT AMPERES 0.01 80 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 FORWARD VOLTAGE , VOLTS 60 Figure 4. Typical Forward Characteristics 40 20 Single Half-Sine-Wave (JEDEC METHOD) 100 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz REVERSE LEAKAGE CURRENT , (mA) 10 Figure 2. Maximum Non-repetitive Surge Current 700 600 1 Tj = 75 CAPACITANCE , (pF) 500 400 300 200 100 0.1 Tj = 25 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE , (%) 0 0.01 0.1 1 10 100 Figure 5. Typical Reverse Characteristics REVERSE VOLTAGE , VOLTS Figure 3. Typical Junction Capacitance Sirectifier Global Corp., Delaware, U.S.A. U.S.A.: sgc@sirectsemi.com France: ss@sirectsemi.com Taiwan: se@sirectsemi.com Hong Kong: hk@sirectsemi.com China: st@sirectsemi.com ...Thailand: th@sirectsemi.com Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com http:// www.sirectsemi.com 2 |
Price & Availability of SB3150 |