Part Number Hot Search : 
TSM0505D B002B G1085 120EC FLL351ME 2SA1008 FIN1019 LH5P8129
Product Description
Full Text Search
 

To Download RI80-80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RI80 Metal Glaze Impulse Resistors
Metal Glaze Impulse Resistors
Serpentine Pattern Design Achieves High Power Voltage (RI80)
Preview The type RI80 precision high voltage resistors were specifically designed for general purpose high voltage systems in industrial. The RI80 uses Token's proprietary thick film Metal Glaze resistive element and Serpentine Pattern Design which provides ideal cost efficient, stability, precision and high voltage characteristics for a wide range of measurement, voltage divider circuits, and control functions in high voltage power electronics applications. Token RI80 Precision Voltage Resistors are able to absorb large amounts of energy at high voltage while remaining non-inductive and heavy load characteristics. The RI80 conforms to the RoHS directives and Leadfree. Customed design, and tighter tolerances are available on request. By utilizing specific ceramic core materials with optimum processing, Token are able to control, very tightly in manufacturing, the important ultra-stable performance parameters in operating temperatures from -55C to +70C. Voltage handle up to 35 KV. This unique process is offered in specific resistance values in a wide variety of sizes and terminations. The extraordinary operating stability of the Type RI80 resistors will improve the performance of your high voltage system. The RI80 Precision Voltage Series is RoHS compliant and lead free. For customed designs, tighter tolerances, non-standard technical requirements, or custom special applications, please contact our sales for more information. Applications - Impulse voltage generators, - Arc furnace damping, Energy research, - Pulse modulators, Radar Pulse-forming networks, - Capacitor crowbar circuits, High voltage snubber circuits, - X-ray/imaging equipment, and EMI/lightning supression. Features - Rated Wattage from 1W to 300W. - Max Working Voltage from 10KV to 35KV. - Resistance Tolerance G( 2%), J(5%), K(10%). - Temperature Coefficient: 200 ppm/C to 400 ppm/C. - High Resistance Range from 1 Megohm to 1,000 Megohms.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 04
TOKEN
RI80 Metal Glaze Impulse Resistors
General Specifications (Unit: mm)
A I Lmax I
Dmax
B Lmax
Dmax
C Lmax
Dmax
Part Number RI80-1 RI80-2 RI80-3 RI80-5 RI80-10 RI80-20 RI80-25
Rated Style Wattage 1 2 3 5 10 20 25 a a a a b c c
Dimensions L max 302 502 652 1002 1472 1162 1162 D max 91 I D
Max Resistance Temp Working Operating Range Coefficient Voltage Temp (M ) (10-6/C) (kv) 10-1000 10-1000 10-1000 10-1000 10-1000 10-100 10-100 200 200 200 300 300 400 400 10 15 15 25 30 30 30 -55C ~ +70C
d
Resistance tolerance
303 0.7
91 303 0.7 91 303 0.7 91 303 1 111 6 M4 171 191
G( 2%) J(5%) K(10%)
02 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number RI80-30 RI80-50 RI80-80 RI80-100 RI80-150 RI80-200 RI80-300 Rated Style Wattage 30 50 80 100 150 200 300 c c c c c c c
RI80 Metal Glaze Impulse Resistors
Max Resistance Temp Working Operating Resistance Range Coefficient Voltage Temp tolerance (M ) (10-6/C) (kv) 10-100 10-100 10-51 10-51 10-51 10-51 1-51 400 400 400 400 400 400 400 30 30 30 35 35 35 35
Surface Mount (LRC) Emboss Plastic Tape Specifications Dimensions L max 1162 1162 1302 1602 2102 2602 3102 D max 191 211 271 271 271 271 331 I D
-55C ~ +70C
G( 2%) J(5%) K(10%)
Remark : Rated Continus Working Voltage (RCWW) shall be determined from RCWW = or Max.Working voltage listed above , whichever two.
Power Rating x Resistance Value()
RI80 Non-Inductive & Serpentine Pattern - Advance Technique
Non-Inductive Performance:
RI80 Non-Inductive Design which uses a serpentine resistive pattern that offers for zigzagging lines to carry current in opposite directions, thereby achieving maximum neutralizationof flux fields over the entire length of the resistor. This efficient non-inductive construction without derating of any performance advantages is ideal for applications where high frequency is required.
Serpentine Pattern Screen Printing Design:
Type RI80 Precision High Voltage Resistors combine Token's Non-Inductive serpentine pattern, high thru-put screen printed silicone coating. The alignment of the gap in the serpentine resistor pattern with the gap in the coating pattern provides a complete encapsulation of the resistor element. The cap and lead assemblies are pressed onto the resistor core, finishing the resistor and providing rugged terminal attachment.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 04
TOKEN
How to Order
RI80 Metal Glaze Impulse Resistors
RI80
1W
a
51M
G
Part Number: RI80 Rated Power (W): 1W, 2W, 3W, 5W, 10W Style: a Style, b Style, c Style Resistance Value ()
Code 5M1 51M 510M Resistance Value () 5.1M 51M 510M
Resistance Tolerance
Code G J M Resistance Tolerance 2% 5% 10%
Back to 1st Page - High Voltage Resistors (RI80)
04 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of RI80-80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X