Part Number Hot Search : 
MK1574 2C120 C18LF2 0202NY CLE250 IRFR3709 THMY7 THLCEDC9
Product Description
Full Text Search
 

To Download Q190-JXS42-12-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Quartz Crystal * JXS42
4 Pad Version * 4.0 x 2.5 mm
actual size 10 ppm type available ceramic / metal package wave soldering temperature: 260 C max.
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range frequency tolerance at 25 C load capacitance CL shunt capacitance Co storage temperature drive level max. aging
JXS42 12.0 ~ 12.99 MHz 10 ppm / 30 ppm (others on request)
ESR (series resistance Rs)
frequency in MHz 12.0 ~ 12.999 (option: 8 pF ~ 30 pF / series) 13.0 ~ 18.999 19.0 ~ 24.999 25.0 ~ 29.999 30.0 ~ 39.999 40.00 ~ 50.00 vibration mode fund. - AT fund. - AT fund. - AT fund. - AT fund. - AT fund. - AT ESR max. in 100 80 60 50 50 40 ESR typ. in 45 40 25 25 20 20
12 pF standard
< 5 pF -40 C ~ +90 C 100 W < 3 ppm first year
Frequency Stability vs. Temperature
10 ppm -20 C ~ +70 C -40 C ~ +85 C STD. T1 O 15 ppm O O 20 ppm O O 30 ppm 50 ppm O
Marking
frequency with load capacitance code company code / date code / internal code date code: example: Jan. A July G Febr. B Aug. H year/month 6A = 2006 January Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M
*
O
*
*
O
standard available
Dimensions
4.00.1 #4 0.8 max. #3 2.50.1 #3 2.00.1 #4 0.70.1 #4 #3 1.70.1 1.20.1 3.00.1 pad layout
in mm
1.40.1
#1 top view
#2 side view
#2
#1 bottom view
#1
#2
#2 - #4: connected to lid crystal connection
Order Information
Q
Quartz
frequency
type
load capacitance
stability at 25 C 10 = 10 ppm 30 = 30 ppm
stability vs. temp. range see table
option
12.0 ~ 12.999 MHz
JXS42
12 pF standard 8 pF ~ 30 pF S for series
blank=-20 C ~ +70 C T1= -40 C ~ +85 C FU= for fundamental frequencies 20 MHz
Example: Q 12.0-JXS42-12-30/30
(Suffix LF = RoHS compliant / Pb free pins or pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice 220908
SMD Quartz Crystal * JXS42
Taping Specification
1.75 4.0 o 1.5 120 12.4
12.0
4.4
o 13 o 80 o 178
2.0 o 21
4.0
2.9 Feeding
1.0
in mm
1000 pcs per reel
Reflow Soldering Profile
temperature (C)
260 200 150 100 50 60 ~180 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C
Load Capacitance Codes
8 pF: k 9 pF: n 10 pF: h 11 pF: l 12 pF: a 13 pF: v 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f 20 pF: c 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . series: s T: 3rd OT
time (s) note: parts are also suitable for soldering systems with lead (Pb) content
example 20.0 MHz / 12 pF: 20a00
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of Q190-JXS42-12-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X