Part Number Hot Search : 
CDRH6D28 PN5019 LF15ABDT 1C102 1N5392 1N5392 8800A F11NM
Product Description
Full Text Search
 

To Download PIGTAIL-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT INFORMATION
880nm
1A277A
High-Performance LED
FM and Baseband Video
The low harmonic distortion and low thermal droop makes this device ideal for subcarrier FM and baseband video applications. Video transmission can be accomplished with minimum distortion. The double-lens optical system provides for optimum coupling of power into the fiber.
Optical and Electrical Characteristics
PARAMETER SYMBOL MIN. TYP . MAX. UNIT
(25 C Case Temperature) TEST CONDITION
Fiber-Coupled Power
(Fig.1, 2,& 3) (Table 1)
Pfiber tr,tf fc -H2 -H3 l Pl
p
100
130 1.5 250 40 50 4 2
W ns MHz dB dB % 900 nm nm 2.2 20 V A pF
IF =100mA (Note 1)
(no bias)
Fiber: 62.5/125 m Graded
Rise and Fall Time
(10-90%)
IF =100mA
Bandwidth
(3dBel )
IF =100 mA IF =100 mA m=0.8 f=10 MHz IF =100 mA IF =100 mA IF =100 mA IF =100 mA VR=1V
Index NA=0.275
Harmonic Distortion
(nonlinearity)
Thermal Droop
(nonlinearity) (Note 2)
Peak Wavelength Spectral Width (FWHM) Forward Voltage Reverse Current Capacitance
(Fig.5)
860
880 60
VF IR C
1.8
250
VR= 0V, f=1 MHz
Note 1: Measured at the exit of 100 meters of fiber
O4.7 O1.5 0.6
Note 2: Transient decline in optical power due to self-heating.
3.7
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Storage Temperature
14
Tstg Top Ptot IF IFRM VR Tsld
-55 to +125 C -55 to +125 C 250 mW 110 mA 180 mA 1.5 V 260 C
Operating Temperature Electrical Power Dissipation
0.4
CASE
Continuous Forward Current (f Peak Forward Current (duty cycle
All dimensions in mm
ANODE
10 kHz) 50%, f 1 MHz)
CATHODE
Reverse Voltage Soldering Temperature (2mm from the case for 10 sec)
2.5 5.4 BOTTOM VIEW
The anode is in electrical contact with the case.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
TO-46 Package With Lens
Thermal Resistance - Infinite Heat Sink Thermal Resistance - No Heat Sink
Rthjc Rthja -0.6 0.3
100 400
C/W C/W %/ C nm/ C
Temperature Coefficient - Optical Power dP/dTj Temperature Coefficient -W avelength d /dTj
12249.12 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
High-Performance LED
1A277A
880nm
Typical Fiber-Coupled Power
Core Diameter/Cladding Diameter Numerical Aperture
RELATIVE FIBER-COUPLED POWER
%
100
FIGURE 1
%
100
FIGURE 2
r z = opt. Oc = 62.5Em
RELATIVE FIBER-COUPLED POWER
50/125 m 0.20
62.5/125 m 0.275
100/140 m 0.29
200/230 m 0.37
80
80
z
45 W
Table 1
130 W
225 W
300 W
60
60
40
40
r
20
r = opt. Oc = 62.5Em z
20
0 0.5 1.0 1.5 2.0 2.5 3.0 mm
0 0 20 40 60 80 100 m
z - AXIAL DISPLACEMENT OF FIBER
r - RADIAL DISPLACEMENT OF FIBER
%
100
FIGURE 3
mW
300
FIGURE 4
MAX. ELECTRICAL POWER DISSIPATION
RELATIVE FIBER-COUPLED POWER
80
50% DUTY CYCLE
200
60
DC
INFINITE HEAT SINK
NO HEAT SINK
40
100
20
HEAT SINKED
0 0 40 80 120 160 200 mA
0 0 50 100 150C
FORWARD CURRENT
OPERATING TEMPERATURE
FIGURE 5
mA
200
FORWARD CURRENT
100
0 0 1 2 3V
FORWARD VOLTAGE
Clip for SC-2A
R 1.00 3.3000
5.6000 80,000 20.8200
0.5000
10,2500
10.3000
4.9500
0.5000 4.5000
5.0800
3.6450
Clip for PIGTAIL-3A
10.70 0.50
10.25
10.30
4.95
0.50 4.50 0.85 5.08
3.65
PRODUCT INFORMATION ST -2A
Package
Emitter or Detector in ST (R) Package
Mitel emitters and detectors can be provided in this low-profile ST (R) package. The device is electrically isolated from the ST (R) receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
ST-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2-56 UNC - 2B max.0.5 3/8"-32 UNEF FIBER END
MARKING SIDE SLOT SIDE
0.006
O2.502 +0.01 0
12.7
9.5
O2.5 +0 -0.004
7.89
7.6 min.12
3.9 5.4 20.1 MATING FERRULE* (not included)
All Dimensions in mm
*The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in ST-2A Housing
(ST is a registered trademark of AT&T)
103326 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION SMA-2A
Package
Emitter or Detector in SMA Package
Mitel emitters and detectors can be provided in this low-profile SMA package. The device is electrically isolated from the SMA receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
SMA-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2-56 UNC - 2B max.0.5
12.7
9.5
O3.176 +0.01 0
1/4"-36UNS
MARKING SIDE
FIBER END
O3.174 +0 -0.004
0.006 3.9 7.2 min.12 5.7 15.2
9.8 0.03
MATING FERRULE* (not included)
All Dimensions in mm
*The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in SMA-2A Housing
103325 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION SC-2A
Package
Emitter or Detector in SC Package
Mitel emitters and detectors can be provided in this low-profile SC package. The device is electrically isolated from the SC receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber..
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
Tstg , Top
-40 to +85 C
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 1)
Rthcc Rthca Rthca 125
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 1)
Thermal Resistance - On PC Board
(Note 1)
Note 1: Add Rthjc for emitter or detector to estimate the total thermal resistance.
2.5
O2.3
1. 4 x4
12
MARKING / SLOT SIDE
0.006 13 FIBER END
O2.5 +0 -0.004
O7.5
22
18
7.95 MATING FERRULE* (not included)
8.9
min. 12
18
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in SC-2A Housing
105967 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION PIGTAIL-3A
Package
Emitter or Detector in Pigtail Package
Mitel emitters and detectors can be provided in this pigtail package with a wide selection of fiber types. The device is electrically isolated from the pigtail receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber. A special design maximizes the return loss for detectors in this package.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature (Note 1 & 2)
Tstg , Top
- 40 to +85 C
Note 1: Temperature range can be extended to -55/+125 C on request. Note 2: Temperature range may be limited by the specification of the fiber.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 3)
Rthcc Rthca Rthca 120
25 250
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 3)
Thermal Resistance - On PC-Board
(Note 3)
Note 3: Add Rthjc for LED to estimate the total thermal resistance.
Optical Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Return Loss 10/125 m fiber (PIN only)
RL
40
55
dB
MARKING
O6.00
O6
min.12
13
All Dimensions in mm
Mechanical Outline of Diode in PIGTAIL-3A Housing
105429 1997-07-03
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
PRODUCT INFORMATION FC-2A
Package
Emitter or Detector in FC Package
Mitel emitters and detectors can be provided in this low-profile FC package. The device is electrically isolated from the FC receptacle to facilitate electrical connection. And optimum fiber-coupled power or responsivity is ensured by active alignment against the fiber.
Absolute Maximum Ratings
PARAMETER SYMBOL LIMIT
Operating & Storage Temperature
FC-2A (Note 1)
Tstg , Top
-40 to +85 C
Note 1: Temperature range can be extended to -55 to +125C on request.
Thermal Characteristics
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance - Infinite Heat Sink
(Note 2)
Rthcc Rthca Rthca 80
40 200
C/W C/W C/W
Thermal Resistance - No Heat Sink
(Note 2)
Thermal Resistance - On PC Board
(Note 2)
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
min.12
5.6
2.0
5.50
O 2.2
MARKING/ SLOT SIDE
0.006 O 2.5 13.4 FIBER END
O2.5 M8x0.75 Thread +0 -0.004
19
08
7.95 MATING FERRULE* (not included)
9.2
max. 0.5
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mechanical Outline of Diode in FC-2A Housing
105515 1994-09-20
Europe: Tel (46) 8 58 02 45 00 Fax (46) 8 58 02 01 10 Tel (44) 1291 436180 Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909 Asia: Tel (65) 293 5312 Fax (65) 293 8527
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of PIGTAIL-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X