|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
* an AMP company = = -E-= S`,J =- =E .---- --= = = r - Radar Pulsed Power Transistor, 8.5W, loops Pulse, 10% Duty PH2729-8SM 2.7 - 2.9 GHz v2.00 Features NPM Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input and Output Impedance Matching Hermetic MtxaKeramic Package 903 (22.86: Absolute Maximum Ratings at 25C Electrical Characteristics Parameter at 25C Symbol Min Max Units lest Conditions Collector-Emitter Breakdown Voltage Collector-EmitterLeakage Current Thermal Resistance Output Power Power Gain BVcEs `ES RTHIJC~ POUT GP 65 1.5 2.2 V mA "C/W' W dB % dB - I,=1 0 mA v,,=40 v V,,=36 V, P,,=1.3 W, F~2.7, 2.8, 2.9 GHz V,,=36 V, P&.3 W, F=2.7,2.8,2.9 GHz 1 I V,,=36 V, P&.3 W, F=2.7, 2.8.2.9 GHz ( V,,=36 V, P,,=1.3 W, F=2.7,2.8,2.9 GHz j V,,=36 V, P,,=l.3 W, F=2.7,2.8,2.9 GHz / V-,=36 V, P..,=1.3 W, F=2.7. 2.8,2.9 GHz 8.5 8.1 - 1 V,,=36 V, P,,=1.3 W, F-2.7, 2.8,2.9 GHz I- Collector Efficiency I T(c Id RL VSWR-T VSWR-S 6 - -I 3:l 1.51 Input Return Loss Load Mismatch Tolerance Load Mismatch Stablilitv Broadband Test Fixture Impedances F(GHz) z,,(Q) z,,(n) 25 + j3.5 20 + j2.0 16ej2.4 . 2.70 2.80 2.90 40-j12 38-j14 35-j16 - -- Specifications Subject to Change Without Notice. Radar Pulsed Power Transistor, 8.5W PH2729-8.5M v2.00 RF Test Fixture BNC CDNNECTDR POMUNA ELECT. ELECTRDLYTIC MALLORY GROUND 50 uF 50 V CAPACITOR 2451 TTXIHSOA ROLLOVER INSULATED ROGERS 6010.5 JUMPER CHIP CAPACITOR, HEATSINK ALUHINLJH 7%Sii255-24-f) BOARD BRASS BOARD / 1L COPPER 73050258-01 TRANSISTUR CLAMP, NORYL CARRIER BASE PLATE, ALUMINUM 73050258-03 CARRIER BRASS 73050258-05 73050258-04 TOP 73050258-06 VIEW Test Fixture PC Board Dimensions "a |
Price & Availability of PH2729-85M |