Part Number Hot Search : 
BR101 MAX639 66070 IPS031S 030PBF CRX0505N BR101 1A010
Product Description
Full Text Search
 

To Download MD-010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Disciplined Oscillator Module Former Model C6300
MD-010
M
The MD010 is a Vectron standard platform module that provides 1 pps TTL,10 MHz sine wave and 10 MHz square wave outputs that are disciplined to an external 1pps reference. Internal to the module is a Vectron oscillator, ranging from a TCXO to a double oven OCXO, dependent upon performance requirements. Internal oscillators are capable of achieving an aging rate less as high as than 0.1ppb/day and stability over the operating temperature range of less than 0.2ppb. In addition to the 7 standard models included in this data sheet, due to Vectron's extensive portfolio of oscillators and a firmware driven architecture, Vectron can customize a solution for your specific application.
Features
* 1pps TTL output signals standard * 10MHz sinewave and square wave outputs standard * Other output frequencies available * Embedded oscillator dependent upon holdover requirements * Serial communications interface standard
D
-0 10
MD-010
Applications
* 3G Basestations (WCDMA, CDMA2000) * LTE * WiMAX Basestations * Digital Video Broadcast * E911 Location Systems * General Timing and Synchronization * Military Radio
Block Diagram
Manual Holdover Hardware Reset Serial Communications Interface Output Locked Module OK
Processor/ Controller
Output Frequency Generation
1PPS Output
1PPS Input (Optional - other input options available)
RF Output (10 MHz standard - other frequencies available)
Quartz Oscillator
(OCXO or TCXO)
Figure 1.
Functional Block Diagram
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Summary Specifications
Comparitive Performance of Standard Modules
Model
MD-0100-DXJ-TCXO-10M0000000 MD-0102-DXJ-HPTC-10M0000000 MD-0101-DXJ-EMXO-10M0000000 MD-0101-DXJ-DAEM-10M0000000 MD-0103-BXJ-OCXO-10M0000000 MD-0103-BXJ-DAOC-10M0000000 MD-0104-BXJ-DOCX-10M0000000
Embedded Oscillator TCXO High Precision TCXO EMXO Digitally Assisted EMXO OCXO Digitally Assisted OCXO Double Oven OCXO 10 min DT= 2 oC 4.9 1.5 2.5 0.4 0.14 0.05 0.05 Warm Up Time (minutes) 5 5 10 10 18 18 18 Aging / day (ppb)1 Temperature Stability (ppb)2 280 50 75 10 4 0.2 0.2
Typical Uses
Applications requiring a disciplined clock with little or no hold over Applications requiring 1 hour hold over on the order of 10 us Applications requiring 8 hour hold over on the order of 100 us Application requiring 8 hour hold over of 100us over extended temperature ranges Applications requiring 8 hour hold over of 50 us over extended temperature ranges Applications requiring 24 hour hold over on the order of 20 us Applications with stringent hold over requirements, 8.6 us over 24 hour
Hold Over Performance (detailed performance on page 5) 1
Hold Over Time Hold Over Temperature Change Model
MD-0100-DXJ-TCXO-10M0000000 MD-0102-DXJ-HPTC-10M0000000 MD-0101-DXJ-EMXO-10M0000000 MD-0101-DXJ-DAEM-10M0000000 MD-0103-BXJ-OCXO-10M0000000 MD-0103-BXJ-DAOC-10M0000000 MD-0104-BXJ-DOCX-10M0000000
1 hr DT= 2 oC 32 12 12.5 2 0.9 0.24 0.09 Module Height (mm)
1 hr DT= 10 oC 120 27 60 8.7 4 0.4 .21
Accuracy
8 hr DT= 2 oC 500 270 105 20 9 2.8 1
Accuracy
8 hr DT= 10 oC 1200 380 490 75 30 3.7 2.5
24hr DT= 2 oC 2400 2000 340 90 35 18 5.9
24 hr DT= 10 oC 4700 2400 1500 250 100 21 10 Voltage (V)
Maximum Accumulated Hold Over in us
Summary Performance Characteristics
Model to UTC (+/-1sigma) 100 ns 100 ns 50 ns 50 ns 50 ns 50 ns 50 ns -1 kHz -140 -130 -140 -140 -145 -145 -145 (+/-) 3 Warm Steady up State Power @ Power @ 25 oC 25 oC (W) (W) 0.3 0.35 1.75 1.75 4.2 4.2 14 -100 kHz -155 -150 -150 -150 -145 -145 -145 0.3 0.3 0.6 0.6 3 3 5.3 AVAR (t=1s) tbd tbd 1E-10 1E-10 1E-11 1E-11 1E-11
MD-0100-DXJ-TCXO-10M0000000 MD-0102-DXJ-HPTC-10M0000000 MD-0101-DXJ-EMXO-10M0000000 MD-0101-DXJ-DAEM-10M0000000 MD-0103-BXJ-OCXO-10M0000000 MD-0103-BXJ-DAOC-10M0000000 MD-0104-BXJ-DOCX-10M0000000
40 40 1 1 0.2 0.2 0.1 -10 Hz
11 12.6 11.8 11.8 19.5 19.5 21.3 -100 Hz -120 -110 -130 -130 -135 -135 -135
5E-12 5E-12 2E-12 2E-12 1E-12 1E-12 1E-12 -10 kHz -155 -140 -145 -145 -145 -145 -145
5 5 5 5 12 12 12 AVAR (t=10s) tbd tbd 5E-10 5E-10 2E-11 2E-11 2E-11
Phase Noise/ AVAR
MD-0100-DXJ-TCXO-10M0000000 MD-0102-DXJ-HPTC-10M0000000 MD-0101-DXJ-EMXO-10M0000000 MD-0101-DXJ-DAEM-10M0000000 MD-0103-BXJ-OCXO-10M0000000 MD-0103-BXJ-DAOC-10M0000000 MD-0104-BXJ-DOCX-10M0000000
-95 -80 -100 -100 -120 -120 -120
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
2
Specifications
RF Output Waveform Characteristics (via sma)
Parameter
Waveform Output Power Harmonics Spurious Waveform High Level Output Voltage (VOH) Low Level Output Voltage (VOL) Rise/Fall Time Duty Cycle 40 4.5 3.0 0.0 0.0 3 50 HCMOS 5.0 3.3 0.4 0.3 5 60 VDC VDC VDC VDC nSec % <-0.5mA Load, 12 V supply models <-0.5mA Load, 5 V supply models <0.5mA Load, 12 V supply models <0.5mA Load, 5 V supply models 15 pF 15 pF +3.0 +2.0 +9.0 +5.0
Min
Typical
Max
+11.0 +7.5 -30 -70
Units
dBm dBm dBc dBc
Condition
50 Ohm, 12 V supply models 50 Ohm, 5 V supply models 50 Ohm 50 Ohm
Sinewave
RF Output Waveform Characteristics (via pin 8)
1pps Output Characteristics (via SMA and pin 2)
Parameter
Waveform High-level output voltage (VOH) Low-level output voltage (VOL) Pulse Width 4.0 2.3 0.0 0.0 10
Min
Typical
TTL
Max
5.0 3.3 0.4 0.3
Units
VDC VDC VDC VDC us
Condition
50 Ohms, 12 V supply models 50 Ohms, 5V supply models 50 Ohms, 12 V supply models 50 Ohms, 5V supply models default value user programmable 100 ns to 999.9999 ms
External 1PPS Reference Input (Pin 1)
Waveform High-Level Output Voltage (VOH) Low-Level Output Voltage (VOL) Pulse width7 10 2.4 0.0 TTL 5.0 0.4 VDC VDC uSec 50 Ohms input impedance
Lock Status Indicator (Pin 9)4
Parameter Module Locked Module Not Locked Min 4.5 3.0 0 0 Module Hardware OK Module Hardware Failure 4.5 3.0 0 0 Typical Max 5.0 3.3 0.5 0.3 5.0 3.3 0.5 0.3 Units VDC VDC VDC VDC
5
Condition <5mA Load, 12 V supply model <5mA Load, 5V supply model <5mA Load, 12 V Supply model <5mA Load, 5V supply model <5mA Load, 12 V supply model <5mA Load, 5V supply model <5mA Load, 12 V Supply model <5mA Load, 5V supply model
Module Hardware OK Indicator (Pin 10)
VDC VDC VDC VDC
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
3
Specifications
Module Hardware Reset (Pin 12) 6
Reset Module 0.5 0.3 Enter Manual Holdover 0 0 Rx high-level input voltage (VIH) Rx low-level input voltage (VIL)
Tx high-level output voltage (VOH)
VDC VDC VDC VDC
8
2 kOhm internal pull up resistance 2 kOhm internal pull up resistance 2 kOhm internal pull up resistance 2 kOhm internal pull up resistance 12 V supply model 5 V supply model 12 V supply model 5 V supply model 12 V supply model 5 V supply model 12 V supply model 5 V supply model User configurable from 0 to 255 seconds See MD-010/MD-010Command List for Full Details
Manual Holdover Set (Pin 11) 7
0.5 0.3 5.5 3.3 0.0 0.0 5.0 3.3 0.0 0.0 1 Vectron Binary/NMEA 0183 10 +11.4 +4.75 Supply voltage (VS) Dc voltage on any I/O pin Output load AC ripple 10 50 +12 +5 +12.6 +5.25 15 7.5 5.5 uSec 0.5 0.3 0.5 0.3
Serial Communications Interface
4.5 3.0 -0.5 -0.3 4.5 3.0 Tx low-level output voltage (VOL) Update rate Communications Protocol Pulse width7 Supply voltage -0.5 -0.3
VDC VDC VDC VDC VDC VDC VDC VDC Hz
Supply Voltage (Pin 7,15,16)
VDC VDC VDC VDC V Ohms mVpk-pk 10Hz to 1MHz 12 V supply models 5 V supply models 12 V supply models 5 V supply models
Absolute Maximum Ratings
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
4
Detailed Hold Over Specifications (us)
Holdover Capability - MD-0100-DXJ-TCXO-10M0000000 Holdover Time 1 minute 5 minutes 10 minutes 30 minutes 1 hour Holdover Time 1 minute 5 minutes 10 minutes 30 minutes 1 hour Holdover Time 30 minutes 1 hour 4 hours 8 hours 24 hours Holdover Time 30 minutes 1 hour 4 hours 8 hours 24 hours Holdover Time 30 minutes 1 hour 4 hours 8 hours 24 hours Holdover Time 30 minutes 1 hour 4 hours 8 hours 24 hours Holdover Time 30 minutes 1 hour 4 hours 8 hours 24 hours T=2 C 0.6 2 4.9 15 32 T=2 C 0.25 0.75 1.5 4.8 12 T=2 C 6.5 12.5 52 105 340 T=2 C 1 2 8.5 20 90 T=2 C 0.45 0.9 3.6 8 32 T=2 C 0.12 .24 1 2.8 18 T=2 C 0.05 .09 0.4 1.03 5.9 T=10 C 2.1 10 20 60 120 T=10 C 0.5 2.1 4.3 13 27 T=10 C 31 60 250 490 1500 T=10 C 4.5 8.7 34 75 240 T=10 C 1.8 4 14 30 100 T=10 C 0.2 0.4 1.6 3.7 21 T=10 C 0.11 0.21 0.91 2 9 T=20 C 4 20 40 120 240 T=20 C 1 4 8 23 47 T=20 C 60 120 480 970 2950 T=20 C 8.2 17 70 140 440 T=20 C 3.4 6.6 27 55 170 T=20 C 0.3 0.5 2.3 5 23 T=20 C 0.19 0.38 1.54 3.4 12.8 T=30 C 6 30 60 175 350 T=30 C 1.2 5.5 10.8 33 66 T=30 C 95 180 725 1450 4380 T=30 C 12.3 25 100 200 630 T=30 C 5 10 40 80 250 T=30 C 0.35 1 3 6.4 25 T=30 C 0.27 0.54 2.2 4.7 17 T=45 C9 10 45 85 260 520 T=45 C9 1.7 8 16 55 120 T=45 C9 140 270 1090 2170 6530 T=45 C9 19 37 150 295 920 T=45 C9 7.4 15 60 120 360 T=45 C9 0.5 1 3.9 8.2 32 T=45 C9 0.4 0.77 3.1 6.8 23
Holdover Capability - MD-0102-DXJ-HPTC-10M0000000
Holdover Capability - MD-0101-DXJ-EMXO-10M0000000
Holdover Capability - MD-0101-DXJ-DAEM-10M0000000
Holdover Capability - MD-0103-BXJ-OCXO-10M0000000
Holdover Capability - MD-0103-BXJ-DAOC-10M0000000
Holdover Capability - MD-0104-BXJ-DOCX-10M0000000
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
5
Specifications
Environmental Conditions
Parameter Operating temperature Humidity @ 40C Storage Temperature -55 Min Typical Max 90 +125 Units % C Condition see ordering information for avaialble ranges
Reliability
VI qualification includes aging various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The MD-010 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Mechanical shock Mechanical vibration Resistance to solvents
Conditions
MIL-STD-202, Method 213 condition B MIL-STD-202, Method 204 condition A
Package Outline
MIL-STD-202, Method 215
Handling Precautions
Although ESD protection circuitry has been designed into the MD-010 proper precautions should be taken when handling and mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation.
ESD Ratings
Model
Human body model Charged device model
Minimum
1500 V 1000 V
Conditions
MIL-STD-833, Method 3015 JEDEC, JESD22-C101
Package Outline
16 Pin I/O Connections
Number
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Name
PPS In PPS Out Ground Ground Rx Tx Vcc RF Out Locked Module OK ManHold Reset Ground Ground
Description
External 1 PPS Input 1 PPS Output Ground Ground Serial Communications Receive Serial Communications Transmit Power Supply RF HCMOS Output Logic-high = Output locked to PPS Logic low = Failure with module operation Manual Holdover Input Hardware reset Ground Ground
oscillator height
Notes: 15 Vcc Power Supply * RF and 1pps input and output connectors are MCX type (SMA, SMB, MMCX connectors 16 Vcc Power Supply require additional part numbers). * Keyed connector is Samtec FTSH-108-01LDVK type. * Dimensions: mm * Module height in part number is the sum of oscillator height, board, and clearance * Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
6
Accessories
Vectron Partnumber MD-010-EK Description MD-010X-XXX-XXXX Module with Evaluation Kit
Ordering Information Instructions
The MD-010 series of disciplined oscillators has multiple options with embedded OCXOs, Double OCXOs, EMXOs and TCXOs. Options are created to optimize customer hold over requirements while meeting pricing needs. Customization to unique customer requirements is available and is common for this level of integration. Common customizations include alternate output frequencies, temperature ranges, differing values and methods of hold over specification, and holdover optimization in the frequency domain. . Not all combinations of codes are available. The table below lists exisiting combinations available as of the date of publication of this data sheet. Please contact the factory for additional options.
Ordering Information
MD - 010 3 - B X J - OCXO - 10M0000000
Product Family MD: Precision Modules Package 65x115mm Height 0: 11 mm 1: 11.8 mm 2: 13 mm 3: 19.5 mm 4: 21.3mm 5: 25 mm 6: 30 mm Frequency Embedded Oscillator TCXO (Temperature Compensated XO) HPTC (High Precision TCXO) EMXO (Evacuated Miniaturized Oven Controlled XO) DAEM (Digitally Assisted EMXO) OCXO (Oven Controlled XO) DAOC (Digitally Assisted OCXO) DOCX (Double Oven Controlled XO) Temperature Range D: -40C to +70C E: -40C to +85C J: -20C to +70C T: 0C to +70C
Supply Voltage A: + 15V B: +12V D: +5V RF Output Code X: standard outputs per specification
Available Models (standard models highlighted)
MD-0100-DXD-TCXO-10M0000000 MD-0100-DXE-TCXO-10M0000000 MD-0100-DXJ-TCXO-10M0000000 MD-0100-DXT-TCXO-10M0000000 MD-0101-DXD-DAEM-10M0000000 MD-0101-DXE-DAEM-10M0000000 MD-0101-DXJ-DAEM-10M0000000 MD-0101-DXT-DAEM-10M0000000 MD-0103-BXJ-OCXO-10M0000000 MD-0102-DXD-HPTC-10M0000000 MD-0102-DXE-HPTC-10M0000000 MD-0102-DXJ-HPTC-10M0000000 MD-0102-DXT-HPTC-10M0000000 MD-0103-DXD-OCXO-10M0000000 MD-0103-DXE-OCXO-10M0000000 MD-0103-DXJ-OCXO-10M0000000 MD-0103-DXT-OCXO-10M0000000 MD-0103-BXT-OCXO-10M0000000 MD-0104-BXT-DOCX-10M0000000 MD-0101-DXD-EMXO-10M0000000 MD-0101-DXE-EMXO-10M0000000 MD-0101-DXJ-EMXO-10M0000000 MD-0101-DXT-EMXO-10M0000000 MD-0103-DXD-DAOC-10M0000000 MD-0103-DXE-DAOC-10M0000000 MD-0103-BXJ-DAOC-10M0000000 MD-0103-BXT-DAOC-10M0000000 MD-0104-BXJ-DOCX-10M0000000
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
7
Notes
Holdover and aging performance is after 7 days of power-on time. Temperature stabilities apply to -20 to +70 C modules. For other temperatures the temperature stability will vary, however the hold over values over defined temperature ranges remain constant. 3) 24 hour average when locked to external 1PPS 4) The status locked indicator is intended to indicate when the module is fully locked to external 1 pps. 5) The Hardware OK indicator is intended to indicate when the module is operating properly without any failures including hardware, software or parameter out of range, see protocol. 6) Open collector input bit. 7) If the minimum supply current is not exceeded, the Antenna Open Flag will be set. Over current will be set if maximum is exceeded. Circuit has overcurrent protection. 8) The Rx pin is the serial interface input and the Tx pin is the serial interface output. The serial interface shall operate at 9600 baud with eight (8) data bits, one (1) stop bit and no parity. 9) This holdover performance also applies to the temperature deviation over the entire operating range of -20 to +70C. 1) 2)
Application Notes
1) 2) 3) Holdover Contributions and Calculations - please contact for a copy Vectron Discipline and Hold Over Process and Algorithms - please contact us for a copy Utilizing Disciplined Oscillators as Frequency References - please contact factory
For Additional Information, Please Contact
8
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
USA:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 7268.801.100 Fax: +49 (0) 7268.801.282
Europe:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Asia:
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 4062010 dmc
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
8


▲Up To Search▲   

 
Price & Availability of MD-010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X