Part Number Hot Search : 
HCTS365D EL1117 SF25I KD324515 CLAMP MAX196 AC05F LM239AP
Product Description
Full Text Search
 

To Download MCRF250-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCRF250
125 kHz microIDTM Passive RFID Device with Anti-Collision
Features
Factory programming (SQTPSM) and memory serialization
Package Type
PDIP/SOIC
VA NC I/O Reset 1 2 3 4 8 7 6 5 VB NC VSS VCC
* Anti-collision feature to read multiple tags in the same RF field. * One-time contactless programmable (developer kit only) * Read-only data transmission after programming * 96 or 128 bits of One-Time Programmable (OTP) user memory (also supports 48- and 64-bit protocols) * Typical operation frequency: 100 kHz-400 kHz * Ultra low-power operation (5 A @ VCC = 2V) * Modulation options: - ASK, FSK, PSK * Data Encoding options: - NRZ Direct, Differential Biphase, Manchester Biphase * Die, wafer, COB or SOIC package options * Factory programming options
Note: Pins 3, 4, 5 and 6 are for device test purposes only. Pins 1 and 8 are for antenna connection.
Description
The MCRF250 is equipped with an anti-collision feature that allows multiple tags in the same field to be read simultaneously. This revolutionary feature eliminates the issue of data corruption due to simultaneous transmissions from multiple tags. The MCRF250 is a passive Radio Frequency Identification (RFID) device for low frequency applications (100 kHz-400 kHz). The device is powered by rectifying an incoming RF signal from a reader interrogator. The device requires an external LC resonant circuit to receive the incoming energizing signal and to send data. The device develops a sufficient DC voltage for operation when it's external coil voltage reaches approximately 10 VPP. This device has a total of 128 bits of user programmable memory and an additional 12 bits in its configuration register. The user can manually program the 128 bits of user memory by using a contactless programmer in a microID developer kit such as DV103001 or PG103001. However, in production volume the MCRF250 is programmed at the factory (Microchip SQTP - see Technical Bulletin TB023).The device is a One-Time Programmable (OTP) integrated circuit and operates as a read-only device after programming.
Applications
* * * * * * * Access control and time attendance Security systems Animal tagging Product identification Industrial tagging Inventory control Multiple item tagging
RF Signal Reader Data MCRF250
2003 Microchip Technology Inc.
DS21267F-page 1
MCRF250
Block Diagram
Modulation and Anti-Collision Control Clock Generator Load Rectifier VSS Counter Column Decode VCC Data
Coil Connections
Row Decode
Memory Array
The configuration register includes options for communication protocol (ASK, FSK, PSK), data encoding method, data rate and data length.These options are specified by customer and are factory programmed during production. The device has a modulation transistor between the two antenna connections (VA and VB). The modulation transistor damps or undamps the coil voltage when it sends data. The variation of coil voltage controlled by the modulation transistor results in a perturbation of voltage in reader antenna coil. By monitoring the changes in reader coil voltage, the data transmitted from the device can be reconstructed. The device is available in die, wafer, Chip-on-Board (COB) modules, PDIP or SOIC packages. Factory programming and memory serialization (SQTP) are also available upon request. See TB023 for more information on contact programming support. The DV103002 Developer's Kit includes Contactless Programmer, MCRF250 Anti-Collision FSK reference reader, and reference design guide. The reference design guide includes schematics for readers and contactless programmer as well as in-depth documentation for antenna circuit designs.
DS21267F-page 2
2003 Microchip Technology Inc.
MCRF250
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings()
Storage temperature ..............................................................................................................................- 65C to +150C Ambient temperature with power applied................................................................................................-40C to +125C Maximum current into coil pads ..............................................................................................................................50 mA NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
AC AND DC CHARACTERISTICS
All parameters apply across the specified operating ranges Industrial (I): TA = -40C to +85C unless otherwise noted. Parameter Clock frequency Contactless programming time Data retention Coil current (Dynamic) Operating current Turn-on-voltage (Dynamic) for modulation Input Capacitance ICD IDD VAVB VCC CIN Sym FCLK TWC Min 100 -- 200 -- -- 10 2 -- Typ -- 2 -- 50 5 -- -- 2 -- -- -- Max 400 -- -- Units kHz sec Years A A VPP VDC pF Between VA and VB VCC = 2V For all 128-bit array at 25C Conditions
2003 Microchip Technology Inc.
DS21267F-page 3
MCRF250
2.0 FUNCTIONAL DESCRIPTION
2.1.3 CLOCK GENERATOR
The device contains three major building blocks. They are RF front-end, configuration and control logic, and memory sections. The Block Diagram is shown on page 1. This circuit generates a clock based on the carrier frequency from the reader. This clock is used to derive all timing in the device, including the baud rate and modulation rate.
2.1
RF Front-End
2.1.4
IRQ DETECTOR
The RF front-end of the device includes circuits for rectification of the carrier, VDD (operating voltage), and high-voltage clamping to prevent excessive voltage from being applied to the device. This section also generates a system clock from the incoming carrier signal and modulates the carrier signal to transmit data to the reader.
This circuitry detects an interrupt in the continuous electromagnetic field of the interrogator. An IRQ (interrupt request) is defined as the absence of the electromagnetic field for a specific number of clock cycles. Detection of an IRQ will trigger the device to enter the Anti-collision mode. This mode is discussed in detail in Section 5.0 "Anti-Collision".
2.1.5 2.1.1 RECTIFIER - AC CLAMP
The rectifier circuit rectifies RF voltage on the external LC antenna circuit. Any excessive voltage on the tuned circuit is clamped by the internal circuitry to a safe level to prevent damage to the IC.
MODULATION CIRCUIT
2.1.2
POWER-ON RESET
The device sends the encoded data to the reader by AM-modulating the coil voltage across the tuned LC circuit. A modulation transistor is placed between the two antenna coil pads (VA and VB). The transistor turns on and off based on the modulation signal. As a result, the amplitude of the antenna coil voltage varies with the modulation signal. See Figure 2-1 for details.
This circuit generates a Power-on Reset when the tag first enters the reader field. The Reset releases when sufficient power has developed on the VDD regulator to allow correct operation.
FIGURE 2-1:
MODULATION SIGNAL AND MODULATED SIGNAL
MCRF250 VA Modulation
Signal
L
C VB
Modulation Transistor
Amplitude
Modulation Signal
Modulated RF Signal (across VA and VB)
t
DS21267F-page 4
2003 Microchip Technology Inc.
MCRF250
2.2 Configuration Register and Control Logic
2.2.3 MODULATION OPTION
CB8 and CB9 determine the modulation protocol of the encoded data. The available choices are: * * * * ASK FSK PSK_1 PSK_2
The configuration register determines the operational parameters of the device. The configuration register can not be programmed contactlessly; it is programmed during wafer probe at the Microchip factory. CB11 is always a one; CB12 is set when successful contact or contactless programming of the data array has been completed. Once CB12 is set, device programming and erasing is disabled. Table 2-1 contains a description of the bit functions of the control register.
When ASK (direct) option is chosen, the encoded data is fed into the modulation transistor without change. When FSK option is chosen, the encoded data is represented by: a) Sets of 10 RF carrier cycles (first 5 cycles higher amplitude, the last 5 cycles lower amplitude) for logic "high" level. Sets of 8 RF carrier cycles (first 4 cycles higher amplitude, the last 4 cycles lower amplitude) for logic "low" level. 4 sets of 10 RF carrier cycles for data `1'. 5 sets of 8 RF carrier cycles for data `0'.
2.2.1
BAUD RATE TIMING OPTION
The chip will access data at a baud rate determined by bits CB2, CB3, and CB4 of the configuration register. For example, MOD32 (CB2 = 0, CB3 = 1, CB4 = 1) has 32 RF cycles per bit. This gives the data rate of 4 kHz for the RF carrier frequency of 128 kHz. The default timing is MOD 128 (FCLK/128), and this mode is used for contact and contactless programming. Once the array is successfully programmed, the lock bit CB12 is set. When the lock bit is set, programming and erasing the device becomes permanently disabled. The configuration register has no effect on device timing until the EEPROM data array is programmed (CB12 = 1).
b)
For example, FSK signal for MOD40 is represented: a) b)
Refer to Figure 2-2 for the FSK signal with MOD40 option. The PSK_1 represents change in the phase of the modulation signal at the change of the encoded data. For example, the phase changes when the encoded data is changed from `1' to `0', or from `0' to `1'. The PSK_2 represents change in the phase at the change on `1'. For example, the phase changes when the encoded data is changed from `0' to `1', or from `1' to `1'.
2.2.2
DATA ENCODING OPTION
This logic acts upon the serial data being read from the EEPROM. The logic encodes the data according to the configuration bits CB6 and CB7. CB6 and CB7 determine the data encoding method. The available choices are: * * * * Non-return to zero-level (NRZ_L) Biphase_S (Differential) Biphase_L (Manchester) Inverted Manchester
FIGURE 2-2:
ENCODED DATA AND FSK OUTPUT SIGNAL FOR MOD40 OPTION
Encoded Data `1' 5 cycles (HI) 5 cycles (LO)
Encoded Data `0' 4 cycles (HI) 4 cycles (LO)
40 RF cycles
40 RF cycles
2003 Microchip Technology Inc.
DS21267F-page 5
MCRF250
FIGURE 2-3: PSK DATA MODULATION
`1'
`0'
`0'
`1'
`1'
Encoded Data (NRZ_L) PSK_ 1 Change on Data
PP PP P P PP PP
PP
PSK _2 Change on `1'
2.2.4
MEMORY ARRAY LOCK BIT (CB12)
2.4
The CB12 must be `0' for contactless programming (Blank). The bit (CB12) is automatically set to `1' itself as soon as the device is programmed contactlessly.
Examples of Configuration Settings
"48D" CONFIGURATION
EXAMPLE 2-1:
2.3
Memory Section
The device has 128 bits of one-time programmable (OTP) memory. The user can choose 96 or 128 bits by selecting the CB1 bit in the configuration register. See Table 2-1 for more details.
The "48D" (hex) configuration is interpreted as follows: CB1 CB12 "48D" 0100-1000-1101 Referring to Table 2-1, the "48D" configuration represents: Blank (not programmed) Device Anti-Collision Modulation = PSK_1 PSK rate = rf/2 Data encoding = NRZ_L (direct) Baud rate = rf/32 = MOD32 Memory size: 128 bits
2.3.1
COLUMN AND ROW DECODER LOGIC AND BIT COUNTER
The column and row decoders address the EEPROM array at the clock rate and generate a serial data stream for modulation. This data stream can be up to 128 bits in length. The size of the data stream is user programmable with CB1 and can be set to 96 or 128 bits. Data lengths of 48 and 64 bits are available by programming the data twice in the array, end-to-end. The column and row decoders route the proper voltage to the array for programming and reading. In the programming modes, each individual bit is addressed serially from bit 1 to bit 128.
EXAMPLE 2-2:
"40A" CONFIGURATION
The "40A" (hex) configuration is interpreted as follows: CB1 CB12 "40A" 0100-0000-1010 The MSB corresponds to CB12 and the LSB corresponds to CB1 of the configuration register. Therefore, we have: CB12=0 CB8=0 CB4=1 CB11=1 CB7=0 CB3=0 CB10=0 CB6=0 CB2=1 CB9=0 CB5=0 CB1=0
Referring to Table 2-1, the "40A" configuration represents: Not programmed device (blank), anticollision, FSK protocol, NRZ_L (direct) encoding, MOD50 (baud rate = rf/50), 96 bits. Note: The sample cards in the DV103002 kit are configured to "40A".
DS21267F-page 6
2003 Microchip Technology Inc.
MCRF250
TABLE 2-1: CONFIGURATION REGISTER
CB12 CB11 CB10 CB9 CB8 CB7 CB6 CB5 CB4 CB3 CB2 CB1 MEMORY SIZE
CB1 = 1 128-bit user memory array CB1 = 0 96-bit user memory array
BAUD RATE
CB2 0 0 0 0 1 1 1 1 CB3 0 0 1 1 0 0 1 1 CB4 0 1 0 1 0 1 0 1 Rate MOD128 MOD100 MOD80 MOD32 MOD64 MOD50 MOD40 MOD16
SYNC WORD
CB5 = 0 (Always)
DATA ENCODING
CB6 = 0; CB7 = 0 NRZ_L (Direct) CB6 = 0; CB7 = 1 Biphase_S (Differential) CB6 = 1; CB7 = 0 Biphase_L (Manchester) CB6 = 1; CB7 = 1 (Inverted Manchester)
MODULATION OPTIONS
CB8 = 0; CB9 = 0 FSK 0 = Fc/8, 1 = Fc/10 CB8 = 0; CB9 = 1 Direct (ASK) CB8 = 1; CB9 = 0 PSK_1 (phase change on change of data) CB8 = 1; CB9 = 1 PSK_2 (phase change at beginning of a one)
PSK RATE OPTION
CB10 = 1 Carrier/4 CB10 = 0 Carrier/2
(ANTI-COLLISION OPTION (Read only)
CB11 = 1 (Always)
MEMORY ARRAY LOCK BIT (Read only)
CB12 = 0 User memory array not locked (Blank) CB12 = 1 User memory array is locked (Programmed)
2003 Microchip Technology Inc.
DS21267F-page 7
MCRF250
3.0 MODES OF OPERATION
3.2 Read Mode
The device has two basic modes of operation: Native Mode and Read Mode. After the device is programmed (CB12 = 1), the device is operated in the Read-only mode. The device transmits its data according to the protocol in the configuration register.
3.1
Native Mode
Every unprogrammed blank device (CB12 = 0) operates in Native mode, regardless of configuration register settings: Baud rate = FCLK/128, FSK, NRZ_L (direct) Once the user memory is programmed, the lock bit is set (CB12 = 1) which causes the MCRF250 to switch from Native mode to Communication mode defined by the configuration register. Refer to Figure 4-1 for contactless programming sequence. Also see the microIDTM 125 kHz RFID System Design Guide (DS51115) for more information.
FIGURE 3-1:
From Reader
TYPICAL APPLICATION CIRCUIT
IAC RF Signal 125 kHz Pad VA L Pad VB 4.05 mH 390 pF Input capacitance: 2 pF
To Reader amplifier/filter C
Data
MCRF250
1 f res = ------------------- = 125 kHz 2 LC
DS21267F-page 8
2003 Microchip Technology Inc.
MCRF250
4.0 CONTACTLESS PROGRAMMING
The contactless programming of the device is possible for a blank device (CB12 = 0) only, and is recommended for only low-volume, manual operation during development. In volume production, the MCRF250 is normally used as a factory programmed device only. The contactless programming timing sequence consists of: a) b) c) d) e) RF Power-up signal. Short gap (absence of RF field). Verify signal (continuous RF signal). Programming signal. Device response with programmed data.
The blank device (CB12 = 0) understands the RF power-up followed by a gap as a blank checking command, and outputs 128 bits of FSK data with all `1's after the short gap. To see this blank data (verify), the reader/programmer must provide a continuous RF signal for 128 bit-time. (The blank (unprogrammed) device has all `F's in its memory array. Therefore, the blank data should be all `1's in FSK format). Since the blank device operates at Default mode (MOD128), there are 128 RF cycles for each bit. Therefore, the time requirement to complete this verify is 128 bits x 128 RF cycles/bit x 8 use/cycles = 131.1 msec for 125 kHz signal. As soon as the device completes the verify, it enters the programming mode. The reader/programmer must provide RF programming data right after the verify. In this programming mode, each bit lasts for 128 RF cycles. Refer to Figure 4-1 for the contactless programming sequence. Customer must provide the following specific voltage for the programming: 1. 2. Power-up and verify signal = 13.5 VPP 1 VPP Programming voltage: - To program bit to `1': 13.5 VPP 1 VPP - To program bit to `0': 30 VPP 2 VPP
After the programming cycle, the device outputs programmed data (response). The reader/programmer can send the programming data repeatedly after the device response until the programming is successfully completed. The device locks the CB12 as soon as the programming mode (out of field) is exited and becomes a read-only device. Once the device is programmed (CB12 = 1), the device outputs its data according to the configuration register. The PG103001 (Contactless Programmer) is used for the programming of the device. The voltage level shown in Figure 4-1 is adjusted by R5 and R7 in the contactless programmer. Refer to the MicroIDTM 125 kHz RFID System Design Guide (DS51115) for more information.
2003 Microchip Technology Inc.
DS21267F-page 9
FIGURE 4-1:
DS21267F-page 10 GAP
Contactless Programming Protocol f = 125 kHz t = 8 s
MCRF250
POWER-UP
VERIFY FSK Signal
Bit 1 Low-Power Signal Bit 2 High-Power Signal
PROGRAM
Bit 3...
CONTACTLESS PROGRAMMING SEQUENCE
80 - 180 s
~ 50 - 100 s
13.5 1 VPP
13.5 1 VPP (R5) 0V
128 bits x 128 cycles/bit x 8 s/cycle = 131.1 ms
13.5 1 VPP (R5)
30 2 VPP (R7)
128 bits
1 bit = 128 cycles x 8 s/cycle = 1.024 ms t = Guard Band
2003 Microchip Technology Inc.
Default programming protocol = FSK, Fc/8/10, 128 bits For 96-bit programming, bits 33-64 are `don't care', but all 128-bit cycles must be in the sequence.
Note:
Low-power signal: leaves bit = 1 High-power signal: programs bit = 0
MCRF250
5.0 ANTI-COLLISION
FIGURE 5-1:
The anti-collision feature is enabled after the array lock bit (CB12) is set. This feature relies on internal random number oscillator/counter and special gap pulses (= turn off RF field) provided by a reader. Figure 5-1 shows the anti-collision flowchart. The MCRF250 works with the following anti-collision features: 1. 2. The device does not output data until it sees the first gap. (no RF field for about 60 sec.) When the device sees the first gap, the internal random number oscillator starts clocking immediately after the gap. At the same time, the internal random number counter starts counting the random number clocks. The device waits for 5 bit times (about 5 msec. for MOD128 configuration). Example: 1 bit time=RF/128=1 msec for 128 kHz for MOD128 5. 6. After the 5 bit times, the device sends data. At this time, the random number counter is still running. If multiple tags in the field send data at the same time, the reader will see a data collision. 7. When the reader sees the data collision, it sends the second gap pulse. (no RF field for about 60 sec.) 8. After the second gap pulse, there is a chance that the random number counter of each tag may have a different value due to a random variation in the oscillator's starting time, etc. 9. After the second gap, the random number oscillator stops and the random number counter will decrement at each subsequent gap. 10. The device will transmit data when its random number counter reaches `0'. 11. The device repeats this sequence (as shown in the flowchart in Figure 5-1) according to the proper gap pulses provided by the reader. Note: Each device will output data in different time frames since each random number counter will arrive at `0' at different times. As a result, the reader can receive clean data from a different tag in each time frame. Provide Gap*
ANTI-COLLISION FLOWCHART
Begin
3.
Wait 5-bit times
4.
Is modulation present? Yes Is only one tag modulating? Yes
No
No
Read Tag
Provide gap in the first half of the first bit time to make tag stop transmitting
Note:
*Gap = lack of RF carrier signal = 60 s 20%.
2003 Microchip Technology Inc.
DS21267F-page 11
MCRF250
6.0 MECHANICAL SPECIFICATIONS FOR DIE AND WAFER
DIE PLOT
Device Test Only
TABLE 6-1:
PAD COORDINATES (m)
Passivation Openings Pad Name
VA
FIGURE 6-1:
Pad Width
90.0 90.0
Pad Height
90.0 90.0
Pad Center X
427.50 -408.60
Pad Center Y
-734.17 -734.17
Vss
Vcc
Reset
I/O VB Note 1: 2: All coordinates are referenced from the center of the die. Die size: 1.1215 mm x 1.7384 mm. 44.15 mils x 68.44 mils
TABLE 6-2:
Name VA VB VSS VCC Reset I/O VB VA
PAD FUNCTION TABLE
Function Antenna Coil connections
For device test only Do Not Connect to Antenna
DS21267F-page 12
2003 Microchip Technology Inc.
MCRF250
TABLE 6-3: DIE MECHANICAL DIMENSIONS
Specifications Bond pad opening Die backgrind thickness Min -- -- -- -- -- -- Die backgrind thickness tolerance Die passivation thickness (multilayer) Die Size: Die size X*Y before saw (step size) Die size X*Y after saw Note 1: 2: 3: 4: -- -- -- -- -- Typ 3.5 x 3.5 89 x 89 7 177.8 11 279.4 -- -- 0.9050 44.15 x 68.44 42.58 x 66.87 Max -- -- -- -- -- -- 1 25.4 -- -- -- Unit mil m mil m mil m mil m m mil mil Note 4 -- -- Comments Note 1, Note 2 Sawed 6" wafer on frame (option = WF) Note 3 Unsawed wafer (option = W) Note 3
5:
The bond pad size is that of the passivation opening. The metal overlaps the bond pad passivation by at least 0.1 mil. Metal Pad Composition is 98.5% Aluminum with 1% Si and 0.5% Cu. As the die thickness decreases, susceptibility to cracking increases. It is recommended that the die be as thick as the application will allow.. The Die Passivation thickness can vary by device depending on the mask set used: -Layer 1: Oxide (undopped oxide, 0.135 m) -Layer 2: PSG (dopped oxide, 0.43 m) -Layer 3: Oxynitride (top layer, 0.34 m) The conversion rate is 25.4 m/mil.
Notice: Extreme care is urged in the handling and assembly of die products since they are susceptible to mechanical and electrostatic damage.
TABLE 6-4:
Wafer Diameter
WAFER MECHANICAL SPECIFICATIONS
Specifications Min -- -- -- -- Typ 8 80 14,000 24 Max -- -- -- -- Unit inch m die wafer 150 mm Comments
Die separation line width Dice per wafer Batch size
2003 Microchip Technology Inc.
DS21267F-page 13
MCRF250
7.0 FAILED DIE IDENTIFICATION 9.0
Every die on the wafer is electrically tested according to the data sheet specifications and visually inspected to detect any mechanical damage such as mechanical cracks and scratches. Any failed die in the test or visual inspection is identified by black colored inking. Therefore, any die covered with black ink should not be used. The ink dot specification: * Ink dot size: minimum 20 m x 20 m * Position: central third of die * Color: black
NOTICE ON DIE AND WAFER HANDLING
The device is very susceptible to Electrostatic Discharge (ESD). ESD can cause critical damage to the device. Special attention is needed during the handling process. Any ultraviolet (UV) light can erase the memory cell contents of an unpackaged device. Fluorescent lights and sun light can also erase the memory cell although it takes more time than UV lamps. Therefore, keep any unpackaged devices out of UV light and also avoid direct exposure from strong fluorescent lights and sun light. Certain integrated circuit (IC) manufacturing, chip-onboard (COB) and tag assembly operations may use UV light. Operations such as backgrind, de-tape, certain cleaning operations, epoxy or glue cure should be done without exposing the die surface to UV light. Using x-ray for die inspection will not harm the die, nor erase memory cell contents.
8.0
WAFER DELIVERY DOCUMENTATION
Each wafer container is marked with the following information: * * * * * * Microchip Technology Inc. MP Code Lot Number Total number of wafer in the container Total number of good dice in the container Average die per wafer (DPW) Scribe number of wafer with number of good dice.
DS21267F-page 14
2003 Microchip Technology Inc.
MCRF250
10.0
10.1
PACKAGING INFORMATION
Package Marking Information
8-Lead PDIP (300 mil)
XXXXXXXX XXXXXNNN YYWW
Example:
MCRF250 XXXXXNNN 0025
8-Lead SOIC (150 mil)
XXXXXXXX XXXXYYWW NNN
Example:
MCRF250 XXX0025 NNN
Legend:
XX...X Y YY WW NNN
Customer specific information* Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability code.
2003 Microchip Technology Inc.
DS21267F-page 15
MCRF250
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
E1
D 2 n 1 E
A
A2
c
L A1
eB
B1 p B
UNITS DIMENSION LIMITS Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
MIN n p A A2 A1 E E1 D L c B1 B eB .140 .115 .015 .300 .240 .360 .125 .008 .045 .014 .310 5 5
INCHES* NOM 8 .100 .155 .130 .313 .250 .373 .130 .012 .058 .018 .370 10 10
MAX
MIN
.170 .145 .325 .260 .385 .135 .015 .070 .022 .430 15 15
MILLIMETERS NOM 8 2.54 3.56 3.94 2.92 3.30 0.38 7.62 7.94 6.10 6.35 9.14 9.46 3.18 3.30 0.20 0.29 1.14 1.46 0.36 0.46 7.87 9.40 10 5 10 5
MAX
4.32 3.68 8.26 6.60 9.78 3.43 0.38 1.78 0.56 10.92 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-018
DS21267F-page 16
2003 Microchip Technology Inc.
MCRF250
8-Lead Plastic Small Outline (SN) - Narrow, 150 mil (SOIC)
E E1
p
D 2 B n 1
h
45
c A A2
L A1
UNITS DIMENSION LIMITS Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer Distance Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
MIN n p A A2 A1 E E1 D h L c B .053 .052 .004 .228 .146 .189 .010 .019 0 .008 .013 0 0
INCHES* NOM 8 .050 .061 .056 .007 .237 .154 .193 .015 .025 4 .009 .017 12 12
MAX
MIN
.069 .061 .010 .244 .157 .197 .020 .030 8 .010 .020 15 15
MILLIMETERS NOM 8 1.27 1.35 1.55 1.32 1.42 .10 .18 5.79 6.02 3.71 3.91 4.80 4.90 .25 .38 .48 .62 0 4 .20 .23 .33 .42 0 12 0 12
MAX
1.75 1.55 .25 6.20 3.99 5.00 .51 .76 8 .25 .51 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057
2003 Microchip Technology Inc.
DS21267F-page 17
MCRF250
1M/3M COB (IOA2)
MCRF250 COB
5 mm
Thickness = 0.4 mm
Antenna Coil Connection
8 mm
DS21267F-page 18
2003 Microchip Technology Inc.
MCRF250
ON-LINE SUPPORT
Microchip provides on-line support on the Microchip World Wide Web site. The web site is used by Microchip as a means to make files and information easily available to customers. To view the site, the user must have access to the Internet and a web browser, such as Netscape(R) or Microsoft(R) Internet Explorer. Files are also available for FTP download from our FTP site.
SYSTEMS INFORMATION AND UPGRADE HOT LINE
The Systems Information and Upgrade Line provides system users a listing of the latest versions of all of Microchip's development systems software products. Plus, this line provides information on how customers can receive the most current upgrade kits. The Hot Line Numbers are: 1-800-755-2345 for U.S. and most of Canada, and 1-480-792-7302 for the rest of the world. 042003
Connecting to the Microchip Internet Web Site
The Microchip web site is available at the following URL: www.microchip.com The file transfer site is available by using an FTP service to connect to: ftp://ftp.microchip.com The web site and file transfer site provide a variety of services. Users may download files for the latest Development Tools, Data Sheets, Application Notes, User's Guides, Articles and Sample Programs. A variety of Microchip specific business information is also available, including listings of Microchip sales offices, distributors and factory representatives. Other data available for consideration is: * Latest Microchip Press Releases * Technical Support Section with Frequently Asked Questions * Design Tips * Device Errata * Job Postings * Microchip Consultant Program Member Listing * Links to other useful web sites related to Microchip Products * Conferences for products, Development Systems, technical information and more * Listing of seminars and events
2003 Microchip Technology Inc.
DS21267F-page 19
MCRF250
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Device: MCRF250 Questions: 1. What are the best features of this document? Y N Literature Number: DS21267F FAX: (______) _________ - _________
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21267F-page 20
2003 Microchip Technology Inc.
MCRF250
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device -X Temperature Range /XXX XXX Examples:
a) MCRF250-I/W40A = 125 kHz, industrial temperature, wafer package, contactlessly programmable, 96 bit, FSK Fc/8 Fc/10, direct encoded, Fc/50 data return rate tag. MCRF250-I/WFQ23 = 125 kHz, industrial temperature, wafer sawn and mounted on frame, factory programmed.
Package Configuration/SQTP Code
Device:
MCRF250 = 125 kHz Anticollision MicroID tag, 96/128-bit
b)
Temperature Range:
I
=
-40C to +85C
The configuration register is:
CB12 CB11 CB10 CB9 CB8 CB7 CB6 CB5 CB4 CB3 CB2 CB1 0 1 0 0 0 0 0 0 1 0 1 0
Package:
WF W S P SN
= = = = =
Sawed wafer on frame (7 mil backgrind) Wafer (11 mil backgrind) Dice in waffle pack Plastic PDIP (300 mil Body) 8-lead Plastic SOIC (150 mil Body) 8-lead
Configuration:
Three-digit hex value to be programmed into the configuration register. Three hex characters correspond to 12 binary bits. These bits are programmed into the configuration register MSB first (CB12, CB11...CB1). Refer to example.
SQTP Code:
An assigned, customer 3-digit code used for tracking and controlling production and customer data files for factory programming. In this case the configuration code is not shown in the part number, but is captured in the SQTP documention.
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2003 Microchip Technology Inc.
DS21267F-page21
MCRF250
NOTES:
DS21267F-page22
2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartShunt and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003 . The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
2003 Microchip Technology Inc.
DS21267F-page 23
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Korea
168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934
Singapore
200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
China - Beijing
Unit 706B Wan Tai Bei Hai Bldg. No. 6 Chaoyangmen Bei Str. Beijing, 100027, China Tel: 86-10-85282100 Fax: 86-10-85282104
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Taiwan
Kaohsiung Branch 30F - 1 No. 8 Min Chuan 2nd Road Kaohsiung 806, Taiwan Tel: 886-7-536-4818 Fax: 886-7-536-4803
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Taiwan
Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
China - Fuzhou
Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
EUROPE
Austria
Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
China - Hong Kong SAR
Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Denmark
Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45-4420-9895 Fax: 45-4420-9910
China - Shanghai
Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, IN 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-8295-1393
Germany
Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144-0 Fax: 49-89-627-144-44
Phoenix
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
China - Shunde
Room 401, Hongjian Building No. 2 Fengxiangnan Road, Ronggui Town Shunde City, Guangdong 528303, China Tel: 86-765-8395507 Fax: 86-765-8395571
Italy
Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
San Jose
1300 Terra Bella Avenue Mountain View, CA 94043 Tel: 650-215-1444
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Netherlands
P. A. De Biesbosch 14 NL-5152 SC Drunen, Netherlands Tel: 31-416-690399 Fax: 31-416-690340
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-118-921-5869 Fax: 44-118-921-5820
11/24/03
Japan
Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
DS21267F-page 24
2003 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCRF250-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X