Part Number Hot Search : 
BSR13 RGP10DE FX829D2 4AA512 0Q201 24LCS62 33C900S3 CPC700
Product Description
Full Text Search
 

To Download MCFU8222K6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCBU, MCFU Series
Ceramic Disc Capacitors
Features:
* * * Capacitance has non linear temperature coefficient. Large capacitance in small size. Wide range of general purpose applications.
Dimensions : Millimetres
Specifications:
Capacitance Range Capacitance Tolerance Operating Temperature Range Rated Working Voltage Dissipation Factor (tan ): Y5P Z5V Insulation Resistance (IR) at 25C Dielectric Strength Testing Parameters 100pF to 47000pF. 10%, +80% to -20%. -25C to 85C (Y5P), 10C to 85C (Z5V). 50V. tan 2.5%. tan 5%. 10,000 M Minimum or 200 M/F, whichever is smaller. 2.5 times the rated WVDC. 1KHz20%, 1.00.2 Vrms.
Capacitance Chart:
Temperature Characteristics Part Diameter 5 MCB (Y5P) +10% 6 7 8 U (50) Rated Voltage (V) Capacitance Range (pF) 1200 ~ 2200 2700 ~ 3300 3900 ~ 4700 5600 ~ 6800 K Tolerance D 5.5 6.5 7.5 8.5
Dimensions : Millimetres
Maximum Dimension T F
3.5
5.00
Page 1
31/08/06 V1.0
MCBU, MCFU Series
Ceramic Disc Capacitors
Temperature Characteristics MCF (Z5V) +22% to -82% Part Diameter 5 Rated Voltage (V) U (50) Capacitance Range (pF) 1000 ~ 5600 Tolerance Z D 5.5 Maximum Dimension T 3.5 F 5.00
Dimensions : Millimetres
Part Number Explanation:
MCB
Temperature Characteristics Code
U
Rated Voltage
5
Part Diameter
101
Capacitance Code
K
Tolerance Code
5
Temperature Characteristics Code:
MCB (Y5P) T.C.(PPM/C) or Capacitance Change (%) +10% MCF(Z5V) +22% to -82%
Lead Configuration Code - Bulk and Taping Package
Rated Voltage:
U Voltage 50V
Part Diameter:
Code 5 6 7 8 Diameter (mm) 5 6 7 8
Capacitance Code:
Code 101 221 331 471 102 222 332 472 Capacitance (pF) 100 220 330 470 1000 2200 3300 4700
Page 2
31/08/06 V1.0
MCBU, MCFU Series
Ceramic Disc Capacitors
Tolerance Code:
Code K Z Tolerance 10% +80 to -20%
Lead Configuration Code - Bulk and Taping Package:
Configuration and Dimension Bulk Lead Code Taping Lead Code Kinked/Straight Straight Straight Lead Space Minimum Lead Length (F) (L) 2.5 5.0 25 25 Remarks G = Ammo, L = Reel
Dimensions : Millimetres
5 6
G or L
Part Number Table:
Description Capacitor, 100PF 50V Capacitor, 220PF 50V Capacitor, 330PF 50V Capacitor, 470PF 50V Capacitor, 1.0NF 50V Capacitor, 2.2NF 50V Capacitor, 3.3NF 50V Capacitor, 4.7NF 50V Capacitor, 1NF 50V Capacitor, 2.2NF 50V Capacitor, 4.7NF 50V Part Number MCBU5101K5 MCBU5221K5 MCBU5331K5 MCBU5471K5 MCBU5102K5 MCBU6222K6 MCBU7332K6 MCBU8472K6 MCFU5102Z5 MCFU5222Z5 MCFU5472Z5
Page 3
31/08/06 V1.0


▲Up To Search▲   

 
Price & Availability of MCFU8222K6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X