Part Number Hot Search : 
26702QTV ELT3021 MB1005 AD1983 EE3700 ATF13786 1N4099 04500
Product Description
Full Text Search
 

To Download KAS40WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Surface Mount Schottky Barrier Diode KAS40WS(BAS40WS)
Features
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Designed for Surface Mount Application
0.475
+0.1 2.6-0.1
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
+0.05 0.3-0.05
+0.05 0.85-0.05
1.0max
0.375
Absolute Maximum Ratings Ta = 25
Parameter Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Forward Surge Current @ t < 1.0s Power Dissipation Typical Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range Symbol VRRM VRWM VR IF IFSM Pd R
JA
Rating
Unit
40
V
200 600 200 625 55 to +125
mA mA mW /W
Tj, TSTG
www..com
Electrical Characteristics Ta = 25
Parameter Symbol V(BR)R VF @ IR = 10 A s s s 20 4.0 Testconditons Min 40 380 500 1000 200 5.0 5.0 nA pF nS mV Typ Max Unit V
Reverse Breakdown Voltage Forward Voltage
@ IF = 1.0mA, t < 300 s @ IF = 10mA, t < 300 @ IF = 40mA, t < 300 Reverse Leakage Current Junction Capacitance Reverse Recovery Time IR Cj trr @ VR = 30V, t < 300 VR = 0V, f = 1.0MHz IF = 10mA through IR = 10mA toIR = 1.0mA, RL = 100
Marking
Marking S40
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KAS40WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X