Part Number Hot Search : 
ER502 A1733 ML2502 CPC1727J EPIH4D28 KBP201 BC847C TA0417A
Product Description
Full Text Search
 

To Download ISL6420BMAEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6420BMAEP
Data Sheet October 29, 2007 FN6574.0
Enhanced Product (EP) Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
The ISL6420BMAEP simplifies the implementation of a complete control and protection scheme for a highperformance DC/DC buck converter. It is designed to drive N-Channel MOSFETs in a synchronous rectified buck topology, the ISL6420BMAEP integrates control, output adjustment, monitoring and protection functions into a single package. Additionally, the IC features an external reference voltage tracking mode for externally referenced buck converter applications and DDR termination supplies, as well as a voltage margining mode for system testing in networking DC/DC converter applications. The ISL6420BMAEP provides simple, single feedback loop, voltage mode control with fast transient response. The output voltage of the converter can be precisely regulated to as low as 0.6V, with a maximum tolerance of 2.0% over temperature and line voltage variations. The operating frequency is fully adjustable from 100kHz to 1.4MHz. High frequency operation offers cost and space savings. The error amplifier features a 15MHz gain-bandwidth product and 6V/s slew rate that enables high converter bandwidth for fast transient response. The PWM duty cycle ranges from 0% to 100% in transient conditions. Selecting the capacitor value from the ENSS pin to ground sets a fully adjustable PWM soft-start. Pulling the ENSS pin LOW disables the controller. The ISL6420BMAEP monitors the output voltage and generates a PGOOD (power good) signal when soft-start sequence is complete and the output is within regulation. A built-in overvoltage protection circuit prevents the output voltage from going above typically 115% of the set point. Protection from overcurrent conditions is provided by monitoring the rDS(ON) of the upper MOSFET to inhibit the PWM operation appropriately. This approach simplifies the implementation and improves efficiency by eliminating the need for a current sensing resistor.
Features
* Specifications per DSCC VID V62/07640 * Full Mil-Temp Electrical Performance from -55C to +125C * Controlled Baseline with One Wafer Fabrication Site and One Assembly/Test Site * Full Homogeneous Lot Processing in Wafer Fab * No Combination of Wafer Fabrication Lots in Assembly * Full Traceability Through Assembly and Test by Date/Trace Code Assignment * Enhanced Process Change Notification * Enhanced Obsolescence Management * Eliminates Need for Up-Screening a COTS Component * Operates from 4.5V thru 5.5V and 5.6V thru 28V Inputs * Excellent Output Voltage Regulation - 0.6V Internal Reference - 2.0% Reference Accuracy Over Line and Temperature * Resistor-Selectable Switching Frequency - 100kHz to 1.4MHz * Voltage Margining and External Reference Tracking Modes * Output Can Sink or Source Current * Lossless, Programmable Overcurrent Protection - Uses Upper MOSFET's rDS(ON) * Programmable Soft-Start * Drives N-Channel MOSFETs * Simple Single-Loop Control Design - Voltage-Mode PWM Control * Fast Transient Response - High-Bandwidth Error Amplifier - Full 0% to 100% Duty Cycle * Extensive Circuit Protection Functions - PGOOD, Overvoltage, Overcurrent, Shutdown * Diode Emulation during Startup for Pre-Biased Load Applications
Device Information
The specifications for an Enhanced Product (EP) device are defined in a Vendor Item Drawing (VID), which is controlled by the Defense Supply Center in Columbus (DSCC). "Hotlinks" to the applicable VID and other supporting application information are provided on our website.
Applications
* Power Supplies for Microprocessors/ASICs - DSP and Core Processors - DDR SDRAM Bus Termination * Distributed Power Systems * Externally Referenced Buck Converters
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6420BMAEP Ordering Information
VENDOR PART NUMBER (Notes 1, 2) ISL6420BMAEP NOTES: 1. Add -TK suffix for 1,000 piece quantity tape and reel. Please refer to TB347 for details on reel specifications. 2. Devices must be procured to the VENDOR PART NUMBER. VENDOR ITEM DRAWING V62/07640-01XB TEMP. RANGE (C) -55 to +125 PACKAGE 20 Ld QSOP PKG. DWG. # M20.15
Pinout
ISL6420BMAEP (20 LD QSOP) TOP VIEW
CDEL PGND LGATE PVCC PHASE UGATE BOOT GPIO2 GPIO1/REFIN 1 2 3 4 5 6 7 8 9 20 PGOOD 19 ENSS 18 COMP 17 FB 16 RT 15 SGND 14 VIN 13 VCC5 12 VMSET/MODE 11 REFOUT
OCSET 10
2
FN6574.0 October 29, 2007
ISL6420BMAEP Shrink Small Outline Plastic Packages (SSOP) Quarter Size Outline Plastic Packages (QSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 h x 45 GAUGE PLANE H 0.25(0.010) M BM
M20.15
20 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE (0.150" WIDE BODY) INCHES SYMBOL A A1 A2 B C MIN 0.053 0.004 0.008 0.007 0.337 0.150 MAX 0.069 0.010 0.061 0.012 0.010 0.344 0.157 MILLIMETERS MIN 1.35 0.10 0.20 0.18 8.56 3.81 MAX 1.75 0.25 1.54 0.30 0.25 8.74 3.98 NOTES 9 3 4 5 6 7 8 Rev. 1 6/04
A1 0.10(0.004) A2 C
D E e H h L N
e
B 0.17(0.007) M C AM BS
0.025 BSC 0.228 0.0099 0.016 20 0 8 0.244 0.0196 0.050
0.635 BSC 5.80 0.26 0.41 20 0 6.19 0.49 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 3
FN6574.0 October 29, 2007


▲Up To Search▲   

 
Price & Availability of ISL6420BMAEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X