Part Number Hot Search : 
FST6210L WT22L SI4442DY 4520B C2500 ASRD733T STUP036 LB8904M
Product Description
Full Text Search
 

To Download HCS301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCS301
KEELOQ(R) Code Hopping Encoder
FEATURES
Security
* * * * * * Programmable 28-bit serial number Programmable 64-bit encryption key Each transmission is unique 66-bit transmission code length 32-bit hopping code 34-bit fixed code (28-bit serial number, 4-bit button code, 2-bit status) * Encryption keys are read protected
DESCRIPTION
The HCS301 from Microchip Technology Inc. is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS301 utilizes the KEELOQ(R) code hopping technology, which incorporates high security, a small package outline and low cost, to make this device a perfect solution for unidirectional remote keyless entry systems and access control systems.
PACKAGE TYPES
PDIP, SOIC S0 S1 S2 S3 1 HCS301 2 3 4 8 7 6 5
VDD
Operating
* * * * * * * * * 3.5V - 13.0V operation Four button inputs No additional circuitry required 15 functions available Selectable baud rate Automatic code word completion Battery low signal transmitted to receiver Battery low indication on LED Non-volatile synchronization data
LED PWM VSS
HCS301 BLOCK DIAGRAM
Oscillator RESET circuit LED LED driver Controller Power latching and switching
Other
* * * * * * * Functionally identical to HCS300 Easy-to-use programming interface On-chip EEPROM On-chip oscillator and timing components Button inputs have internal pull-down resistors Current limiting on LED output Low external component cost
EEPROM
Encoder
PWM
32-bit shift register
Typical Applications
The HCS301 is ideal for Remote Keyless Entry (RKE) applications. These applications include: * * * * * * Automotive RKE systems Automotive alarm systems Automotive immobilizers Gate and garage door openers Identity tokens Burglar alarm systems
VSS VDD
Button input port
S3 S2
S1 S0
The HCS301 combines a 32-bit hopping code, generated by a nonlinear encryption algorithm, with a 28-bit serial number and 6 information bits to create a 66-bit code word. The code word length eliminates the threat of code scanning and the code hopping mechanism makes each transmission unique, thus rendering code capture and resend schemes useless.
(c) 2011 Microchip Technology Inc.
DS21143C-page 1
HCS301
The crypt key, serial number and configuration data are stored in an EEPROM array which is not accessible via any external connection. The EEPROM data is programmable but read-protected. The data can be verified only after an automatic erase and programming operation. This protects against attempts to gain access to keys or manipulate synchronization values. The HCS301 provides an easy-to-use serial interface for programming the necessary keys, system parameters and configuration data. * Learn - Learning involves the receiver calculating the transmitter's appropriate crypt key, decrypting the received hopping code and storing the serial number, synchronization counter value and crypt key in EEPROM. The KEELOQ product family facilitates several learning strategies to be implemented on the decoder. The following are examples of what can be done. - Simple Learning The receiver uses a fixed crypt key, common to all components of all systems by the same manufacturer, to decrypt the received code word's encrypted portion. - Normal Learning The receiver uses information transmitted during normal operation to derive the crypt key and decrypt the received code word's encrypted portion. - Secure Learn The transmitter is activated through a special button combination to transmit a stored 60-bit seed value used to generate the transmitter's crypt key. The receiver uses this seed value to derive the same crypt key and decrypt the received code word's encrypted portion. * Manufacturer's code - A unique and secret 64bit number used to generate unique encoder crypt keys. Each encoder is programmed with a crypt key that is a function of the manufacturer's code. Each decoder is programmed with the manufacturer code itself. The HCS301 code hopping encoder is designed specifically for keyless entry systems; primarily vehicles and home garage door openers. The encoder portion of a keyless entry system is integrated into a transmitter, carried by the user and operated to gain access to a vehicle or restricted area. The HCS301 is meant to be a cost-effective yet secure solution to such systems, requiring very few external components (Figure 2-1). Most low-end keyless entry transmitters are given a fixed identification code that is transmitted every time a button is pushed. The number of unique identification codes in a low-end system is usually a relatively small number. These shortcomings provide an opportunity for a sophisticated thief to create a device that `grabs' a transmission and retransmits it later, or a device that quickly `scans' all possible identification codes until the correct one is found. The HCS301, on the other hand, employs the KEELOQ code hopping technology coupled with a transmission length of 66 bits to virtually eliminate the use of code `grabbing' or code `scanning'. The high security level of the HCS301 is based on the patented KEELOQ technology. A block cipher based on a block length of 32 bits and a key length of 64 bits is used. The algorithm obscures the information in such a way that even if the transmission information (before coding) differs by only one bit from that of the previous transmission, the next
1.0
SYSTEM OVERVIEW
Key Terms The following is a list of key terms used throughout this data sheet. For additional information on KEELOQ and Code Hopping, refer to Technical Brief 3 (TB003). * RKE - Remote Keyless Entry * Button Status - Indicates what button input(s) activated the transmission. Encompasses the 4 button status bits S3, S2, S1 and S0 (Figure 4-2). * Code Hopping - A method by which a code, viewed externally to the system, appears to change unpredictably each time it is transmitted. * Code word - A block of data that is repeatedly transmitted upon button activation (Figure 4-1). * Transmission - A data stream consisting of repeating code words (Figure 9-2). * Crypt key - A unique and secret 64-bit number used to encrypt and decrypt data. In a symmetrical block cipher such as the KEELOQ algorithm, the encryption and decryption keys are equal and will therefore be referred to generally as the crypt key. * Encoder - A device that generates and encodes data. * Encryption Algorithm - A recipe whereby data is scrambled using a crypt key. The data can only be interpreted by the respective decryption algorithm using the same crypt key. * Decoder - A device that decodes data received from an encoder. * Decryption algorithm - A recipe whereby data scrambled by an encryption algorithm can be unscrambled using the same crypt key.
DS21143C-page 2
(c) 2011 Microchip Technology Inc.
HCS301
coded transmission will be completely different. Statistically, if only one bit in the 32-bit string of information changes, greater than 50 percent of the coded transmission bits will change. As indicated in the block diagram on page one, the HCS301 has a small EEPROM array which must be loaded with several parameters before use; most often programmed by the manufacturer at the time of production. The most important of these are: * A 28-bit serial number, typically unique for every encoder * A crypt key * An initial 16-bit synchronization value * A 16-bit configuration value The crypt key generation typically inputs the transmitter serial number and 64-bit manufacturer's code into the key generation algorithm (Figure 1-1). The manufacturer's code is chosen by the system manufacturer and must be carefully controlled as it is a pivotal part of the overall system security.
FIGURE 1-1:
Production Programmer
CREATION AND STORAGE OF CRYPT KEY DURING PRODUCTION
HCS301 EEPROM Array
Serial Number Crypt Key Sync Counter
Transmitter Serial Number
Manufacturer's Code
Key Generation Algorithm
Crypt Key
. . .
The 16-bit synchronization counter is the basis behind the transmitted code word changing for each transmission; it increments each time a button is pressed. Due to the code hopping algorithm's complexity, each increment of the synchronization value results in greater than 50% of the bits changing in the transmitted code word. Figure 1-2 shows how the key values in EEPROM are used in the encoder. Once the encoder detects a button press, it reads the button inputs and updates the synchronization counter. The synchronization counter and crypt key are input to the encryption algorithm and the output is 32 bits of encrypted information. This data will change with every button press, its value appearing externally to `randomly hop around', hence it is referred to as the hopping portion of the code word. The 32-bit hopping code is combined with the button information and serial number to form the code word transmitted to the receiver. The code word format is explained in greater detail in Section 4.0. A receiver may use any type of controller as a decoder, but it is typically a microcontroller with compatible firmware that allows the decoder to operate in conjunction with an HCS301 based transmitter. Section 7.0 provides detail on integrating the HCS301 into a system.
A transmitter must first be `learned' by the receiver before its use is allowed in the system. Learning includes calculating the transmitter's appropriate crypt key, decrypting the received hopping code and storing the serial number, synchronization counter value and crypt key in EEPROM. In normal operation, each received message of valid format is evaluated. The serial number is used to determine if it is from a learned transmitter. If from a learned transmitter, the message is decrypted and the synchronization counter is verified. Finally, the button status is checked to see what operation is requested. Figure 1-3 shows the relationship between some of the values stored by the receiver and the values received from the transmitter.
(c) 2011 Microchip Technology Inc.
DS21143C-page 3
HCS301
FIGURE 1-2:
EEPROM Array Crypt Key Sync Counter Serial Number
BUILDING THE TRANSMITTED CODE WORD (ENCODER)
KEELOQ(R) Encryption Algorithm
Button Press Information
Serial Number
32 Bits Encrypted Data
Transmitted Information
FIGURE 1-3:
BASIC OPERATION OF RECEIVER (DECODER)
1 Received Information EEPROM Array
Button Press Information
Serial Number
32 Bits of Encrypted Data
Manufacturer Code
2
Check for Match
Serial Number Sync Counter Crypt Key 3 KEELOQ(R) Decryption Algorithm
Decrypted Synchronization Counter Perform Function 5 Indicated by button press
4
Check for Match
NOTE: Circled numbers indicate the order of execution.
DS21143C-page 4
(c) 2011 Microchip Technology Inc.
HCS301
2.0 DEVICE OPERATION
TABLE 2-1:
Name S0 S1 S2 S3 VSS PWM
PIN DESCRIPTIONS
Description Switch input 0 Switch input 1 Switch input 2 / Clock pin when in Programming mode Switch input 3 Ground reference Pulse Width Modulation (PWM) output pin / Data pin for Programming mode Cathode connection for LED Positive supply voltage
As shown in the typical application circuits (Figure 2-1), the HCS301 is a simple device to use. It requires only the addition of buttons and RF circuitry for use as the transmitter in your security application. A description of each pin is given in Table 2-1. Note: When VDD > 9.0V and driving low capacitive loads, a resistor with a minimum value of 50 should be used in line with VDD. This prevents clamping of PWM at 9.0V in the event of PWM overshoot.
Pin Number 1 2 3 4 5 6
FIGURE 2-1:
+12V R (2)
TYPICAL CIRCUITS
LED VDD
7 8
B0 B1
S0 S1 S2 S3
VDD LED PWM VSS Tx out
2 button remote control +12V R (2) B4 B3 B2 B1 B0
The HCS301 will wake-up upon detecting a button press and delay approximately 10 ms for button debounce (Figure 2-2). The synchronization counter, discrimination value and button information will be encrypted to form the hopping code. The hopping code portion will change every transmission, even if the same button is pushed again. A code word that has been transmitted will not repeat for more than 64K transmissions. This provides more than 18 years of use before a code is repeated; based on 10 operations per day. Overflow information sent from the encoder can be used to extend the number of unique transmissions to more than 192K. If in the transmit process it is detected that a new button(s) has been pressed, a RESET will immediately occur and the current code word will not be completed. Please note that buttons removed will not have any effect on the code word unless no buttons remain pressed; in which case the code word will be completed and the power-down will occur.
S0 S1 S2 S3 5 button remote control (1)
VDD LED PWM VSS Tx out
Note 1:
Up to 15 functions can be implemented by pressing more than one button simultaneously or by using a suitable diode array.
2:
Resistor R is recommended for current limiting.
(c) 2011 Microchip Technology Inc.
DS21143C-page 5
HCS301
FIGURE 2-2: ENCODER OPERATION
(A button has been pressed)
3.0
Power-Up
EEPROM MEMORY ORGANIZATION
RESET and Debounce Delay
(10 ms)
Sample Inputs Update Sync Info Encrypt With Crypt Key Load Transmit Register Transmit Yes Buttons Added ? No All Buttons Released ? Yes Complete Code Word Transmission Stop No
The HCS301 contains 192 bits (12 x 16-bit words) of EEPROM memory (Table 3-1). This EEPROM array is used to store the encryption key information, synchronization value, etc. Further descriptions of the memory array is given in the following sections.
TABLE 3-1:
WORD ADDRESS 0 1 2 3 4 5 6 7 8 9 10 11 Note:
EEPROM MEMORY MAP
MNEMONIC KEY_0 KEY_1 KEY_2 KEY_3 SYNC DESCRIPTION 64-bit encryption key (word 0) LSb's 64-bit encryption key (word 1) 64-bit encryption key (word 2) 64-bit encryption key (word 3) MSb's 16-bit synchronization value Device Serial Number (word 0) LSb's
RESERVED Set to 0000H SER_0
SER_1(Note) Device Serial Number (word 1) MSb's SEED_0 SEED_1 CONFIG Seed Value (word 0) Seed Value (word 1) Config Word
RESERVED Set to 0000H The MSB of the serial number contains a bit used to select the Auto-shutoff timer.
3.1
KEY_0 - KEY_3 (64-Bit Crypt Key)
The 64-bit crypt key is used to create the encrypted message transmitted to the receiver. This key is calculated and programmed during production using a key generation algorithm. The key generation algorithm may be different from the KEELOQ algorithm. Inputs to the key generation algorithm are typically the transmitter's serial number and the 64-bit manufacturer's code. While the key generation algorithm supplied from Microchip is the typical method used, a user may elect to create their own method of key generation. This may be done providing that the decoder is programmed with the same means of creating the key for decryption purposes.
DS21143C-page 6
(c) 2011 Microchip Technology Inc.
HCS301
3.2 SYNC (Synchronization Counter) 3.6 CONFIG (Configuration Word)
This is the 16-bit synchronization value that is used to create the hopping code for transmission. This value will increment after every transmission. The Configuration Word is a 16-bit word stored in EEPROM array that is used by the device to store information used during the encryption process, as well as the status of option configurations. The following sections further explain these bits.
3.3 3.4
Reserved SER_0, SER_1 (Encoder Serial Number)
Must be initialized to 0000H.
TABLE 3-2:
Bit Number 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CONFIGURATION WORD
Bit Description Discrimination Bit 0 Discrimination Bit 1 Discrimination Bit 2 Discrimination Bit 3 Discrimination Bit 4 Discrimination Bit 5 Discrimination Bit 6 Discrimination Bit 7 Discrimination Bit 8 Discrimination Bit 9 Overflow Bit 0 (OVR0) Overflow Bit 1 (OVR1) Low Voltage Trip Point Select (VLOW SEL) Baud rate Select Bit 0 (BSL0) Baud rate Select Bit 1 (BSL1) Reserved, set to 0
SER_0 and SER_1 are the lower and upper words of the device serial number, respectively. Although there are 32 bits allocated for the serial number, only the lower order 28 bits are transmitted. The serial number is meant to be unique for every transmitter.
3.4.1
AUTO-SHUTOFF TIMER ENABLE
The Most Significant bit of the serial number (Bit 31) is used to turn the Auto-shutoff timer on or off. This timer prevents the transmitter from draining the battery should a button get stuck in the on position for a long period of time. The time period is approximately 25 seconds, after which the device will go to the Timeout mode. When in the Time-out mode, the device will stop transmitting, although since some circuits within the device are still active, the current draw within the Shutoff mode will be higher than Standby mode. If the Most Significant bit in the serial number is a one, then the Auto-shutoff timer is enabled, and a zero in the Most Significant bit will disable the timer. The length of the timer is not selectable.
3.6.1
DISCRIMINATION VALUE (DISC0 TO DISC9)
3.5
SEED_0, SEED_1 (Seed Word)
The 2-word (32-bit) seed code will be transmitted when all three buttons are pressed at the same time (see Figure 4-2). This allows the system designer to implement the secure learn feature or use this fixed code word as part of a different key generation/tracking process.
The discrimination value aids the post-decryption check on the decoder end. It may be any value, but in a typical system it will be programmed as the 10 Least Significant bits of the serial number. Values other than this must be separately stored by the receiver when a transmitter is learned. The discrimination bits are part of the information that form the encrypted portion of the transmission (Figure 4-2). After the receiver has decrypted a transmission, the discrimination bits are checked against the receiver's stored value to verify that the decryption process was valid. If the discrimination value was programmed as the 10 LSb's of the serial number then it may merely be compared to the respective bits of the received serial number; saving EEPROM space.
3.6.2
OVERFLOW BITS (OVR0, OVR1)
The overflow bits are used to extend the number of possible synchronization values. The synchronization counter is 16 bits in length, yielding 65,536 values before the cycle repeats. Under typical use of 10 operations a day, this will provide nearly 18 years of use before a repeated value will be used. Should the system designer conclude that is not adequate, then the overflow bits can be utilized to extend the number
(c) 2011 Microchip Technology Inc.
DS21143C-page 7
HCS301
of unique values. This can be done by programming OVR0 and OVR1 to 1s at the time of production. The encoder will automatically clear OVR0 the first time that the synchronization value wraps from 0xFFFF to 0x0000 and clear OVR1 the second time the counter wraps. Once cleared, OVR0 and OVR1 cannot be set again, thereby creating a permanent record of the counter overflow. This prevents fast cycling of 64K counter. If the decoder system is programmed to track the overflow bits, then the effective number of unique synchronization values can be extended to 196,608.
3.6.4
LOW VOLTAGE TRIP POINT SELECT
The low voltage trip point select bit is used to tell the HCS301 what VDD level is being used. This information will be used by the device to determine when to send the voltage low signal to the receiver. When this bit is set to a one, the VDD level is assumed to be operating from a 9V or 12V VDD level. If the bit is set low, then the VDD level is assumed to be 6.0 volts. Refer to Figure 3-1 for voltage trip point.
3.6.3
BAUD RATE SELECT BITS (BSL0, BSL1)
FIGURE 3-1:
VOLTAGE TRIP POINTS BY CHARACTERIZATION
VLOW sel = 0 VLOW
BSL0 and BSL1 select the speed of transmission and the code word blanking. Table 3-3 shows how the bits are used to select the different baud rates and Section 5.7 provides detailed explanation in code word blanking.
Volts (V) 5.5 5.0 4.5 4.0
Max
TABLE 3-3:
BSL1 0 0 1 1 BSL0 0 1 0 1
BAUD RATE SELECT
Basic Pulse Element 400 s 200 s 100 s 100 s Code Words Transmitted All 1 out of 2 1 out of 2 1 out of 4
3.5 3.0 2.5 Min
9.0 8.5 8.0 7.5 7.0 -40 -20 0 20
VLOW sel = 1 Max
Min 40 60 80 100
Temp (C)
DS21143C-page 8
(c) 2011 Microchip Technology Inc.
HCS301
4.0
4.1
TRANSMITTED WORD
Code Word Format
4.2
Code Word Organization
The HCS301 code word is made up of several parts (Figure 4-1). Each code word contains a 50% duty cycle preamble, a header, 32 bits of encrypted data and 34 bits of fixed data followed by a guard period before another code word can begin. Refer to Table 9-4 for code word timing.
The HCS301 transmits a 66-bit code word when a button is pressed. The 66-bit word is constructed from a Fixed Code portion and an Encrypted Code portion (Figure 4-2). The 32 bits of Encrypted Data are generated from 4 button bits, 12 discrimination bits and the 16-bit sync value. The encrypted portion alone provides up to four billion changing code combinations. The 34 bits of Fixed Code Data are made up of 2 status bits, 4 button bits and the 28-bit serial number. The fixed and encrypted sections combined increase the number of code combinations to 7.38 x 1019.
FIGURE 4-1:
CODE WORD FORMAT
TE TE TE LOGIC `0' LOGIC `1' Bit Period 50% Duty Cycle Preamble TP Header TH Encrypted Portion of Transmission THOP Fixed Portion of Transmission TFIX Guard Time TG
FIGURE 4-2:
CODE WORD ORGANIZATION
34 bits of Fixed Portion 32 bits of Encrypted Portion Button Status S2 S1 S0 S3 OVR DISC (2 bits) (10 bits) Sync Counter (16 bits) LSb
Repeat VLOW (1 bit) (1 bit) MSb
Button Status S2 S1 S0 S3
Serial Number (28 bits)
66 Data bits Transmitted LSb first. Repeat VLOW (1 bit) (1 bit) Button Status 1 111 Serial Number (28 bits) SEED (32 bits)
MSb
Note: SEED replaces Encrypted Portion when all button inputs are activated at the same time.
LSb
(c) 2011 Microchip Technology Inc.
DS21143C-page 9
HCS301
4.3 Synchronous Transmission Mode
Synchronous Transmission mode can be used to clock the code word out using an external clock. To enter Synchronous Transmission mode, the Programming mode start-up sequence must be executed as shown in Figure 4-3. If either S1 or S0 is set on the falling edge of S2 (or S3), the device enters Synchronous Transmission mode. In this mode, it functions as a normal transmitter, with the exception that the timing of the PWM data string is controlled externally and 16 extra bits are transmitted at the end with the code word. The button code will be the S0, S1 value at the falling edge of S2 or S3. The timing of the PWM data string is controlled by supplying a clock on S2 or S3 and should not exceed 20 kHz. The code word is the same as in PWM mode with 16 reserved bits at the end of the word. The reserved bits can be ignored. When in Synchronous Transmission mode S2 or S3 should not be toggled until all internal processing has been completed as shown in Figure 4-4.
FIGURE 4-3:
SYNCHRONOUS TRANSMISSION MODE
t = 50ms
Preamble Header Data
TPS TPH1 TPH2
PWM
S2
S[1:0]
"01,10,11"
FIGURE 4-4:
CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE)
Fixed Portion Encrypted Portion Serial Number (28 bits) Button Status S2 S1 S0 S3 DISC+ OVR (12 bits) Sync Counter (16 bits) LSb
Reserved (16 bits) MSb
Padding (2 bits)
Button Status S2 S1 S0 S3
82 Data bits Transmitted LSb first.
DS21143C-page 10
(c) 2011 Microchip Technology Inc.
HCS301
5.0
5.1
SPECIAL FEATURES
Code Word Completion
5.6
Seed Transmission
The code word completion feature ensures that entire code words are transmitted, even if the button is released before the code word is complete. If the button is held down beyond the time for one code word, multiple code words will result. If another button is activated during a transmission, the active transmission will be aborted and a new transmission will begin using the new button information.
In order to increase the level of security in a system, it is possible for the receiver to implement what is known as a secure learn function. This can be done by utilizing the seed value stored in EEPROM, transmitted only when all three button inputs are pressed at the same time (Table 5-1). Instead of the normal key generation inputs being used to create the crypt key, this seed value is used.
TABLE 5-1:
PIN ACTIVATION TABLE
Function S3 0 0 0 1 1 1 S2 0 0 0 1 1 1 S1 0 0 1 0 1 1 S0 0 1 0 1 0 1
5.2
LED Output Operation
Standby
During normal transmission the LED output is LOW. If the supply voltage drops below the low voltage trip point, the LED output will be toggled at approximately 5Hz during the transmission (Section 3.6.4).
0 1 2 13 14
Hopping Code
5.3
RPT: Repeat Indicator
This bit will be low for the first transmitted word. If a button is held down for more than one transmitted code word, this bit will be set to indicate a repeated code word and remain set until the button is released.
Seed Code
15
5.4
VLOW: Voltage LOW Indicator
The VLOW signal is transmitted so the receiver can give an indication to the user that the transmitter battery is low. The VLOW bit is included in every transmission (Figure 4-2 and Figure 9-5) and will be transmitted as a zero if the operating voltage is above the low voltage trip point. Refer to Figure 4-2. The trip point is selectable based on the battery voltage being used. See Section 3.6.3 for a description of how the low voltage trip point is configured.
5.5
Auto-shutoff
The Auto-shutoff function automatically stops the device from transmitting if a button inadvertently gets pressed for a long period of time. This will prevent the device from draining the battery if a button gets pressed while the transmitter is in a pocket or purse. This function can be enabled or disabled and is selected by setting or clearing the Auto-shutoff bit (see Section 3.4.1). Setting this bit high will enable the function (turn Auto-shutoff function on) and setting the bit low will disable the function. Time-out period is approximately 25 seconds.
(c) 2011 Microchip Technology Inc.
DS21143C-page 11
HCS301
5.7 Blank Alternate Code Word
Federal Communications Commission (FCC) part 15 rules specify the limits on worst case average fundamental power and harmonics that can be transmitted in a 100 ms window. For FCC approval purposes, it may therefore be advantageous to minimize the transmission duty cycle. This can be achieved by minimizing the duty cycle of the individual bits as well as by blanking out consecutive code words. Blank Alternate Code Word (BACW) may be used to reduce the average power of a transmission by transmitting only every second code word (Figure 5-1). This is a selectable feature that is determined in conjunction with the baud rate selection bit BSL0. Enabling the BACW option may likewise allow the user to transmit a higher amplitude transmission as the time averaged power is reduced. BACW effectively halves the RF on time for a given transmission so the RF output power could theoretically be doubled while maintaining the same time averaged output power.
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
Amplitude
BACW Disabled (All words transmitted) BACW Enabled (1 out of 2 transmitted)
A 2A
Code Word
Code Word
Code Word
Code Word
BACW Enabled (1 out of 4 transmitted)
4A
Time
DS21143C-page 12
(c) 2011 Microchip Technology Inc.
HCS301
6.0 PROGRAMMING THE HCS301
When using the HCS301 in a system, the user will have to program some parameters into the device including the serial number and the secret key before it can be used. The programming cycle allows the user to input all 192 bits in a serial data stream, which are then stored internally in EEPROM. Programming will be initiated by forcing the PWM line high, after the S2 (or S3) line has been held high for the appropriate length of time line (Table 6-1 and Figure 6-1). After the Program mode is entered, a delay must be provided to the device for the automatic bulk write cycle to complete. This will set all locations in the EEPROM to zeros. The device can then be programmed by clocking in 16 bits at a time, using S2 (or S3) as the clock line and PWM as the data in line. After each 16-bit word is loaded, a programming delay is required for the internal program cycle to complete. This delay can take up to TWC. At the end of the programming cycle, the device can be verified (Figure 6-2) by reading back the EEPROM. Reading is done by clocking the S2 (or S3) line and reading the data bits on PWM. For security reasons, it is not possible to execute a verify function without first programming the EEPROM. A Verify operation can only be done once, immediately following the Program cycle. Note: To ensure that the device does not accidentally enter Programming mode, PWM should never be pulled high by the circuit connected to it. Special care should be taken when driving PNP RF transistors.
FIGURE 6-1:
PROGRAMMING WAVEFORMS
TPBW TCLKH TDS TWC
Enter Program Mode S2 (S3) (Clock) TPS TPH1 PWM (Data) TPH2
TCLKL
Bit 0 Bit 1 Bit 2
TDH
Bit 3 Bit 14 Bit 15 Bit 16 Bit 17
Data for Word 0 (KEY_0) Repeat for each word (12 times)
Data for Word 1
Note 1: Unused button inputs to be held to ground during the entire programming sequence. 2: The VDD pin must be taken to ground after a Program/Verify cycle.
FIGURE 6-2:
VERIFY WAVEFORMS
Beginning of Verify Cycle Data from Word 0
End of Programming Cycle
PWM (Data) S2 (S3) (Clock)
Bit190 Bit191
Bit 0
Bit 1 Bit 2
Bit 3
Bit 14
Bit 15
Bit 16 Bit 17
Bit190 Bit191
TWC
TDV
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
(c) 2011 Microchip Technology Inc.
DS21143C-page 13
HCS301
TABLE 6-1: PROGRAMMING/VERIFY TIMING REQUIREMENTS
Symbol TPS TPH1 TPH2 TPBW TPROG TWC TCLKL TCLKH TDS TDH TDV Min. 3.5 3.5 50 4.0 4.0 50 50 50 0 30 -- Max. 4.5 -- -- -- -- -- -- -- -- -- 30 Units ms ms s ms ms ms s s s(1) s(1) s(1)
VDD = 5.0V 10%, 25 C 5 C
Parameter Program mode setup time Hold time 1 Hold time 2 Bulk Write time Program delay time Program cycle time Clock low time Clock high time Data setup time Data hold time Data out valid time
Note 1: Typical values - not tested in production.
DS21143C-page 14
(c) 2011 Microchip Technology Inc.
HCS301
7.0 INTEGRATING THE HCS301 INTO A SYSTEM
FIGURE 7-1: TYPICAL LEARN SEQUENCE
Use of the HCS301 in a system requires a compatible decoder. This decoder is typically a microcontroller with compatible firmware. Microchip will provide (via a license agreement) firmware routines that accept transmissions from the HCS301 and decrypt the hopping code portion of the data stream. These routines provide system designers the means to develop their own decoding system.
Enter Learn Mode Wait for Reception of a Valid Code Generate Key from Serial Number Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value No
7.1
Learning a Transmitter to a Receiver
A transmitter must first be 'learned' by a decoder before its use is allowed in the system. Several learning strategies are possible, Figure 7-1 details a typical learn sequence. Core to each, the decoder must minimally store each learned transmitter's serial number and current synchronization counter value in EEPROM. Additionally, the decoder typically stores each transmitter's unique crypt key. The maximum number of learned transmitters will therefore be relative to the available EEPROM. A transmitter's serial number is transmitted in the clear but the synchronization counter only exists in the code word's encrypted portion. The decoder obtains the counter value by decrypting using the same key used to encrypt the information. The KEELOQ algorithm is a symmetrical block cipher so the encryption and decryption keys are identical and referred to generally as the crypt key. The encoder receives its crypt key during manufacturing. The decoder is programmed with the ability to generate a crypt key as well as all but one required input to the key generation routine; typically the transmitter's serial number. Figure 7-1 summarizes a typical learn sequence. The decoder receives and authenticates a first transmission; first button press. Authentication involves generating the appropriate crypt key, decrypting, validating the correct key usage via the discrimination bits and buffering the counter value. A second transmission is received and authenticated. A final check verifies the counter values were sequential; consecutive button presses. If the learn sequence is successfully complete, the decoder stores the learned transmitter's serial number, current synchronization counter value and appropriate crypt key. From now on the crypt key will be retrieved from EEPROM during normal operation instead of recalculating it for each transmission received. Certain learning strategies have been patented and care must be taken not to infringe.
Equal ?
Yes Wait for Reception of Second Valid Code Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value No
Equal ? Yes Counters Sequential ? Yes
No
Learn successful Store: Serial number Encryption key Synchronization counter
Learn Unsuccessful
Exit
(c) 2011 Microchip Technology Inc.
DS21143C-page 15
HCS301
7.2 Decoder Operation 7.3
Figure 7-2 summarizes normal decoder operation. The decoder waits until a transmission is received. The received serial number is compared to the EEPROM table of learned transmitters to first determine if this transmitter's use is allowed in the system. If from a learned transmitter, the transmission is decrypted using the stored crypt key and authenticated via the discrimination bits for appropriate crypt key usage. If the decryption was valid the synchronization value is evaluated.
Synchronization with Decoder (Evaluating the Counter)
The KEELOQ technology patent scope includes a sophisticated synchronization technique that does not require the calculation and storage of future codes. The technique securely blocks invalid transmissions while providing transparent resynchronization to transmitters inadvertently activated away from the receiver. Figure 7-3 shows a 3-partition, rotating synchronization window. The size of each window is optional but the technique is fundamental. Each time a transmission is authenticated, the intended function is executed and the transmission's synchronization counter value is stored in EEPROM. From the currently stored counter value there is an initial "Single Operation" forward window of 16 codes. If the difference between a received synchronization counter and the last stored counter is within 16, the intended function will be executed on the single button press and the new synchronization counter will be stored. Storing the new synchronization counter value effectively rotates the entire synchronization window. A "Double Operation" (resynchronization) window further exists from the Single Operation window up to 32K codes forward of the currently stored counter value. It is referred to as "Double Operation" because a transmission with synchronization counter value in this window will require an additional, sequential counter transmission prior to executing the intended function. Upon receiving the sequential transmission the decoder executes the intended function and stores the synchronization counter value. This resynchronization occurs transparently to the user as it is human nature to press the button a second time if the first was unsuccessful.
FIGURE 7-2:
Start
TYPICAL DECODER OPERATION
No
Transmission Received ? Yes
No
Does Serial Number Match ?
Yes Decrypt Transmission Is Decryption Valid ? Yes No Is Counter Within 16 ? No No Is Counter Within 32K ? Yes Save Counter in Temp Location Yes Execute Command and Update Counter
No
The third window is a "Blocked Window" ranging from the double operation window to the currently stored synchronization counter value. Any transmission with synchronization counter value within this window will be ignored. This window excludes previously used, perhaps code-grabbed transmissions from accessing the system. Note: The synchronization method described in this section is only a typical implementation and because it is usually implemented in firmware, it can be altered to fit the needs of a particular system.
DS21143C-page 16
(c) 2011 Microchip Technology Inc.
HCS301
FIGURE 7-3: SYNCHRONIZATION WINDOW
Entire Window rotates to eliminate use of previously used codes
Blocked Window (32K Codes) Stored Synchronization Counter Value Single Operation Window (16 Codes)
Double Operation (resynchronization) Window (32K Codes)
(c) 2011 Microchip Technology Inc.
DS21143C-page 17
HCS301
8.0 DEVELOPMENT SUPPORT
8.1
The PIC(R) microcontrollers and dsPIC(R) digital signal controllers are supported with a full range of software and hardware development tools: * Integrated Development Environment - MPLAB(R) IDE Software * Compilers/Assemblers/Linkers - MPLAB C Compiler for Various Device Families - HI-TECH C for Various Device Families - MPASMTM Assembler - MPLINKTM Object Linker/ MPLIBTM Object Librarian - MPLAB Assembler/Linker/Librarian for Various Device Families * Simulators - MPLAB SIM Software Simulator * Emulators - MPLAB REAL ICETM In-Circuit Emulator * In-Circuit Debuggers - MPLAB ICD 3 - PICkitTM 3 Debug Express * Device Programmers - PICkitTM 2 Programmer - MPLAB PM3 Device Programmer * Low-Cost Demonstration/Development Boards, Evaluation Kits, and Starter Kits
MPLAB Integrated Development Environment Software
The MPLAB IDE software brings an ease of software development previously unseen in the 8/16/32-bit microcontroller market. The MPLAB IDE is a Windows(R) operating system-based application that contains: * A single graphical interface to all debugging tools - Simulator - Programmer (sold separately) - In-Circuit Emulator (sold separately) - In-Circuit Debugger (sold separately) * A full-featured editor with color-coded context * A multiple project manager * Customizable data windows with direct edit of contents * High-level source code debugging * Mouse over variable inspection * Drag and drop variables from source to watch windows * Extensive on-line help * Integration of select third party tools, such as IAR C Compilers The MPLAB IDE allows you to: * Edit your source files (either C or assembly) * One-touch compile or assemble, and download to emulator and simulator tools (automatically updates all project information) * Debug using: - Source files (C or assembly) - Mixed C and assembly - Machine code MPLAB IDE supports multiple debugging tools in a single development paradigm, from the cost-effective simulators, through low-cost in-circuit debuggers, to full-featured emulators. This eliminates the learning curve when upgrading to tools with increased flexibility and power.
DS21143C-page 18
(c) 2011 Microchip Technology Inc.
HCS301
8.2 MPLAB C Compilers for Various Device Families 8.5 MPLINK Object Linker/ MPLIB Object Librarian
The MPLAB C Compiler code development systems are complete ANSI C compilers for Microchip's PIC18, PIC24 and PIC32 families of microcontrollers and the dsPIC30 and dsPIC33 families of digital signal controllers. These compilers provide powerful integration capabilities, superior code optimization and ease of use. For easy source level debugging, the compilers provide symbol information that is optimized to the MPLAB IDE debugger.
The MPLINK Object Linker combines relocatable objects created by the MPASM Assembler and the MPLAB C18 C Compiler. It can link relocatable objects from precompiled libraries, using directives from a linker script. The MPLIB Object Librarian manages the creation and modification of library files of precompiled code. When a routine from a library is called from a source file, only the modules that contain that routine will be linked in with the application. This allows large libraries to be used efficiently in many different applications. The object linker/library features include: * Efficient linking of single libraries instead of many smaller files * Enhanced code maintainability by grouping related modules together * Flexible creation of libraries with easy module listing, replacement, deletion and extraction
8.3
HI-TECH C for Various Device Families
The HI-TECH C Compiler code development systems are complete ANSI C compilers for Microchip's PIC family of microcontrollers and the dsPIC family of digital signal controllers. These compilers provide powerful integration capabilities, omniscient code generation and ease of use. For easy source level debugging, the compilers provide symbol information that is optimized to the MPLAB IDE debugger. The compilers include a macro assembler, linker, preprocessor, and one-step driver, and can run on multiple platforms.
8.6
MPLAB Assembler, Linker and Librarian for Various Device Families
8.4
MPASM Assembler
The MPASM Assembler is a full-featured, universal macro assembler for PIC10/12/16/18 MCUs. The MPASM Assembler generates relocatable object files for the MPLINK Object Linker, Intel(R) standard HEX files, MAP files to detail memory usage and symbol reference, absolute LST files that contain source lines and generated machine code and COFF files for debugging. The MPASM Assembler features include: * Integration into MPLAB IDE projects * User-defined macros to streamline assembly code * Conditional assembly for multi-purpose source files * Directives that allow complete control over the assembly process
MPLAB Assembler produces relocatable machine code from symbolic assembly language for PIC24, PIC32 and dsPIC devices. MPLAB C Compiler uses the assembler to produce its object file. The assembler generates relocatable object files that can then be archived or linked with other relocatable object files and archives to create an executable file. Notable features of the assembler include: * * * * * * Support for the entire device instruction set Support for fixed-point and floating-point data Command line interface Rich directive set Flexible macro language MPLAB IDE compatibility
(c) 2011 Microchip Technology Inc.
DS21143C-page 19
HCS301
8.7 MPLAB SIM Software Simulator 8.9
The MPLAB SIM Software Simulator allows code development in a PC-hosted environment by simulating the PIC MCUs and dsPIC(R) DSCs on an instruction level. On any given instruction, the data areas can be examined or modified and stimuli can be applied from a comprehensive stimulus controller. Registers can be logged to files for further run-time analysis. The trace buffer and logic analyzer display extend the power of the simulator to record and track program execution, actions on I/O, most peripherals and internal registers. The MPLAB SIM Software Simulator fully supports symbolic debugging using the MPLAB C Compilers, and the MPASM and MPLAB Assemblers. The software simulator offers the flexibility to develop and debug code outside of the hardware laboratory environment, making it an excellent, economical software development tool.
MPLAB ICD 3 In-Circuit Debugger System
MPLAB ICD 3 In-Circuit Debugger System is Microchip's most cost effective high-speed hardware debugger/programmer for Microchip Flash Digital Signal Controller (DSC) and microcontroller (MCU) devices. It debugs and programs PIC(R) Flash microcontrollers and dsPIC(R) DSCs with the powerful, yet easyto-use graphical user interface of MPLAB Integrated Development Environment (IDE). The MPLAB ICD 3 In-Circuit Debugger probe is connected to the design engineer's PC using a high-speed USB 2.0 interface and is connected to the target with a connector compatible with the MPLAB ICD 2 or MPLAB REAL ICE systems (RJ-11). MPLAB ICD 3 supports all MPLAB ICD 2 headers.
8.10
8.8
MPLAB REAL ICE In-Circuit Emulator System
PICkit 3 In-Circuit Debugger/ Programmer and PICkit 3 Debug Express
MPLAB REAL ICE In-Circuit Emulator System is Microchip's next generation high-speed emulator for Microchip Flash DSC and MCU devices. It debugs and programs PIC(R) Flash MCUs and dsPIC(R) Flash DSCs with the easy-to-use, powerful graphical user interface of the MPLAB Integrated Development Environment (IDE), included with each kit. The emulator is connected to the design engineer's PC using a high-speed USB 2.0 interface and is connected to the target with either a connector compatible with incircuit debugger systems (RJ11) or with the new highspeed, noise tolerant, Low-Voltage Differential Signal (LVDS) interconnection (CAT5). The emulator is field upgradable through future firmware downloads in MPLAB IDE. In upcoming releases of MPLAB IDE, new devices will be supported, and new features will be added. MPLAB REAL ICE offers significant advantages over competitive emulators including low-cost, full-speed emulation, run-time variable watches, trace analysis, complex breakpoints, a ruggedized probe interface and long (up to three meters) interconnection cables.
The MPLAB PICkit 3 allows debugging and programming of PIC(R) and dsPIC(R) Flash microcontrollers at a most affordable price point using the powerful graphical user interface of the MPLAB Integrated Development Environment (IDE). The MPLAB PICkit 3 is connected to the design engineer's PC using a full speed USB interface and can be connected to the target via an Microchip debug (RJ-11) connector (compatible with MPLAB ICD 3 and MPLAB REAL ICE). The connector uses two device I/O pins and the reset line to implement in-circuit debugging and In-Circuit Serial ProgrammingTM. The PICkit 3 Debug Express include the PICkit 3, demo board and microcontroller, hookup cables and CDROM with user's guide, lessons, tutorial, compiler and MPLAB IDE software.
DS21143C-page 20
(c) 2011 Microchip Technology Inc.
HCS301
8.11 PICkit 2 Development Programmer/Debugger and PICkit 2 Debug Express 8.13 Demonstration/Development Boards, Evaluation Kits, and Starter Kits
The PICkitTM 2 Development Programmer/Debugger is a low-cost development tool with an easy to use interface for programming and debugging Microchip's Flash families of microcontrollers. The full featured Windows(R) programming interface supports baseline (PIC10F, PIC12F5xx, PIC16F5xx), midrange (PIC12F6xx, PIC16F), PIC18F, PIC24, dsPIC30, dsPIC33, and PIC32 families of 8-bit, 16-bit, and 32-bit microcontrollers, and many Microchip Serial EEPROM products. With Microchip's powerful MPLAB Integrated Development Environment (IDE) the PICkitTM 2 enables in-circuit debugging on most PIC(R) microcontrollers. In-Circuit-Debugging runs, halts and single steps the program while the PIC microcontroller is embedded in the application. When halted at a breakpoint, the file registers can be examined and modified. The PICkit 2 Debug Express include the PICkit 2, demo board and microcontroller, hookup cables and CDROM with user's guide, lessons, tutorial, compiler and MPLAB IDE software.
A wide variety of demonstration, development and evaluation boards for various PIC MCUs and dsPIC DSCs allows quick application development on fully functional systems. Most boards include prototyping areas for adding custom circuitry and provide application firmware and source code for examination and modification. The boards support a variety of features, including LEDs, temperature sensors, switches, speakers, RS-232 interfaces, LCD displays, potentiometers and additional EEPROM memory. The demonstration and development boards can be used in teaching environments, for prototyping custom circuits and for learning about various microcontroller applications. In addition to the PICDEMTM and dsPICDEMTM demonstration/development board series of circuits, Microchip has a line of evaluation kits and demonstration software for analog filter design, KEELOQ(R) security ICs, CAN, IrDA(R), PowerSmart battery management, SEEVAL(R) evaluation system, Sigma-Delta ADC, flow rate sensing, plus many more. Also available are starter kits that contain everything needed to experience the specified device. This usually includes a single application and debug capability, all on one board. Check the Microchip web page (www.microchip.com) for the complete list of demonstration, development and evaluation kits.
8.12
MPLAB PM3 Device Programmer
The MPLAB PM3 Device Programmer is a universal, CE compliant device programmer with programmable voltage verification at VDDMIN and VDDMAX for maximum reliability. It features a large LCD display (128 x 64) for menus and error messages and a modular, detachable socket assembly to support various package types. The ICSPTM cable assembly is included as a standard item. In Stand-Alone mode, the MPLAB PM3 Device Programmer can read, verify and program PIC devices without a PC connection. It can also set code protection in this mode. The MPLAB PM3 connects to the host PC via an RS-232 or USB cable. The MPLAB PM3 has high-speed communications and optimized algorithms for quick programming of large memory devices and incorporates an MMC card for file storage and data applications.
(c) 2011 Microchip Technology Inc.
DS21143C-page 21
HCS301
9.0 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Item Supply voltage Input voltage Output voltage Max output current Storage temperature Lead soldering temp ESD rating Rating -0.3 to 13.3 -0.3 to 13.3 -0.3 to VDD + 0.3 25 -55 to +125 300 4000 Units V V V mA C (Note) C (Note) V
TABLE 9-1:
Symbol VDD VIN VOUT IOUT TSTG TLSOL VESD Note:
Stresses above those listed under "ABSOLUTE MAXIMUM RATINGS" may cause permanent damage to the device.
TABLE 9-2:
DC CHARACTERISTICS
Commercial (C): Tamb = 0 C to +70 C Industrial (I): Tamb = -40 C to +85 C 3.5V < VDD < 13.0V Parameter Operating current (avg) Sym. ICC Min Typ* 0.6 1.5 8.0 1 0.4 VDD -0.3 0.5 VDD 0.08 VDD 3.5 2.7 40 80 4.7 3.7 60 120 5.9 4.6 80 160 Max 1.0 3.0 12.0 10 VDD+ 0.3 0.15 VDD Unit mA Conditions VDD = 3.5V VDD = 6.6V VDD = 13.0V (Figure 9-1)
Standby current High level Input voltage Low level input voltage High level output voltage Low level output voltage LED sink current Pull-down Resistance; S0-S3 Pull-down Resistance; PWM Note:
ICCS VIH VIL VOH VOL ILED RS0-3 RPWM
A V V V V mA k k IOH = -2 mA IOL = 2 mA VDD = 6.6V, VLOW source = 0 VDD = 13.0V, VLOW source = 1 VIN = 4.0V VIN = 4.0V
Typical values are at 25 C.
DS21143C-page 22
(c) 2011 Microchip Technology Inc.
HCS301
FIGURE 9-1: TYPICAL ICC CURVE OF HCS301 WITH EXTERNAL RESISTORS
50 External
12.0 10.0 8.0 mA 6.0 4.0 2.0 0.0 2 3 4 5 6 7 8
VBAT [V]
9
10
11
12
13
1k External 12.0 10.0 8.0 mA 6.0 4.0 2.0 0.0 2 3 4 5 6 7 8
VBAT [V]
9
10
11
12
13
2 k External 12.0 10.0 8.0 mA 6.0 4.0 2.0 0.0 2 3 4 5 6 7 8
VBAT [V] LEGEND
9
10
11
12
13
Typical Maximum Minimum
(c) 2011 Microchip Technology Inc.
DS21143C-page 23
HCS301
FIGURE 9-2: POWER-UP AND TRANSMIT TIMING
TBP TTD TDB PWM Output Code Word 1 TTO Button Input Sn Code Word 2 Code Word 3 Code Word 4 Code Word n Multiple Code Word Transmission Button Press Detect
TABLE 9-3:
POWER-UP AND TRANSMIT TIMING(2)
VDD = +3.5 to 13.0V Commercial(C): Tamb = 0C to +70C Industrial(I): Tamb = -40C to +85C Symbol TBP Parameter Time to second button press Min Max Unit Remarks 10 + Code 26 + Code ms (Note 1) Word Word Transmit delay from button detect 10 26 ms TTD TDB Debounce Delay 6 15 ms Auto-shutoff time-out period 20 120 s TTO Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the intention was to press the combination of buttons. 2: Typical values - not tested in production.
FIGURE 9-3:
CODE WORD FORMAT
TE TE TE LOGIC `0' LOGIC `1' Bit Period TBP 50% Duty Cycle Preamble TP Header TH Encrypted Portion of Transmission THOP Fixed Portion of Transmission TFIX Guard Time TG
DS21143C-page 24
(c) 2011 Microchip Technology Inc.
HCS301
FIGURE 9-4: CODE WORD FORMAT: PREAMBLE/HEADER PORTION
P1 23 TE 50% Duty Cycle Preamble
P12 10 TE Header
Bit 0 Bit 1 Data Bits
FIGURE 9-5:
CODE WORD FORMAT: DATA PORTION
Serial Number Button Code MSB S3 S0 S1 S2 Status VLOW RPT
LSB Bit 0 Bit 1 Header
MSB LSB
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59 Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65 Fixed Portion Guard Time
Encrypted Portion
TABLE 9-4:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
Code Words Transmitted All Typ. 400 Max. 660 1 out of 2 Min. 130 390 3.0 1.3 12.5 13.3 5.1 Typ. 200 600 4.6 2.0 19.2 20.4 7.8 54.0 Max. 330 990 7.6 3.3 31.7 33.7 12.9 89.1 1 out of 4 Min. 65 195 1.5 0.7 6.2 6.6 2.5 17.6 Typ. 100 300 2.3 1.0 9.6 10.2 3.9 27.0 Max. Units 165 495 3.8 1.7 15.8 16.8 6.4 44.6 s s ms ms ms ms ms ms bps
VDD = +2.0 to 6.0V Commercial(C):Tamb = 0 C to +70 C Industrial(I):Tamb = -40 C to +85 C Symbol TE TBP TP TH THOP TFIX TG -- -- Note: Characteristic Basic pulse element PWM bit pulse width Preamble duration Header duration Hopping code duration Fixed code duration Guard Time Total Transmit Time PWM data rate Number Min. of TE 1 3 23 10 96 102 39 270 -- 260 780 6.0 2.6 25.0 26.5 10.1
1200 1980 9.2 4.0 38.4 40.8 15.6 15.2 6.6 63.4 67.3 25.7
70.2 108.0 178.2 35.1 1282 833 505
2564 1667 1010 5128 3333 2020
The timing parameters are not tested but derived from the oscillator clock.
(c) 2011 Microchip Technology Inc.
DS21143C-page 25
HCS301
FIGURE 9-6: HCS301 TE VS. TEMP (BY CHARACTERIZATION ONLY)
1.7 1.6 1.5 1.4 1.3 TE 1.2 1.1 1.0 0.9 0.8 0.7 TE MAX. VDD = 3.5V VDD = 5.0V TE MAX. VDD = 5.0V Typical VDD = 5.0V
TE Min. 0.6 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 TEMPERATURE
DS21143C-page 26
(c) 2011 Microchip Technology Inc.
HCS301
10.0
10.1
PACKAGING INFORMATION
Package Marking Information
Example
8-Lead PDIP
XXXXXXXX XXXXXNNN YYWW
HCS301 XXXXXNNN 0025
8-Lead SOIC
Example
XXXXXXX XXXYYWW NNN
HCS301 XXX0025 NNN
Legend:
XX...X Y YY WW NNN
Customer specific information* Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information.
*
Standard PIC(R) MCU device marking consists of Microchip part number, year code, week code, and traceability code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
(c) 2011 Microchip Technology Inc.
DS21143C-page 27
HCS301
10.2 Package Details
/HDG 3ODVWLF 'XDO ,Q/LQH 3 PLO %RG\ >3',3@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
N
NOTE 1 E1
1
2 D
3 E A2
A
A1 e b1 b
L
c
eB
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 7RS WR 6HDWLQJ 3ODQH 0ROGHG 3DFNDJH 7KLFNQHVV %DVH WR 6HDWLQJ 3ODQH 6KRXOGHU WR 6KRXOGHU :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK 7LS WR 6HDWLQJ 3ODQH /HDG 7KLFNQHVV 8SSHU /HDG :LGWK /RZHU /HDG :LGWK 2YHUDOO 5RZ 6SDFLQJ 1 H $ $ $ ( ( ' / F E E H% 0,1
,1&+(6 120 %6& 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWK WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21143C-page 28
(c) 2011 Microchip Technology Inc.
HCS301
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
(c) 2011 Microchip Technology Inc.
DS21143C-page 29
HCS301
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
DS21143C-page 30
(c) 2011 Microchip Technology Inc.
HCS301
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ PP %RG\ >62,&@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
(c) 2011 Microchip Technology Inc.
DS21143C-page 31
HCS301
APPENDIX A: ADDITIONAL INFORMATION
Microchip's Secure Data Products are covered by some or all of the following: Code hopping encoder patents issued in European countries and U.S.A. Secure learning patents issued in European countries, U.S.A. and R.S.A.
REVISION HISTORY
Revision C (June 2011)
* Updated the following sections: Develoment Support, The Microchip Web Site, Reader Response and HCS301 Product Identification System * Added new section Appendix A * Minor formatting and text changes were incorporated throughout the document
DS21143C-page 32
(c) 2011 Microchip Technology Inc.
HCS301
THE MICROCHIP WEB SITE
Microchip provides online support via our WWW site at www.microchip.com. This web site is used as a means to make files and information easily available to customers. Accessible by using your favorite Internet browser, the web site contains the following information: * Product Support - Data sheets and errata, application notes and sample programs, design resources, user's guides and hardware support documents, latest software releases and archived software * General Technical Support - Frequently Asked Questions (FAQ), technical support requests, online discussion groups, Microchip consultant program member listing * Business of Microchip - Product selector and ordering guides, latest Microchip press releases, listing of seminars and events, listings of Microchip sales offices, distributors and factory representatives
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels: * * * * * Distributor or Representative Local Sales Office Field Application Engineer (FAE) Technical Support Development Systems Information Line
Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of this document. Technical support is available through the web site at: http://microchip.com/support
CUSTOMER CHANGE NOTIFICATION SERVICE
Microchip's customer notification service helps keep customers current on Microchip products. Subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. To register, access the Microchip web site at www.microchip.com. Under "Support", click on "Customer Change Notification" and follow the registration instructions.
(c) 2011 Microchip Technology Inc.
DS21143C-page 33
HCS301
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. TO: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Device: HCS301 Questions: 1. What are the best features of this document? Y N Literature Number: DS21143C FAX: (______) _________ - _________
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21143C-page 34
(c) 2011 Microchip Technology Inc.
HCS301
HCS301 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. HCS301 /P
Package: Temperature Range: Device:
P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead Blank = 0C to +70C I = -40C to +85C HCS301 = Code Hopping Encoder HCS301T = Code Hopping Encoder (Tape and Reel)
(c) 2011 Microchip Technology Inc.
DS21143C-page 35
HCS301
NOTES:
DS21143C-page 36
(c) 2011 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, PIC32 logo, rfPIC and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Hampshire, HI-TECH C, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, HI-TIDE, In-Circuit Serial Programming, ICSP, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, Omniscient Code Generation, PICC, PICC-18, PICDEM, PICDEM.net, PICkit, PICtail, REAL ICE, rfLAB, Select Mode, Total Endurance, TSHARC, UniWinDriver, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2011, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper. ISBN: 978-1-61341-220-6
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2011 Microchip Technology Inc.
DS21143C-page 37
Worldwide Sales and Service
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://www.microchip.com/ support Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Cleveland Independence, OH Tel: 216-447-0464 Fax: 216-447-0643 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Indianapolis Noblesville, IN Tel: 317-773-8323 Fax: 317-773-5453 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Harbour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8569-7000 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Chongqing Tel: 86-23-8980-9588 Fax: 86-23-8980-9500 China - Hangzhou Tel: 86-571-2819-3180 Fax: 86-571-2819-3189 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Nanjing Tel: 86-25-8473-2460 Fax: 86-25-8473-2470 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7252 Fax: 86-29-8833-7256 China - Xiamen Tel: 86-592-2388138 Fax: 86-592-2388130 China - Zhuhai Tel: 86-756-3210040 Fax: 86-756-3210049
ASIA/PACIFIC
India - Bangalore Tel: 91-80-3090-4444 Fax: 91-80-3090-4123 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Daegu Tel: 82-53-744-4301 Fax: 82-53-744-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Kuala Lumpur Tel: 60-3-6201-9857 Fax: 60-3-6201-9859 Malaysia - Penang Tel: 60-4-227-8870 Fax: 60-4-227-4068 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-6578-300 Fax: 886-3-6578-370 Taiwan - Kaohsiung Tel: 886-7-213-7830 Fax: 886-7-330-9305 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
05/02/11
DS21143C-page 38
(c) 2011 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of HCS301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X