Part Number Hot Search : 
MB90457S 1332B0 D74LVC5 C4300 Z87010 USB0415 F1682S 744205
Product Description
Full Text Search
 

To Download FGP-1401-0501-2-0FF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series FGP PC Board Transition Header (2 Rows)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temperature: 1,000M min. at 500V DC 700V ACrms for 1 minute 30m max. at 10mA 1A -20C to +105C 230C / 10 sec.
Internal Connectors
Part Number (Details)
FGP
Series (plug) No. of Leads
- 40 01
- 05 0 * - 2 - 0FF
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 Contacts: Copper Alloy Plating: Au over Nickel
Distance between IC Terminal Rows: 01 = 0.1in. Design Number *Strain Relief Option: 0 = Without Strain Relief Terminal Length: 1 = 3.4mm (standard) 2 = 5.1mm (not available for 20 and 50 leads ) Colour Code: 1 = Black 2 = Blue (standard) Type of IDC Contact Plating: 0FF = Au (0.05~0.1m) over Nickel (2.5~4.5m)
Features
Flat cable connectors for solder PC board connection High density
Jigs and Tools
Hand press: FX-003 Applicable jig: FG-505 Platen: Standard platen
Part Number (Details) for Strain Relief
FGP-**01-0510-0000
No. of Leads e.g.: 40
Applicable Cables
AWG 28 stranded wire, 1.27mm pitch AWG 30 solid wire, 1.27mm pitch (e.g. DK**-*, FLEX-S, TPFLEX-N*, FS-FLEX-B*, see Section F)
Outline Dimensions
Contact Details
Metal strain relief
Recommended PCB Layout
Top View
Standard types see table. For other versions from 10 to 50 leads please contact Yamaichi, minimum order quantity may be required Part Number FGP-1001-0501-2-0FF FGP-1001-0502-2-0FF FGP-1401-0501-2-0FF FGP-1601-0501-2-0FF FGP-2001-0501-2-0FF FGP-2601-0501-2-0FF FGP-3401-0501-2-0FF FGP-4001-0501-2-0FF FGP-5001-0501-2-0FF No. of Leads 10 10 14 16 20 26 34 40 50 A 16.70 16.70 21.85 24.32 29.40 37.02 47.18 54.80 67.50 B 10.16 10.16 15.26 17.78 22.86 30.48 40.64 48.26 60.96 Cable Thickness Max. Max. 0.9 1.2 C 5.0 5.3 D up to 40 leads 7.90 8.10 D above 50 leads 8.10 8.30
D
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
D-19
2.54mm Board-to-Cable Connectors


▲Up To Search▲   

 
Price & Availability of FGP-1401-0501-2-0FF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X