Part Number Hot Search : 
RM3283D F1010 2SB16 ZPD6V2 09N70 SP2222A TS432IRF BLACK
Product Description
Full Text Search
 

To Download ER1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ER1000~ER1006
SUPERFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Super fast recovery times, high voltage. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47)
50 to 600 Volts
CURRENT
10 Amperes
MECHANICALDATA
* Case: TO-220AC Molded plastic * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0655 ounces, 1.859 grams.
.042(1.07)
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a x i m u m A v e r a g e F o r w a r d C u r r e n t a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt , 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 A , p e r e l e m e nt M a xi m um D C R e ve r s e C ur r e nt a t T J = 2 5 OC R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L E R 1 0 0 0 E R 1 0 0 1 E R 1 0 0 1 A E R 1 0 0 2 E R 1 0 0 3 E R 1 0 0 4 E R 1 0 0 6 U N I T S V RRM V RMS V DC IF ( A V ) IF S M VF IR t rr CJ R J C T J , T S TG 35 62
O
50 35 50
100 70 100
150 105 150
200 140 200 1 0 .0 150
300 210 300
400 280 400
600 420 600
V V V A A
0 .9 5 1 .0 500
1 .3 0
1.7
V A
50
ns pF C/ W C
3 .0 -5 5 to +1 5 0
O
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Both Bonding and Chip structure are available.
STAD-MAR.06.2009
PAGE . 1
ER1000~ER1006
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
8 6 4
LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT,
10
150 125 100 75 50 25 0
8.3ms Single Half Since-Wave JEDEC Method
2 0 0 20 40 60 80 100
O
120
140
160
1
2
5
10
20
50
100
CASE TEMPERAURE, C Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60HZ
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
1000
40
INSTNTANEOUS FORWARD CURRENT AMPERES
INVSTANTANEOUS REVERSE CURRENT, MICROAMPERES
50-200V 300-400V
10
100
TJ= 125 C
O
TJ= 75 C 10
O
600V
1
1.0
TJ= 25 C
O
T J =25 C Pulse Width=200us
.1
O
0.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
20
40
60
80
100
120
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-MAR.06.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of ER1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X