Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download EE-SPX401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slot-type Photomicrosensor with connector or pre-wired models (Non-modulated) *1
EE-SX47/67
Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
Series includes models that enable switching between dark-ON and light-ON operation. Response frequency as high as 1 kHz. Easy operation monitoring with bright light indicator. Wide operating voltage range: 5 to 24 VDC Models in which the light indicator turns ON for dark-ON operation are also available. A wide range of variations in eight different shapes. Flexible robot cable is provided as a standard feature. *2
Be sure to read Safety Precautions on page 8. *1. Only the EE-SX67 Series has pre-wired models. *2. Pre-wired models only.
Ordering Information
Connector models
Appearance Standard Sensing Connectmethod ing method Sensing distance Output configuration Indicator mode
Infrared light
Model NPN output PNP output EE-SX670 EE-SX670A EE-SX470 EE-SX671 EE-SX671A EE-SX471 EE-SX672 EE-SX672A EE-SX472 EE-SX673 EE-SX673A EE-SX473 EE-SX674 EE-SX674A EE-SX474 EE-SX675 EE-SX670P EE-SX670R EE-SX470P EE-SX671P EE-SX671R EE-SX471P EE-SX672P EE-SX672R EE-SX472P EE-SX673P EE-SX673R EE-SX473P EE-SX674P EE-SX674R EE-SX474P EE-SX675P
Dark-ON/Light-ON Incident light (selectable) *3 No incident light Light-ON Incident light
L-shaped
Dark-ON/Light-ON Incident light (selectable) *3 No incident light Light-ON Incident light
T-shaped
Dark-ON/Light-ON Incident light (selectable) *3 No incident light Light-ON Incident light
Closemounting Throughbeam type (with slot) Connector (4 poles)
Dark-ON/Light-ON Incident light (selectable) *3 No incident light
5 mm
Light-ON (selectable) *3 Light-ON
Incident light
Closemounting
(slot width) Dark-ON/Light-ON Incident light
No incident light Incident light
T-shaped, slot center: 10 mm F-shaped
Dark-ON/Light-ON Incident light (selectable) *3
Dark-ON/Light-ON Incident light (selectable) *3 R-shaped Dark-ON/Light-ON Incident light (selectable) *3
EE-SX676
EE-SX676P
EE-SX677
EE-SX677P
*3. These models can be used as Light-ON when the L terminal and positive (+) terminal are connected to each other. To use them as Dark-ON, do not connect these terminals to each other. When used at light-ON, it is useful to select the connector EE-1001-1. The L terminal and positive (+) terminal of this connector are short-circuited in advance.
4
EE-SX47/67
Pre-wired Models and Models with Junction Connectors
Appearance Standard Sensing method Sensing distance Output configuration Indicator mode Connecting method Pre-wired models (1 m) Model NPN output EE-SX670-WR PNP output EE-SX670P-WR EE-SX670P-C1J-R EE-SX671P-WR EE-SX671P-C1J-R EE-SX672P-WR EE-SX672P-C1J-R EE-SX673P-WR EE-SX673P-C1J-R EE-SX674P-WR EE-SX674P-C1J-R EE-SX675P-WR EE-SX675P-C1J-R EE-SX676P-WR EE-SX676P-C1J-R EE-SX677P-WR EE-SX677P-C1J-R
Infrared light
Models with junction EE-SX670-C1J-R connectors (0.1 m) L-shaped Pre-wired models (1 m) EE-SX671-WR
Models with junction EE-SX671-C1J-R connectors (0.1 m) T-shaped, slot center: 7 mm Closemounting Throughbeam type (with slot) Dark-ON/ Incident Light-ON (slot width) (selectable) * light Pre-wired models (1 m) EE-SX672-WR
Models with junction EE-SX672-C1J-R connectors (0.1 m) Pre-wired models (1 m) EE-SX673-WR
5 mm
Models with junction EE-SX673-C1J-R connectors (0.1 m) Pre-wired models (1 m) EE-SX674-WR
Closemounting
Models with junction EE-SX674-C1J-R connectors (0.1 m) T-shaped, slot center: 10 mm F-shaped Pre-wired models (1 m) EE-SX675-WR
Models with junction EE-SX675-C1J-R connectors (0.1 m) Pre-wired models (1 m) EE-SX676-WR
Models with junction EE-SX676-C1J-R connectors (0.1 m) R-shaped Pre-wired models (1 m) EE-SX677-WR
Models with junction EE-SX677-C1J-R connectors (0.1 m)
* These models can be used as Light-ON when the L line and positive (+) line are connected to each other. To use them as Dark-ON, do not connect these lines to each other.
Accessories for Models with Connectors (Order Separately)
Type Connector Cable length Model EE-1001 EE-1001-1 EE-1009 EE-1006 EE-1010 EE-1006 EE-1010 EE-1010-R EE-1010-R EE-1006A Remarks
L terminal and positive (+) terminal are already short-circuited.
1m Connector with Cable 2m Connector with Robot Cable Connector Hold-down Clip 1m 2m
For EE-1006 only.
Accessories for Models with Junction Connectors (Order Separately)
Type Connector with Robot Cable Cable length 2m Model EE-1016-R-1 For EE-SX67@-C1J-R. Remarks
5
EE-SX47/67
Ratings and Specifications
Type Connector Standard L-shaped T-shaped, slot center: 7 mm EE-SX672 EE-SX672A EE-SX472 EE-SX672WR EE-SX672C1J-R EE-SX672P EE-SX672R EE-SX472P EE-SX672PWR EE-SX672PC1J-R Close-mounting T-shaped, slot center: 10 mm F-shaped R-shaped
EE-SX670 EE-SX671 EE-SX673 EE-SX674 EE-SX670A EE-SX671A EE-SX673A EE-SX674A EE-SX675 EE-SX676 EE-SX677 EE-SX470 EE-SX471 EE-SX473 EE-SX474 NPN mod- Pre-wired EE-SX670- EE-SX671EE-SX673- EE-SX674- EE-SX675- EE-SX676- EE-SX677els models WR WR WR WR WR WR WR Models with junc- EE-SX670- EE-SX671EE-SX673- EE-SX674- EE-SX675- EE-SX676- EE-SX677tion connectors C1J-R C1J-R C1J-R C1J-R C1J-R C1J-R C1J-R EE-SX670P EE-SX671P EE-SX673P EE-SX674P EE-SX670R EE-SX671R EE-SX673R EE-SX674R EE-SX675P EE-SX676P EE-SX677P Connector EE-SX470P EE-SX471P EE-SX473P EE-SX474P PNP mod- Pre-wired EE-SX670P- EE-SX671PEE-SX673P- EE-SX674P- EE-SX675P- EE-SX676P- EE-SX677Pels models WR WR WR WR WR WR WR Models with junc- EE-SX670P- EE-SX671PEE-SX673P- EE-SX674P- EE-SX675P- EE-SX676P- EE-SX677Ption connectors C1J-R C1J-R C1J-R C1J-R C1J-R C1J-R C1J-R Item Sensing distance 5 mm (slot width) Sensing object Opaque: 2 x 0.8 mm min. Differential distance 0.025 mm Light source GaAs infrared LED with a peak wavelength of 940 nm Indicator *1 Light indicator (red) (turns ON when light is interrupted for models with A or R suffix) Supply voltage 5 to 24 VDC 10%, ripple (p-p): 10% max. Current consumption 35 mA max. (NPN models), 30 mA max. (PNP models) NPN open collector: 5 to 24 VDC, 100 mA max. 100 mA load current with a residual voltage of 0.8 V max. 40 mA load current with a residual voltage of 0.4 V max. Control output PNP open collector: 5 to 24 VDC, 50 mA max. 50 mA load current with a residual voltage of 1.3 V max. Response frequency *2 1 kHz min. (3 kHz average) Ambient illumination 1,000 lx max. with fluorescent light on the surface of the receiver. Ambient temperature range Operating: -25 to +55C, Storage: -30 to +80C Ambient humidity range Operating: 5% to 85%, Storage: 5% to 95% Destruction: 20 to 2,000 Hz (peak acceleration: 100 m/s2) Vibration resistance 1.5-mm double amplitude for 2 h (4-min periods) each in X, Y, and Z directions Shock resistance Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions Enclosure rating IEC60529 IP50 Special connectors (direct soldering possible), Pre-wired models (Standard cable length: 1 m), Models with junction Connecting method connectors (Standard cable length: 0.1 m) Connector Approx. 3.1 g Approx. 3 g Approx. 2.4 g Approx. 2.3 g Approx. 3 g Approx. 2.7 g Approx. 2.2 g Approx. 2.2 g Pre-wired Weight Approx. 18.9 g Approx. 17.3 g Approx. 17.8 g Approx. 16.8 g Approx. 17.1 g Approx. 18.3 g Approx. 16.9 g Approx. 16.9 g models (packModels with aged) junction con- Approx. 6.3 g Approx. 4.7 g Approx. 5.2 g Approx. 4.2 g Approx. 4.5 g Approx. 5.7 g Approx. 4.3 g Approx. 4.3 g nectors Polybutylene phthalate (PBT) Ma- Case terial Cover emitter/receiver Polycarbonate
*1. The indicator is a GaP red LED (peak wavelength: 690 nm). *2. The response frequency was measured by detecting the rotating disk shown at the right.
1 mm 2.1 mm 1 mm t = 0.2 mm Disk
Connector for the EE-SX67 with Junction Connector
Product Model Connector with Robot Cable EE-1016-R-1
5.8 4 3 2 1 Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 2 m 8 10 2000 16
Appearance Item Contact resistance Insertion strength Surplus strength (housing holding strength) Cable length Ambient temperature range Housing Materials Contact
10 2
Terminal Arrangement
25 m max.(at 10 mA DC and 20 mV max.) 20 N max. 15 N min. 2m -25 to 85C Nylon Phosphor bronze
1 2 3 4
L OUT
Brown Pink Blue Black
6
EE-SX47/67
Engineering Data (Typical)
Sensing Position Characteristics Sensing Position Characteristics Repeated Sensing Position Characteristics
Output level transistor
d
Tr ON
Dark-ON
Tr ON
Dark-ON
OFF
d2 d3 d1 d4
d d ON
d5
Ta = -25C Ta = 55C Ta = 25C
Tr OFF 0
1.0
2.0
3.0
4.0
5.0
6.0
Tr OFF 0
1.0
2.0
3.0
4.0
5.0
6.0
0
3.00
3.02
3.04
3.06
3.08
Distance d (mm)
Distance d (mm)
Distance d (mm)
Vcc =12 V, No. of repetitions: 20, d1 = 0.002 mm, d2 = 0.004 mm, d3 = 0.005 mm, d4 = 0.02 mm, d5 = 0.04 mm
I/O Circuit Diagrams
NPN Output
Model Output configuration Timing chart
Incident Interrupted ON Light indicator (red) OFF ON Output transistor OFF Operates Load (e.g., relay) Releases Incident Interrupted ON Light indicator (red) OFF ON Output transistor OFF Operates Load (e.g., relay) Releases Incident Interrupted ON Light indicator (red) OFF Output transistor ON OFF Operates Load (e.g., relay) Releases Incident Interrupted ON Light indicator (red) OFF ON Output transistor OFF Operates Load (e.g., relay) Releases Incident Interrupted Light indicator (red) Load OUT IC
Terminal connection Short-circuited between L terminal and positive terminal
Output circuit
Light-ON
EE-SX67@ EE-SX67@-WR EE-SX67@-C1J-R Dark-ON
Open between L terminal and positive terminal
Light indicator (red)
1
L
2
Load 5 to 24 VDC (Control output) 100 mA max.
Main circuit
4
OUT IC
3
Light-ON EE-SX670A EE-SX671A EE-SX672A EE-SX673A EE-SX674A Dark-ON
Short-circuited between L terminal and positive terminal
1 2 3 4
Open between L terminal and positive terminal
EE-SX470 EE-SX471 EE-SX472 EE-SX473 EE-SX474
Light-ON
Light indicator (red) Output transistor
ON OFF
ON OFF Operates Load (e.g., relay) Releases
---
Main circuit
5 to 24 VDC
7
EE-SX47/67
PNP Output
Model Output configuration Timing chart
Incident Interrupted
Terminal connection Short-circuited between L terminal and positive terminal
Output circuit
Light-ON EE-SX67@P EE-SX67@P-WR EE-SX67@P-C1J-R Dark-ON
Light indicator (red) Output transistor
ON OFF
Load (e.g., relay) Releases Incident Interrupted Light indicator (red) Output transistor ON OFF ON
ON OFF Operates
Light indicator (red)
1
Load (e.g., relay) Releases
OFF Operates
Open between L terminal and positive terminal
L
2
Main circuit
4
OUT IC Load
5 to 24 VDC
3
Incident Interrupted
Light-ON EE-SX670R EE-SX671R EE-SX672R EE-SX673R EE-SX674R Dark-ON
Light indicator (red) Output transistor
ON OFF
Load (e.g., relay) Releases
ON OFF Operates
Short-circuited between L terminal and positive terminal
1 2 3 4
Incident Interrupted ON Light indicator (red) OFF ON Output transistor OFF Operates Load (e.g., relay) Releases Incident Interrupted ON Light indicator (red) OFF ON Output transistor OFF Operates Load (e.g., relay) Releases
Open between L terminal and positive terminal
Light indicator (red)
EE-SX470P EE-SX471P EE-SX472P EE-SX473P EE-SX474P
Light-ON
---
Main circuit
OUT IC Load
5 to 24 VDC
Safety Precautions
Refer to Warranty and Limitations of Liability.
WARNING
This product is not designed or rated for ensuring safety of persons either directly or indirectly. Do not use it for such purposes.
Precautions for Correct Use
Make sure that this product is used within the rated ambient environment conditions.
Installation
* When direct soldering to the terminals, use the following guidelines.
Soldering Conditions
Item Soldering iron Temperature 350C max. Permissible time 3s max. Remarks The portion between the base of the terminals and the position 1.5 mm from the terminal base must not be soldered.
Precautions for Safe Use
Operating Environment
These Photomicrosensors have an IP50 (conforms to IEC60529) enclosure and do not have a water-proof or dust-proof structure. Therefore, do not use them in applications in which the sensor will be subjected to splashes from water, oil, or any other liquid. Liquid entering the Sensor may result in malfunction.
* The terminal base uses a polycarbonate resin, which could be deformed by excessive soldering heat, resulting in damage to the product's functionality.
Lot Numbers and Models
In the right illustration, 376d indicates the lot number and factory where the product was manufactured. Do not include this code with the model number when ordering.
EE-SX@70@
Model number
EE-SX670 376d
Lot number and factory code
8
EE-SX47/67
Dimensions
Sensors
EE-SX670/670P EE-SX670A/670R EE-SX470/470P EE-SX671/671P EE-SX671A/671R EE-SX471/471P (Unit: mm)
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L* OUTPUT GND (0 V)
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L* OUTPUT GND (0 V)
* L Terminal needs no connection for all EE-SX47@ series sensors.
* L Terminal needs no connection for all EE-SX47@ series sensors.
26.2 19 25.4 19 6.95 3 Four, R1 19 13.4 5 Optical axis 3 8.4 13.2 5.5 6.2 3.8
1 2 34
Four, R2
Two, 3.2 dia. holes
3.2 14.5 3 Four, R1
6.4 0.8
6.2
3.8 Indicator window
1 23 4
2.54 13 2 13.4 5 Optical axis Two, 3.2 dia. holes 9 7.2 3.6 13 13.4 19 2.1 0.3 6.2 0.7 0.6 6.95 7.2 6.35 0.8
9
13.8 2.5 9 Two, 3.8 dia. holes Indicator window 8.3 2 15.5
2.54
0.3
0.7
EE-SX672/672P EE-SX672A/672R EE-SX472/472P
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L* OUTPUT GND (0 V)
EE-SX673/673P EE-SX673A/673R EE-SX473/473P
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L* OUTPUT GND (0 V)
* L Terminal needs no connection for all EE-SX47@ series sensors.
13.7 3
* L Terminal needs no connection for all EE-SX47@ series sensors.
26
6.4
12.6 6.3 12.8 3.5 (6.65)
7 0.8 2 9 13 6.2 6.3 Four, R1 6.2 2.5
1 234
Two, R1
7
Two, 3.2 dia. holes
13.4 5 Optical axis Indicator window 22.2 6.3 2.8 4.9 6.2 2.54 13 3.8
1
13.4 5 Optical axis
0.8
9 14.4
2
4.3
Four, R1.6 22.2 8.4
3
2.5 3.8
Indicator window
23 4
0.3 19
0.7
2.54
0.3
0.7
9
EE-SX47/67
EE-SX674/674P EE-SX674A/674R EE-SX474/474P EE-SX675/675P
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L* OUTPUT GND (0 V) Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L OUTPUT GND (0 V)
* L Terminal needs no connection for all EE-SX47@ series sensors.
16.7
Optical axis
Two, R1
7
Two, 3.5 dia. holes Indicator window
4
7 21.5 6.95 3 3
6.35 26
10
0.8
6.2 3.8
1 2 3 4
13.4 5
Detection window
Optical axis
2.54 13 5 (2.9) (9.3) Optical axis 2.1 6.2 0.7 13.6 0.6 2.6 0.3 2 15.5 0.8
9 22.2 8.4
2 13 6 6.3 3.2 0.7 0.3 19.5 2.54 13 16.7 6.2 (R) 3.7 (R) 3
Indicator window
2.5 3.8
1 2 3 4
EE-SX676/676P
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L OUTPUT GND (0 V)
EE-SX677/677P
Terminal Arrangement (1) (2) (3) (4) L OUT Vcc L OUTPUT GND (0 V)
13.7
Optical axis
13.7
Optical axis
2.5 7 13.4 5
Optical axis
2.5 13.2 6.35 7 0.8 0.8 13.2 6.35 7
Detection window
7 13.4 5
Optical axis
9
Indicator window
9
2
2
9 9 22.2 8.4 7 13.6 2.5 3
Indicator window
22.2 8.4 2.5 6.2 3.8
3 13.6 7
Detection window
3.3 0.3 2.54
Two, 3.5 dia. holes
3.3 0.3 0.7
6.2
3.8
1234
1234
Two, 3.5 dia. holes
0.7
2.54
10
EE-SX47/67
EE-SX670-WR/670P-WR EE-SX670-C1J-R/670P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
9.4 2
26.2
EE-SX671-WR/671P-WR EE-SX671-C1J-R/671P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
9.4 2 R3.5 19 Optical axis 17.4 43 21
R1 Optical axis 6.95 19 3.2 dia. holes 25.4 13.4 5 Optical axis 0.8 4321
17.4
3.2
6.95 R1 3 3 18.7
10015
Indicator window
10015
2
EE-SX670-C1J-R
6.35
13.4
EE-SX671-C1J-R
Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m 6.35 Optical axis Detection window 2 4.6 dia. holes 2.8 6.2 0.8
9 11.2 3 13.8
2
13.4 5
Detection window
26.2 11
8.4 2.5
5.5
15.5 9 7.2 3.6 19
9
2 Indicator window
4.6 dia. holes
3.8 dia. holes
Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m
3.2 dia. holes
EE-SX672-WR/672P-WR EE-SX672-C1J-R/672P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
EE-SX673-WR/673P-WR EE-SX673-C1J-R/673P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4)
9.4
Vcc L GND (0 V) OUTPUT
9.4 2 13.7 7 17.4 4321 Optical axis 12.6 12.8 6.3 3.5 (6.65) Optical axis
2
17.4 43 21
10015
7 13.4 5 Optical axis 2 3.2 dia. holes
10015
3 13.4 5 2 13 2.5 4.3 R1.6 6.2 10.3 R1 2 4.6 dia. holes 19 26 Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m 2.5 3 2 Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m 26.2 8.4 8.9 Optical axis 9 Indicator window 26.2 2.8 Indicator window 14.4 R1
EE-SX672-C1J-R
6.35 Detection window 0.8
EE-SX673-C1J-R
0.8
9
Detection window 2 dia. holes
4.6 dia. holes
11
EE-SX47/67
EE-SX674-WR/674P-WR EE-SX674-C1J-R/674P-C1J-R EE-SX675-WR/675P-WR EE-SX675-C1J-R/675P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
9.4 2
17.4
3.5 dia. holes 7 R1 9.4 7 7 6.95 25.7 Optical 3 axis 3 17.4 4321 2
4321
Optical axis
10 6.35 26
10015
4
EE-SX675-C1J-R
19.5 0.8 13.4 5
10015
Indicator window 2 Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m 13.6 5 (2.9) 9 4.6 dia. holes 2.6 2.8 Optical axis Detection window 2 0.8
Detection window 9
Optical axis Indicator window
2
EE-SX674-C1J-R
(R)
13 26.2 8.4 3
6
3.2 3.7 (R) 2 4.6 dia. holes 10.3 2.5
15.5
6.2
Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m
13.4 16.7
EE-SX676-WR/676P-WR EE-SX676-C1J-R/676P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
EE-SX677-WR/677P-WR EE-SX677-C1J-R/677P-C1J-R
Terminal Arrangement Brown Pink Blue Black (1) (2) (3) (4) Vcc L GND (0 V) OUTPUT
9.4 2
9.4 2
17.4 4321
17.4 4321 Optical axis 2.5 7 13.7
10015
10015
EE-SX677-C1J-R
EE-SX676-C1J-R
13.2
Optical axis 2.5
7 13.7 13.2 6.4 7 2
Optical axis
13.4 5
6.4 7 9
Detection window
Detection window
13.4 5
Optical axis
9 26.2 13 7
2 0.8
9 0.8 9 26.2 8.4 7 3.3 13 2.5 3
Indicator window
8.4 2.5 Indicator window
3
3.3 2
4
4
3.5 dia. holes
4.6 dia. holes
3.5 dia. holes Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m
2
4.6 dia. holes
Robot cable with 2.8 dia., 4 conductors, (conductor cross-section: 0.15 mm2, insulator diameter: 0.8 mm); Standard length: 1 m
12
EE-SX47/67
EE-SX47/67 Connector Hold-down Clips Connector EE-1001
13 2.54 0.15 4
Connector (short-circuited between positive (+) and L terminals) 13 EE-1001-1
4 0.6 0.6 5 1.4
10.8
10.8
2.5 3 0.3
6
6 0.8 2.8 0.1 1.5 3.9 0.4 2.54 7.62 R3
2.9 1
5.5 0.4
Connector with Cable EE-1006
5.3 0.6
4321
Connector Hold-down Clip
11.8 2.54
EE-1006A
3.2 3.4 3 3 2.1 10.2
25.2 19 12 3.6
Four, R1.6
5.5
16.2 21.9 19.4 15 1.2 20 (R1)
2000 Cable: Vinyl-insulated round cable of 4 dia., 4 cores, (0.2 mm2 with 1.1-dia. insulator)
Materials: Stainless steel
2
Terminal Arrangement (1) (2) (3) (4) L OUT Brown Pink Black Blue
25
Connector with Cable EE-1010 Connector with Robot Cable EE-1010-R
2.5
13 7.62 2.54 4 0.6 1.4
4321
5
Two, C1
15
13.5
Connector EE-1009
EE-1010 cable EE-1010-R cable: Vinyl-insulated round cable of 4 dia., 4 cores, (0.2 mm2 with 1.1-dia. insulator)
20 5
2000 Two, C1 13 4 0.6 2.5 25 5 9 4.5 1.2 0.8 1.5 2.5 7.62 2.54
5
1.4
Terminal Arrangement (1) (2) (3) (4) L OUT Brown Pink Black Blue
15 5
In the interest of product improvement, specifications are subject to change without notice.
13
UL Standards (UNDERWRITERS LABORATORIES INC.)
*A nonprofit organization established in 1894 by the American association of fire insurance companies. Underwriters Laboratories (abbreviated to UL hereafter) conducts certification testing on all kinds of electrical products. In many U.S. cities and states, UL certification is legally required on all electrical items sold. To obtain UL LISTING MARK certification on an electrical product, all major internal components also require UL certification. *UL offers two types of certification: the Listing Mark and the Recognition Mark. A Listing Mark generally constitutes the certification of a final product. Products display the Listing Marks shown below. The Recognition Mark applies to the RECOGNITION MARK components used in a product, and therefore constitutes a more conditional approval of a product. Products display the Recognition Marks shown below. Depending on a component's UL classification, use of the Recognition Mark may not be required. * UL has integrated its standards with CSA to employ a co-certification system. These standards also adapt the requirements of the IEC standards. * Since October 1992, UL has been recognized as a CO (council organization) and TO (test organization) by the SCC (Standard Council of Canada). This authorizes UL to conduct safety tests and certify products conforming to Canadian standards. * The designs of the Listing and Recognition Marks were changed in January 1998 as shown below.
LISTING MARK Marks for US Marks for Canada Marks for US and Canada
RECOGNITION MARK Marks for US Marks for Canada Marks for US and Canada
Sensors with DC Power Supply of 30 V or Less
1. When connected to one of the circuits (Class 2) described in (1), (2), and (3) below, a sensor can be used even if it is not UL certified. Use the following UL-certified products for combining DC power supplies. (1) Limited voltage and current circuits according to UL508 Circuits taking as a power supply the secondary winding of an isolation transformer satisfying the following conditions: * A maximum voltage (with no load) of 30 Vrms (42.4 V peak). * A maximum current (1) of no more than 8 A (including short-circuiting) or (2) limited by a circuit breaker (such as a fuse).
No-load voltage (V peak) 0 to 20 From 20 to 30 Maximum rated current (A) 5.0 100 Peak voltage
(2) Class 2 Power Supply Unit according to UL1310 (3) Circuits with a maximum voltage of 30 Vrms (42.4 V peak) taking a Class 2 transformer as a power supply according to UL1585 2. If a sensor with UL-certified DC power supply specifications is required, a UL Mark can be affixed to the model in the following table under the condition that it be used in a Class 2 circuit. Product Certified for Use in Class 2 Circuits Only (Listing/Recognition Certification)
Model File No. E41515 Listing certification Recognition certification O
EE-S Series *
* Recognition Marks are not displayed for recognition certification of DC sensors. Only Listing
Marks are displayed when UL marking is requested.
In the interest of product improvement, specifications are subject to change without notice.
26
READ AND UNDERSTAND THIS DOCUMENT
Please read and understand this document before using the products. Please consult your OMRON representative if you have any questions or comments.
WARRANTY
OMRON's exclusive warranty is that the products are free from defects in materials and workmanship for a period of one year (or other period if specified) from date of sale by OMRON. OMRON MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, REGARDING NON-INFRINGEMENT, MERCHANTABILITY, OR FITNESS FOR PARTICULAR PURPOSE OF THE PRODUCTS. ANY BUYER OR USER ACKNOWLEDGES THAT THE BUYER OR USER ALONE HAS DETERMINED THAT THE PRODUCTS WILL SUITABLY MEET THE REQUIREMENTS OF THEIR INTENDED USE. OMRON DISCLAIMS ALL OTHER WARRANTIES, EXPRESS OR IMPLIED.
LIMITATIONS OF LIABILITY
OMRON SHALL NOT BE RESPONSIBLE FOR SPECIAL, INDIRECT, OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED ON CONTRACT, WARRANTY, NEGLIGENCE, OR STRICT LIABILITY. In no event shall responsibility of OMRON for any act exceed the individual price of the product on which liability is asserted. IN NO EVENT SHALL OMRON BE RESPONSIBLE FOR WARRANTY, REPAIR, OR OTHER CLAIMS REGARDING THE PRODUCTS UNLESS OMRON'S ANALYSIS CONFIRMS THAT THE PRODUCTS WERE PROPERLY HANDLED, STORED, INSTALLED, AND MAINTAINED AND NOT SUBJECT TO CONTAMINATION, ABUSE, MISUSE, OR INAPPROPRIATE MODIFICATION OR REPAIR.
SUITABILITY FOR USE
THE PRODUCTS CONTAINED IN THIS DOCUMENT ARE NOT SAFETY RATED. THEY ARE NOT DESIGNED OR RATED FOR ENSURING SAFETY OF PERSONS, AND SHOULD NOT BE RELIED UPON AS A SAFETY COMPONENT OR PROTECTIVE DEVICE FOR SUCH PURPOSES. Please refer to separate catalogs for OMRON's safety rated products. OMRON shall not be responsible for conformity with any standards, codes, or regulations that apply to the combination of products in the customer's application or use of the product. At the customer's request, OMRON will provide applicable third party certification documents identifying ratings and limitations of use that apply to the products. This information by itself is not sufficient for a complete determination of the suitability of the products in combination with the end product, machine, system, or other application or use. The following are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible uses of the products, nor is it intended to imply that the uses listed may be suitable for the products: * Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. * Nuclear energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. * Systems, machines, and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to the products. NEVER USE THE PRODUCTS FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM.
PERFORMANCE DATA
Performance data given in this document is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of OMRON's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to the OMRON Warranty and Limitations of Liability.
CHANGE IN SPECIFICATIONS
Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change model numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the product may be changed without any notice. When in doubt, special model numbers may be assigned to fix or establish key specifications for your application on your request. Please consult with your OMRON representative at any time to confirm actual specifications of purchased products.
DIMENSIONS AND WEIGHTS
Dimensions and weights are nominal and are not to be used for manufacturing purposes, even when tolerances are shown.
ERRORS AND OMISSIONS
The information in this document has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical, or proofreading errors, or omissions.
PROGRAMMABLE PRODUCTS
OMRON shall not be responsible for the user's programming of a programmable product, or any consequence thereof.
COPYRIGHT AND COPY PERMISSION
This document shall not be copied for sales or promotions without permission.
This document is protected by copyright and is intended solely for use in conjunction with the product. Please notify us before copying or reproducing this document in any manner, for any other purpose. If copying or transmitting this document to another, please copy or transmit it in its entirety.
27
This document provides information mainly for selecting suitable models. Please read the Instruction sheet carefully for information that the user must understand and accept before purchase, including information on warranty, limitations of liability, and precautions.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. E382-E1-01
In the interest of product improvement, specifications are subject to change without notice.
Regional Headquarters OMRON EUROPE B.V. Sensor Business Unit, Carl-Benz-Str. 4, D-71154 Nufringen, Germany Tel: (49)7032-811-0/Fax: (49)7032-811-199 OMRON ELECTRONICS LLC 1 East Commerce Drive, Schaumburg, IL 60173 U.S.A. Tel: (1)847-843-7900/Fax: (1)847-843-8568 OMRON ASIA PACIFIC PTE. LTD. 438A Alexandra Road #05-05/08 Alexandra Technopark Singapore 119967 Tel: (65)6835-3011/Fax: (65)6835-2711 OMRON (CHINA) CO., LTD. Room 2211, Bank of China Tower, 200 Yin Cheng Road (M), Shanghai, 200120 China Tel: (86)21-5037-2222/Fax: (86)21-5037-2200
Printed in Japan 0307-0.5M (0307) (C)
OMRON Corporation
Industrial Automation Company Sensing Devices Division H.Q. Industrial Sensors Division Shiokoji Horikawa, Shimogyo-ku, Kyoto, 600-8530 Japan Tel: (81)75-344-7022/Fax: (81)75-344-7107


▲Up To Search▲   

 
Price & Availability of EE-SPX401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X