Part Number Hot Search : 
LT3526 X1637 ML4812 STUB013 G25H1203 4007G TDA9160 80C51BH
Product Description
Full Text Search
 

To Download DL-5300-162509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1625 nm DFB LASER DIODE MODULE
UNCOOLED MQW DFB LD WITH PIGTAIL
FEATURES 1625 nm Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR 0 to 70oC operation without active cooling Build-in InGaAs monitor Build-in single stage isolator APPLICATION Trunk Line, OTDR
DL-5300-1625
********************************************************************************************************************************************************
DL-5300-1625 Series
*******************************************************************************************************************************************************
DESCRIPTION DL-5300-1625 series are designed for coupling a single mode optical fiber with 1625 nm MQW DFB uncooled laser diode. These modules are ideally suitable for long reach and intermediate reach OC-3, OC-12, and Gigabit Ethernet transmission application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Pf Parameter Threshold Current Operating Voltage Optical Output Power Part No: DL-532XX-1625 DL-533XX-1625 Center Wavelength CW CW, IF= Ith+25mA CW, IF= Ith+25mA 1.0 2.0 1620 30 2.0 3.0 1630 mW nm dB 226 150 1.5 1500 0.1 ps dB A A Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V
c SMSR t r, t f
CW, Po= P f
1625 35
Side Mode Suppression Ratio CW, Ith+25mA Rise And Fall Times Part No: DL-53XX-1625 DL-53XXS-1625 Tracking Error PD Monitor Current PD Dark Current IF=Ith, Ith+25mA , 20~ 80%
P f / P f Im ID
APC, 0~+70 C CW, Ith+25mA ,VRD=1V VRD=5V
-1.5 100
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power (532XX/533XX) LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 1.5/3 2 10 1.0 0 to 70 -40~+85 Unit mW V V mA C C
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/10/2009 V3.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
P/N DL-532XX-1625-XXS DL-533XX-1625-XXS
DL-5300-1625
********************************************************************************************************************************************************
H 9 10.9
Connector
Flangeless
H
Vertical Flange
H
H
Horizontal Flange
Note: Specifications subject to change without notice.
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/10/2009 V3.0
Optoway
ORDER INFORMATION
Part No.: D L - 53 -1 6 2 5 - S
Code 2 3 Pout (mW) 1 2 Code V H X Code S F T L X SA FA TA LA Flange Vertical Horizontal No Flange Connector SC/PC FC/PC ST/PC LC/PC No connector SC/APC FC/APC ST/APC LC/APC Code S
DL-5300-1625
********************************************************************************************************************************************************
Isolator Single-Stage
Code Pin Assignment 0 Type A 5 Type B 8 Type C Code Blank S Speed 1.25 Gbps 2.5 Gbps
Revision History
Version
1.0 2.0 3.0
Subject
Initial datasheet Combine 1.25G and 2.5G characteristics in one data sheet Revise mechanical dimension and order information
Release Date
5/1/2003 12/1/2007 4/10/2009
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/10/2009 V3.0


▲Up To Search▲   

 
Price & Availability of DL-5300-162509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X