Part Number Hot Search : 
IRF3N25 MMB152W RS2604 P220M NJG1307R ON2758 T6322 M3P2779
Product Description
Full Text Search
 

To Download DDTC115GUA-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R2-ONLY SERIES) UA
NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R2 only
B
A C BC
SOT-323 Dim A B
E
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
* * * * * * * * Case: SOT-323, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.006 grams (approx.) Ordering Information (See Page 2)
P/N DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA R2 (NOM) 10KW 22KW 47KW 100KW MARKING N26 N27 N28 N29
G H K M
C D E G H J K L
0.65 Nominal
J
D
F
L
C B
M a
All Dimensions in mm
R2
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value 50 50 5 100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30324 Rev. 2 - 1
1 of 3
DDTC (R2-ONLY SERIES) UA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min 50 50 5 3/4 300 140 65 30 3/4 30 56 68 82 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 250 Max 3/4 3/4 3/4 0.5 580 260 130 58 0.3 3/4 +30 3/4 Unit V V V mA mA V 3/4 % MHz IC = 50mA IC = 1mA IE = 720mA, DDTC114GUA IE = 330mA, DDTC124GUA IE = 160mA, DDTC144GUA IE = 72mA, DDTC115GUA VCB = 50V VEB = 4V IC = 10mA, IB = 0.5mA IC = 5mA, VCE = 5V 3/4 VCE = 10V, IE = -5mA, f = 100MHz Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA
IEBO VCE(sat) hFE DR2 fT
Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
Ordering Information (Note 2)
Device DDTC114GUA-7 DDTC124GUA-7 DDTC144GUA-7 DDTC115GUA-7 Notes: Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
YM
2004 R Apr 4
2005 S May 5 Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30324 Rev. 2 - 1
2 of 3
DDTC (R2-ONLY SERIES) UA
TYPICAL CURVES - DDTC114GUA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (MILLIWATTS)
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
5
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
COB, CAPACITANCE (pF)
4
3
100
25C -25C
2
1 0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
1000 IC, COLLECTOR CURRENT (mA)
100
25C
10
-25C
Vin, INPUT VOLTAGE (V)
75C -25C
1
1
25C
0.1 0.01 0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30324 Rev. 2 - 1
3 of 3
DDTC (R2-ONLY SERIES) UA


▲Up To Search▲   

 
Price & Availability of DDTC115GUA-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X