Part Number Hot Search : 
M3085 TL074AM STA460C HYA230 1N6375G T3150 SBL3045C ASI10560
Product Description
Full Text Search
 

To Download BUS-63104-470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUS-63100 SERIES
MIL-STD-1553 DATA BUS SINGLE AND DUAL TRANSCEIVERS
BUS-63102
BUS-63105
BUS-63125
DESCRIPTION
The BUS-63100 transceivers are complete transmitter and receiver pairs conforming fully to MIL-STD1553A and 1553B. Features available with selected models of this high reliability series include: Smiths and Harris interface type choices, +12 V/+15 V power supply voltage range, variable threshold levels, and single (24-pin DDIP or square) and completely independent dual redundant (36-pin DDIP) packaging configurations. All models are also available in flat packs. The receiver section of the BUS63100 series accepts phase-modulated bipolar data from a MIL-STD-1553 Data Bus and produces TTL signal data at its outputs: RX Data Out and RX Data Out. These outputs represent positive and negative variations of the input data signals beyond an internally fixed or externally set threshold level. An external STROBE input enables or disables the receiver outputs. The transmitter section accepts bipolar TTL signal data at its TX Data and TX Data input lines and produces phase modulated bipolar data at the TX Data and TX Data outputs. The transmitters' output voltage level is typically 28 Vpp to 30 Vpp. An external input, INHIBIT, takes priority over the transmitter inputs and disables the transmitter when activated with a logic "1." The small size and different model capabilities available with the BUS-63100 series simplify engineering design, making it an excellent choice for interfacing with any MIL-STD-1553 system.
FEATURES
* Conforms Fully to MIL-STD-1553A
and 1553B
* Some Models Available to Military
(DESC) Drawings * Model Capabilities: Single or Dual Redundant Packaging -12 V/-15 V Power Supply Voltage Range Available Harris or Smith's I/O Compatibility
* Small Size:
Single - 24-Pin DDIP or Square Dual - 36-Pin DDIP Flat Packs * Low Power * High Reliability - LSI
V 1553 DATA BUS
+5 V
RECEIVER STROBE BI PHASE TTL DATA
PHASE MODULATED BIPOLAR DATA RX Data In SHORT OR LONG STUB COUPLING ISOLATION TRANSFORMER RX Data In
RECEIVER SECTION COMPARATOR
RX Data LIMITER FILTER RX Data DECODER
COMPARATOR
TRANSMITTER SECTION DRIVER TX Data Out SHAPING NETWORK DRIVER TX Data Out SHAPING NETWORK TX Data In TX Data In
ENCODER
TX INHIBIT
FIGURE 1. BUS-63100 BLOCK DIAGRAM
M
DDC Custom Monolithics utilized in this product are copyright under the Semiconductor chip Protection Act.
GENERAL
The BUS-63100 Series offers complete transmitter and receiver pairs packaged in either single or dual redundant form which are designed for use in any MIL-STD-1553 application. Figure 1 shows a BUS-63100 Series transceiver connected to a MIL-STD 1553 Data Bus. Once transformer isolated, coupling to a MIL-STD-1553 Data Bus can be either short stub (direct) or long (transformer). Figure 2 shows the different configurations and lists the recommended DDC transformer bus product for use with each model.
ENCODER/DECODER COMPATIBILITY
BUS-63105, BUS-63107, BUS-63125 and BUS-63127 are directly compatible to Harris 15530 type Encoder/Decoders. All other transceivers are directly compatible to Smiths type. Transceivers which are directly comparible with one type can be converted for use with the other by simply switching the output lines, RX Data and RX Data, and inverting their signals by means of external inverting gates.
WAVEFORMS
All transceivers conform fully to MIL-STD-1553 requirements. Additionally, BUS-63102 conforms to MACAIR standards, producing sinusoidal waveforms at 1 MHz.
TRANSCEIVER CAPABILITIES
DDC's BUS-63100 Series of transceivers offer a wide range of capabilities (on selected models), which include power supply voltage levels, packaging configurations, Smiths or Harris type encode/decoder direct compatibility, and internal (pre-set) and/or external (adjustable) threshold levels. The capabilities of the different models are described in the paragraphs which follow and are summarized in TABLE 1.
THRESHOLD LEVELS
All models offer internal (factory preset) threshold levels. Additionally, BUS-63102 and BUS-63104 offer externally set threshold levels. These external threshold levels are adjustable from 0 V to 2 V, with the use of two external 10 KOhm potentiometers; see FIGURE 5.
POWER SUPPLY VOLTAGES
Power supply voltage requirements on the BUS-63102 and BUS-63104 are met over a range from 12 V to 15 V. All models operate with either -12 V or -15 V supplies. All models require a + 5 V supply. Refer to TABLE 1.
TABLE 2. TRANSMIT OPERATING MODE TX Data In X(1) 0 0 1 1 TX Data In X 0 1 0 1 TX INHIBUIT H X L L X DRIVER OUTPUT(2) OFF(3) OFF ON ON OFF
PACKAGING CONFIGURATIONS
Single transceivers, BUS-63102 and BUS-63104 are packaged in 24 pin square packages, all other single transceivers are packaged in 24 pin DDIP. Dual transceivers are packaged in 36 pin DDIP's.
NOTES: (1) X = Don't Care (2) DRIVER OUT = TX Data Out and TX Data Out. (3) DRIVER OUTPUT terminals are in the high impedance mode during OFF time, independent of INHIBIT status.
TABLE 1. TRANSCEIVER CAPABILITIES 12 VDC TO 15 VDC Single BUS-63102 BUS-63104 BUS-63105 BUS-63107 BUS-63115 BUS-63117 Dual BUS-63125 BUS-63127 BUS-63135 BUS-63137 * * * * * * * * * * * * * * * * * * * * * * * * -12 VDC -15 VDC 24 PIN 24 PIN 36 PIN I/O COMPATIBUILITY THRESHOLD MIL-STD- FLATPACK MACAIR SQUAR DDIP DDIP 1553 MODEL NO. SMITHS HARRIS INT EXT E * * * * * * * * * * * * * * * * * * * * * * * * * * * * * Single BUS-63112 BUS-63114 BUS-63106 BUS-63108 BUS-63116 BUS-63118 Dual BUS-63126 BUS-63128 BUS-63136 BUS-63138
2
(1.4:1) TX BUS-63105 TX BUS-63115 BUS-63125(1) BUS-63135(1) RX RX OR 1 2 3 (2:1) 1 2 3 39VPP BUS-25679 8 4
Z0(70, NOM) DATA SHORT STUB BUS (DIRECT COUPLED) 1 FT MAX 55 55 28VPP LONG STUB (TRANSFORMER COUPLED) (1:1.4)
7 20 FT MAX 8 5 20 VPP 4
1 3
52.5 52.5
BUS-25679
BUS-25679
(1:1) TX BUS-63102 BUS-63104 TX RX RX 1 2 3 8 4
SHORT STUB (DIRECT COUPLED) 1 FT MAX 55 55
30VPP(BUS-63102) BUS-27765 28VPP(BUS-63104 LONG STUB (TRANSFORMER COUPLED) (1:1.4) (1:0.7) 1 2 3 7 20 FT MAX 8 5 4 1 3 52.5 52.5
OR
BUS-25679 BUS-27765 21 VPP (BUS-63102) 20VPP(BUS-63104) (1:0.83) TX BUS-63107 TX BUS-63117 BUS-63127(1) BUS-63137(1) RX RX OR 1 2 3 1 2 3 33VPP BUS-29854 8 4 28VPP LONG STUB (TRANSFORMER COUPLED) (1:1.4) 1 3 52.5 52.5 SHORT STUB (DIRECT COUPLED) 1 FT MAX 55 55
(1:0.6)
7 20 FT MAX 8 5 4
BUS-29854 20VPP BUS-25679 Notes: Z0(70, NOM) (1) One half of dual transceivers shown. (2) Bus must be terminated with its characteristic impedance at both ends. (3) Only one connection can be made from the Transceiver to the MIL-STD Data Bus, either long stub or short but not both.
FIGURE 2. BUS COUPLING CONFIGURATIONS
3
TABLE 3. BUS-63100 SERIES SPECIFICATIONS TRANSCEIVER NUMBER CHANNELS POWER SUPPLIES ENCODER/DECODER INTERFACE TYPE MATCHING TRANSFORMER MODEL RECEIVER Strobe Input Level Threshold Level (Internal)(2)(3) CMRR Input Resistance-Diff. Input Capacitance-Diff. Output Fan Out TRANSMITTER TX Inhibit Input Level Output Level(Direct Coupled)(4) Rise/Fall Time Output Noise Output Offset Voltage Output Impedance-Non-Transmitting Output Resistance- Diff. Output Capacitance-Diff. LOGIC TTL/CMOS Compatible All Inputs All Outputs POWER SUPPLY REQUIREMENTS BUS-63102(1) BUS-63112 Single 12 VDC to 15 VDC Smiths BUS-27765 1 `LS Load 40 Vpk-pk, Diff. max 0.5 Vpk-pk min, 1.0 Vpk-pk max 40 db, min 7 kOhm, min 5 pf, max 10 TTL Loads 1 `LS Load 1 `LS Load 29 Vpk-pk, nom across 140 Ohm load 280 ns, typ 10 mVpk-pk, Diff. max 90 mVpk-pk, max across 35 Ohm load BUS-63104 BUS-63114 Single 12 VDC to 15 VDC Smiths BUS-27765 * * * * * * * * * * * 150 ns, typ * * * BUS-63105 BUS-63112 Single -15 VDC Harris BUS-25679 BUS-63104 BUS-63114 Single -15 VDC Smiths BUS-25679 * * * * * * * * * * * * * * *
1 TTL * 0.56 Vpk-pk min, 1.0 Vpk-pk max * * * * 1 TTL 1 TTL * * 125 ns, typ * * *
10 kOhm, min 5 pF, max
* *
* *
* *
2' LS Loads, max 10 TTL Loads, max
* *
1 TTL * -15 VDC 5% 20/30 mA 95/130 mA 170/225 mA
* *
+12 VDC -12 VDC +5 VDC 10% to +15 VDC 5% to -15 VDC 5% +5 VDC 10% 30/45 mA 30/45 mA 30/45 mA 24/30 mA 85/114 mA 140/180 mA 51/65 mA 118/135 mA 175/195 mA * * * * * 15 V Supply 1.28/1.58 W 2.47/3.24 W 3.43/4.40 W 15 V Supply 0.0 W 0.15/0.18 W 0.30/0.36 W * * * * * * * * 30/45 mA 30/45 mA 30/45 mA * * *
Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) THERMAL Operating Junction Temperature Operating Case Temperature Storage Temperature Thermal Inpedance Junction to Case Case to Air (typ) POWER DISSIPATION Single Channel Transmitting Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) POWER DISSIPATION Hottest Die(5) Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) MECHANICAL Package Style Dimensions Package Style Dimensions Weight
-55C to +160C -55C to +125C -65C to +150C 40C/W (Hottest Die) 21C/W (24 Pin Square) 12 V Supply 1.05/1.37 W 1.86/2.49 W 2.48/3.28 W 12 V Supply 0.0 W 0.12/0.15 W 0.24/0.29W
* * *
7.0C/W 30C/W (24 Pin DDIP) 15 V Supply 0.45/0.68 W 0.85/1.45 W 1.30/2.23 W 15 V Supply 0.45/0.68 W 0.85/1.45 W 1.30/2.23 W
* * * * * * * * *
24 Pin Square 1.258" x 1.258" x 0.175" 31.95 mm x 31.95 mm x 4.45 x mm 24 Pin Square Flat Pack 1.255" x 1.255" x 0.160" 31.88 mm x 31.88 mm x 4.06 x mm 0.6 oz 17 (g)
24 Pin DDIP * 1.400" x 0.805" x 0.200" * 35.56 mm x 20.32 mm x 5.08 x mm * 24 Pin Square Flat Pack * 1.275" x 0.775" x 0.175" * 32.36 mm x 19.69 mm x 4.45 x mm * 0.6 oz * 17 (g) *
4
NOTES for TABLE 3. BUS-63107 BUS-63108 Single -12 VDC Harris BUS-29854 * * * * * * * * * * * 115 ns, typ * * * BUS-63117 BUS-63118 Single -12 VDC Smiths BUS-29854 * * * * * * * * * * * * * * *
(1) On BUS-63102, filtering eliminates harmonics above 1 MHz. Differential group delay is 35 ns (10 kHz-2 MHz). (2) The Threshold Level, as referred to in this specification, is meant to be the maximum peak-to-peak voltage (measured on the Data Bus) that can be applied to the receivers' input without causing the output to change from the OFF state. (3) On BUS-63102 and BUS-63104, external threshold levels are adjustable from 0V to 2V, with two external 10K Ohm potentiometers. Connect one pot between pin 5 and GND and the other between pin 12 and GND. (4) On BUS-63102, Output Level (direct coupled) is 30 V pk-pk. (5) On BUS-63102 and BUS-63104, Hottest Die are defined as the driver transistors. * Same as value to the left. BUS-63105 available as Military (DESC) drawing 5962-86049-02ZC BUS-63125 and BUS-63126 are available as Military (DESC) drawing 5962-87579.
* *
* *
* * +5 VDC 10% 30/45 mA 30/45 mA 30/45 mA * * *
* * -12 VDC 5% 20/30 mA 115/155 mA 210/275 mA * * *
* * 30C/W (24 Pin DDIP) * 12 V Supply 0.39/0.59 W 0.81/1.36 W 1.30/2.16 W 12 V Supply 0.39/0.59 W 0.81/1.36 W 1.30/2.16 W * * * * * * * * * * * * * * * * * * * * * * * *
5
TABLE 3. BUS-63100 SERIES SPECIFICATIONS (CONTINUED) BUS-63135 BUS-63125 BUS-63136 BUS-63126 CHANNELS Dual Dual POWER SUPPLIES -15 VDC -15 VDC ENCODER/DECODER INTERFACE TYPE Smiths Harris MATCHING TRANSFORMER MODEL BUS-25679 BUS-25679 TRANSCEIVER NUMBER RECEIVER Strobe Input Level Threshold Level (Internal)(2)(3) CMRR Input Resistance-Diff. Input Capacitance-Diff. Output Fan Out TRANSMITTER TX Inhibit Input Level Output Level(Direct Coupled)(4) Rise/Fall Time Output Noise Output Offset Voltage Output Impedance-Non-Transmitting Output Resistance- Diff. Output Capacitance-Diff. LOGIC TTL/CMOS Compatible All Inputs All Outputs POWER SUPPLY REQUIREMENTS 1 `LS * * * * * * 1 `LS 1 `LS * * 150 ns, typ * * * * * * * * * * * * * * * * * *
BUS-63127 BUS-63128 Dual -12 VDC Harris BUS-29854
* * * * * * * * * * * * * * *
* *
* *
* *
2 'LS * (Total Hybrid) +5 VDC 10% -15 VDC 5% 40/60 mA 115/160 mA 190/255 mA
* * (Total Hybrid)
* * (Total Hybrid)
+5 VDC 10% -15 VDC 5% +5 VDC 10% -12 VDC 5% 60/90 mA 60/90 mA 60/90 mA * * * * * (Total Hybrid, One Channel Transmitting) 0.90/1.35 W 1.30/2.13 W 1.75/2.91 W (Each Channel) 0.45/0.68 W 0.85/1.45 W 1.30/2.23 W * * * * * * * * 40/60 mA 115/160 mA 190/255 mA 60/90 mA 60/90 mA 60/90 mA * * * * * (Total Hybrid, One Channel Transmitting) 0.78/1.18 W 1.20/1.95 W 1.69/2.75 W (Each Channel) 0.39/0.59 W 0.81/1.36 W 1.30/2.16 W * * * * * * * * 40/60 mA 135/185 mA 230/305 mA
Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) THERMAL Operating Junction Temperature Operating Case Temperature Storage Temperature Thermal Inpedance Junction to Case Case to Air (typ) POWER DISSIPATION Single Channel Transmitting Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) POWER DISSIPATION Hottest Die(5) Non-Transmitting-(typ/max) Transmitting-50% duty cycle (typ/max) Transmitting-100% duty cycle (typ/max) MECHANICAL Package Style Dimensions Package Style Dimensions Weight
60/90 mA 60/90 mA 60/90 mA * * *
7.0C/W 20C/W (36 Pin DDIP) (Total Hybrid, One Channel Transmitting) 0.90/1.35 W 1.30/2.13 W 1.75/2.91 W (Each Channel) 0.45/0.68 W 0.85/1.45 W 1.30/2.23 W 30 Pin DDIP 1.895" x 0.775" x 0.210" 48.13 mm x19.69 mm x 5.33 mm 36 Pin Flat Pack 1.905" x 0.785" x 0.165" 48.39 mm x 19.94 mm x 4.19 mm 0.6 oz 17 (g)
6
NOTES for TABLE 3. BUS-63137 BUS-63138 Dual -12 VDC Smiths BUS-29854
(1) On BUS-63102, filtering eliminates harmonics above 1 MHz. Differential group delay is 35 ns (10 kHz-2 MHz). (2) The Threshold Level, as referred to in this specification, is meant to be the maximum peak-to-peak voltage (measured on the Data Bus) that can be applied to the receivers' input without causing the output to change from the OFF state. (3) On BUS-63102 and BUS-63104, external threshold levels are adjustable from 0V to 2V, with two external 10K Ohm potentiometers. Connect one pot between pin 5 and GND and the other between pin 12 and GND. (4) On BUS-63102, Output Level (direct coupled) is 30 V pk-pk. (5) On BUS-63102 and BUS-63104, Hottest Die are defined as the driver transistors. * Same as value to the left. BUS-63105 available as Military (DESC) drawing 5962-86049-02ZC BUS-63125 and BUS-63126 are available as Military (DESC) drawing 5962-87579.
* * * * * * * * * * * * * * *
* *
* * (Total Hybrid) +5 VDC 10% -12 VDC 5% 60/90 mA 60/90 mA 60/90 mA * * * * * (Total Hybrid, One Channel Transmitting) 0.78/1.18 W 1.20/1.95 W 1.69/2.75 W (Each Channel) 0.39/0.59 W 0.81/1.36 W 1.30/2.16 W * * * * * * * * 40/60 mA 135/185 mA 230/305 mA
7
RECEIVER OPERATING MODE
The receiver section accepts data from a MIL-STD-1553 Data Bus when properly coupled through a transformer in either the long stub or short stub configuration. The data is converted to bi-phase TTL and provided to the RX Data and RX Data output terminals for decoding. Applying a logic "1" to the STROBE input enables data to pass through to the receiver output(outut enabled). Applying a logic "0" to the STROBE input turns the receiver output OFF (output disabled). On BUS-63102, BUS-63104, BUS-63115, BUS-63117 and BUS-63137 receiver outputs are both at a logic "1" when they are either strobed off, or no signal is being received. This makes these models directly compatible with the Smiths type encoder/decoder. Typical operating waveforms are shown in FIGURE 3.
On all other models, BUS-63107, BUS-63125 and BUS-63127, receiver outputs are both at a logic "0" when they are either strobed off, or no signal is being received. This makes these models directly compatible with the Harris type encoder/decoder. Typical operating waveforms are shown in FIGURE 4.
TX Data In ENCODER OUTPUT TX Data In LINE-TO-LINE OUTPUT LINE-TO-LINE INPUT
XXX XXX
XXX XXX
TX Data In ENCODER OUTPUT TX Data In LINE-TO-LINE OUTPUT LINE-TO-LINE INPUT RX Data Out RX Data Out
XXX XXX
XXX XXX
RX Data Out RX Data Out Notes: (1) TX Data In and RX Data Out are TTL signals. (2) TX Data In inputs must be at opposite logic levels during transmission, and at the same logic level when not transmitting. (3) LINE-TO-LINE output voltage is measured between TX Data Out and TX Data Out. (4) LINE-TO-LINE input voltage is measured on the Data Bus.
Notes: (1) TX Data In and RX Data Out are TTL signals. (2) TX Data In inputs must be at opposite logic levels during transmission, and at the same logic level when not transmitting. (3) LINE-TO-LINE output voltage is measured between TX Data Out and TX Data Out. (4) LINE-TO-LINE output voltage for BUS-63102 are sinusoidal waveforms for 1 MHz operating frequency. (5) LINE-TO-LINE input voltage is measured on the Data Bus.
FIGURE 4. TYPICAL OPERATING WAVEFORMS FOR HARRIS-COMPATIBLE TRANSCEIVER
FIGURE 3. TYPICAL OPERATING WAVEFORMS FOR SMITHS-COMPATIBLE TRANSCEIVER
8
24 PIN SQUARE AND 24 PIN SQUARE FLAT PACK TRANSBUS-63102 BUS-63104 BUS-63112 BUS-63114 5 6 BUS-63102 BUS-63104 BUS-63112 BUS-63114 0.020 R (0.51) 4 PLACES 1.258 MAX (31.95) 0.550 (13.9) REF 24 INT Data Thresh 1.258 MAX (31.95) EXTERNAL THRESHOLD INTERNAL THRESHOLD PIN #1 COLORKEY -GLASS 1 0.100 0.002 TOLERANCE NON-CUMULATIVE 12 1.160 (29.5) SIDE VIEW 0.020 R (0.51) 4 PLACES 0.018 0.002 DIA. (0.46 0.06) TYP TOP VIEW 1.100 (27.9) 0.042 DIA (1.1) TYP
EXT Data Thresh
INT Data Thresh
12
EXT Data Thresh
11
13
0.550 (13.9) REF 1.100 (27.9)
FIGURE 5. THRESHOLD CONNECTIONS
0.250 (6.35) 0.175 MAX (4.4)
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 TX Data Out TX Data Out GND
FUNCTION
+12 VDC to +15 VDC EXT Data Thresh INT Data Thresh RX Data Out Strobe GND RX Data Out INT Data Thresh EXT Data Thresh +12 VDC to +15 VDC NC RX Data In RX Data In GND GND (case) -12 VDC to -15 VDC + 5 VDC TX Inhibit TX Data In TX Data In -12 VDC to -15 VDC
12 0.0750.005 (1.9050.127) 0.160 MAX (4.064) 13 11 PINS EQUALLY SPACED @0.100-1.100 TOLERANCE NON-CUMULATIVE (2.54=27.94) TOP VIEW 1.255 MAX (31.877) GLASS BEAD OF PIN 1 IS CONTRASTING COLOR 0.0150.003 (0.3810.076) 1 1.255 MAX (31.877) 24 0.400(10.16) MIN(2 PLC'S)
FIGURE 6. BUS-63102 AND BUS-63104 MECHANICAL OUTLINE 24-PIN SQUARE PACKAGE
NOTE: For internal threshold levels, ground pins 6 and 11. For external threshold, connect two 10K Ohm pots (one between pin 5 and GND, and the other between pin 12 and GND). See FIGURE 5.
SIDE VIEW 0.0750.005 (1.9050.127) 0.0100.002 (0.2540.051)
TABLE 4. BUS-63102, BUS63104, 24-PIN SQUARE AND BUS-63112, BUS63114, 24-PIN FLAT PACK PIN CONNECTIONS
FIGURE 7. BUS-63312 AND BUS-63114 MECHANICAL OUTLINE 24-PIN SQUARE PACKAGE
9
24 PIN DDIP AND 24 PIN FLAT PACK TRANSCEIVERS
1.31 MAX (33.27) 0.170 MAX 13 PIN NUMBERS FOR REF ONLY 1 TOP VIEW 11 PINS EQUALLY SPACED @0 1 00 = 1.100 TOLERANCE NON-CUMULATIVE (2.54 x 11 = 27.94 0.127) 0.170 MAX (4.38) PIN NO 1 ORIENTATION MARK 0.018 0.002 TYP (0.457 0.051) 0.40 TYP (1.016) 0.230 REF (5.842) 0.100 TYP (2.54) 0.025 TYP (0.635) 12 0.8 MAX (20.32) 0.600 TYP
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 TX Data Out TX Data Out GND NC NC NC RX Data Out Strobe GND RX Data Out NC NC NC NC RX Data In RX Data In NC GND
FUNCTION
24
SIDE VIEW
-12 VDC or -15 VDC + 5 VDC TX Inhibit TX Data In TX Data In NC
FIGURE 8. BUS-63105, BUS-63107, BUS-63115, AND BUS-63117 MECHANICAL OUTLINE 24-PIN SQUARE DDIP
PIN 1 DENOTED BY CONTRASTING COLORED BEAD 0.775 MAX (19.685) 1 24 11 PINS EQUALLY SPACED @0.100=1.100 TOLERANCE NON-CUMULATIVE PIN NUMBERS FOR REF ONLY
TABLE 5. BUS-63105, BUS63107, BUS-63115, BUS-63117, 24 PIN DDIP AND BUS-63106, BUS-63108, BUS-63116, BUS63118, 24 PIN FLAT PACK PIN CONNECTIONS
1.275 MAX (32.385)
TOP VIEW
0.100 TYP (2.54)
12 0.0150.003 TYP (0.3810.076) 0.500 MIN TYP (12.70)
13 0.0850.010 REF (2.160.254)
SIDE VIEW
0.0100.002 TYP (0.2540.051) 0.072 (1.83) 0.175 MAX (4.45)
FIGURE 9. BUS-63106, BUS-63108, BUS-63116, AND BUS-63118 MECHANICAL OUTLINE 24-PIN FLAT PACK
10
36 PIN DDIP AND 36 PIN FLAT PACK TRANSCEIVERS
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
NOTES:
FUNCTION TX Data Out TX Data Out GND NC RX Data Out Strobe GND RX Data Out GND (case) TX Data Out TX Data Out GND NC RX Data Out Strobe Gnd RX Data Out NC NC RX Data In RX Data In GND -12 VDC or -15 VDC +5 VDC Inhibit TX Data In TX Data In NC RX Data In RX Data In GND -12 VDC or -15 VDC +5 VDC Inhibit TX Data In TX Data In * * * * * * * * * ** ** ** * ** ** ** ** * * ** ** ** ** ** ** ** ** * * * * * * * * *
18 0.0100.002 (0.2540.051) 0.165 MAX (4.2) 19
17 EQUAL SPACES @0.100=1.700 TOLERANCE NON-CUMULATIVE (2.54 = 43.18)
0.10.01 (2.50.3) 36
1.7000.005 (43.20.13) 19 TOP VIEW 1 18
0.090.01 (2.30.25)
0.7750.005 (19.70.13)
0.6000.005 (15.20.13)
DOT IDENTIFIES PIN 1 0.21 MAX (5.3) 0.015 MAX (0.39)
1.8950.005 (48.20.13)
0.086 TYP (2.2) RADIUS
SIDE VIEW 0.1000.002 TOLERANCE NON-CUMULATIVE CENTER TO CENTER AT SEATING PLANE 0.055 TYP (1.4) RADIUS 0.0180.002 DIA (0.460.06)
SEATING PLANE 0.25 MIN (6.4)
FIGURE 10. BUS-63125, BUS-63127, BUS-63135, AND BUS-63137 MECHANICAL OUTLINE 36-PIN DDIP
0.785 MAX (20.0) 1 36
0.250 MIN (6.35)
1.905 MAX (48.4) TOP VIEW 0.015 TYP (0.381)
0.100 TYP (2.54)
(1) -12 VDC for BUS-63127, BUS-63128, BUS-63137, and BUS-63138. (2) -15 VDC for BUS-63125, BUS-63126, BUS-63135, and BUS-63136 * Channel One * * Channel Two
SIDE VIEW
TABLE 6. BUS-63125, BUS63127, BUS-63135, BUS-63137, 36-PIN DDIP AND BUS-63126, BUS-63128, BUS-63136, BUS63138, 36-PIN FLAT PACK PIN CONNECTIONS
FIGURE 11. BUS-63126, BUS-63128, BUS-63136, AND BUS-63138 MECHANICAL OUTLINE 36-PIN FLAT PACK
11
SINGLE TRANSCEIVERS ORDERING INFORMATION
BUS-631XX- XX0X Supplemental Process Requirements: S = Pre-Cap Source Inspection L = Pull Test Q = Pull Test and Pre-Cap Inspection K = One Lot Date Code W = One Lot Date Code and PreCap Source Y = One Lot Date Code and 100% Pull Test Z = One Lot Date Code, PreCap Source and 100% Pull Test Blank = None of the Above Process Requirements: 0 = Standard DDC Processing, no Burn-In (See page xiii.) 1 = MIL-PRF-38534 Compliant 2 = B* 3 = MIL-PRF-38534 Compliant with PIND Testing 4 = MIL-PRF-38534 Compliant with Solder Dip 5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip 6 = B* with PIND Testing 7 = B* with Solder Dip 8 = B* with PIND Testing and Solder Dip 9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.) Temperature Grade/Data Requirements: 1 = -55C to +125C 2 = -40C to +85C 3 = 0C to +70C 4 = -55C to +125C with Variables Test Data 5 = -40C to +85C with Variables Test Data 8 = 0C to +70C with Variables Test Data Power Supply and Packaging 5 = -15 V DDIP 6 = -15 V Flat Pack 7 = -12 V DDIP 8 = -12 V Flat Pack Encoder/Decoder Compatibility 0 = Compatible with Harris Encoder/Decoder 1 = Compatible with Smith Encoder/Decoder *Standard DDC Processing with burn-in and full temperature. BUS-63105 also available as DESC drawing 5962-86049-02ZC. See FIGURE 2 for mating transformer.
ORDERING INFORMATION
BUS-631XX- XX0X Supplemental Process Requirements: S = Pre-Cap Source Inspection L = Pull Test Q = Pull Test and Pre-Cap Inspection K = One Lot Date Code W = One Lot Date Code and PreCap Source Y = One Lot Date Code and 100% Pull Test Z = One Lot Date Code, PreCap Source and 100% Pull Test Blank = None of the Above Process Requirements: 0 = Standard DDC Processing, no Burn-In (See page xiii.) 1 = MIL-PRF-38534 Compliant 2 = B* 3 = MIL-PRF-38534 Compliant with PIND Testing 4 = MIL-PRF-38534 Compliant with Solder Dip 5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip 6 = B* with PIND Testing 7 = B* with Solder Dip 8 = B* with PIND Testing and Solder Dip 9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.) Temperature Grade/Data Requirements: 1 = -55C to +125C 2 = -40C to +85C 3 = 0C to +70C 4 = -55C to +125C with Variables Test Data 5 = -40C to +85C with Variables Test Data 8 = 0C to +70C with Variables Test Data Type 2 = Universal Transceiver (MACAIR and 1553) 12V to 15 V power supply range. Compatible with Smith's Encoder/Decoder 4 = 1553, 12V to 15V power supply range, compatible with Smith's Encoder/Decoder Packaging 0 = 24-Pin Square DIP 1 = 24-Pin Square Flat Pack *Standard DDC Processing with burn-in and full temperature test. See FIGURE 2 for mating transformer.
12
DUAL TRANSCEIVERS ORDERING INFORMATION
BUS-631XX- XX0X Supplemental Process Requirements: S = Pre-Cap Source Inspection L = Pull Test Q = Pull Test and Pre-Cap Inspection K = One Lot Date Code W = One Lot Date Code and PreCap Source Y = One Lot Date Code and 100% Pull Test Z = One Lot Date Code, PreCap Source and 100% Pull Test Blank = None of the Above Process Requirements*: 0 = Standard DDC Processing, no Burn-In (See page xiii.) 1 = MIL-PRF-38534 Compliant 2 = B* 3 = MIL-PRF-38534 Compliant with PIND Testing 4 = MIL-PRF-38534 Compliant with Solder Dip 5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip 6 = B** with PIND Testing 7 = B** with Solder Dip 8 = B** with PIND Testing and Solder Dip 9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.) Temperature Grade/Data Requirements: 1 = -55C to +125C 2 = -40C to +85C 3 = 0C to +70C 4 = -55C to +125C with Variables Test Data 5 = -40C to +85C with Variables Test Data 8 = 0C to +70C with Variables Test Data Power Supply and Packaging 5 = -15 V DDIP 6 = -15 V Flat Pack 7 = -12 V DDIP 8 = -12 V Flat Pack Encoder/Decoder Compatibility 2 = Compatible with Harris Encoder/Decoder 3 = Compatible with Smith Encoder/Decoder *Available as BUS-63125-641 (BUS-65612 compatible Transceiver). **Standard DDC Processing with burn-in and full temperature test. BUS-63125 and BUS-63126 are available as DESC drawing 5962-86049. See FIGURE 2 for mating transformer.
STANDARD DDC PROCESSING MIL-STD-883 TEST METHOD(S) INSPECTION SEAL TEMPERATURE CYCLE CONSTANT ACCELERATION BURN-IN 2009, 2010, 2017, and 2032 1014 1010 2001 1015, Table 1 CONDITION(S) -- A and C C A --
13
NOTES
14
NOTES
15
The information in this data sheet is believed to be accurate; however, no responsibility is assumed by Data Device Corporation for its use, and no license or rights are granted by implication or otherwise in connection therewith. Specifications are subject to change without notice.
105 Wilbur Place, Bohemia, New York 11716-2482 For Technical Support - 1-800-DDC-5757 ext. 7257 or 7381 Headquarters - Tel: (631) 567-5600 ext. 7257 or 7381, Fax: (631) 567-7358 Southeast - Tel: (703) 450-7900, Fax: (703) 450-6610 West Coast - Tel: (714) 895-9777, Fax: (714) 895-4988 Europe - Tel: +44-(0)1635-811140, Fax: +44-(0)1635-32264 Asia/Pacific - Tel: +81-(0)3-3814-7688, Fax: +81-(0)3-3814-7689 World Wide Web - http://www.ddc-web.com
ILC DATA DEVICE CORPORATION REGISTERED TO ISO 9001 FILE NO. A5976
K-08/98-0
PRINTED IN THE U.S.A.
16


▲Up To Search▲   

 
Price & Availability of BUS-63104-470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X