Part Number Hot Search : 
TM7104 BDR2G RT1468B6 6N138 XF0013Q1 3F334EL LM358A B0612BT1
Product Description
Full Text Search
 

To Download BL-R2122N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-R2122N
Features:
1. Chip material: GaP /GaP 2. Emitted color : Green 3. Lens Appearance : Green diffused 4. Low power consumption. 5. Most suitable for use like level indicator. 6. Excellent uniformity of light emittance. 7. Long life solid state reliability. 9. This product don't contained restriction substance, compliance ROHS standard. 8. Compatible.
Package dimensions
5.0(.197) 1.9(.075)
7.0(.276)
1.5(.059) MAX.
12.7(.500) MIN. CATHODE 0.5(.02) SQ. TYP.
0.5(.020)SQ.TYP 5.0(.197)
1.0(.039) MIN.
2.0(.079)
+
2.29(.090) NOM.
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Absolute maximum ratings(Ta=25)
Parameter Power Dissipation Forward Current Peak Forward Current*1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Pd IF IFP VR Topr Tstg Tsol Rating 80 30 150 5 -40~80 -40~85 260(for 5 seconds) Unit mW mA mA V
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
2.1 Ver.2.0 Page: 1 of 2
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-R2122N
Electrical and optical characteristics(Ta=25) Parameter
Forward Voltage Luminous Intensity
Symbol
VF Iv IR p d 21/2
Condition
IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Min.
560 -
Typ.
2.2 3.0 568 30 140
Max.
2.6 100 576 -
Unit
V mcd
Reverse Current
Peak Wave Length Dominant Wave Length Spectral Line Half-width Viewing Angle
A
nm nm nm deg
Typical electro-optical characteristics curves
Fig.1 Relative intensity vs. Wavelength
1.0 60
Fig.2 Forward current derating curve vs. Ambient temperature
50
Relative radiant intensity
Forward current(mA)
40
0.5
30
20
10
0
520
570
620
0
20
40
60
80
100
Wavelength (nm)
Ambient temperature Ta()
Fig.3 Forward current vs. Forward voltage
50 3.0
Fig.4 Relative luminous intensity vs. Ambient temperature
40
Relative luminous intensity
1 2 3 4 5
2.5
Forward current(mA)
2.0
30
1.5
20
1.0
10
0.5
0
0 -40
-20
0
20
40
60
Forward voltage(V)
Ambient temperature Ta()
Fig.5 Relative luminous intensity vs. Forward current
2.0
Fig.6 Radiation diagram
0 10 20 30
Relative luminous intensity(@20mA)
1.5
Relative radiant intensity
1.0
40
1.0
0.9 0.8
50 60 70
0.5
0.7
80 90
0
10
20
30
40
50
0.5
0.3
0.1
0.2
0.4
0.6
Forward current (mA)
Ver.2.0 Page: 2 of 2


▲Up To Search▲   

 
Price & Availability of BL-R2122N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X